Part Number Hot Search : 
SD820S10 VS2AUF CX2029 228Q007 SM5818PL CAT4139 CS836305 KF200
Product Description
Full Text Search
 

To Download BA158GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 Amp. Glass Passivated Fast Recovery Rectifier 4U t
Dimensions in mm.
om .c
BA157GP......BA159GP
w
w
a D . w
aS t
ee h
DO-41 (Plastic)
Voltage 400 to 1000 V.
Current 1.0 A. at 50 C.
(R)
5 +0.2 -0 58.5 0.5
Mounting instructions 1. Min. distance from body to soldering point, 4 mm. 2. Max. solder temperature, 350 C. 3. Max. soldering time, 3.5 sec. 4. Do not bend lead at a point closer than 2 mm. to the body.
* Glass passivated junction * High current capability
* The plastic material carries U/L recognition 94 V-0 * Terminals: Axial Leads * Polarity: Color band denotes cathode
Maximum Ratings, according to IEC publication No. 134
VRRM IF(AV) IFRM IFSM trr Tj Tstg ERSM
Peak recurrent and non recurrent reverse voltage (V) Forward current at Tamb = 50 C Recurrent peak forward current
10 ms. peak forward surge current IF = 0.5 A Max. reverse recovery IR = 1 A time from IRR = 0.25 A Operating temperature range Storage temperature range Maximum non repetitive peak reverse avalanche energy. IR = 0.5 A ; TJ = 25 C
w
w
w
t a .D
S a
e h
U t4 e
.c
600
m o
BA157GP 400
BA158GP
BA159GP 1000
1A 9A 35 A 150 ns 250 ns - 65 to + 175 C - 65 to + 175 C 20 mJ 500 ns
Electrical Characteristics at Tamb = 25 C
VF IR Rthj-a Forward voltage drop at IF = 1 A Reverse current at VRRM at 25 oC at 125 oC Thermal resistance (I = 10 mm.) Max. Typ. 1.3 V 5A 100 A 60 C/W 45 C/W
w
w
w
.D
a
aS t
ee h
4U t
om .c
BA150GP Rating And Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC FORWARD CURRENT DERATING CURVE
10
1.4
10 mm. - 10 mm.
1.2 2 1 1 0.8 0.2 0.1
Tj = 25 C
0.6 0.4 0.2
0.01 0.6 0.8 1 1.2 1.4 1.6
0 0 25 50 75 100 125 150 175
Tamb, ambient temperature (C)
VF ' instantaneous forward voltage (V)
MAXIMUM NON REPETITIVE PEAK FORWARD SURGE CURRENT
TYPICAL JUNCTION CAPACITANCE
50
10
40 5 30
Tj = 25 C
20
Tj = 25 C f = 1 MHz
10 0 1 2 4 6 10 20 40 100
Number of cycles at 50 Hz.
1 1 5 10 50 100
VR reverse voltage (V)


▲Up To Search▲   

 
Price & Availability of BA158GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X