Part Number Hot Search : 
UF4003 EL2157 A5521PS TLHY620 AT6020 2N7002D E003666 UR551607
Product Description
Full Text Search
 

To Download 80CNQ045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-2.216 rev. C 01/99
80CNQ... SERIES
SCHOTTKY RECTIFIER 80 Amp
Major Ratings and Characteristics Characteristics
I F(AV) Rectangular waveform VRRM range I FSM @ tp = 5 s sine VF TJ @ 40 Apk, TJ = 125C (per leg) range - 55 to 150 C
Description/Features Units
A V A V The 80CNQ center tap Schottky rectifier module series has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. 150 C TJ operation Center tap module Very low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability Low profile, small footprint, high current package
80CNQ...
80 35 to 45 5800 0.47
Case Styles
80CNQ... 80CNQ...SM 80CNQ...SL
D61-8
D61-8-SM
D61-8-SL
www.irf.com
1
80CNQ... Series
PD-2.216 rev. C 01/99
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 35 40 45 VRWM Max. Working Peak Reverse Voltage (V)
80CNQ035
80CNQ040
80CNQ045
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (PerLeg) (Per Device)
80CNQ Units
40 80 5800 750 54 8 A mJ A A
Conditions
50% duty cycle @ T C = 114 C, rectangular wave form Following any rated 5s Sine or 3s Rect. pulse load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, IAS = 8 Amps, L = 1.7 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. V A = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
80CNQ Units
0.52 0.66 0.47 0.61 5 250 0.26 3.93 2600 5.5 10,000 V V V V mA mA V m pF nH V/ s @ 40A @ 80A @ 40A @ 80A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
TJ = 25 C TJ = 125 C TJ = TJ max.
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
80CNQ Units
-55 to 150 -55 to 150 0.85 0.42 0.30 7.8 (0.28) Min. Max. 40 (35) 58 (50) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink (D61-8 Only) wt T Approximate Weight Mounting Torque (D61-8 Only)
C/W DCoperation C/W DCoperation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
2
www.irf.com
80CNQ... Series
PD-2.216 rev. C 01/99
1000
1000 T J = 150C Reverse Current - I R (mA) 100 125C 100C 75C 1 50C 0.1 25C 0.01 0 5 10 15 20 25 30
R
10
(A) Instant aneous Forward Current - I
F
100
35 (V)
40
45
Reverse Voltage - V
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10000 Junction Capacitance - C T (pF)
10
TJ = 150C TJ = 125C TJ = 25C
T J= 25C
1000
1 0 0.2 0.4 0.6 0.8 1 1.2 Forward Voltage Drop - V FM (V)
100 0 10 20 30 40 50 Reverse Voltage - V R (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (PerLeg)
1 Thermal Impedance Z thJC (C/W) D D D D D 0.1 Notes: = 0.75 = 0.50 = 0.33 = 0.25 = 0.20
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
PDM
t1 t2
Single Pulse (Thermal Resistance)
1. Duty factor D = t 1 / t 2 2. Peak TJ = PDM x Z thJC+ T C
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
80CNQ... Series
PD-2.216 rev. C 01/99
160 Allowable Case Temperature - (C)
Average Power Loss - (Watts) 30 25 20 15 10 5 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
140
DC
120 Square wave (D = 0.50) 80% Rated V R applied 100
see note (2)
80 0 10 20 30 40 50 60 Average Forward Current - I F(AV) (A)
0
10
20
30
40
50
60
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A) 10000
Fig. 6 - Forward Power Loss Characteristics (PerLeg)
1000
At Any Rated Load Condition And With Rated V Applied RRM Following Surge 100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02 Vd = 25 Volt
DUT
IRFP460 Rg = 25 ohm
+
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: T C = TJ - (Pd + PdREV) x R thJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
80CNQ... Series
PD-2.216 rev. C 01/99
Outline Table
Outline D61-8
Dimensions are in millimeters and (inches)
Outline D61-8-SM
Dimensions are in millimeters and (inches)
www.irf.com
5
80CNQ... Series
PD-2.216 rev. C 01/99
Outline Table
Outline D61-8-SL
Dimensions are in millimeters and (inches)
FOOT PRINT
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 80CNQ045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X