Part Number Hot Search : 
TLRH180P A1102 CP8056TS 10073978 AOD452AL AT17F080 APC77151 C4245
Product Description
Full Text Search
 

To Download 2SC5474 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC5474 (Tentative)
Silicon NPN epitaxial planer type
For low-voltage low-noise high-frequency oscillation
Unit: mm
1.60.15
s Features
q q q
0.4
0.80.1
0.4
0.2-0.05 0.15-0.05
+0.1
q
High transition frequency fT. High gain of 8.9dB and low noise of 1.8dB at 3V. Optimum for RF amplification of a portable telephone and pager. SS-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing.
1.60.1
1.00.1
0.5
1
0.5
3
2
0.450.1 0.3
0.750.15
(Ta=25C)
Ratings 9 6 1 30 125 125 -55 ~ +125 Unit V V V mA mW C C
1:Base 2:Emitter 3:Collector
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO IC PC Tj Tstg
EIAJ:SC-75 SS-Mini Type Package
Marking symbol : 3A
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector output capacitance Transition frequency Noise figure Foward transfer gain
(Ta=25C)
Symbol ICBO IEBO hFE Cob fT NF | S21e |2 Conditions VCB = 9V, IE = 0 VEB = 1V, IC = 0 VCE = 3V, IC = 10mA VCB = 3V, IE = 0, f = 1MHz VCE = 3V, IC = 10mA, f = 2GHz VCE = 3V, IC = 3mA, f = 1.5GHz VCE = 3V, IC = 10mA, f = 2GHz 80 0.4 12.0 1.8 8.9 min typ max 1 1 200 pF GHz dB dB Unit A A
0 to 0.1
s Absolute Maximum Ratings
0.20.1
+0.1
1
Transistor
hFE -- IC
240 14
2SC5474
fT -- IC
VCE=3V 10
| S21e |2 -- IC
Forward transfer gain |S21e|2 (dB)
VCE=3V f=2GHz
Forward current transfer ratio hFE
200
Transition frequency fT (GHz)
12
8
10
160
Ta=75C 25C
8
6
120
-25C
6
4
80
4
40
2
2
0 0.1
0 0.3 1 3 10 30 100 1 3 10 30 100
0 1 3 10 30 100
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
NF -- IC
5 VCE=3V f=1.5GHz
4
Noise figure NF (dB)
3
2
1
0 0.1
0.3
1
3
10
Collector current IC (mA)
2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC5474

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X