Part Number Hot Search : 
01M150E NGBAN SE216 6CWF20F 12B24D 70007 CONDUCT PSMD150E
Product Description
Full Text Search
 

To Download 2SC4681 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4681
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC4681
Strobe Flash Applications Medium Power Amplifier Applications
* Excellent hFE linearity : hFE (1) = 200 to 600 (VCE = 2 V, IC = 0.5 A) : hFE (2) = 140 (min), 200 (typ.) (VCE = 2 V, IC = 3 A) * * Low collector saturation voltage : VCE (sat) = 0.5 V (max) (IC = 3 A, IB = 60 mA) Complementary to 2SA1802 Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage DC Collector current Base current Collector power dissipation Junction temperature Storage temperature range Ta = 25C Tc = 25C Pulse (Note) Symbol VCBO VCES VCEO VEBO IC ICP IB PC Tj Tstg Rating 30 30 10 6 3 6 0.5 1.0 10 150 -55 to 150 A A W C C Unit V V V
JEDEC JEITA TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
Note: Pulse test: Pulse width = 10 ms (max), duty cycle = 30% (max)
1
2002-07-23
2SC4681
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Symbol ICBO IEBO VCEO hFE (1) hFE (2) VCE (sat) VBE fT Cob Test Condition VCB = 30 V, IE = 0 VEB = 6 V, IC = 0 IC = 10 mA, IB = 0 VCE = 20 V, IC = 0.5 A VCE = 2 V, IC = 3 A IC = 3 A, IB = 60 mA VCE = 2 V, IC = 3 A VCE = 2 V, IC = 0.5 A VCB = 10 V, IE = 0, f = 1 MHz Min 10 200 140 Typ. 200 0.33 0.92 150 27 Max 100 100 600 0.5 1.2 V V MHz pF Unit nA nA V
Marking
C4681
Product No. Lot No.
Explanation of Lot No.
Month of manufacture: January to December are denoted by letters A to L respectively. Year of manufacture: last decimal digit of the year of manufacture
2
2002-07-23
2SC4681
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
3
2002-07-23
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC4681

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X