Part Number Hot Search : 
4T128 M5S11AJ 1N974 KP20A 6DA726PF ADN8102 BA5114LS 1N5372
Product Description
Full Text Search
 

To Download 2SC4617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4617
NPN
1 2 3 3
SC-89 (SOT-523F)
WEITRON
http://www.weitron.com.tw
2SC4617
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Typ Max Unit
ON CHARACTERISTICS
DC Current Gain (IC=1 mAdc, VCE=6.0 Vdc) Collector-Emitter Saturation Voltage (IC=50 mAdc, IB=5mAdc) Output Capacitance (VCB =12Vdc, IE =0A, f=1MHZ) Current-Gain-Bandwidth Product (IE=2 mAdc, VCE=12 Vdc,f=30 MHZ)
hFE VCE(sat)
120 -
-
560 0.5
Vdc PF
Cob fT
-
2.0 180
3.5 -
MHz
CLASSIFICATION OF hFE Item Range Marking Q 120-270 BQ R 180-390 BR S 270-560 BS
WEITRON
http://www.weitron.com.tw
2SC4617
50 V C E =6V
100
T a=25 C
C OLLE C T OR C UR R E NT : IC (mA)
20 10 5
C OLLE C T OR C UR R E NT : IC (mA)
80
0.50mA mA 0. 45 A 0 .4 0 m 0 .3 5 mA 0.30mA 0.25mA 0.20mA
2 1 0.5 0.2 0.1 0 0.2
T a=10 0 C
25 C 55 C
60
40
0.15mA 0.10mA
20 0
0.05mA IB=0A 0 0.4 0.8 1.2 1.6 2.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
B AS E T O E MIT T E R V O LT AG E : V B E (V )
C O LLE C T O R T O E MIT T E R V O LT AG E : V C E (V )
FIG.1 Grounded emitter propagation characteristics
10 T a=25 C 30 A 27 A 24 A 21 A 6 18 A 15 A 4 12 A 9A 2 6A 3A 0 0 4 8 IB=0A 12 16 20
FIG.2 Grounded emitter output characteristics ( )
500 T a=25 C
C OLLE C TOR C UR R E NT : IC (mA)
DC C UR R E NT G AIN : hFE
8
200 100 50
V C E =5V 3V 1V
20 10 0.2
0.5
1
2
5
10 20
50 100 200
C O LLE C T O R T O E MIT T E R V O LT AG E : V C E (V )
C O LLE C T O R C UR R E NT : IC (mA)
FIG.3 Grounded emitter output characteristics ( )
COLLE CTOR S ATUR ATION VOLTAGE : VCE(sat) (V)
500 T a=100 C V C E =5V
FIG.4 DC current gain vs. collector current ( )
0.5
T a=25 C
DC C UR R E NT G AIN : hFE
200 100 50
25 C 55 C
0.2 IC /IB =50 20 10
0.1 0.05
0.02
20 10 0.2
0.5
1
2
5
10
20
50 100 200
0.01 0.2
0.5
1
2
5
10
20
50 100 200
C O L L E C T O R C UR R E NT : IC (mA)
C O L L E C T O R C UR R E NT : IC (mA)
FIG.5 DC current gain vs. collector current ( )
FIG.6 Collector-emitter saturation voltage vs. collector current
WEITRON
http://www.weitron.com.tw
2SC4617
COLLE CTOR S ATUR ATION VOLTAGE : VCE(sat) (V)
0.5
COLLE CTOR S ATUR ATION VOLTAGE : VCE(sat) (V)
IC /IB =10
0.5
IC /IB =50
0.2 T a=100 C 25 C 55 C
0.2 0.1 0.05
0.1 0.05
T a=100 C 25 C 55 C
0.02
0.02 0.01 0.2 0.5 1 2 5 10 20 50 100
0.01 0.2 0.5 1 2 5 10 20 50 100 200
C O L L E C T O R C UR R E NT : IC (mA)
C O L L E C T O R C UR R E NT : IC (mA)
FIG.7 Collector-emitter saturation voltage vs. collector current ( )
T a=25 C V C E =6V
FIG.8 Collector-emitter saturation voltage vs. collector current ( )
COLLE CTOR OUTPUT CAPACITANCE : Cob (pF) E MITTE R INPUT CAPACITANCE : Cib (pF)
20
TR ANS ITION F R E QUE NC Y : fT (MHz)
500
10
C ib
T a=25 C f=1MHz IE =0A IC =0A
200
5
100
2
Co
b
50 0.5
1
0.2 0.5 1 2 5 10 20 50
1
2
5
10
20
50
100
E MIT T E R C UR R E NT : IE (mA)
FIG.9 Gain bandwidth product vs. emitter current
BAS E C OLLE C TOR TIME C ONS TANT : C c*rbb' (ps)
200 T a=25 C f=32MHZ V C B =6V
C O L L E C T O R T O B AS E V O L T AG E : V C B (V ) E MIT T E R T O B AS E V O L T AG E : V E B (V )
FIG.10
Collector output capacitance vs. collector-base voltage Emitter input capacitance vs. emitter-base voltage
100
50
20
10 0.2 0.5 1 2 5 10
E MIT T E R C UR R E NT : IE (mA)
FIG.11 Base-collector time constant vs. emitter current
WEITRON
http://www.weitron.com.tw
2SC4617
SC-89 Outline Demensions Unit:mm
A
SC-89
3 T OP V IE W 2 1 K G D B S
M C J
N
Dim A B C D G J K M N S
Min 1.50 0.75 0.60 0.23 0.10 0.30 ----1.50
Nom 1.60 0.85 0.70 0.28 0.50BSC 0.15 0.40 ----1.60
Max 1.70 0.95 0.80 0.33 0.20 0.50 10 10 1.70
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of 2SC4617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X