Part Number Hot Search : 
T5001 T0810 74ALS10A CA12060 74ALS10A BC328BU 01010 MB96F
Product Description
Full Text Search
 

To Download 1N5821RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
1N582x
LOW DROP POWER SCHOTTKY RECTIFIER
MAIN PRODUCTS CHARACTERISTICS IF(AV) VRRM Tj VF (max) FEATURES AND BENEFITS
n n n n n
3A 40 V 150C 0.475 V
VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES EXTREMELY FAST SWITCHING LOW FORWARD VOLTAGE DROP AVALANCHE CAPABILITY SPECIFIED
DO-201AD
DESCRIPTION Axial Power Schottky rectifier suited for Switch Mode Power Supplies and high frequency DC to DC converters. Packaged in DO-201AD these devices are intended for use in low voltage, high frequency inverters, free wheeling, polarity protection and small battery chargers. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM PARM Tstg Tj dV/dt Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage TL = 100C TL = 110C tp = 10 ms Sinusoidal tp = 1s Tj = 25C = 0.5 = 0.5 3 3 80 1700 - 65 to + 150 150 10000 Value 1N5820 1N5821 1N5822 20 30 40 10 3 Unit V A A A A W C C V/s
*:
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a )
1/5
July 2003 - Ed: 3A
1N582x
THERMAL RESISTANCES Symbol Rth (j-a) Rth (j-l) Junction to ambient Junction to lead Parameter Lead length = 10 mm Lead length = 10 mm Value 80 25 Unit C/W C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Parameter Reverse leakage current Forward voltage drop Tests Conditions Tj = 25C Tj = 100C Tj = 25C Tj = 25C
Pulse test : * tp = 380 s, < 2%
1N5820 1N5821 1N5822 2 20 2 20 0.5 0.9 2 20 0.525 0.95
Unit mA mA V V
VR = VRRM
VF *
IF = 3 A IF = 9.4 A
0.475 0.85
To evaluate the conduction losses use the following equations : P = 0.33 x IF(AV) + 0.035 IF2(RMS ) for 1N5820 / 1N5821 P = 0.33 x IF(AV) + 0.060 IF2(RMS ) for 1N5822 Fig. 1: Average forward power dissipation versus average forward current (1N5820/1N5821).
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.5 1.0 1.5 IF(av) (A) 2.0 2.5
=tp/T
T
Fig. 2: Average forward power dissipation versus average forward current (1N5822).
PF(av)(W) 2.0 1.8 = 0.05 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.5 1.0
PF(av)(W)
= 0.1 = 0.05 =1 = 0.2 = 0.5
= 0.1
= 0.2
= 0.5
=1
T
tp
IF(av) (A)
=tp/T
tp
3.0
3.5
4.0
1.5
2.0
2.5
3.0
3.5
Fig. 3: Normalized avalanche power derating versus pulse duration.
PARM(tp) PARM(1s)
1
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(25C)
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
2/5
1N582x
Fig. 5-1: Average forward current versus ambient temperature (=0.5) (1N5820/1N5821).
IF(av)(A) 3.5
Rth(j-a)=Rth(j-l)=25C/W
Fig. 5-2: Average forward current versus ambient temperature (=0.5) (1N5822).
IF(av)(A) 3.5
Rth(j-a)=Rth(j-l)=25C/W
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0
=tp/T
T
Rth(j-a)=80C/W
3.0 2.5 2.0 1.5 1.0 0.5
T
Rth(j-a)=80C/W
tp
Tamb(C) 50 75 100 125 150
0.0
=tp/T
tp
Tamb(C)
25
0
25
50
75
100
125
150
Fig. 6-1: Non repetitive surge peak forward current versus overload duration (maximum values) (1N5820/1N5821).
IM(A) 16 14 12 10 8 6 4
IM
Fig. 6-2: Non repetitive surge peak forward current versus overload duration (maximum values) (1N5822).
IM(A) 12 11 10 9 8 7 6 5 4 3 IM 2 1 0 1E-3
Ta=25C
Ta=25C Ta=75C
Ta=75C
Ta=100C
t
Ta=100C
2 0 1E-3
=0.5
t(s) 1E-2 1E-1 1E+0
t
=0.5
t(s)
1E-2 1E-1 1E+0
Fig. 7: Relative variation of thermal impedance junction to ambient versus pulse duration (epoxy printed circuit board, e(Cu)=35mm, recommended pad layout).
Zth(j-a)/Rth(j-a)
Fig. 8: Junction capacitance versus reverse voltage applied (typical values).
1.0 0.8 0.6 0.4
600
C(pF)
F=1MHz Tj=25C
1N5820 1N5821 1N5822
= 0.5
100
= 0.2
T
0.2
= 0.1 Single pulse
tp(s) 1E+0 1E+1
=tp/T
tp
VR(V) 10 1 2 5 10 20 40
0.0 1E-1
1E+2
1E+3
3/5
1N582x
Fig. 9-1: Reverse leakage current versus reverse voltage applied (typical values) (1N5820/1N5821).
IR(mA)
1N5821 1N5820
Fig. 9-2: Reverse leakage current versus reverse voltage applied (typical values) (1N5822).
IR(mA)
1E+2 1E+1 1E+0 1E-1 1E-2 1E-3
5E+1 1E+1 1E+0 1E-1
Tj=25C
Tj=125C
Tj=125C
Tj=100C
Tj=100C
1E-2
VR(V)
Tj=25C
0
5
10
15
20
25
30
1E-3
VR(V)
0 5 10 15 20 25 30 35 40
Fig. 10-1: Forward voltage drop versus forward current (typical values) (1N5820/1N5821).
IFM(A)
Fig. 10-2: Forward voltage drop versus forward current (typical values) (1N5822).
IFM(A)
50.00 10.00
50.00 10.00
Tj=125C Tj=100C
Tj=125C
1.00
1.00
Tj=100C Tj=25C
Tj=25C
0.10 VFM(V) 0.01 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.10
VFM(V)
0.01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
Fig. 11: Non repetitive surge peak forward current versus number of cycles.
IFSM(A) 100
F=50Hz Tj initial=25C
80 60 40 20 Number of cycles 0 1 10 100 1000
4/5
1N582x
PACKAGE MECHANICAL DATA DO-201AD plastic
B A B OC
note 1
E
E
note 1
OD
OD
note 2
DIMENSIONS REF. A B C D E Millimeters Min. 25.40 5.30 1.30 1.25 Max. 9.50 1.000 0.209 0.051 0.049 2 - The minimum axial length within which the device may be placed with its leads bent at right angles is 0.59"(15 mm) Inches Min. Max. 0.374 1 - The lead diameter D is not controlled over zone E NOTES
Ordering type 1N582x 1N582xRL
n
Marking Part number cathode ring Part number cathode ring
Package DO-201AD DO-201AD
Weight 1.12g 1.12g
Base qty 600 1900
Delivery mode Ammopack Tape & reel
EPOXY MEETS UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N5821RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X