Part Number Hot Search : 
GL901RX LPC1343F 01501 11007 SGM8552 LR246 TDA5030A 1N5820
Product Description
Full Text Search
 

To Download 100316QI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100316 Low Power Quad Differential Line Driver with Cut-Off
May 1991 Revised November 1999
100316 Low Power Quad Differential Line Driver with Cut-Off
General Description
The 100316 is a quad differential line driver with output cutoff capability. The outputs are designed to drive a doubly terminated 50 transmission line (25 equivalent impedance) in an ECL backplane. The 100316 is ideal for driving low noise, differential ECL backplanes. A LOW on the output enable (OE) will set both the true and complementary outputs into a high impedance or cut-off state, isolating them from the backplane. The cut-off state is designed to be more negative than a normal ECL LOW state. Unlike most 100K devices, the data inputs (Dn, Dn) do not have input pull-down resistors. An internal reference supply (VBB) is available for single-ended operation.
Features
s Differential inputs and outputs s Output cut-off capability s Drives 25 load s VBB available for single-ended operation s 2000V ESD protection s Voltage compensated operating range = -4.2V to -5.7V s Available to industrial grade temperature range
Ordering Code:
Order Number 100316QC 100316QI Package Number V28A V28A Package Description 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Industrial Temperature Range (-40C to +85C)
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagram
28-Pin PLCC
Pin Descriptions
Pin Names Dn Qn Qn OE Description Data Inputs Data Outputs Complementary Data Outputs Output Enable
(c) 1999 Fairchild Semiconductor Corporation
DS010922
www.fairchildsemi.com
100316
Truth Table
Inputs Dn L H X
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Cut-Off = Lower-than-LOW State
Logic Diagram
Outputs OE H H L Qn L H Cut-Off Qn H L Cut-Off
Dn H L X
www.fairchildsemi.com
2
100316
Absolute Maximum Ratings(Note 1)
Storage Temperature (TSTG) Pin Potential to Ground Pin (VEE) Input Voltage (DC) Output Current (DC Output HIGH) ESD (Note 2) -65C to +150C -7.0V to 0.5V VEE to +0.5V -100 mA 2000V Maximum Junction Temperature (TJ)+150C
Recommended Operating Conditions
Case Temperature (TC) Commercial Industrial Supply Voltage (VEE) 0C to +85C -40C to +85C -5.7V to -4.2V
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version DC Electrical Characteristics (Note 3)
VEE = -4.2V to -5.7V, VCC = VCCA = GND, TC = 0C to +85C
Symbol VOH VOL VOHC VOLC VOLZ VBB VDIFF VCM VIH Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Cut-Off LOW Voltage Output Reference Voltage Input Voltage Differential Common Mode Voltage Single-Ended Input HIGH Voltage VIL Single-Ended Input LOW Voltage IIL IIH IIHZ ICBO IEE IEEZ Input LOW Current Input HIGH Current DN Input HIGH Current OE Input Leakage Current Power Supply Current, Normal Power Supply Current, Cut-Off -10 -85 -152 -30 -75 -1830 0.50 250 360 -1530 mV A A A A mA mA -1110 -870 mV -1380 150 VCC - 2.0 VCC - 0.5 -1320 Min -1025 -1830 -1035 -1610 -1950 -1260 Typ -955 -1705 Max -870 -1620 Units mV mV mV mV mV mV mV V Guaranteed HIGH Signal for All Inputs (with one input tied to V BB) VBB (Max) + VDIFF Guaranteed LOW Signal for All Inputs (with one input tied to V BB) VBB (Min) - VDIFF VIN = VIL (Min) VIN = VIH (Max), D1 = V BB, D1 = VIL (Min) VIN = VIH (Max), D1 = V BB, D1 = VIL (Min) VIN = VEE, D1 = VBB, D1 = VIL (Min) D1 = VBB, D1 = VIL (Min) D1-D4 = VBB, D1-D4 = VIL (Min), OE = LOW VIN = VIH (Max) or VIL (Min) VIN = VIH (Min) or VIL (Max) VIN = VIH (Min) or VIL (Max) IVBB = -1 mA Required for Full Output Swing Conditions Loading with 25 to -2.0V Loading with 25 to -2.0V OE = LOW
Note 3: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tPZH tPHZ tTLH tTHL Parameter Propagation Delay Data to Output Propagation Delay OE to Output Transition Time, Dn to Qn 20% to 80%, 80% to 20% TC = 0C Min 0.65 1.8 1.2 0.45 Max 2.10 4.00 2.90 1.50 TC = +25C Min 0.65 1.8 1.2 0.45 Max 2.10 4.00 2.90 1.50 TC = +85C Min 0.65 1.8 1.2 0.45 Max 2.10 4.00 2.90 1.50 Units ns ns ns Figures 1, 2 Conditions
3
www.fairchildsemi.com
100316
Industrial Version DC Electrical Characteristics (Note 4)
VEE = -4.2V to -5.7V, VCC = VCCA = GND
Symbol VOH VOL VOHC VOLC VOLZ VBB VDIFF VCM VIH Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Cut-Off LOW Voltage Output Reference Voltage Input Voltage Differential Common Mode Voltage Single-Ended Input HIGH Voltage VIL Single-Ended Input LOW Voltage IIL IIH IIHZ ICBO IEE IEEZ Input LOW Current Input HIGH Current, DN Input HIGH Current, OE Input Leakage Current -10 -85 -152 -30 -75 -1830 0.50 240 360 -10 -85 -152 -30 -75 -1535 -1830 0.50 240 360 -1530 mV A A A mA -1115 -870 -1110 -870 mV -1395 150 VCC - 2.0 VCC - 0.5 TC = -40C Min -1085 -1830 -1095 -1575 -1900 -1255 -1380 150 VCC - 2.0 VCC - 0.5 Max -870 -1585 TC = 0C to +85C Min -1025 -1830 -1035 -1610 -1950 -1260 Max -870 -1620 Units mV mV mV mV mV mV mV V Guaranteed HIGH Signal for All Inputs (with one input tied to VBB) VBB (Max) + VDIFF Guaranteed LOW Signal for All Inputs (with one input tied to VBB) VBB (Min) - VDIFF VIN = VIL (Min) VIN = VIH (Max), D1 = VBB, D1 = VIL (Min) VIN = VEE, D1 = VBB, D1 = VIL (Min) Power Supply Current, Normal Power Supply Current, Cut-Off mA D1-D4 = VBB, D1-D4 = VIL (Min), OE = LOW D1 = VBB, D1 = VIL (Min) Conditions VIN = VIH (Max) or VIL (Min) VIN = VIH (Min) or VIL (Max) or VIL (Max) IVBB = -1 mA Required for Full Output Swing Loading with 25 to -2.0V Loading with 25 to -2.0V
OE = LOW, VIN = VIH (Min)
Note 4: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tPZH tPHZ tTLH tTHL Parameter Propagation Delay Data to Output Propagation Delay OE to Output Transition Time 20% to 80%, 80% to 20% TC = -40C Min 0.65 1.80 1.20 0.45 Max 2.10 4.00 2.90 1.50 TC = +25C Min 0.65 1.80 1.20 0.45 Max 2.10 4.00 2.90 1.50 TC = +85C Min 0.65 1.80 1.20 0.45 Max 2.10 4.00 ns 2.90 1.50 ns Units ns Figures 1Figure 2 Conditions
www.fairchildsemi.com
4
100316
Test Circuitry
Notes: VCC, VCCA = +2V, VEE = -2.5V L1 and L2 = equal length 50 impedance lines RT = 50 terminator internal to scope Decoupling 0.1 F from GND to VCC and VEE All unused outputs are loaded with 25 to GND CL = Fixture and stray capacitance 3 pF
FIGURE 1. AC Test Circuit
Switching Waveforms
FIGURE 2. Propagation Delay, Cut-Off and Transition Times
5
www.fairchildsemi.com
100316 Low Power Quad Differential Line Driver with Cut-Off
Physical Dimensions inches (millimeters) unless otherwise noted
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Package Number V28A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 100316QI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X