Part Number Hot Search : 
SW7N65DW Z100FF3 NJM2120D L1181010 2SB1308 LT122001 PD64012 TSOP348
Product Description
Full Text Search
 

To Download XP03312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP03312
Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
Unit: mm
For switching/digital circuits
0.425
2.10.1 1.250.1 0.425
0.65
q
q
0.9 0.1
0 to 0.1
s Basic Part Number of Element
q
0.70.1
0.12 - 0.02
+0.05
Two elements incorporated into one package. (Transistors with built-in resistor, Tr1 collecter is connected to Tr2 base.) Reduction of the mounting area and assembly cost by one half.
2.00.1
s Features
0.65
1 2 3
5
4
0.2
0.20.1
UN1212+UN1112
1 : Emitter(Tr1) 2 : Base(Tr1) 3 : Emitter(Tr2)
s Absolute Maximum Ratings
Parameter Collector to base voltage Tr1 Collector to emitter voltage Collector current Collector to base voltage Tr2 Collector to emitter voltage Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO IC VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings 50 50 100 -50 -50 -100 150 150 -55 to +150 Unit V V mA V V mA mW C C
4 : Collector(Tr2) 5 : Collector(Tr1) Base(Tr2) EIAJ : SC-88A S-Mini Type Package (5-pin)
Marking Symbol: 4P Internal Connection
1 2 3 4 Tr1 5
Tr2
0.20.05
1
Composite Transistors
XP03312
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL R1 R1/R2 fT VCB = 10V, IE = -1mA, f = 200MHz Conditions IC = 10A, IE = 0 IC = 2mA, IB = 0 VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 VCE = 10V, IC = 5mA IC = 10mA, IB = 0.3mA VCC = 5V, VB = 0.5V, RL = 1k VCC = 5V, VB = 2.5V, RL = 1k -30% 0.8 22 1.0 150 4.9 0.2 +30% 1.2 MHz 60 0.25 V V V k min 50 50 0.1 0.5 0.2 typ max Unit V V A A mA
s Electrical Characteristics
q
Tr1
Parameter
Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Input resistance Resistance ratio Transition frequency
q
Tr2
Parameter Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL R1 R1/R2 fT VCB = -10V, IE = 1mA, f = 200MHz Conditions IC = -10A, IE = 0 IC = -2mA, IB = 0 VCB = -50V, IE = 0 VCE = -50V, IB = 0 VEB = -6V, IC = 0 VCE = -10V, IC = -5mA IC = -10mA, IB = - 0.3mA VCC = -5V, VB = - 0.5V, RL = 1k VCC = -5V, VB = -2.5V, RL = 1k -30% 0.8 22 1.0 80 -4.9 - 0.2 +30% 1.2 MHz 60 - 0.25 V V V k min -50 -50 - 0.1 - 0.5 - 0.2 typ max Unit V V A A mA
Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Input resistance Resistance ratio Transition frequency
2
Composite Transistors
Common characteristics chart PT -- Ta
250
XP03312
Total power dissipation PT (mW)
200
150
100
50
0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
Characteristics charts of Tr1 IC -- VCE
-160 -140 IB=-1.0mA Ta=25C
-100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=10 160 VCE= -10V
hFE -- IC
Ta=75C
-30 -10 -3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.1 -0.3 Ta=75C
Collector current IC (mA)
-0.9mA -120 -100 -80 -60 -0.3mA -40 -0.2mA -20 -0.1mA 0 0 -2 -4 -6 -8 -10 -12 -0.8mA -0.7mA -0.6mA -0.5mA -0.4mA
Forward current transfer ratio hFE
25C 120 -25C 80
25C
40
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C
-10000 -3000 VO=-5V Ta=25C -100 -30
VIN -- IO
VO= -0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
Input voltage VIN (V)
-1000 -300 -100 -30 -10 -3
-10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3
3
2
1
0 -0.1 -0.3
-1
-3
-10
-30
-100
-1 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1
-3
-10
-30
-100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
3
Composite Transistors
Characteristics charts of Tr2 IC -- VCE
-160 -140 Ta=25C IB=-1.0mA -0.9mA -0.8mA -0.7mA -0.6mA -0.5mA -80 -60 -40 -20 0 0 -2 -4 -6 -8 -10 -12 -0.4mA -0.3mA -0.2mA -0.1mA
XP03312
VCE(sat) -- IC
-100
hFE -- IC
IC/IB=10
400 VCE= -10V
Collector to emitter saturation voltage VCE(sat) (V)
-30 -10 -3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.1 -0.3
Forward current transfer ratio hFE
Collector current IC (mA)
-120 -100
300
Ta=75C 200 25C -25C 100
25C
Ta=75C
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C
VIN -- IO
VO=-5V Ta=25C
-100 -30 VO= -0.2V Ta=25C
-10000 -3000
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
Input voltage VIN (V)
-1000 -300 -100 -30 -10 -3
-10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3
3
2
1
0 -0.1 -0.3
-1
-3
-10
-30
-100
-1 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1
-3
-10
-30
-100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
4


▲Up To Search▲   

 
Price & Availability of XP03312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X