Part Number Hot Search : 
RB201 NTE1527 TGS2611 101GAA 2SK142 MBT22 S2186 Q800300
Product Description
Full Text Search
 

To Download UPA833TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
PA833TF
NPN SILICON EPITAXIAL TRANSISTOR (WITH 2 DIFFERENT ELEMENTS) IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
Silicon Transistor
DESCRIPTION
The PA833TF has two different built-in transistors (Q1 and Q2) for low noise amplification in the VHF band to UHF band.
PACKAGE DRAWINGS (Unit:mm)
2.100.1 1.250.1
0.22-0.05
+0.1
1
Q2 : NF = 1.5 dB TYP. @ f = 2 GHz, VCE = 3 V, IC = 3 mA * High gain Q1 : |S21e|2 = 3.5 dB TYP. @ f = 2 GHz, VCE = 1 V, IC = 3 mA Q2 : |S21e|2 = 8.5 dB TYP. @ f = 2 GHz, VCE = 3 V, IC = 10 mA * 2 different transistors on-chip (2SC5193, 2SC4959) * 6-pin thin-type small mini mold package
0.65
Q1 : NF = 1.7 dB TYP. @ f = 2 GHz, VCE = 1 V, IC = 3 mA
1.30
* Low noise
2.000.2
0.65
2
3
0.600.1
4
5
6
FEATURES
ON-CHIP TRANSISTORS
Q1 3-pin small mini mold part No. 2SC5193 Q2 2SC4959
PIN CONFIGURATION (Top View)
B1 E2 5 B2 4 Q2 2 E1 3 C2
The PA836TF features the Q1 and Q2 in inverted positions.
6 Q1 1
ORDERING INFORMATION
PART NUMBER QUANTITY Loose products (50 pcs) Taping products (3 kpcs/reel) PACKING STYLE 8-mm wide embossed tape. Pin 6 (Q1 Base), pin 5 (Q2 Emitter), and pin 4 (Q2 Base) face perforated side of tape.
C1
PA833TF PA833TF-T1
PIN CONNECTIONS 1. Collector (Q1) 2. Emitter (Q1) 3. Collector (Q2)
4. Base (Q2) 5. Emitter (Q2) 6. Base (Q1)
Caution is required concerning excess input, such as from static electricity, because the high-frequency process is used for this device.
The information in this document is subject to change without notice.
Document No. P12725EJ1V0DS00 (1st edition) Date Published August 1997 N Printed in Japan
0 to 0.1
(c)
0.130.05
V44
0.45
1997
PA833TF
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
RATING PARAMETER Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Total power dissipation SYMBOL Q1 VCBO VCEO VEBO IC PT 9 6 2 100 150 in 1 element 200 in 2 elements Junction temperature Storage temperature Tj Tstg 150 -65 to +150 Q2 9 6 2 30 150 in 1 element
Note
UNIT V V V mA mW
150
C C
Note (1) Q1
110 mW must not be exceeded for 1 element.
ELECTRICAL CHARACTERISTICS
PARAMETER Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product (1) Gain bandwidth product (2) Feedback capacitance Insertion power gain (1) Insertion power gain (2) Noise figure (1) Noise figure (2) SYMBOL ICBO IEBO hFE fT fT Cre |S21e| |S21e| NF NF
2
CONDITION VCB = 5 V, IE = 0 VEB = 1 V, IC = 0 VCE = 1 V, IC = 3 mANote 1 VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 3 V, IC = 20 mA, f = 2 GHz VCB = 1 V, IE = 0, f = 1 MHz
Note 2
MIN.
TYP.
MAX. 0.1 0.1
UNIT
A A
100 4.0 4.5 9.0 0.75 2.5 3.5 6.5 1.7 1.5
145 GHz GHz 0.85 pF dB dB 2.5 dB dB
VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 3 V, IC = 20 mA, f = 2 GHz VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 3 V, IC = 7 mA, f = 2 GHz
2
Notes 1. Pulse measurement: PW 350 s, Duty cycle 2% 2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge method), with emitter connected to guard pin of capacitance meter.
2
PA833TF
(2) Q2
ELECTRICAL CHARACTERISTICS
PARAMETER Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Feedback capacitance Insertion power gain Noise figure SYMBOL ICBO IEBO hFE fT Cre |S21e| NF
2
CONDITION VCB = 5 V, IE = 0 VEB = 1 V, IC = 0 VCE = 3 V, IC = 10 mANote 1 VCE = 3 V, IC = 10 mA, f = 2 GHz VCB = 3 V, IE = 0, f = 1 MHz
Note 2
MIN.
TYP.
MAX. 0.1 0.1
UNIT
A A
75 12 0.4 7 8.5 1.5
150 GHz 0.7 pF dB 2.5 dB
VCE = 3 V, IC = 10 mA, f = 2 GHz VCE = 3 V, IC = 3 mA, f = 2 GHz
Notes 1. Pulse measurement: PW 350 s, Duty cycle 2% 2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge method), with emitter connected to guard pin of capacitance meter.
hFE CLASSIFICATION
Rank Marking hFE value of Q1 hFE value of Q2 FB V44 100 to 145 75 to 150
3
PA833TF
TYPICAL CHARACTERISTICS (TA = 25C)
Q1 Total Power Dissipation vs. Ambient Temperature Q2 Total Power Dissipation vs. Ambient Temperature Free Air 200 2 elements in total Q2 when using 1 element Q2 when using 2 elements
Total power dissipation PT (mW)
200
2 elements in total
Q1 when using 1 element Q1 when using 2 elements
Total power dissipation PT (mW)
Free Air
100
100
0
50
100
150
0
50
100
150
Ambient temperature TA (C)
Ambient temperature TA (C)
Collector Current vs. DC Base Voltage 100 50
Collector current IC (mA)
Collector Current vs. DC Base Voltage 50 VCE = 3 V
VCE = 1 V
Collector current IC (mA)
20 10 5 2 1 0.5 0.2 0.1 0.05 0.02 0.01
40
30
20
10
0
0.5 DC base voltage VBE (V)
1
0
0.5 DC base voltage VBE (V)
1.0
Collector Current vs. Collector to Emitter Voltage 30 200 A
Collector current IC (mA)
Collector Current vs. Collector to Emitter Voltage 60 500 A
Collector current IC (mA)
180 A 160 A 20 140 A 120 A 100 A 10 80 A 60 A 40 A IB = 20 A 0 1 2 3 4 5 6
50 40 30 20 10
400 A 300 A 200 A IB = 100 A
0
1
2
3
4
5
6
Collector to emitter voltage VCE (V)
Collector to emitter voltage VCE (V)
4
PA833TF
Q1 DC Current Gain vs. Collector Current 200 VCE = 1 V 200 Q2 DC Current Gain vs. Collector Current
DC current gain hFE
DC current gain hFE
5V VCE = 3 V 100
100
0 0.1 0.2
0.5
1
2
5
10 20
50 100
0 0.1 0.2
0.5
1
2
5
10 20
50 100
Collector current IC (mA)
Collector current IC (mA)
Gain Bandwidth Product vs. Collector Current 10
Gain bandwidth product fT (GHZ) Gain bandwidth product fT (GHZ)
Gain Bandwidth Product vs. Collector Current 14 f = 2 GHz 5V 3V
f = 2 GHZ VCE = 1 V
12 10 8 6 4 2 0.5
5
VCE = 1 V
0 1 2 3 5 7 10 Collector current IC (mA)
1
2
5
10
20
50
Collector current IC (mA)
Insertion Power Gain vs. Collector Current 10
Insertion power gain S21e 2 (dB) Insertion power gain S21e 2 (dB)
Insertion Power Gain vs. Collector Current 10 f = 2 GHz 5V 8 3V VCE = 1 V 6
f = 2 GHZ VCE = 1 V
5
4
0 1 2 3 5 7 10 Collector current IC (mA)
2 0.5
2
5
10
20
50
Collector current IC (mA)
5
PA833TF
Q1 Noise Figure vs. Collector Current 3 VCE = 1 V
Noise figure NF (dB) Noise figure NF (dB)
Q2 Noise Figure vs. Collector Current 4 f = 2 GHz VCE = 3 V 3
f = 2 GHZ 2
2
f = 1 GHZ 1
1
1
2
3
5
7
10
0 0.5
1
2
5
10
20
50
Collector current IC (mA)
Collector current IC (mA)
Feedback Capacitance vs. Collector to Base Voltage f = 1 MHZ
Feedback capacitance Cre (pF) Feedback capacitance Cre (pF)
Feedback Capacitance vs. Collector to Base Voltage 0.6 f = 1 MHz 0.5
1.0
0.5
0.4
0.3
0.1 1 5 10 20 Collector to base voltage VCB (V)
0.2 0.5
1
2
5
10
20
Collector to base voltage VCB (V)
Maximum Available Gain, Insertion Power Gain vs. Frequency
Maximum available power gain MAG (dB) Insertion power gain S21e 2 (dB)
Maximum Available Gain, Insertion Power Gain vs. Frequency
Maximum available power gain MAG (dB) Insertion power gain S21e 2 (dB)
25 VCE = 3 V IC = 10 mA 20 MAG
VCE = 1 V IC = 5 mA 30 MAG 20 S21e
2
15
10
S21e 2
10
5 0 0.1
0 0.1 0.5 1 5 Frequency f (GHZ)
0.2
0.5
1
2
5
Frequency f (GHZ)
6
PA833TF
Q1 Noise Figure vs. Frequency VCE = 1 V IC = 5 mA
1.5
Noise figure NF (dB)
1
0.5 0.1
0.5 1.0 Frequency f (GHz)
2
7
PA833TF
S-PARAMETERS Q1
VCE = 3 V, IC = 1 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .97 .95 .91 .87 .83 .79 .75 .71 .68 .66 .64 .62 .61 .61 .61 .61 .61 .62 .63 .63 .64 .65 .66 .67 .67 .68 .69 .70 .71 .72 S11 ANG -14.33 -28.67 -42.88 -56.75 -70.72 -84.33 -97.41 -109.76 -122.09 -133.22 -144.02 -154.11 -163.41 -172.15 179.69 172.31 165.55 159.12 153.12 147.73 142.54 137.65 133.23 129.32 125.32 121.78 118.50 115.24 112.33 109.50 MAG 2.43 2.38 2.36 2.27 2.23 2.16 2.08 1.99 1.92 1.82 1.74 1.66 1.57 1.50 1.43 1.36 1.29 1.24 1.18 1.12 1.08 1.03 .99 .95 .92 .88 .85 .82 .79 .76 S21 ANG 166.54 154.71 144.04 134.07 125.01 116.71 108.43 101.04 93.80 87.30 81.47 75.63 70.50 65.55 60.93 56.58 52.57 48.65 44.96 41.71 38.29 35.21 32.01 29.64 27.04 24.60 22.41 20.14 18.25 16.28 MAG .04 .07 .10 .13 .15 .16 .17 .17 .18 .18 .18 .18 .17 .17 .17 .16 .16 .15 .15 .15 .15 .15 .15 .15 .15 .16 .17 .17 .18 .19 S12 ANG 80.24 70.60 62.11 54.03 47.25 40.79 35.62 31.08 26.89 23.81 21.08 19.11 17.32 16.33 15.48 15.52 15.97 16.87 18.29 20.29 22.73 25.25 27.87 30.83 33.50 36.03 38.41 40.23 41.83 42.71 MAG .99 .97 .92 .88 .83 .78 .75 .70 .67 .64 .62 .60 .58 .57 .56 .54 .54 .53 .52 .52 .51 .51 .51 .50 .50 .50 .50 .50 .50 .50 S22 ANG -7.18 -13.99 -19.89 -25.53 -29.96 -34.25 -37.36 -40.60 -43.12 -45.41 -47.82 -49.75 -51.90 -54.11 -56.32 -58.59 -61.07 -63.68 -66.32 -69.09 -71.98 -75.26 -78.60 -82.11 -85.80 -89.61 -93.50 -97.66 -101.66 -105.83
VCE = 3 V, IC = 3 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .91 .84 .77 .69 .62 .57 .52 .49 .47 .46 .46 .46 .46 .47 .47 .48 .49 .50 .51 .52 .53 .54 .55 .57 .58 .59 .60 .61 .62 .63 S11 ANG -20.87 -40.75 -60.61 -79.21 -96.87 -112.43 -126.51 -139.31 -150.57 -160.97 -170.30 -178.72 173.69 166.63 160.24 154.42 149.16 144.23 139.58 135.44 131.39 127.65 124.36 121.18 118.19 115.58 112.99 110.43 108.13 105.91 MAG 6.85 6.38 6.07 5.65 5.20 4.72 4.31 3.94 3.59 3.31 3.05 2.83 2.64 2.47 2.32 2.19 2.07 1.96 1.86 1.77 1.70 1.62 1.55 1.49 1.43 1.38 1.33 1.29 1.24 1.20 S21 ANG 160.51 145.81 133.27 122.38 112.63 104.66 97.30 91.09 85.51 80.44 75.95 71.60 67.73 63.86 60.26 56.86 53.60 50.43 47.34 44.29 41.48 38.94 36.05 33.64 31.34 28.95 26.70 24.45 22.28 20.22 MAG .04 .06 .08 .10 .11 .12 .12 .13 .13 .14 .14 .14 .15 .15 .16 .16 .17 .17 .18 .18 .19 .20 .20 .21 .22 .22 .23 .24 .24 .25 S12 ANG 76.06 64.42 55.69 49.28 45.15 41.99 40.07 38.98 38.14 38.00 37.60 37.86 37.91 38.15 38.28 38.60 38.76 39.12 38.98 39.31 39.23 39.28 39.08 39.04 39.03 38.56 38.53 38.23 37.87 37.38 MAG .95 .87 .77 .68 .61 .54 .50 .46 .42 .40 .38 .36 .34 .33 .32 .31 .30 .29 .28 .28 .27 .26 .26 .26 .26 .26 .26 .26 .26 .26 S22 ANG -14.18 -26.10 -34.95 -41.90 -46.55 -50.59 -53.40 -55.90 -58.00 -60.02 -62.10 -63.86 -66.00 -68.28 -70.83 -73.24 -76.06 -78.94 -81.98 -85.18 -88.50 -92.55 -96.16 -100.32 -104.63 -109.15 -113.50 -118.22 -122.53 -126.83
8
PA833TF
S-PARAMETERS Q1
VCE = 3 V, IC = 5 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .85 .75 .64 .56 .49 .45 .42 .41 .40 .40 .40 .41 .41 .42 .43 .44 .45 .46 .48 .49 .50 .51 .52 .53 .54 .56 .57 .58 .59 .60 S11 ANG -26.44 -51.20 -75.20 -96.72 -115.03 -130.31 -143.59 -155.39 -165.50 -174.72 177.10 169.76 163.14 157.10 151.58 146.60 142.01 137.81 133.84 130.04 126.68 123.26 120.32 117.64 114.93 112.60 110.25 108.05 105.95 103.96 MAG 10.69 9.61 8.75 7.76 6.80 5.95 5.26 4.72 4.25 3.87 3.55 3.28 3.04 2.83 2.66 2.50 2.36 2.23 2.12 2.01 1.93 1.83 1.76 1.69 1.62 1.56 1.50 1.46 1.41 1.36 S21 ANG 155.98 139.24 125.25 113.92 104.72 97.69 91.52 86.26 81.56 77.29 73.37 69.66 66.19 62.87 59.70 56.66 53.73 50.83 48.10 45.17 42.52 40.17 37.50 35.27 32.99 30.62 28.52 26.39 24.29 22.18 MAG .03 .06 .07 .08 .09 .10 .11 .11 .12 .13 .13 .14 .15 .16 .16 .17 .18 .19 .19 .20 .21 .22 .22 .23 .24 .25 .25 .26 .27 .27 S12 ANG 73.46 61.17 54.17 50.16 48.17 47.13 46.84 46.85 46.62 46.83 46.91 46.94 46.69 46.57 46.31 45.94 45.59 45.07 44.55 44.01 43.30 42.61 41.82 41.27 40.36 39.55 38.85 38.08 37.27 36.49 MAG .92 .79 .65 .55 .48 .42 .38 .35 .32 .30 .28 .27 .25 .24 .23 .22 .22 .21 .21 .20 .20 .20 .19 .20 .20 .20 .20 .21 .21 .21 S22 ANG -19.86 -34.91 -44.33 -51.20 -55.56 -59.25 -61.89 -64.36 -66.67 -68.91 -71.34 -73.69 -76.39 -79.41 -82.66 -86.03 -89.61 -93.69 -97.41 -101.67 -105.84 -111.09 -115.75 -120.90 -125.90 -131.14 -136.28 -141.19 -145.61 -149.97
VCE = 3 V, IC = 7 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .79 .67 .55 .47 .42 .39 .38 .37 .37 .37 .38 .38 .39 .40 .41 .42 .44 .45 .46 .47 .48 .49 .50 .52 .53 .54 .55 .56 .58 .59 S11 ANG -31.67 -60.82 -87.90 -110.16 -127.95 -142.37 -154.76 -165.47 -174.83 176.89 169.63 162.95 156.98 151.53 146.63 141.98 137.93 133.89 130.36 126.94 123.80 120.71 118.00 115.48 113.00 110.80 108.67 106.60 104.57 102.82 MAG 14.14 12.28 10.67 9.04 7.66 6.59 5.76 5.12 4.59 4.16 3.81 3.50 3.25 3.03 2.83 2.66 2.51 2.38 2.26 2.14 2.05 1.95 1.87 1.80 1.73 1.66 1.60 1.55 1.50 1.45 S21 ANG 152.27 133.87 119.07 108.13 99.95 93.83 88.35 83.75 79.53 75.64 72.18 68.56 65.42 62.34 59.33 56.50 53.72 50.97 48.32 45.65 43.03 40.91 38.45 36.15 33.97 31.82 29.74 27.34 25.66 23.37 MAG .03 .05 .06 .07 .08 .09 .10 .11 .12 .13 .13 .14 .15 .16 .17 .18 .19 .20 .20 .21 .22 .23 .24 .24 .25 .26 .26 .27 .28 .29 S12 ANG 71.15 59.89 54.65 52.59 51.97 51.63 52.13 52.11 52.18 52.20 51.99 51.72 51.33 50.81 50.15 49.40 48.77 48.00 47.04 46.10 45.20 44.15 43.05 42.04 41.08 39.96 39.23 38.14 37.25 36.23 MAG .88 .72 .57 .47 .40 .35 .32 .29 .27 .25 .23 .22 .21 .20 .19 .19 .18 .18 .18 .17 .17 .17 .18 .18 .18 .19 .19 .20 .21 .21 S22 ANG -24.58 -41.34 -50.83 -57.33 -61.50 -65.05 -67.82 -70.62 -73.11 -75.82 -78.72 -81.78 -85.11 -88.95 -92.87 -97.18 -101.69 -106.30 -110.96 -116.39 -120.97 -126.84 -132.13 -137.40 -142.69 -148.07 -152.96 -157.19 -161.69 -165.54
9
PA833TF
S-PARAMETERS Q1
VCE = 3 V, IC = 10 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .71 .57 .45 .39 .36 .35 .34 .34 .34 .35 .36 .37 .38 .39 .40 .41 .42 .43 .45 .46 .47 .48 .49 .50 .52 .53 .54 .55 .57 .58 S11 ANG -39.03 -73.63 -102.58 -124.33 -141.02 -154.37 -165.44 -175.03 176.63 169.25 162.75 156.83 151.50 146.60 142.12 138.03 134.21 130.67 127.37 124.22 121.31 118.37 115.87 113.55 111.30 109.28 107.16 105.27 103.43 101.61 MAG 18.58 15.31 12.43 10.08 8.36 7.10 6.16 5.44 4.87 4.40 4.02 3.70 3.42 3.19 2.98 2.80 2.63 2.50 2.37 2.25 2.15 2.05 1.96 1.89 1.81 1.74 1.67 1.62 1.57 1.51 S21 ANG 147.71 127.39 112.73 102.91 95.89 90.47 85.73 81.62 77.75 74.22 71.00 67.77 64.82 61.79 59.04 56.45 53.75 51.05 48.74 46.04 43.60 41.36 38.90 36.95 34.71 32.62 30.43 28.76 26.44 24.93 MAG .03 .05 .06 .07 .08 .09 .10 .11 .12 .13 .14 .15 .16 .17 .17 .18 .19 .20 .21 .22 .23 .24 .25 .25 .26 .27 .28 .28 .29 .30 S12 ANG 68.69 59.38 56.68 56.27 56.57 56.86 57.18 57.18 57.09 56.69 56.34 55.55 54.83 53.99 53.03 52.03 51.04 49.91 48.75 47.77 46.48 45.20 43.97 42.65 41.70 40.45 39.28 38.16 37.04 36.10 MAG .83 .63 .49 .40 .34 .29 .26 .24 .22 .21 .20 .19 .18 .17 .17 .16 .16 .16 .16 .16 .16 .17 .17 .18 .19 .19 .20 .21 .22 .23 S22 ANG -30.16 -48.07 -57.41 -63.51 -67.57 -71.19 -74.31 -77.41 -80.56 -83.81 -87.55 -91.34 -95.70 -100.40 -104.99 -110.36 -115.48 -120.86 -126.15 -131.74 -136.39 -142.70 -147.46 -152.75 -157.66 -162.35 -166.91 -170.83 -174.49 -177.86
VCE = 3 V, IC = 20 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .52 .39 .33 .31 .30 .30 .31 .31 .32 .33 .34 .35 .36 .37 .38 .40 .41 .42 .43 .44 .46 .47 .48 .49 .50 .51 .53 .54 .55 .56 S11 ANG -60.10 -103.44 -130.53 -148.95 -162.62 -172.99 178.35 170.80 164.26 158.34 153.02 148.21 143.86 139.65 135.96 132.38 129.06 126.14 123.11 120.40 117.80 115.23 112.96 110.86 108.77 106.98 105.14 103.40 101.60 100.10 MAG 28.62 19.94 14.51 11.26 9.15 7.69 6.63 5.84 5.21 4.70 4.28 3.94 3.63 3.38 3.16 2.97 2.79 2.64 2.50 2.38 2.27 2.16 2.07 1.99 1.90 1.84 1.77 1.72 1.65 1.61 S21 ANG 137.10 115.16 103.51 96.02 90.56 86.27 82.36 78.82 75.55 72.35 69.45 66.66 63.96 61.26 58.61 56.19 53.72 51.32 48.96 46.54 44.17 42.21 39.64 37.96 35.67 33.82 31.79 29.93 28.01 26.09 MAG .02 .04 .05 .06 .07 .08 .09 .11 .12 .13 .14 .15 .16 .17 .18 .19 .20 .21 .22 .23 .24 .25 .26 .27 .27 .28 .29 .30 .30 .31 S12 ANG 67.35 63.08 63.34 64.33 65.01 65.06 64.97 64.40 63.46 62.64 61.47 60.45 59.09 58.05 56.50 55.17 53.77 52.54 51.02 49.64 48.25 46.65 45.13 43.59 42.37 40.93 39.70 38.37 37.05 35.76 MAG .71 .48 .35 .28 .24 .21 .19 .18 .16 .16 .15 .15 .15 .15 .15 .15 .15 .16 .16 .17 .18 .18 .19 .20 .21 .22 .23 .24 .25 .26 S22 ANG -41.30 -59.79 -68.39 -74.25 -78.55 -82.95 -87.11 -91.38 -96.07 -100.35 -105.51 -110.63 -116.00 -121.72 -127.25 -133.07 -138.41 -143.83 -148.58 -153.87 -157.74 -162.91 -167.09 -171.04 -174.96 -178.81 177.40 174.62 171.56 168.73
10
PA833TF
S-PARAMETERS Q2
VCE = 3 V, IC = 1 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .98 .97 .95 .93 .90 .87 .84 .81 .77 .73 .69 .65 .62 .58 .54 .51 .47 .45 .42 .40 .38 .36 .35 .34 .33 .32 .32 .32 .32 .33 S11 ANG -5.93 -11.82 -17.85 -23.59 -29.61 -35.62 -41.49 -47.40 -53.49 -59.00 -65.20 -71.05 -77.22 -83.22 -89.53 -95.27 -101.29 -107.59 -114.02 -120.45 -127.04 -133.41 -139.83 -146.46 -153.17 -159.96 -166.01 -172.06 -177.98 177.01 MAG 2.43 2.41 2.42 2.39 2.38 2.37 2.34 2.32 2.32 2.26 2.25 2.21 2.17 2.15 2.13 2.07 2.02 1.99 1.95 1.90 1.87 1.83 1.78 1.74 1.71 1.68 1.64 1.61 1.58 1.54 S21 ANG 171.79 164.40 157.59 151.04 144.91 139.49 133.87 128.66 123.12 118.06 113.30 108.31 103.81 99.18 94.49 90.14 86.01 82.00 78.38 74.87 70.82 67.34 63.84 60.75 57.60 54.38 51.35 48.28 45.54 42.57 MAG .02 .04 .05 .07 .09 .10 .11 .12 .13 .14 .15 .16 .16 .17 .17 .18 .18 .18 .19 .19 .19 .20 .20 .20 .21 .21 .22 .22 .23 .23 S12 ANG 85.64 80.86 76.45 72.26 68.73 64.78 61.52 58.06 55.30 52.86 50.42 48.61 46.62 45.21 43.82 42.57 41.68 40.66 40.08 39.57 39.19 38.84 38.49 38.49 38.43 38.28 38.20 38.44 38.28 38.11 MAG .99 .99 .97 .95 .93 .90 .87 .85 .82 .78 .76 .73 .70 .68 .66 .63 .61 .59 .57 .55 .53 .51 .50 .48 .46 .45 .43 .41 .40 .38 S22 ANG -3.75 -7.53 -11.10 -14.56 -17.91 -21.19 -23.71 -26.91 -29.05 -31.52 -33.73 -35.51 -37.59 -39.34 -41.12 -42.89 -44.56 -46.38 -47.99 -49.87 -51.49 -53.44 -55.39 -57.67 -59.91 -62.31 -64.97 -67.87 -70.94 -74.21
VCE = 3 V, IC = 3 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .93 .90 .84 .79 .72 .66 .59 .53 .48 .43 .38 .34 .31 .28 .26 .24 .22 .21 .20 .19 .18 .18 .18 .18 .19 .20 .20 .21 .22 .24 S11 ANG -9.39 -18.39 -27.39 -35.83 -44.06 -51.67 -58.86 -65.57 -71.57 -77.20 -82.70 -87.82 -93.49 -98.65 -104.50 -110.31 -116.75 -123.46 -130.51 -137.84 -145.47 -152.73 -160.13 -167.47 -174.18 179.79 173.96 168.73 163.65 159.82 MAG 6.76 6.46 6.32 6.06 5.82 5.54 5.28 5.01 4.72 4.45 4.20 3.95 3.74 3.55 3.37 3.21 3.06 2.94 2.81 2.71 2.61 2.52 2.44 2.36 2.29 2.23 2.16 2.10 2.05 1.99 S21 ANG 166.53 155.80 146.52 138.21 130.60 123.94 117.07 111.07 105.46 100.46 95.95 91.74 87.96 84.35 80.85 77.72 74.57 71.63 68.84 66.02 63.33 60.80 58.00 55.57 53.07 50.72 48.10 45.81 43.41 41.14 MAG .02 .03 .05 .06 .07 .08 .09 .10 .10 .11 .12 .13 .13 .14 .15 .15 .16 .17 .18 .18 .19 .20 .21 .22 .22 .23 .24 .25 .26 .26 S12 ANG 82.60 76.86 71.65 67.47 64.58 61.95 60.46 59.12 57.98 57.39 56.96 56.54 56.14 55.72 55.21 54.91 54.46 53.91 53.57 53.01 52.38 51.91 51.17 50.80 49.89 49.17 48.35 47.49 46.43 45.56 MAG .98 .94 .89 .83 .77 .72 .68 .64 .60 .57 .55 .52 .50 .48 .46 .44 .43 .41 .39 .38 .36 .35 .33 .32 .30 .28 .27 .25 .24 .22 S22 ANG -7.24 -13.64 -18.91 -23.49 -26.46 -29.65 -31.43 -33.17 -34.36 -35.31 -36.47 -37.08 -37.96 -38.83 -39.70 -40.63 -41.65 -42.70 -43.76 -44.95 -46.23 -47.64 -49.19 -50.82 -52.82 -54.67 -56.94 -59.46 -62.59 -65.40
11
PA833TF
S-PARAMETERS Q2
VCE = 3 V, IC = 5 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .89 .83 .75 .66 .57 .50 .43 .37 .33 .29 .26 .23 .21 .19 .17 .16 .15 .14 .13 .13 .13 .13 .14 .15 .15 .17 .18 .19 .20 .22 S11 ANG -12.31 -23.63 -34.70 -44.55 -53.23 -60.42 -66.51 -71.94 -76.60 -81.19 -85.79 -90.41 -95.79 -100.84 -106.89 -113.52 -120.69 -128.54 -136.73 -145.48 -153.95 -161.96 -169.65 -177.12 176.33 170.73 165.64 160.85 156.69 153.43 MAG 10.46 9.75 9.25 8.62 7.96 7.27 6.64 6.08 5.57 5.15 4.77 4.45 4.17 3.91 3.70 3.50 3.33 3.18 3.04 2.92 2.81 2.71 2.61 2.53 2.45 2.37 2.31 2.24 2.18 2.12 S21 ANG 162.72 149.86 138.82 129.30 120.72 113.73 107.23 101.84 97.19 92.96 89.24 85.71 82.52 79.44 76.63 73.79 71.22 68.57 66.08 63.46 61.14 58.79 56.38 53.98 51.77 49.49 47.17 45.04 42.82 40.65 MAG .02 .03 .04 .06 .06 .07 .08 .09 .10 .10 .11 .12 .13 .14 .14 .15 .16 .17 .18 .19 .20 .20 .21 .22 .23 .24 .25 .26 .27 .27 S12 ANG 81.62 74.55 69.69 66.77 64.98 63.78 63.28 62.73 62.37 62.23 61.85 61.60 61.06 60.78 60.08 59.69 58.93 58.47 57.63 57.05 56.13 55.20 54.17 53.43 52.54 51.49 50.53 49.38 48.22 47.15 MAG .96 .90 .81 .74 .68 .62 .58 .55 .52 .49 .47 .45 .43 .42 .40 .39 .37 .36 .34 .33 .32 .30 .29 .27 .26 .24 .22 .21 .19 .17 S22 ANG -9.77 -17.75 -23.24 -27.15 -29.45 -31.18 -32.03 -32.89 -33.36 -33.76 -34.33 -34.67 -35.08 -35.79 -36.32 -37.17 -38.02 -38.84 -40.00 -40.74 -42.01 -43.19 -44.77 -46.33 -48.08 -49.77 -51.64 -54.34 -56.82 -59.19
VCE = 3 V, IC = 10 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .79 .67 .55 .44 .37 .31 .26 .23 .20 .18 .15 .14 .12 .11 .10 .09 .08 .08 .08 .09 .09 .10 .11 .12 .13 .14 .16 .17 .19 .20 S11 ANG -18.18 -33.75 -46.32 -55.16 -61.11 -65.90 -69.64 -73.22 -76.64 -80.09 -84.01 -88.42 -94.33 -100.18 -107.91 -116.38 -126.27 -137.48 -148.12 -158.61 -168.26 -176.89 176.30 170.07 164.55 160.22 156.24 152.57 149.35 146.66 MAG 17.81 15.65 13.67 11.71 10.03 8.70 7.66 6.84 6.18 5.63 5.17 4.80 4.47 4.18 3.94 3.72 3.53 3.36 3.21 3.08 2.96 2.85 2.74 2.66 2.57 2.49 2.41 2.34 2.29 2.21 S21 ANG 156.05 139.27 125.80 115.64 108.02 102.30 97.45 93.31 89.63 86.38 83.43 80.51 77.83 75.30 72.79 70.38 68.12 65.70 63.57 61.31 59.03 56.80 54.71 52.56 50.55 48.36 46.36 44.39 42.02 40.11 MAG .02 .03 .04 .05 .06 .07 .07 .08 .09 .10 .11 .12 .13 .14 .15 .15 .16 .17 .18 .19 .20 .21 .22 .23 .24 .25 .26 .27 .27 .28 S12 ANG 79.00 72.98 69.74 69.07 68.93 68.67 68.49 68.26 68.18 67.74 67.32 66.68 65.96 65.40 64.56 63.80 62.66 62.05 60.90 59.98 58.90 57.81 56.71 55.52 54.48 53.37 52.12 50.92 49.67 48.32 MAG .92 .80 .69 .61 .56 .52 .49 .46 .44 .43 .41 .40 .38 .37 .36 .34 .33 .32 .31 .29 .28 .26 .25 .24 .22 .21 .19 .17 .16 .14 S22 ANG -14.07 -22.91 -27.06 -28.96 -29.47 -29.62 -29.55 -29.57 -29.61 -29.60 -29.87 -29.99 -30.36 -30.99 -31.58 -32.25 -33.11 -33.82 -34.82 -35.72 -36.80 -37.90 -39.12 -40.48 -42.08 -43.45 -44.76 -46.97 -49.05 -51.14
12
PA833TF
[MEMO]
13
PA833TF
[MEMO]
14
PA833TF
[MEMO]
15
PA833TF
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of UPA833TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X