Part Number Hot Search : 
XP4214 F10N6 R1045 GL34G PD1600 008ECA EKM6611 MM3Z5535
Product Description
Full Text Search
 

To Download TDS7054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Phosphor Oscilloscopes
TDS7000B Series
Features & Benefits
Up to 7.25 GHz True Analog Bandwidth and Down to 43 ps Rise Time (20% to 80%) >400,000 wfms/s Waveform Capture Rate, Powered by Exclusive DPX(R) Acquisition Technology 20 GS/s Maximum Real-time Sample Rate Exceptional Delta-time Accuracy for High-confidence in Critical Timing Measurements Powerful Triggering Features for Fast Detection of Relevant Faults Communications Mask Testing Up to 4.25 Gb/s Rates Clock Recovery from Serial Data Streams up to 3.125 Gb/s Up to 64 MB Record Length with MultiView ZoomTM for Quick Navigation of Long Records
Superior Measurement Fidelity, Unrivaled Analysis, Uncompromised Usability The TDS7000B Series' unique combination of superior measurement fidelity, unrivaled analysis, and uncompromised usability makes it the ultimate test machine to simplify and speed the design of high-speed, complex systems. This family offers the industry's best solution to the challenging signal integrity issues faced by designers verifying, characterizing and debugging sophisticated electronic designs. They deliver up to 7.25 GHz (typical) true analog bandwidth, down to 43 ps rise time (20% to 80%) and 20 GS/s maximum realtime sample rate to capture critical events with fine detail. Exclusive DPX(R) acquisition technology enables waveform capture rates up to 400,000 wfms/s to quickly find rare glitches in seconds or minutes, instead of hours or days. Innovative software solutions deliver domain expertise for advanced analysis and compliance testing, while the OpenChoice(R) architecture enables users to integrate their expertise through the ability to easily write custom programs or utilize popular commercial software. The intuitive graphical user interface delivers sophisticated capability to advanced users without intimidating occasional users.
TekConnect(R) Interface for High Fidelity Connection Classic Direct Controls, Touch-sensitive Display, or Mouse Navigation OpenChoice(R) with Windows 2000 Delivers Built-in Networking and Analysis XGA 1024x768 display
Applications
Signal Integrity, Jitter and Timing Analysis Verification, Debug and Characterization of Sophisticated Designs Design Development and Compliance Testing of Serial Data Streams Up to 4.25 Gb/s Rates Debug of Telecom, Datacom and Storage Area Network Equipment Designs and High-speed Backplanes Spectral Analysis Investigation of Transient Phenomena
1
Oscilloscopes * www.tektronix.com/tds7000B
Digital Phosphor Oscilloscopes
TDS7000B Series
Characteristics
Ve r t i c a l S y s t e m
TDS7054 TDS7104 TDS7154B TDS7254B TDS7404B TDS7704B
Input Channels Hardware Analog Bandwidth (-3 dB)
4 500 MHz
4 1 GHz
4 1.5 GHz*1
4 2.5 GHz*1
4 4 GHz*1
4 7.25 GHz*1 (typical), 7 GHz*1 guaranteed 62 ps 43 ps (2.5% + (2% x offset))
Rise Time 10% to 90% (typical) Rise Time 20% to 80% (typical) DC Gain Accuracy Hardware Bandwidth Limits Input Coupling Input Impedance Input Sensitivity, 1 M Input Sensitivity, 50 Vertical Resolution Max Input Voltage, 1 M
800 ps 1%
400 ps
200 ps 135 ps
130 ps 83 ps (2% + (2% x offset))
100 ps 72 ps
250 MHz or 20 MHz AC, DC, GND 1 M 0.5% or 50 1% 1 mV/div to 10 V/div 1 mV/div to 1 V/div 8-Bit (>11-Bit with averaging) 150 V CAT I Derate at 20 dB/decade to 9 VRMS above 200 kHz 5 VRMS with peaks less than 30 Volts 1 mV/div to 100 mV/div: 1 V 101 mV/div to 1 V/div: 10 V 1.01 V/div to 10 V/div: 100 V 100:1 at 100 MHz and 30:1 at the rated bandwidth
Requires TCA-1 MEG DC, GND 50 2.5% -- 2 mV/div to 1 V/div 8-Bit (>11-Bit with averaging) --
Max Input Voltage, 50
<1 VRMS for <100 mV/div, <5 VRMS for 100 mV/div settings Also determined by TekConnect(R) accessory 2 mV to 50 mV/div: 0.5 V 50.5 mV to 99.5 mV: 0.25 V 100 mV to 500 mV: 5 V 505 mV to 1 V/div: 2.5 V 80:1 at 1.5 GHz and 15:1 at rated bandwidth
Offset Range
Channel-to-Channel Isolation Any Two Channels at Equal Vertical Scale Settings
*1
At 10 mV/div.
Note: Typical system bandwidth of TDS7404B with P7240: 4 GHz. Note: Typical system bandwidth of TDS7404B with P7330: 3.5 GHz. Note: Typical system bandwidth of TDS7704B with P7260: 6 GHz Note: Typical system bandwidth of TDS7704B with P7350: 5 GHz.
2
Oscilloscopes * www.tektronix.com/tds7000B
Digital Phosphor Oscilloscopes
TDS7000B Series
Ti m e B a s e S y s t e m
TDS7054/TDS7104 TDS7154B/TDS7254B/TDS7404B/TDS7704B
Time Base Range Time Base Delay Time Range Channel-to-channel Deskew Range Delta Time Measurement Accuracy Trigger Jitter (RMS)
200 ps/div to 40 s/div 16 ns to 250 s 25 ns ((0.06/sample rate) + (15 ppm x reading)) RMS 8 psRMS (typical)
50 ps to 10 s/div 5 ns to 250 s 75 ns ((0.06/sample rate) + (2.5 ppm x reading)) RMS 2 psRMS (typical) (7254B/7154B) 1.5 psRMS (typical) (7404B) 1.2 psRMS (typical) (7704B) 2.5 ppm over any 100 ms interval
Long Term Sample Rate and Delay Time Accuracy
15 ppm over 1 ms interval
Acquisition System
TDS7054 Real-time Sample Rates TDS7104 TDS7154B/ TDS7254B/ TDS7404B/ TDS7704B
1 channel (max) 2 channels (max) 3-4 channels (max) Equivalent Time Sample Rate (max) Maximum Record Length per Channel with Standard Memory With Memory Opt. 2M With Memory Opt. 3M With Memory Opt. 4M With Memory Opt. 5M
5 GS/s 5 GS/s 2.5 GS/s 250 GS/s
10 GS/s 5 GS/s 2.5 GS/s 250 GS/s
20 GS/s 10 GS/s 5 GS/s 1 TS/s 4 Mb (1-CH.), 2 Mb (2-CH.), 1 Mb (4-CH.)
2 Mb (1-CH.), 1 Mb (2-CH.), 500 Kb (4-CH.) 8 Mb (1-CH.), 4 Mb (2-CH.), 2 Mb (4-CH.) 16 Mb (1-CH.), 8 Mb (2-CH.), 4 Mb (4-CH.)
32 Mb (1-CH.), 16 Mb (2-CH.), 8 Mb (4-CH.) 64 Mb (1-CH.), 32 Mb (2-CH.), 16 Mb (4-CH.)
Oscilloscopes * www.tektronix.com/tds7000B
3
Digital Phosphor Oscilloscopes
TDS7000B Series
Maximum Duration at Highest Real-time Resolution (1-CH)
TDS7054 TDS7104 TDS7154B/TDS7254B/TDS7404B/TDS7704B
Time Resolution (Single-shot) Max Duration with Standard Memory Max Duration with Opt. 2M Max Duration with Opt. 3M Max Duration with Opt. 4M Max Duration with Opt. 5M
200 ps (5 GS/s) 400 s 1.6 ms 3.2 ms
100 ps (10 GS/s) 200 s 800 s 1.6 ms
50 ps (20 GS/s) 200 s 400 s 800 s 1.6 ms 3.2 ms
Acquisition Modes
TDS7054/TDS7104 TDS7154B/TDS7254B/TDS7404B/TDS7704B
(R)
FastAcq Acquisition Maximum FastAcq Waveform Capture Rate Waveform Database Sample Peak Detect Minimum Peak Detect Pulse Width Averaging Envelope Hi-res FastFrameTM Acquisition
Powered by exclusive DPX acquisition technology, FastAcq optimizes the instrument for analysis of dynamic signals and capture of infrequent events >200,000 wfms/sec >400,000 wfms/sec
Accumulate Waveform Database providing three-dimensional array of amplitude, time and counts Acquire sampled values Captures narrow glitches at all real-time sampling rates 1 ns 400 ps From 2 to 10,000 waveforms included in average From 2 to 2x10 9 waveforms included in min-max envelope Real-time boxcar averaging reduces random noise and increases resolution Acquisition memory divided into segments; maximum trigger rate >265,000 waveforms per second. Time of arrival recorded with each event
4
Oscilloscopes * www.tektronix.com/tds7000B
Digital Phosphor Oscilloscopes
TDS7000B Series
P i n p o i n t TM Tr i g g e r S y s t e m
TDS7054 Sensitivity TDS7104 TDS7154B/TDS7254B/TDS7404B/TDS7704B
Internal DC Coupled
0.35 div DC to 50 MHz increasing to 1 div at 500 MHz 400 mV from DC to 50 MHz increasing to 750 mV at 100 MHz
0.35 div DC to 50 MHz increasing to 1 div at 1 GHz 250 mV from DC to 50 MHz increasing to 500 mV at 100 MHz
0.5 div DC to 50 MHz increasing to 1.5 div at 3 GHz TDS7404B/TDS7704B: 2.7 div at 4 GHz (typical)
External (Auxiliary Input)
150 mV from DC to 50 MHz increasing to 500 mV at 2.5 GHz
Main Trigger Modes Trigger Sequences
Trigger Characteristics
Auto, Normal and Single Main, Delayed by Time, Delayed by Events. All sequences can include separate horizontal delay after the trigger event to position the acquisition window in time
Standard Trigger Types
Edge, Glitch, Runt, Width, Transition Time, Timeout, Pattern, State, Setup/Hold A Event: All above types Delayed B Event: Edge
Edge, Glitch, Runt, Width, Transition Time, Timeout, Pattern, State, Setup/Hold, Window - all except Edge, Pattern and State can be logic qualified by up to two channels A Event and Delayed B Event: All above types Reset: Reset if B Event does not occur within specified time, before specified number of events, or before specified State changes
A Event and Delayed B Event Trigger Types
Communications-related Triggers (requires Option SM) Serial Pattern Trigger (requires Option ST)
Trigger Level Range
Support for AMI, HDB3, BnZS, CMI, MLT3 and NRZ encoded communications signals. Select among isolated positive or negative one, zero pulse form or eye patterns as applicable to standard 64-Bit serial word recognizer, bits specified in binary (high, low, don't care) or hex format. Trigger on NRZ-encoded data up to 1.25 GBaud
Internal External (Auxiliary In) Line Trigger Coupling Trigger Holdoff Range 8 V
12 divisions from center of screen 5 V fixed at 0 V DC, AC (attenuates <60 Hz), HF Rej (attenuates >30 kHz), LF Rej (attenuates <80 kHz), Noise Reject (reduces sensitivity) 250 ns minimum to 12 s maximum
Oscilloscopes * www.tektronix.com/tds7000B
5
Digital Phosphor Oscilloscopes
TDS7000B Series
Clock Recovery System (Option SM, ST)
TDS7154B/TDS7254B/TDS7404B/TDS7704B
Clock Recovery Phase Locked Loop Bandwidth Tracking/Acquisition Range Clock Recovery Jitter (typical) Input Sensitivity for Clock Recovery Input Data Rates
Trigger Modes
Fbaud/1600 typical 2% of requested baud 0.25% period +5 psRMS for PRBS data pattern or 4 psRMS for repeating "011" data patterns 1 division peak-to-peak displayed signal 1.5 Mbaud to 3.125 Gbaud Timeout - Trigger on an event which remains high, low or either, for a specified time period, selectable from 1 ns (TDS7104/TDS7054) or 340 ps (B models) to 1 s with 200 ps (TDS7104/TDS7054) or 100 ps (B models). Transition - Trigger on pulse edge rates that are faster or slower than specified. Slope may be positive, negative or either. Setup/Hold - Trigger on violations of both setup time and hold time between clock and data present on any two input channels. Pattern - Trigger when pattern goes false or stays true for specified period of time. Pattern (AND, OR, NAND, NOR) specified for four input channels defined as HIGH, LOW or Don't Care. State - Any logical pattern of channels (1, 2, 3) clocked by edge on channel 4. Trigger on rising or falling clock edge. Window - Trigger on an event that enters or exits a window defined by two user-adjustable thresholds. Event can be time or logic qualified (B models only). Logic Qualified Trigger applicable to Glitch, Width, Runt, Timeout, Transition, Setup/Hold, Window triggers - Trigger on the specified event only if the logic state defined with the remaining unused channels occurs (B models only). Trigger Delay by Time - 16 ns (5 ns for B models) to 250 seconds. Trigger Delay by Events - 1 to 10,000,000 Events.
Edge - Positive and/or negative slope on any channel or front panel auxiliary input. Coupling includes DC, AC, noise reject, HF reject and LF reject. Glitch - Trigger on or reject glitches of positive, negative or either polarity. Minimum glitch width is 1.0 ns with 200 ps resolution (TDS7104/TDS7054). Minimum glitch width is 170 ps (TDS7704B) or 225 ps (all other B models) with rearm time of 250 ps (B models). Width - Trigger on width of positive or negative pulse (down to 170 ps on B models) either within or out of selectable time limits - 1 ns (TDS7104/ TDS7054) or 340 ps (B models) to 1 s. Runt - Trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again. Optional time qualification.
6
Oscilloscopes * www.tektronix.com/tds7000B
Digital Phosphor Oscilloscopes
TDS7000B Series
Waveform Measurements
Waveform Processing/Math
Display Characteristics
Amplitude - Amplitude, High, Low, Maximum, Minimum, Peak-to-Peak, Mean, Cycle Mean, RMS, Cycle RMS, Positive Overshoot, Negative Overshoot. Time - Rise Time, Fall Time, Positive Width, Negative Width, Positive Duty Cycle, Negative Duty Cycle, Period, Frequency, Delay. Combination - Area, Cycle Area, Phase, Burst Width. Histogram-related - Waveform Count, Hits in Box, Peak Hits, Median, Maximum, Minimum, Peak-toPeak, Mean (), Standard Deviation (), + 1, + 2, + 3. Eye Pattern-related (B models only) - Extinction Ratio (absolute, %, and dB), Eye Height, Eye Top, Eye Base, Eye Width, Crossing %, Jitter (Peak-toPeak, RMS and 6), Noise (Peak-to-Peak and RMS), S/N ratio, Cycle Distortion, Q-factor.
Algebraic Expressions - Define extensive algebraic expressions including waveforms, scalars and results of parametric measurements e.g. (Integral (CH.1-Mean(CH.1)) x 1.414). Arithmetic - Add, subtract, multiply, divide waveforms and scalars. Relational - Boolean result of comparison >, <, >=, <=, ==, !=. Calculus - Integrate, differentiate. Frequency Domain Functions - Spectral magnitude and phase, real and imaginary spectra. Vertical Units - Magnitude: Linear, dB, dBm; Phase: Degrees, radians. Window Functions - Rectangular, Hamming, Hanning, Kaiser-Bessel, Blackman-Harris, Gaussian, Flattop2, Tek Exponential. Waveform Definition - As arbitrary math expression.
Display Type - Liquid crystal active-matrix color display. Display Size - Diagonal: 264 mm (10.4 in.). Display Resolution - TDS7104/TDS7054: 640 horizontal x 480 vertical pixels. TDS7154B/TDS7254B/TDS7404B/TDS7704B: 1024 horizontal x 768 vertical pixels. Waveform Styles - Vectors, Dots, Variable Persistence, Infinite Persistence.
Oscilloscopes * www.tektronix.com/tds7000B
7
Digital Phosphor Oscilloscopes
TDS7000B Series
Computer System and Peripherals
Input/Output Ports
CPU - TDS7104/TDS7054: Intel Celeron processor, 850 MHz. TDS7154B/TDS7254B/TDS7404B/TDS7704B: Intel Pentium 4 processor, 2.0 GHz. PC System Memory - 512 MB. Hard Disk Drive - 40 GB removable hard disk drive: rear-panel or (B models only) front-panel, (option FHD). Floppy Disk Drive - 1.44 MB 3.5 in floppy disk drive: front-panel, or (B models only) rear-panel (option FHD). CD-R/W Drive - Rear-panel CD-R/W drive with CD creation software application. Mouse - Thumb wheel model included, USB interface. Keyboard - Order 118-9402-00 for small keyboard (fits in pouch); PS-2 interface. Order 119-6633-00 for full-size keyboard; USB interface and hub.
Probe Compensator Output - Front panel BNC connector, requires Probe Cal-Deskew Fixture (included) for probe attachment. Amplitude 200 mV (TDS7104/TDS7054) or 500mV (B models) 20% into a 50 load, frequency 1 kHz 5%. Analog Signal Output Amplitude - Front-panel BNC connector, provides a buffered version of the signal that is attached to the Ch 3 input when Ch 3 is selected as trigger source. 20 mV/div 20% into a 1.8 M load, 10 mV/div 20% into a 50 load. Analog Signal Output Bandwidth, Typical - TDS7054, TDS7104: 100 MHz into a 50 load. TDS7154B/TDS7254B/TDS7404B/TDS7704B: 1 GHz into a 50 load. External Time Base Reference In - Rear-panel BNC connector, time base system can phase-lock to external 10 MHz reference. Time Base Reference Out - Rear-panel BNC connector, accepts TTL-compatible output of internal 10 MHz reference oscillator. Auxiliary Output Levels - Front-panel BNC connector, provides a TTL-compatible, polarity switchable pulse when the oscilloscope triggers. Parallel Port - IEEE 1284, DB-25 connector.
Audio Ports - Miniature phone jacks for stereo microphone input and stereo line output. USB Port - Allows connection or disconnection of USB keyboard and/or mouse while oscilloscope power is on. B models have 2 USB ports. Keyboard Port - PS-2 compatible. Mouse Port - PS-2 compatible. LAN Port - RJ-45 connector, supports 10Base-T and 100Base-T. Serial Port - DB-9 COM1 port. Windows Video Port - 15 pin D-Sub connector on the rear panel; connect a second monitor to use dual-monitor display mode. Video is DDC2B compliant. GPIB Port - IEEE 488.2 standard. Oscilloscope Video Port - 15 pin D-Sub connector on the rear panel, video is IBM XGA compatible on B models. Connect to show the oscilloscope display, including live waveforms on an external monitor or projector. The primary Windows desktop can also be displayed on an external monitor using this port.
Power Source
Power - 100 to 240 VRMS 10%, 50/60 Hz; 115 VRMS 10%, 400 Hz; CAT II, <300 W (450 VA).
8
Oscilloscopes * www.tektronix.com/tds7000B
Digital Phosphor Oscilloscopes
TDS7000B Series
Physical Characteristics
Environmental
BENCHTOP CONFIGURATION Dimensions mm
Height Width Depth 277 455 425
in.
10.9 17.9 16.75
Weight
Net Shipping
kg
19.1 37
lbs.
42.0 85
Temperature - Operating: 0 C (TDS7104/TDS7054) or +5 C (B models) to +50 C, excluding floppy disk and CD-R/W drives; +10 C to +45 C, including floppy disk and CD-ROM drives. Nonoperating: -22 C to +60 C. Humidity - Operating: 20% to 90% relative humidity with a maximum wet bulb temperature of +29 C at or below +50 C, noncondensing. Upper limit derated to 25% relative humidity at +50 C. Nonoperating: With no diskette in floppy disk drive. 20% to 90% relative humidity with a maximum wet bulb temperature of +29 C at or below +60 C, noncondensing. Upper limit derated to 20% relative humidity at +60 C.
Altitude - Operating: 10,000 ft. (3,048 m). Nonoperating: 40,000 ft. (12,190 m). Random Vibration - Operating: 0.000125 G2/Hz from 5 to 350 Hz, -3 dB/octave from 350 to 500 Hz, 0.0000876 G2/Hz at 500 Hz. Overall level of 0.24 GRMS. Nonoperating: 0.0175 G2/Hz from 5 to 100 Hz, -3 dB/octave from 100 to 200 Hz, 0.00875 G2/Hz from 200 to 350 Hz, -3 dB/octave from 350 to 500 Hz, 0.006132 G2/Hz at 500 Hz. Overall level of 2.28 GRMS. Electromagnetic Compatibility - 89/336/EEC. Safety - UL 3111-1, CSA 1010.1, EN61010-1.2, IEC 61010-1.
RACKMOUNT CONFIGURATION Dimensions mm
Height Width Depth 277 502 486
in.
10.5 19.75 19.125
Weight
Net Kit
kg
18.6 5.6
lbs.
41 12.25
MECHANICAL Cooling - Required mm Clearance
Top Bottom Left side Right side Front Rear 0 or >76 0 76 76 0 0
in.
0 or >3 0 3 3 0 0
Oscilloscopes * www.tektronix.com/tds7000B
9
Digital Phosphor Oscilloscopes
TDS7000B Series
Options (available on models indicated by "x")
TDS7054 Acquisition Memory Options TDS7104 TDS7154B TDS7254B TDS7404B TDS7704B
2M 3M 4M 5M
8 Msamples max, 2 Msamples/ch 16 Msamples max, 4 Msamples/ch 32 Msamples max, 8 Msamples/ch 64 Msamples max, 16 Msamples/ch
x x
x x
x x x x
x x x x
x x x x
x x x x
Software Options
DVI DVD ET3 JT3 J3E J2 CP2*1
TDSDVI DVI compliance test solution TDSDVD Optical storage analysis TDSET3 Ethernet compliance test software TDSJIT3 Advanced jitter analysis software TDSJIT3 Essentials TDSDDM2 Disk drive analysis software TDSCPM2 ANSI/ITU Telecom pulse compliance testing software TDSUSBS USB2.0 Compliance test S/W only Serial communications mask testing Serial pattern trigger TDSPWR3 Power measurement and analysis software Serial Data Compliance and Analysis Software PCI ExpressTM Compliance Module for option RTE InfiniBand(R) Compliance Module for option RTE
Option SM. Option TDSUSBF (USB Test Fixture). Option RTE.
x x x x x x x x x x x x x x x x x x x x x x x x x
x x x x x x x
x x x x x x x
USB*2 SM ST PW3 RTE PCE*3 IBA*3
*1 Requires *2 Requires *3 Requires
x x
x x
x x x
x x x x x
x x x x x x x
x x x x x x x
x
x
x x
To view instrument upgrades for the TDS7000 and TDS7000B Series, please go to www.tektronix.com/tds7000b_upgrades.
10 Oscilloscopes * www.tektronix.com/tds7000B
Digital Phosphor Oscilloscopes
TDS7000B Series
Ordering Information
TDS7054
Instrument Options
Power Plug Options
Adapters
500 MHz Digital Phosphor Oscilloscope.
TDS7104
1 GHz Digital Phosphor Oscilloscope. TDS7104 and TDS7054 include: (4) P6139A 500 MHz, 10x Passive Probes, accessory pouch, front cover, mouse, probe calibration and deskew fixture (067-0405-xx), quick reference kit (020-2404-xx), user manual (071-1035-xx), TDS7000 Series product software CD-ROM, TDS7000 Series operating system restoration CD-ROM, TDS7000 Series optional applications software CD-ROM, performance verification procedure PDF file, GPIB programmer's reference (on product software CD-ROM), calibration certificate documenting NIST traceability, 2 540-1 compliance and ISO9000, power cord, one year warranty.
TDS7154B
Opt. A0 - North America power. Opt. A1 - Universal EURO power. Opt. A2 - United Kingdom power. Opt. A3 - Australia power. Opt. A5 - Switzerland power. Opt. A6 - Japan power. Opt. A99 - No power cord or AC adapter. Opt. A10 - China power.
Mounting Options
TCA-1MEG - TekConnect(R) High-impedance Buffer Amplifier. TCA-SMA - TekConnect-to-SMA Adapter. TCA-N - TekConnect-to-N Adapter. TCA-BNC - TekConnect-to-BNC Adapter. TCA75 - 4 GHz Precision TekConnect 75 to 50 Adapter with 75 BNC Input Connector. AFTDS - Telecom Differential Electrical Interface Adapter (for line rates <8 MB/s; requires TCA-BNC adapter for TDS7404B).
Cables
1K - K4000 Oscilloscope Cart. 1R - Rackmount Kit.
Disk Drive Options (for TDS7154B, TDS7254B, TDS7404B, and TDS7704B only)
GPIB Cable (1 m) - Order 012-0991-01. GPIB Cable (2 m) - Order 012-0991-00. RS-232 Cable - Order 012-1298-00. Centronics Cable - Order 012-1214-00.
Test Fixtures
1.5 GHz Digital Phosphor Oscilloscope.
TDS7254B
2.5 GHz Digital Phosphor Oscilloscope.
TDS7404B
Opt. FHD- Front-panel 40 GB removable hard disk drive, replaces floppy disk drive that goes on the rear panel.
Service Options
TDSUSBF - TDSUSB test fixture for use with Opt. USB.
Software
WSTRO - WaveStarTM waveform capture and documentation software.
Miscellaneous
4 GHz Digital Phosphor Oscilloscope.
TDS7704B
7 GHz Digital Phosphor Oscilloscope. TDS7154B, TDS7254B, TDS7404B, and TDS7704B Include: Accessory pouch, front cover, mouse, user manual (071-1226-xx), quick reference kit (020-2519-xx), TDS7000B Series product software CD-ROM 063-3632-00 (TDS7154/7254/7404B) 063-3633-00 (TDS7704B), TDS7000B Series operating system restoration CD-ROM, TDS7000B Series optional applications software CD-ROM, performance verification procedure PDF file, GPIB programmer's reference (on product software CD-ROM), calibration certificate documenting NIST traceability, 2 540-1 compliance and ISO9000, power cord, one year warranty. For TDS7154B and TDS7254B Only, Also Includes: (4) TekConnect(R) to BNC adapters (TCA-BNC), (2) TekConnect high-impedance buffer amplifiers (TCA-1MEG), and deskew fixture (067-0405-xx). For TDS7404B and TDS7704B Only, Also Includes: (4) TekConnect to SMA adapters (TCA-SMA). For TDS7404B Only, Also Includes: Deskew fixture (067-0405-xx). TDS7704B Only, Also Includes: Deskew fixture (067-0484-xx). Please specify disk drive and power cord option when ordering.
Opt. C3 - Calibration Service 3 Years. Opt. C5 - Calibration Service 5 Years. Opt. D1 - Calibration Data Report. Opt. D3 - Calibration Data Report 3 Years (with Option C3). Opt. D5 - Calibration Data Report 5 Years (with Option C5). Opt. R3 - Repair Service 3 Years. Opt. R5 - Repair Service 5 Years. Recommended Accessories
Probes
Keyboard (USB interface) - Order 119-6633-00. Service Manual - TDS7054/TDS7104:
Order 071-0711-xx. TDS7154B/TDS7254B/TDS7404B/TDS7704B: Order 071-0898-xx.
Transit Case - Order 016-1522-00.
P7350 - 5 GHz Differential Probe recommended for TDS7404B/TDS7704B. P7350SMA - 5 GHz SMA input Differential Probe P7260 - 6 GHz Active Probe recommended for TDS7404B/TDS7704B. P6158 - 3 GHz, 20x Low C Probe. P6247 - 1.0 GHz Differential Probe. P6139A - 500 MHz, 10x Passive Probe. P6245 - 1.5 GHz Active Probe. P6248 - 1.7 GHz Differential Probe. P7240 - 4 GHz Active Probe. P7330 - 3.5 GHz Differential Probe.
Oscilloscopes * www.tektronix.com/tds7000B
11
Digital Phosphor Oscilloscopes
TDS7000B Series
Contact Tektronix:
ASEAN / Australasia / Pakistan (65) 6356 3900 Austria +41 52 675 3777 Balkan, Israel, South Africa and other ISE Countries +41 52 675 3777 Belgium 07 81 60166 Brazil & South America 55 (11) 3741-8360 Canada 1 (800) 661-5625 Central East Europe, Ukraine and Baltics +41 52 675 3777 Central Europe & Greece +41 52 675 3777 Denmark 80 88 1401 Finland +41 52 675 3777 France & North Africa +33 (0) 1 69 81 81 Germany +49 (221) 94 77 400 Hong Kong (852) 2585-6688 Tektronix (India) Private Limited (91) 80-22275577 Italy +39 (02) 25086 1 Japan 81(3)6714-3010 Luxembourg +44 (0) 1344 392400 Mexico, Central America & Caribbean 52 (55) 56666-333 Middle East, Asia and North Africa +41 52 675 3777 The Netherlands 090 02 02797 Norway 800 16098 People's Republic of China 86 (10) 6235 1230 Poland +41 52 675 3777 Portugal 80 08 12370 Republic of Korea 82 (2) 528-5299 Russia, CIS & The Baltics 7 095 775 1064 South Africa +27 11 254 8360 Spain (+34) 901 988 054 Sweden 020 08 80371 Switzerland +41 52 675 3777 Taiwan 886 (2) 2722-9622 United Kingdom & Eire +44 (0) 1344 392400 USA 1 (800) 426-2200 USA (Export Sales) 1 (503) 627-1916 For other areas contact Tektronix, Inc. at: 1 (503) 627-7111 Last Updated 1 November, 2004
Our most up-to-date product information is available at:
www.tektronix.com
Product(s) are manufactured in ISO registered facilities. Copyright (c) 2005, Tektronix, Inc. All rights reserved. Tektronix products are covered by U.S. and foreign patents, issued and pending. Information in this publication supersedes that in all previously published material. Specification and price change privileges reserved. TEKTRONIX and TEK are registered trademarks of Tektronix, Inc. All other trade names referenced are the service marks, trademarks or registered trademarks of their respective companies. 01/05 HB/WOW 55W-13766-9
12 Oscilloscopes * www.tektronix.com/tds7000B


▲Up To Search▲   

 
Price & Availability of TDS7054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X