Part Number Hot Search : 
DTC144 MP38892 BRF15N65 5962F MCP607I IDT71V 1A470 1N445
Product Description
Full Text Search
 

To Download SY100EL16S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
SYNERGY
5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16S
SY100EL16S
FEATURES
s s s s 5V power supply options High bandwidth output transitions Internal 75K pull-down resistors on inputs Functionally equivalent to SY10/100EL16V with variable output swing s Improved output waveform characteristics s ESD protection of 2000V s Available in 8-pin (3mm) TSSOP
DESCRIPTION
The SY100EL16S is a differential receiver with variable output swing. This device is functionally equivalent to the EL16V, with an additional input that control the output amplitude. The operating range of the EL16S control input is from VBB (max. swing) to VCC (min. swing). Control of the output swing can be obtained by a variable resistor between the VBB pin and VCC with the wiper driving VCTRL. The EL16S provides a VBB output for either singleended use or as a DC bias for AC coupling to the device. The VBB pin should be used only as a bias for the EL16S as its current sink/source capability is limited. Whenever used, the VBB pin should be bypassed to VCC via a 0.01F capacitor. Under open input conditions (pulled to VEE), internal input clamps will force the Q output LOW.
PIN CONFIGURATION/BLOCK DIAGRAM
VCTRL D D VBB
1 2 3 4
9 7 6 5
VCC Q Q VEE
PIN NAMES
Pin D, D Q, Q VBB Data Inputs Data Outputs Reference Voltage Output Output Swing Control Function
TOP VIEW
VCTRL
TYPICAL VOLTAGE OUTPUT SWING
100 90 +105C
VOLTAGE SWING (%)
80 70 60 50 40 30 20 10 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 VCC - VCTRL -40C +45C
Figure 1. Typical Voltage Output Swing VCC = 5V
(c) 1999 Micrel-Synergy
Rev.: B Amendment: /0
1
Issue Date: November 1999
SEMICONDUCTOR
SYNERGY
SY100EL16S
DC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = -40C Symbol IEE VBB IIH Parameter Power Supply Current Output Reference Voltage Input HIGH Current -D, D -VCTRL Min. -- -1.38 -- -- Typ. -- -- -- -- Max. 22 -1.26 150 40 Min. -- -1.38 -- -- TA = 0C Typ. -- -- -- -- Max. 22 -1.26 150 40 9 -1.38 -- -- TA = +25C Min. Typ. 18 -- -- -- Max. 22 -1.26 150 40 9 -1.38 -- -- TA = +85C Min. Typ. 21 -- -- -- Max. Unit 26 -1.26 150 40 mA V A
NOTE: 1. Parametric values specified at:
100EL16S Series:
-4.5V to -5.5V.
AC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = -40C Symbol tPLH tPHL tskew VPP VCMR VOL VOL VOH tr tf Parameter Propagation Delay to Output D (Diff) D (SE) Min. 175 125 -- 150 -1.3 -1890 Typ. -- 250 5 -- -- -- -- -- -- Max. 325 425 -- -- -0.4 Min. 175 125 -- 150 -1.4 TA = 0C Typ. Max. -- 250 5 -- -- -- -- -- -- 325 375 20 -- -0.4 175 125 -- 150 -1.4 TA = +25C Min. Typ. -- 250 5 -- -- Max. 325 375 20 -- -0.4 205 125 -- 150 -1.4 TA = +85C Min. Typ. -- 280 5 -- -- -- -- -- -- Max. Unit 355 405 20 -- -0.4 -1680 -990 -880 350 ps ps mV V mV mV mV ps
Duty Cycle Skew(2) (Diff) Minimum Input Common Mode Output LOW Swing(3) Range(4)
Voltage(5) VCTRL = VBB
-1620 -1870 -975 -880 350 -1135 -1025 --
-1680 -1870 -1775 -1680 -1870 -990 -880 350 -1135 -1065 -1025 -- -955 -- -990 -880 350 -1135 -1025 --
Output LOW Voltage(5) -1180 VCTRL = VCC Output HIGH Voltage(6) Output Rise/Fall Times Q (20% to 80%) -1085 --
NOTES: 1. Parametric values specified at: 100EL16S Series: -4.5V to -5.5V. 2. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. 3. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of 40 when output has a full swing. 4. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V - |VCMR (min)|. 5. If VCTRL is Open Circuit, use the VOH (max. & min.) and VOL (VCTRL = VBB: max only) limits. 6. VCC VCTRL VEE
PRODUCT ORDERING CODE
Ordering Code SY100EL16SKC SY100EL16SZC Package Type K8-1 Z8-1 Operating Range Commercial Commercial VEE Range (V) -4.5 to -5.5 -4.5 to -5.5
2
SEMICONDUCTOR
SYNERGY
SY100EL16S
APPLICATION IMPLEMENTATION
VCTRL 1 VCTRL D D VBB 2 3 4 7 Q 6 Q 5 VEE 50 -2V VSWING
(pk-pk)
8 VCC
50
Figure 2. Voltage Source Implementation
+5.0V
1 VCTRL D D 2 3 4 VBB
8 VCC 7 Q 6 Q 5 VEE 470 VSWING
(pk-pk)
470
Figure 3. Alternative Implementation
3
SEMICONDUCTOR
SYNERGY
SY100EL16S
8 LEAD TSSOP (K8-1)
4
SEMICONDUCTOR
SYNERGY
SY100EL16S
8 LEAD PLASTIC SOIC (Z8-1)
5


▲Up To Search▲   

 
Price & Availability of SY100EL16S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X