Part Number Hot Search : 
MAPDCT PN8383 ADR440B UPC1031H C1124 TPS651 AM29L UA1458
Product Description
Full Text Search
 

To Download SML20W65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SML20W65
TO-267 Package Outline.
Dimensions in mm (inches)
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
VDSS 200V 65A ID(cont) RDS(on) 0.026
* Faster Switching * Lower Leakage * TO-267 Hermetic Package
D
StarMOS is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimises the JFET effect, increases packing density and reduces the on-resistance. StarMOS also achieves faster switching speeds through optimised gate layout.
G S
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VDSS ID IDM VGS VGSM PD TJ , TSTG TL IAR EAR EAS Drain - Source Voltage Continuous Drain Current 3 Pulsed Drain Current 1 3 Gate - Source Voltage Gate - Source Voltage Transient Total Power Dissipation @ Tcase = 25C Derate Linearly Operating and Storage Junction Temperature Range Lead Temperature : 0.063" from Case for 10 Sec. Avalanche Current 1 3 (Repetitive and Non-Repetitive) Repetitive Avalanche Energy 1 Single Pulse Avalanche Energy 2
1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Starting TJ = 25C, L = 1.18mH, RG = 25, Peak IL = 65A 3) Maximum current limited by package.
200 65 260 30 40 400 3.2 -55 to 150 300 65 50 2500
V A A V W W/C C A mJ
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
6/99
SML20W65
STATIC ELECTRICAL RATINGS (Tcase = 25C unless otherwise stated)
BVDSS IDSS IGSS VGS(TH) ID(ON) RDS(ON) Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0V) Gate - Source Leakage Current Gate Threshold Voltage On State Drain Current 2 4 Drain - Source On State Resistance 2 Test Conditions VGS = 0V , ID = 250A VDS = VDSS VDS = 0.8VDSS , TC = 125C VGS = 30V , VDS = 0V VDS = VGS , ID = 2.5mA VDS > ID(ON) x RDS(ON) Max VGS = 10V VGS = 10V , ID = 0.5 ID [Cont.] Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 0.6 Min. Min. 2 65 0.026 Min. 200 Typ. Max. Unit V 65 250 100 4 A nA V A
DYNAMIC CHARACTERISTICS
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge3 Gate - Source Charge Gate - Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Typ. Max. Unit 8500 10200 1950 560 290 66 120 16 25 48 5 2730 840 435 100 180 32 50 72 10 ns nC pF
SOURCE - DRAIN DIODE RATINGS AND CHARACTERISTICS
Characteristic IS ISM VSD trr Qrr Test Conditions Continuous Source Current4 (Body Diode) Pulsed Source Current1 4 Diode Forward Voltage2 Reverse Recovery Time Reverse Recovery Charge (Body Diode) VGS = 0V , IS = - ID [Cont.] IS = - ID [Cont.] , dls / dt = 100A/s IS = - ID [Cont.] , dls / dt = 100A/s Min. 330 5.8 Typ. Max. Unit 65 A 260 1.7 V ns C
THERMAL CHARACTERISTICS
RJC RJA Characteristic Junction to Case Junction to Ambient Typ. Max. Unit 0.31 C/W 40
1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Pulse Test: Pulse Width < 380S , Duty Cycle < 2% 3) See MIL-STD-750 Method 3471 4) Maximum current limited by package. CAUTION -- Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
6/99


▲Up To Search▲   

 
Price & Availability of SML20W65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X