Part Number Hot Search : 
P6KE75CA 1602CT V16100 PM2105 TA7666 M100D SMCJ58 1N988B
Product Description
Full Text Search
 

To Download SD2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel Depletion Mode Lateral DMOS FET
CORPORATION
SD2100 / SST2100
FEATURES DESCRIPTION The SD2100/SST2100 is a depletion mode DMOS lateral FET that provides ultra high speed switching with very low capacitance. The product is available in TO-72 and surface mount SOT-143. ORDERING INFORMATION Part SD2100 SST2100 XSD2100 Package Temperature Range TO-72 -55oC to +125oC SOT-143 -55oC to +125oC Sorted Chips in Carriers -55oC to +125oC
* Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . tON 1.0ns * Low Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . crss 2pf * Low RON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 * Analog Switches * Amplifiers
APPLICATIONS
CONNECTION DIAGRAMS
3
TO-72
2
4 1
3 2
DRAIN (2) BODY (4) GATE (3)
SOURCE 1
1 2 3 4
SOURCE DRAIN GATE SUBSTRATE
3 2 1 4
4 1
BOTTOM VIEW
4
BODY AND CASE
DRAIN
2
3
GATE
SOURCE (1)
BODY IS INTERNALLY CONNECTED TO THE CASE (TOP VIEW)
PART MARKING (SOT-231)
CD1-2
SST2100
D10
SD2100 / SST2100
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = 25oC unless otherwise noted)
SYMBOL VGS VDS ID PD PARAMETERS/TEST CONDITIONS Gate-Source Voltage Drain-Source Voltage Drain Current Power Dissipation Power Derating TJ Tstg TL Operating Junction Temperature Storage Temperature Lead Temperature (1/16" from case for 10 sec.) LIMITS 25 25 50 300 2.4 -55 to 150 -55 to 150 300
o
UNITS V mA mW mW/oC
C
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise noted)
SYMBOL STATIC V(BR)DS IGSS IDSS VGS(OFF ) VGS Drain-Source Breakdown Voltage Gate Reverse Current Saturation Drain Current Gate-Source Cutoff Gate-Source Voltage 0.4 120 rDS(ON) DYNAMIC gfs gos gfs gos Ciss Crss SWITCHING td(ON) tr tOFF Turn-OFF Time 0.7 Turn-ON Time 0.4 5 ns VDD = 5V, RL = 680, VIN = -4V to -2V Forward Transconductance Output Conductance Forward Transconductance Output Conductance Common-Source Input Capacitance Reverse Transfer Capacitance 8000 250 10000 350 5 1 7000 VDG = 10V, VBS = 0V, ID = 10mA, f = 1kHz 500 6 pF 2 VDS = 10V, f = 1MHz, VGS = VBS = -5V 1000 VDS = 10V, VGS = VBS = 0V, f = 1kHz 500 S Drain-Source On-Resistance 40 50 0 1.5 200 25 0.05 7 -1.5 -0.3 -1 0.5 15 1 10 -2 1 V V nA mA VGS = VBS = -5V, ID = 1A VGS = 25V, VDS = VBS = 0V VDS = 10V, VGS = VBS = 0V VDS = 10V, ID = 1A, VBS = 0V VDG = 10V VBS = 0V ID = 100A VBS = 0V ID = 5mA ID = 10mA VGS = 0V VGS = 5V PARAMETER TYP1 MIN MAX UNIT TEST CONDITIONS
Note1: For design aid only, not subject to production testing.


▲Up To Search▲   

 
Price & Availability of SD2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X