Part Number Hot Search : 
PT501 F1010EL CY7C14 MMSZ5221 DG200 2SC3146 2SC3146 02003
Product Description
Full Text Search
 

To Download RTR020P02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RTR020P02
Transistors
Switching (-20V, -2.0A)
RTR020P02
Features 1) Low On-resistance. 2) Built-in G-S Protection Diode. 3) Small and Surface Mount Package (TSMT3). External dimensions (Unit : mm)
TSMT3
0.3~0.6
0~0.1
(1) Gate (2) Source (3) Drain
2.90.1
1.0MAX.
0.850.1 0.70.1
0.4 +0.1 -0.05
(3)
2.80.2
Application Power switching, DC / DC converter.
1.6 +0.2 -0.1
(1)
0.95 0.95
(2)
1.90.2
0.16 +0.1 -0.06
Structure Silicon P-channel MOS FET
Each lead has same dimensions
Abbreviated symbol : TX
Packaging specifications
Package Type RTR020P02 Code Basic ordering unit (pieces) Taping TL 3000
Equivalent circuit
(3)
(1)
2 1
Absolute maximum ratings (Ta=25C)
Parameter Drain-source voltage Gate-source voltage Drain current
Source current (Body diode)
Continuous Pulsed Continuous Pulsed
Total power dissipation Channel temperature Range of Storage temperature
1 Pw10s, Duty cycle1% 2 Mounted on a ceramic board
Symbol VDSS VGSS ID IDP 1 IS ISP 1 PD 2 Tch Tstg
Limits -20 12 2.0 8.0 -0.8 -3.2 1.0 150 -55 to +150
Unit V V A A A A W C C
(2)
1 ESD PROTECTION DIODE 2 BODY DIODE
Thermal resistance (Ta=25C)
Parameter Channel to ambient Symbol Rth (ch-A) Limits 125 Unit C / W
1/4
RTR020P02
Transistors
Electrical characteristics (Ta=25C)
Parameter Symbol Min. - IGSS Gate-source leakage Drain-source breakdown voltage V(BR) DSS -20 IDSS Zero gate voltage drain current - VGS (th) -0.7 Gate threshold voltage - Static drain-source on-state RDS (on) - resistance - Yfs 1.2 Forward transfer admittance Ciss - Input capacitance Coss - Output capacitance Crss - Reverse transfer capacitance td (on) - Turn-on delay time tr - Rise time td (off) - Turn-off delay time tf - Fall time - Total gate charge Qg - Gate-source charge Qgs Gate-drain charge Qgd -
Pulsed
Typ. - - - - 100 110 180 - 430 80 55 11 13 38 12 4.9 1.2 1.3
Max. 10 - -1 -2.0 135 150 250 - - - - - - - - - - -
Unit A V A V m m m S pF pF pF ns ns ns ns nC nC nC
Conditions VGS=12V, VDS=0V ID= -1mA, VGS=0V VDS= -20V, VGS=0V VDS= -10V, ID= -1mA ID= -2.0A, VGS= -4.5V ID= -2.0A, VGS= -4.0V ID= -1.0A, VGS= -2.5V VDS= -10V, ID= -1.0A VDS= -10V VGS=0V f=1MHz ID= -1.0A VDD -15V VGS= -4.5V RL=15 RGS=10 VDD -15V VGS= -4.5V ID= -2.0A
Body diode characteristics (source-drain characteristics) VSD Forward voltage - - -1.2
V
IS= -0.8A, VGS=0V
2/4
RTR020P02
Transistors
Electrical characteristic curves
VDS= -10V Pulsed
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS (on) (m)
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS (on) (m)
10
1000 Ta=25C Pulsed
VGS= -2.5V VGS= -4.0V VGS= -4.5V
1000
VGS= -10V Pulsed
Ta=125C Ta=75C Ta=25C Ta= -25C
DRAIN CURRENT : -ID (A)
1
0.1
Ta=125C Ta=75C Ta=25C Ta= -25C
100
100
0.01
0.001 0.5
1.0
1.5
2.0
2.5
1 0.01
0.1
1
10
10 0.1
1
10
GATE-SOURCE VOLTAGE : -VGS (V)
DRAIN CURRENT : -ID (A)
DRAIN CURRENT : -ID (A)
Fig.1 Typical Transfer Characteristics
Fig.2 Static Drain-Source On-State Resistance vs. Drain Current
Fig.3 Static Drain-Source On-State Resistance vs. Drain Current
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS (on) (m)
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS (on) (m)
REVERSE DRAIN CURRENT : -IDR (A)
1000
Ta=125C Ta=75C Ta=25C Ta= -25C
VGS= -4.5V Pulsed
1000
VGS= -2.5V Pulsed
10
VGS=0V Pulsed
1
Ta=125C Ta=75C Ta=25C Ta= -25C
100
100
Ta=125C Ta=75C Ta=25C Ta= -25C
0.1
10 0.1
1
10
10 0.1
1
10
0.01
0
0.5
1.0
1.5
2.0
DRAIN CURRENT : -ID (A)
DRAIN CURRENT : -ID (A)
SOURCE-DRAIN VOLTAGE : -VSD (V)
Fig.4 Static Drain-Source On-State Resistance vs. Drain Current
Fig.5 Static Drain-Source On-State Resistance vs. Drain Current
Fig.6 Reverse Drain Current vs.Source-Drain Voltage
10000
GATE-SOURCE VOLTAGE : -VGS (V)
SWITCHING TIME : t (ns)
Ta=25C f=1MHz VGS=0V
10000
CAPACITANCE : C (pF)
1000
1000
Ciss
Ta=25C VDD= -15V VGS= -4.5V RG=10 Pulsed
8 7 6 5 4 3 2 1 0 0 1 2 3 4
Ta=25C VDD= -15V ID= -2.0A RG=10 Pulsed
tf
100
td (off) td (on) tr
100
Coss Crss
10
10 0.01
0.1
1
10
100
1 0.01
0.1
1
10
5
6
DRAIN-SOURCE VOLTAGE : -VDS (V)
DRAIN CURRENT : -ID (A)
TOTAL GATE CHARGE : Qg (nC)
Fig.7 Typical Capacitance vs. Drain-Source Voltage
Fig.8 Switching Characteristics
Fig.9 Dynamic Input Characteristics
3/4
RTR020P02
Transistors
Measurement circuits
VGS
ID RL D.U.T.
VDS
VGS
10% 90% 90% 90% 10% td(off) toff tr
RG VDD
VDS td(on) ton 10% tr
Fig.10 Switching Time Test Circuit
Fig.11 Switching Time Waveforms
VG
VGS ID RL IG (Const.) D.U.T. RG VDD VDS
Qg VGS Qgs Qgd
Charge
Fig.12 Gate Charge Test Circuit
Fig.13 Gate Charge Waveform
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RTR020P02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X