Part Number Hot Search : 
LBN09019 5602M TP1105 UM3311W PC250 18F67 AT89C5 2SC44
Product Description
Full Text Search
 

To Download NTE15039 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15039 Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems
Description: The NTE15039 is a multifunctional IC in a 24-Lead DIP type package that contains VHS VCT chroma signal processing circuitry. Since the package is small and a minimum number of external components are required, the NTE15039 occupies much less space on the PC board thus facilitating VCR design. The chroma section is made adjustment-free (except REC chroma level) thus streamlining the manufacture of VCRs Features: D Designed for NTSC/PAL/MESECAM Systems D Adjustment-Free Chroma Section (Except REC Chroma Level) D Few External Components Required D LPF Usable for REC/PB D Multifunctional: 2fSC Generator for CCD Drive Function to Select APC Loop Input Signal Passed/Not Passed Through Comb Filter 3rd Lock Protector of VXO Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Allowable Power Dissipation (TA +65C), PDmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 850mW Operating Temperature Range, Topg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +65C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Recommended Operating Conditions: (TA = +25C unless otherwise specified) Recommended Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Operating Voltage Range, VCCop . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.8 to 5.5V Electrical Characteristics: (TA = +25C, VCC = 5V unless otherwise specified)
Parameter REC Current Dissipation REC Output Level REC ACC Characteristics Symbol ICC(R) VO(R) VO(R) Input 6dB Test Conditions Min 49 75 -0.5 Typ 62 110 0.1 Max 75 145 +0.5 Unit mA mVP-P
dB
Electrical Characteristics (Cont'd): (TA = +25C, VCC = 5V unless otherwise specified)
Parameter ACC Killer Input Level VXO Control Sensitivity VXO OSC Level Subconverter Output Level BGP Delay Time BGP Width REC APC Pull-in Range REC AFC Pull-in Range 160fH VCO Control Sensitivity PB Current Dissipation PB Output Level PB ACC Characteristic PB Main Converter Carrier Leak PB XO Output Level PB XO Free-Running Frequency 2fSC Output Amplitude Burst Emphasis Amount Burst De-Emphasis Amount PAL/NTSC Select Voltage NTSC/SECAM Select Voltage Symbol VACK SVXO VVXO(R) VSUB tD tW fAPC fAFC SVCO ICC(P) VO(P) VO(P) CL(p) VXO(P) fXO(f) V2fsc GBE GBD VP/N VN/S
Pin Connection Diagram
Test Conditions
Min -25 3.1 0.77 97 - - 350 1.0 0.75 51 340
Typ -22 4.6 1.01 122 3.35 4.9 - - 1.06 64 390 - -38 680 0 430 6.0 -5.55 1.35 3.55
Max -19 6.9 1.19 147 - - - - 1.38 77 450 +0.5 -33 840 +9 560 6.5 -5.3 1.7 3.9
Unit dB Hz/mV VP-P mVP-P s s Hz kHz kHz/mV mA mVP-P dB dB mVP-P Hz mVP-P dB dB V V
Input 6dB 5.06MHz component Difference from 4433619Hz NTSC Mode NTSC Mode
-0.5 - 540 -9 300 5.5 -5.8 1.0 3.2
N/P/S Control ACC Filter REC Chroma Input DC Feedback Filter BPF Drive GND PB Chroma Input
1 2 3 4 5 6 7
24 PB Amp Input 23 Chroma Output 22 Switch Pulse Input LP Control Input 21 REC Video Input 20 VCC 19 XO Input 18 XO Output 17 2fSC Output 16 VCO Tank 15 REC APC Filter 14 Sync Input/BPG Output 13 Sub Conv Output
SLD Output 8 REC Chroma Output 9 R/P Switch Control VCO Filter 10 Conv Carrier Input 11 Color Killer Filter 12
24
13
1 .834 (21.1)
12 .251 (6.4)
.150 (3.8)
.070 (1.78) .770 (19.5)
.129 (3.27)
.300 (7.62)


▲Up To Search▲   

 
Price & Availability of NTE15039

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X