Part Number Hot Search : 
2SJ505L AN7376S HAL880 WM0832ID HPR109WH OPB38L55 E220A BU941ZT
Product Description
Full Text Search
 

To Download NTE15038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15038 Integrated Circuit Chroma Signal Proessor for VHS VCR
Features: D Adjustment-Free 3.58MHz VXO Free-Running OSC Frequency, 160fH VCO Free-Running OSC Frequency, Carrier Leak, PB Chroma Level, except REC Chroma Level. D Multifunctional: 2fSC Generator for CCD Drive PB Chroma (629K) Level Compensation Amp Function to Select APC Loop Input Signal Passed/Not Passed Through Comb Filter BGP Output 3rd Lock Protector of 3.58MHz OSC D LPF Usable for REC/PB D Capable of Being Operated from 5V Supply D Current Dissipation: 48mA at REC mode 50mA at PB mode D Few External Components Required Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Allowable Power Dissipation (TA +65C), PDmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mW Operating Temperature Range, Topg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +65C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Recommended Operating Conditions: (TA = +25C unless otherwise specified) Recommended Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.2V Operating Voltage Range, VCCop . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.8 to 5.5V Electrical Characteristics: (TA = +25C, VCC = 5V unless otherwise specified)
Parameter REC Current Dissipation REC Output Level REC ACC Characteristics ACC Killer Input Level VXO Control Sensitivity VXO OSC Level Symbol ICC(R) VO(R) VO(R) VACK SVXO VVXO(R) Input 6dB Test Conditions Min 38 210 -0.5 -28 2.5 0.65 Typ 48 300 0 -25 3.7 0.85 Max 58 390 +0.5 -22 5.5 1.00 Unit mA mVP-P
dB
dB Hz/mV VP-P
Electrical Characteristics (Cont'd): (TA = +25C, VCC = 5V unless otherwise specified)
Parameter Subconverter Output Level BGP Delay Time BGP Width REC APC Pull-in Range REC AFC Pull-in Range 160fH VCO Control Sensitivity PB Current Dissipation PB Output Level PB ACC Characteristic PB Main Converter Carrier Leak PB XO Output Level PB XO Free-Running Frequency 2fSC Output Amplitude Burst Emphasis Amount Burst De-emphasis Comb Amp Gain Symbol VSUB tD tW fAPC fAFC SVCO ICC(P) VO(P) VO(P) CL(p) VXO(P) fXO(f) V2fsc GBE GBD GCOMB
Pin Connection Diagram
Test Conditions
Min 200 - - 350 1.5 0.42 40 575
Typ 250 3.2 4.8 - - 0.60 50 660 - -40 650 0 600 6.0 -5.25 13
Max 300 - - - - 0.78 60 760 +0.5 -33 800 +7 780 6.5 -5.0 15
Unit mVP-P s s Hz kHz kHz/mV mA mVP-P dB dB mVP-P Hz mVP-P dB dB dB
Input 6dB 4.21MHz component Difference from 3579545Hz
-0.5 - 520 -7 420 5.5 -5.5 11
Comb Amp Out ACC Filter 3.58MHz Input Bypass 3.58MHz Output GND PB 629kHz Input SLD Output Rec 629kHz Input
1 2 3 4 5 6 7 8 9
24 PB Amp Input 23 PB 3.58MHz Output 22 SW30/LP 21 Video Input 20 VCC 19 XO Input 18 XO Output 17 2fSC Output 16 VCO Tank 15 Rec APC Filter 14 Sync Input/BPG Output 13 4.21MHz Output
160fH VCO Filter 10 4.21MHz Input 11 Color Killer Filter 12
24
13
1 .834 (21.1)
12 .251 (6.4)
.150 (3.8)
.070 (1.78) .770 (19.5)
.129 (3.27)
.300 (7.62)


▲Up To Search▲   

 
Price & Availability of NTE15038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X