Part Number Hot Search : 
BU2505FV AK2360A LTC1154 MC100LV TA8429H LA7796T MAX3323E EPB5025
Product Description
Full Text Search
 

To Download NTE15002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15002 Integrated Circuit Color TV Vertical Deflection Output Circuit
Description: The NTE15002 is a monolithic linear IC in a 7-Lead SIP type package designed for small-aperture color TV vertical deflection output and has such features as greatly reduced number of external parts and low power dissipation. The NTE15002 can be used in conjunction with the NTE1845 for video chroma deflection use and the NTE1538 for deflection use. Features: D High Output D On-Chip Pump-Up Circuit and Low Power Dissipation D Minimum Number of External Parts Required Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, V6max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Maximum Supply Voltage, V3max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Deflection Output Current, I2max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3AP-O Allowable Power Dissipation, PDmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5W Operating Temperature Range, Topg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Recommended Operating Conditions: (TA = +25C unless otherwise specified) Recommended Supply Voltage, V6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Operating Voltage Range, V6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V to 27V Deflection Output Current, I2P-P . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 1.5AP-P Electrical Characteristics: (TA = +25C, VCC = 24V unless otherwise specified)
Parameter Output Transistor Saturation Voltage (1) Output Transistor Saturation Voltage (2) Pin7 Saturation Voltage (1) Pin7 Saturation Voltage (2) Quiescent Current Middle-Point Voltage Symbol Test Conditions Min - - - - 8.0 - Typ 0.5 1.8 - 0.8 11.5 11 Max 1.0 2.6 1.5 1.6 24.0 - Unit V V V V mA V
Pin Connection Diagram (Front View)
7 Pump-Up Output 6 VCC 1
5 OSC Blocking Pin 4 Input 3 Vertical Output Power Supply 2 Vertical Output 1 GND
.708 (18.0)
.118 (3.0)
.527 (13.4) .425 (10.8) 1 7
.590 (15.0)
.228 (5.8)
.100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE15002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X