Part Number Hot Search : 
FR35231 PN2222 TDA8405 APE0504 M27C32 TEA6850 PG12864 KBU603
Product Description
Full Text Search
 

To Download NCP1052ST136T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055 Monolithic High Voltage Gated Oscillator Power Switching Regulator
The NCP1050 through NCP1055 are monolithic high voltage regulators that enable end product equipment to be compliant with low standby power requirements. This device series combines the required converter functions allowing a simple and economical power system solution for office automation, consumer, and industrial products. These devices are designed to operate directly from a rectified AC line source. In flyback converter applications they are capable of providing an output power that ranges from 6.0 W to 40 W with a fixed AC input of 100 V, 115 V, or 230 V, and 3.0 W to 20 W with a variable AC input that ranges from 85 V to 265 V. This device series features an active startup regulator circuit that eliminates the need for an auxiliary bias winding on the converter transformer, fault detector and a programmable timer for converter overload protection, unique gated oscillator configuration for extremely fast loop response with double pulse suppression, power switch current limiting, input undervoltage lockout with hysteresis, thermal shutdown, and auto restart fault detection. These devices are available in economical 8-pin dual-in-line and 4-pin SOT-223 packages.
Features
http://onsemi.com
MARKING DIAGRAMS
8 PDIP-8 P SUFFIX CASE 626A 1 NCP105XZ AWL YYWWG
8
1 Pin: 1. VCC 2. Control Input 3, 7-8. Ground 4. No Connection 5. Power Switch Drain
SOT-223 ST SUFFIX CASE 318E 1 Pin: 1.VCC 2.Control Input 3.Power Switch Drain 4.Ground
AWW N5XZG G
* Startup Circuit Eliminates the Need for Transformer Auxiliary Bias * * * * * * * * * * * * * * * *
Winding Optional Auxiliary Bias Winding Override for Lowest Standby Power Applications Converter Output Overload and Open Loop Protection Auto Restart Fault Protection IC Thermal Fault Protection Unique, Dual Edge, Gated Oscillator Configuration for Extremely Fast Loop Response Oscillator Frequency Dithering with Controlled Slew Rate Driver for Reduced EMI Low Power Consumption Allowing European Blue Angel Compliance On-Chip 700 V Power Switch Circuit and Active Startup Circuit Rectified AC Line Source Operation from 85 V to 265 V Input Undervoltage Lockout with Hysteresis Oscillator Frequency Options of 44 kHz, 100 kHz, 136 kHz Pb-Free Packages are Available AC-DC Converters Wall Adapters Portable Electronic Chargers Low Power Standby and Keep-Alive Supplies
1
X Z
= Current Limit (0, 1, 2, 3, 4, 5) = Oscillator Frequency A = 44 kHz, B = 100 kHz, C = 136 kHz A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information on page 22 of this data sheet.
Typical Applications
(c) Semiconductor Components Industries, LLC, 2006
February, 2006 - Rev. 9
Publication Order Number: NCP1050/D
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
+ AC Line Input + Snubber + Converter DC Output - Power Switch Circuit Output VCC + 1 5
Startup & VCC Regulator Circuit Power Switch Circuit
Fault Detector Control Input 2 Oscillator & Gating Logic
Ground
3, 7-8
Figure 1. Typical Application
Pin Function Description
Pin (SOT-223) 1 Pin (PDIP-8) 1 Function VCC Description This is the positive supply voltage input. During startup, power is supplied to this input from Pin 5. When VCC reaches VCC(on), the Startup Circuit turns off and the output is allowed to begin switching with 1.0 V hysteresis on the VCC pin. The capacitance connected to this pin programs fault timing and frequency modulation rate. The Power Switch Circuit is turned off when a current greater than approximately 50 mA is drawn out of or applied to this pin. A 10 V clamp is built onto the chip to protect the device from ESD damage or overvoltage conditions. This pin is the control circuit and Power Switch Circuit ground. It is part of the integrated circuit lead frame.
2
2
Control Input
4 - 3
3, 7, 8 4 5
Ground No Connection Power Switch Drain
This pin is designed to directly drive the converter transformer primary, and internally connects to Power Switch and Startup Circuit.
http://onsemi.com
2
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
+ AC Line Input + Snubber + Converter DC Output -
Power Switch Circuit Output VCC + 10 V + VCC Bypass/ Fault Timing/ VCO Sweep Control Startup/V CC Reg + - 7.5/8.5 V Fault Detector S Undervoltage Lockout - + 4.5 V Oscillator 48 mA IH = 10 mA Turn On Latch R + 2.6 V Control Input S R Q Turn Off Latch Ck Q Thermal Shutdown R Q Driver Fault Latch
Startup Circuit
Internal Bias
Power Switch Circuit
+ VCC
10 V + 3.3 V
+ - Current Limit Comparator
Leading Edge Blanking +
48 mA
IH = 10 mA
RSENSE
Ground
Figure 2. Representative Block Diagram
http://onsemi.com
3
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
fOSC (high) 8.5 V VCC 7.5 V fOSC (low)
Oscillator Duty Cycle
Oscillator Clock 47.5 mA 37.5 mA ICONTROL, SINK 0 mA Leading Edge On Feedback Off Delay On Duty Cycle Off Leading Edge On Duty Cycle Off No Second Pulse
Leading Edge On Duty Cycle Off
Leading Edge On Current Limit Off
Power Switch Circuit Gate Drive
Primary Current
Current Limit Threshold Current Limit Propagation Delay
Figure 3. Timing Diagram for Gated Oscillator with Dual Edge PWM
http://onsemi.com
4
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
ICC1, Current Measurement ICC2, Current Measurement VCC(on) Hysteretic Regulation VCC(off) VCC VCC(reset) ICC3, Current Measurement 0V 6.3 mA I(start) 0 mA ICC1 ICC ICC2 ICC3
0 mA
I(start) 47.5 mA 37.5 mA ICONTROL, SINK 0 mA
V(pin 5)
Fault Applied
Fault Removed
Figure 4. Non-Latching Fault Condition Timing Diagram
http://onsemi.com
5
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
MAXIMUM RATINGS
Rating Power Switch and Startup Circuit Drain Voltage Range Drain Current Peak During Transformer Saturation Power Supply/VCC Bypass and Control Input Voltage Range Current Thermal Characteristics P Suffix, Plastic Package Case 626A-01 Junction-to-Lead Junction-to-Air, 2.0 Oz. Printed Circuit Copper Clad 0.36 Sq. Inch 1.0 Sq. Inch ST Suffix, Plastic Package Case 318E-04 Junction-to-Lead Junction-to-Air, 2.0 Oz. Printed Circuit Copper Clad 0.36 Sq. Inch 1.0 Sq. Inch Operating Junction Temperature Storage Temperature Symbol VDS IDS(pk) VIR Imax Value *0.3 to 700 2.0 Ilim Max *0.3 to 10 100 Unit V A V mA C/W RqJL RqJA 9.0 77 60 RqJL RqJA 14 74 55 TJ Tstg *40 to +150 *65 to +150 C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. A. This device series contains ESD protection and exceeds the following tests: Pins 1-3: Human Body Model 2000 V per MIL-STD-883, Method 3015. Machine Model Method 400 V. Pin 5: Human Body Model 1000 V per MIL-STD-883, Method 3015. Machine Model Method 400 V. Pin 5 is connected to the power switch and start-up circuits, and is rated only to the max voltage of the part, or 700 V. B. This device contains Latch-up protection and exceeds $100 mA per JEDEC Standard JESD78.
http://onsemi.com
6
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
ELECTRICAL CHARACTERISTICS (VCC = 8.0 V, for typical values TJ = 25C, for min/max values, TJ is the operating junction
temperature range that applies (Note 1), unless otherwise noted.) Characteristics OSCILLATOR Frequency (VCC = 7.5 V) TJ = 25C: 44 kHz Version 100 kHz Version 136 kHz Version TJ = Tlow to Thigh 44 kHz Version 100 kHz Version 136 kHz Version Frequency (VCC = 8.5 V) TJ = 25C: 44 kHz Version 100 kHz Version 136 kHz Version TJ = Tlow to Thigh 44 kHz Version 100 kHz Version 136 kHz Version Frequency Sweep (VCC = 7.5 V to 8.5 V, TJ = 25C) Maximum Duty Cycle CONTROL INPUT Lower Window Input Current Threshold Switching Enabled, Sink Current Increasing Switching Disabled, Sink Current Decreasing Upper Window Input Current Threshold Switching Enabled, Source Current Increasing Switching Disabled, Source Current Decreasing Control Window Input Voltage Lower (Isink = 25 mA) Upper (Isource = 25 mA) 1. Tested junction temperature range for the NCP105X series: Tlow = -40C Thigh = +125C mA Ioff(low) Ion(low) Ioff(high) Ion(high) Vlow Vhigh -58 -50 37 25 1.1 4.2 -47.5 -37.5 47.5 37.5 1.35 4.6 -37 -25 58 50 V 1.6 5.0 fOSC(low) 38 87 119 37 84 113 fOSC(high) 41 93 126 39 90 120 %fOSC D(max) - 74 45.5 103 140 - - - 5.0 77 50 113 154 50 113 154 - 80 % % 42.5 97 132 - - - 47 107 145 47 107 145 kHz kHz Symbol Min Typ Max Unit
http://onsemi.com
7
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
ELECTRICAL CHARACTERISTICS (VCC = 8.0 V, for typical values TJ = 25C, for min/max values, TJ is the operating junction
temperature range that applies (Note 2), unless otherwise noted.) Characteristics POWER SWITCH CIRCUIT Power Switch Circuit On-State Resistance NCP1050, NCP1051, NCP1052 (ID = 50 mA) TJ = 25C TJ = 125C NCP1053, NCP1054, NCP1055 (ID = 100 mA) TJ = 25C TJ = 125C Power Switch Circuit & Startup Breakdown Voltage (ID(off) = 100 mA, TA = 25C) Power Switch Circuit & Startup Circuit Off-State Leakage Current (VDS = 650 V) TJ = 25C (VDS = 650 V) TJ = 125C Switching Characteristics (RL = 50 W, VDS set for ID = 0.7 IIim) Turn-on Time (90% to 10%) Turn-off Time (10% to 90%) CURRENT LIMIT AND THERMAL PROTECTION Current Limit Threshold (TJ = 25C) (Note 5) NCP1050 NCP1051 NCP1052 NCP1053 NCP1054 NCP1055 Conversion Power Deviation (TJ = 25C) (Note 6) Propagation Delay, Current Limit Threshold to Power Switch Circuit Output NCP1050, NCP1051, NCP1052 NCP1053, NCP1054, NCP1055 Thermal Protection (VCC = 8.6 V) (Note 2, 3, 4) Shutdown (Junction Temperature Increasing) Hysteresis (Junction Temperature Decreasing) STARTUP CONTROL Startup/V CC Regulation Startup Threshold/VCC Regulation Peak (VCC Increasing) Minimum Operating/VCC Valley Voltage After Turn-On Hysteresis Undervoltage Lockout Threshold Voltage, VCC Decreasing Startup Circuit Output Current (Power Switch Circuit Output = 40 V) VCC = 0 V TJ = 25C TJ = -40 to 125C VCC = VCC(on) - 0.2 V TJ = 25C TJ = -40 to 125C Minimum Start-up Drain Voltage (Istart = 0.5 mA, VCC = VCC(on) - 0.2 V) Output Fault Condition Auto Restart (VCC Capacitor = 10 mF, Power Switch Circuit Output = 40 V) Average Switching Duty Cycle Frequency V VCC(on) VCC(off) VH VCC(reset) Istart 5.4 4.5 4.6 3.5 Vstart(min) - 6.3 - 5.6 - 13.4 7.2 8.0 6.6 7.0 20 V 8.0 7.0 - 4.0 8.5 7.5 1.0 4.5 9.0 8.0 - 5.0 V mA Ilim 93 186 279 372 493 632 I2fOSC tPLH - - Tsd TH 140 - 135 160 160 75 - - C - - - 100 200 300 400 530 680 0 107 214 321 428 567 728 10 %A2Hz ns mA RDS(on) - - - - V(BR)DS IDS(off) - - ton toff - - 25 15 20 10 40 80 ns - - 700 22 42 10 23 - 30 55 15 28 - V mA W Symbol Min Typ Max Unit
Drst frst
- -
6.0 3.5
- -
% Hz
2. Tested junction temperature range for the NCP105X series: Tlow = -40C Thigh = +125C 3. Maximum package power dissipation limits must be observed. 4. Guaranteed by design only. 5. Adjust di/dt to reach Ilim in 4.0 msec. 6. Consult factory for additional options including test and trim for output power accuracy.
http://onsemi.com
8
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
ELECTRICAL CHARACTERISTICS (VCC = 8.0 V, for typical values TJ = 25C, for min/max values, TJ is the operating junction
temperature range that applies (Note 7), unless otherwise noted.) Characteristics TOTAL DEVICE Power Supply Current After UVLO Turn-On (Note 8) Power Switch Circuit Enabled NCP1050, NCP1051, NCP1052 44 kHz Version 100 kHz Version 136 kHz Version NCP1053, NCP1054, NCP1055 44 kHz Version 100 kHz Version 136 kHz Version Power Switch Circuit Disabled Non-Fault Condition Fault Condition 7. Tested junction temperature range for the NCP105X series: Tlow = -40C Thigh = +125C 8. See Non-Latching Fault Condition Timing Diagram in Figure 4. mA ICC1 0.35 0.40 0.40 0.40 0.45 0.50 ICC2 ICC3 0.35 0.10 0.45 0.50 0.525 0.50 0.575 0.65 0.45 0.175 0.55 0.60 0.65 0.60 0.70 0.80 0.55 0.25 Symbol Min Typ Max Unit
http://onsemi.com
9
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
46 OSCILLATOR FREQUENCY (kHz) OSCILLATOR FREQUENCY (kHz) VCC = VCC(on) 45 44 VCC = VCC(off) 43 42 41 40 -50 -25 104 VCC = VCC(on) 102 100 98 VCC = VCC(off) 96 94 92 -50 -25
0
25
50
75
100
125
150
0
25
50
75
100
125
150
TEMPERATURE (C)
TEMPERATURE (C)
Figure 5. Oscillator Frequency (44 kHz Version) versus Temperature
Figure 6. Oscillator Frequency (100 kHz Version) versus Temperature
142 OSCILLATOR FREQUENCY (kHz) FREQUENCY SWEEP (kHz) 140 138 136 134 132 130 128 126 124 -50 -25 0 25 50 75 100 125 150 VCC = VCC(off) VCC = VCC(on)
9 8 136 kHz 7 6 5 4 3 2 1 0 -50 -25 0 25 50 75 100 125 150 44 kHz 100 kHz
TEMPERATURE (C)
TEMPERATURE (C)
Figure 7. Oscillator Frequency (136 kHz Version) versus Temperature
SINK CONTROL CURRENT THRESHOLD (mA)
Figure 8. Frequency Sweep versus Temperature
77.6 MAXIMUM DUTY CYCLE (%) 77.4 77.2 77.0 76.8 76.6 76.4 76.2 -50 -25 0 25 50 75 100 125 150
55 CURRENT RISING
50
45
40
CURRENT FALLING
35 30 -50 -25
0
25
50
75
100
125
150
TEMPERATURE (C)
TEMPERATURE (C)
Figure 9. Maximum Duty Cycle versus Temperature
Figure 10. Lower Window Control Input Current Thresholds versus Temperature
http://onsemi.com
10
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
SOURCE CONTROL CURRENT THRESHOLD (mA) 50 CURRENT RISING CLAMP VOLTAGE (V) 46 1.39 1.38 1.37 1.36 1.35 1.34 1.33 1.32 1.31 1.30 1.29 1.28 -50 -25 ISINK = 25 mA
42
38
CURRENT FALLING
34 30 -50
-25
0
25
50
75
100
125
150
0
25
50
75
100
125
150
TEMPERATURE (C)
TEMPERATURE (C)
Figure 11. Upper Window Control Input Current Thresholds versus Temperature
Figure 12. Control Input Lower Window Clamp Voltage versus Temperature
4.66 4.64 CLAMP VOLTAGE (V) 4.62 4.60 4.58 4.56 4.54 4.52 -50 -25 0 25 50 75 100 125 150 ISOURCE = 25 mA ON RESISTANCE (W)
45 40 35 30 25 20 15 10 5 0 -50 -25 NCP1053,4,5 (ID = 100 mA) NCP1050,1,2 (ID = 50 mA)
0
25
50
75
100
125
150
TEMPERATURE (C)
TEMPERATURE (C)
Figure 13. Control Input Upper Window Clamp Voltage versus Temperature
Figure 14. On Resistance versus Temperature
120 LEAKAGE CURRENT (mA) 100 80 60 TJ = -40C 40 TJ = 25C 20 TJ = 125C 0 0 100 200 300 400 500 600 700 800 900 APPLIED VOLTAGE (V)
100 TJ = 25C CAPACITANCE (pF) NCP1053,4,5
10 NCP1050,1,2
1 0 100 200 300 400 500 600 700 APPLIED VOLTAGE (V)
Figure 15. Power Switch and Startup Circuit Leakage Current versus Voltage
Figure 16. Power Switch and Startup Circuit Output Capacitance versus Applied Voltage
http://onsemi.com
11
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
1.02 NORMALIZED CURRENT LIMIT SUPPLY THRESHOLD (V) 1.00 0.98 0.96 0.94 0.92 0.90 0.88 -50 -25 0 25 50 75 100 125 150 8.6 8.4 8.2 8.0 7.8 7.6 7.4 7.2 -50 -25 0 25 50 75 100 125 150 MINIMUM OPERATING THRESHOLD VCC(off) STARTUP THRESHOLD VCC(on)
TEMPERATURE (C)
TEMPERATURE (C)
Figure 17. Normalized Peak Current Limit versus Temperature
Figure 18. Supply Voltage Thresholds versus Temperature
4.56 UNDERVOLTAGE THRESHOLD (V) 4.54 START CURRENT (mA) 4.52 4.50 4.48 4.46 4.44 4.42 4.40 4.38 4.36 4.34 -50
8 7 VCC = 0 V 6 5 4 3 2 VPIN 5 = 20 V 1 -25 0 25 50 75 100 125 150 0 -50 -25 0 25 50 75 100 125 150 VCC = 8.3 V
TEMPERATURE (C)
TEMPERATURE (C)
Figure 19. Undervoltage Lockout Threshold versus Temperature
Figure 20. Start Current versus Temperature
7 STARTUP CURRENT (mA) STARTUP CURRENT (mA) 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 SUPPLY VOLTAGE (V) TJ = 25C VPIN 5 = 20 V
8 VCC = 0 V 6 VCC = 8 V
4
2
0 TJ = 25C -2 1 10 100 1000 PIN 5 VOLTAGE (V)
Figure 21. Startup Current versus Supply Voltage
Figure 22. Startup Current versus Pin 5 Voltage
http://onsemi.com
12
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
0.55 136 kHz SUPPLY CURRENT (mA) 0.50 100 kHz 0.45 44 kHz 0.40 SUPPLY CURRENT (mA) 0.70 0.65 0.60 0.55 0.50 44 kHz 0.45 0.40 0.35 -50 -25 0 25 50 75 100 125 150 0.35 -50 -25 0 25 50 75 100 125 150 100 kHz 136 kHz
TEMPERATURE (C)
TEMPERATURE (C)
Figure 23. Supply Current versus Temperature (NCP1050/1/2)
Figure 24. Supply Current versus Temperature (NCP1053/4/5)
0.48 0.47 SUPPLY CURRENT (mA) SUPPLY CURRENT (mA) 0 25 50 75 100 125 150 0.46 0.45 0.44 0.43 0.42 0.41 -50 -25
0.21 0.20 0.19 0.18 0.17 0.16 0.15 0.14 0.13 0.12 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (C)
TEMPERATURE (C)
Figure 25. Supply Current When Switching Disable versus Temperature
Figure 26. Supply Current in Fault Condition versus Temperature
14.0 13.9 SUPPLY VOLTAGE (V) 13.8 13.7 13.6 13.5 13.4 13.3 13.2 13.1 13.0 -50 -25 0 25 50 75 100 125 150 TEMPERATURE (C) CONDITION: VCC pin = 1 mF to ground Control pin = open Drain pin = 1 kW to Power Supply, Increase Voltage Until Switching
Figure 27. Supply Voltage versus Temperature
http://onsemi.com
13
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
OPERATING DESCRIPTION
Introduction
The NCP105X series represents a new higher level of integration by providing on a single monolithic chip all of the active power, control, logic, and protection circuitry required to implement a high voltage flyback converter and compliance with very low standby power requirements for modern consumer electronic power supplies. This device series is designed for direct operation from a rectified 240 VAC line source and requires minimal external components for a complete cost sensitive converter solution. Potential markets include cellular phone chargers, standby power supplies for personal computers, secondary bias supplies for microprocessor keep-alive supplies and IR detectors. A description of each of the functional blocks is given below, and the representative block diagram is shown in Figure 2. This device series features an active startup regulator circuit that eliminates the need for an auxiliary bias winding on the converter transformer, fault logic with a programmable timer for converter overload protection, unique gated oscillator configuration for extremely fast loop response with double pulse suppression, oscillator frequency dithering with a controlled slew rate driver for reduced EMI, cycle-by-cycle current limiting, input undervoltage lockout with hysteresis, thermal shutdown, and auto restart or latched off fault detect device options. These devices are available in economical 8-pin PDIP and 4-pin SOT-223 packages.
Oscillator
followers at approximately 47.5 mA with 10 mA hysteresis. When a source or sink current in excess of this value is applied to this input, a logic signal generated internally changes state to block power switch conduction. Since the output of the Control Input sense is sampled continuously during ton (77% duty cycle), it is possible to turn the Power Switch Circuit on or off at any time within ton. Because it does not have to wait for the next cycle (rising edge of the clock signal) to switch on, and because it does not have to wait for current limit to turn off, the circuit has a very fast transient response as shown in Figure 3. In a typical converter application the control input current is drawn by an optocoupler. The collector of the optocoupler is connected to the Control Input pin and the emitter is connected to ground. The optocoupler LED is mounted in series with a shunt regulator (typically a TL431) at the DC output of the converter. When the power supply output is greater than the reference voltage (shunt regulator voltage plus optocoupler diode voltage drop), the optocoupler turns on, pulling down on the Control Input. The control input logic is configured for line input sensing as well.
Turn On Latch
The Oscillator is a unique fixed-frequency, duty-cycle- controlled oscillator. It charges and discharges an on chip timing capacitor to generate a precise square wave signal used to pulse width modulate the Power Switch Circuit. During the discharge of the timing capacitor, the Oscillator duty cycle output holds one input of the Driver low. This action keeps the Power Switch Circuit off, thus limiting the maximum duty cycle. A frequency modulation feature is incorporated into the IC in order to aide in EMI reduction. Figure 3 illustrates this frequency modulation feature. The power supply voltage, VCC, acts as the input to the built-in voltage controlled oscillator. As the VCC voltage is swept across its nominal operating range of 7.5 to 8.5 V, the oscillator frequency is swept across its corresponding range. The center oscillator frequency is internally programmed for 44 kHz, 100 kHz, or 136 kHz operation with a controlled charge to discharge current ratio that yields a maximum Power Switch duty cycle of 77%. The Oscillator temperature characteristics are shown in Figures 5 through 9. Contact an ON Semiconductor sales representative for further information regarding frequency options.
Control Input
The Oscillator output is typically a 77% positive duty cycle square waveform. This waveform is inverted and applied to the reset input of the turn-on latch to prevent any power switch conduction during the guaranteed off time. This square wave is also gated by the output of the control section and applied to the set input of the same latch. Because of this gating action, the power switch can be activated when the control input is not asserted and the oscillator output is high. The use of this unique gated Turn On Latch over an ordinary Gated Oscillator allows a faster load transient response. The power switch is allowed to turn on immediately, within the maximum duty cycle time period, when the control input signals a necessary change in state.
Turn Off Latch
The Control Input pin circuit has parallel source follower input stages with voltage clamps set at 1.35 and 4.6 V. Current sources clamp the input current through the
A Turn Off Latch feature has been incorporated into this device series to protect the power switch circuit from excessive current, and to reduce the possibility of output overshoot in reaction to a sudden load removal. If the Power Switch current reaches the specified maximum current limit, the Current Limit Comparator resets the Turn Off Latch and turns the Power Switch Circuit off. The turn off latch is also reset when the Oscillator output signal goes low or the Control Input is asserted, thus terminating output MOSFET conduction. Because of this response to control input signals, it provides a very fast transient response and very tight load regulation. The turn off latch has an edge triggered set input which ensures that the switch can only be activated once during any oscillator period. This is commonly referred to as double pulse suppression.
http://onsemi.com
14
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
Current Limit Comparator and Power Switch Circuit Undervoltage Lockout
The Power Switch Circuit is constructed with a SENSEFETTM in order to monitor the drain current. A portion of the current flowing through the circuit goes into a sense element, Rsense. The current limit comparator detects if the voltage across Rsense exceeds the reference level that is present at its inverting input. If this level is exceeded, the comparator quickly resets the Turn Off Latch, thus protecting the Power Switch Circuit. A Leading Edge Blanking circuit was placed in the current sensing signal path to prevent a premature reset of the Turn Off Latch. A potential premature reset signal is generated each time the Power Switch Circuit is driven into conduction and appears as a narrow voltage spike across current sense resistor Rsense. The spike is due to the Power Switch Circuit gate to source capacitance, transformer interwinding capacitance, and output rectifier recovery time. The Leading Edge Blanking circuit has a dynamic behavior that masks the current signal until the Power Switch Circuit turn-on transition is completed. The current limit propagation delay time is typically 135 to 165 nanoseconds. This time is measured from when an overcurrent appears at the Power Switch Circuit drain, to the beginning of turn-off. Care must be taken during transformer saturation so that the maximum device current limit rating is not exceeded. The high voltage Power Switch Circuit is monolithically integrated with the control logic circuitry and is designed to directly drive the converter transformer. Because the characteristics of the power switch circuit are well known, the gate drive has been tailored to control switching transitions to help limit electromagnetic interference (EMI). The Power Switch Circuit is capable of switching 700 V with an associated drain current that ranges nominally from 0.10 to 0.68 Amps.
Startup Circuit
An Undervoltage Lockout (UVLO) comparator is included to guarantee that the integrated circuit has sufficient voltage to be fully functional. The UVLO comparator monitors the supply capacitor input voltage at Pin 1 and disables the Power Switch Circuit whenever the capacitor voltage drops below the undervoltage lockout threshold. When this level is crossed, the controller enters a new startup phase by turning the current source on. The supply voltage will then have to exceed the startup threshold in order to turn off the startup current source. Startup and normal operation of the converter are shown in Figure 3.
Fault Detector
Rectified AC line voltage is applied to the Startup Circuit on Pin 5, through the primary winding. The circuit is self-biasing and acts as a constant current source, gated by control logic. Upon application of the AC line voltage, this circuit routes current into the supply capacitor typically connected to Pin 1. During normal operation, this capacitor is hysteretically regulated from 7.5 to 8.5 V by monitoring the supply voltage with a comparator and controlling the startup current source accordingly. This Dynamic Self-Supply (DSS) functionality offers a great deal of applications flexibility as well. The startup circuit is rated at a maximum 700 V (maximum power dissipation limits must be observed).
The NCP105X series has integrated Fault Detector circuitry for detecting application fault conditions such as open loop, overload or a short circuited output. A timer is generated by driving the supply capacitor with a known current and hysteretically regulating the supply voltage between set thresholds. The timer period starts when the supply voltage reaches the nominal upper threshold of 8.5 V and stops when the drain current of the integrated circuit draws the supply capacitor voltage down to the undervoltage lockout threshold of 7.5 V. If, during this timer period, no feedback has been applied to the control input, the fault detect logic is set to indicate an abnormal condition. This may occur, for example, when the optocoupler fails or the output of the application is overloaded or completely shorted. In this case, the part will stop switching, go into a low power mode, and begin to draw down the supply capacitor to the reset threshold voltage of 4.5 V. At that time, the startup circuit will turn on again to drive the supply to the turn on threshold. Then the part will begin the cycle again, effectively sampling the control input to determine if the fault condition has been removed. This mode is commonly referred to as burst mode operation and is shown is Figure 4. Proper selection of the supply capacitor allows successful startup with monotonically increasing output voltage, without falsely sensing a fault condition. Figure 4 shows successful startup and the evolution of the signals involved in the presence of a fault.
Thermal Shutdown
The internal Thermal Shutdown block protects the device in the event that the maximum junction temperature is exceeded. When activated, typically at 160C, one input of the Driver is held low to disable the Power Switch Circuit. The Power Switch is allowed to resume operation when the junction temperature falls below 85C. The thermal shutdown feature is provided to prevent catastrophic device failures from accidental overheating. It is not intended to be used as a substitute for proper heatsinking.
http://onsemi.com
15
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
APPLICATIONS
Two application examples have been provided in this document, and they are described in detail in this section. Figure 28 shows a Universal Input, 6 Watt Converter Application as well as a 5.5 Watt Charger Application using the NCP1053 @ 100 kHz. The Charger consists of the additional components Q1, C13, and R7 through R10, as shown. These were constructed and tested using the printed circuit board layout shown in Figure 40. The board consists of a fiberglass epoxy material (FR4) with a single side of two ounce per square foot (70 mm thick) copper foil. Test data from the two applications is given in Figures 29 through 39. Both applications generate a well-regulated output voltage over a wide range of line input voltage and load current values. The charger application transitions to a constant current output if the load current is increased beyond a preset range. This can be very effective for battery charger application for portable products such as cellular telephones, personal digital assistants, and pagers. Using the NCP105X series in applications such as these offers a wide range of flexibility for the system designer. The NCP105X application offers a low cost alternative to other applications. It uses a Dynamic Self-Supply (DSS) function to generate its own operating supply voltage such that an auxiliary transformer winding is not needed. (It also offers the flexibility to override this function with an auxiliary winding if ultra-low standby power is the designer's main concern.) This product also provides for automatic output overload, short circuit, and open loop protection by entering a programmable duty cycle burst mode of operation. This eliminates the need for expensive devices overrated for power dissipation or maximum current, or for redundant feedback loops. The application shown in Figure 28 can be broken down into sections for the purpose of operating description. Components C1, L1 and C6 provide EMI filtering for the design, although this is very dependent upon board layout, component type, etc. D1 through D4 along with C2 provide the AC to bulk DC rectification. The NCP1053 drives the primary side of the transformer, and the capacitor, C5, is an integral part of the Dynamic Self-Supply. R1, C3, and D5 comprise an RCD snubber and R2 and C4 comprise a ringing damper both acting together to protect the IC from voltage transients greater than 700 volts and reduce radiated noise from the converter. Diode D6 along with C7-9, L2, C11, and C12 rectify the transformer secondary and filter the output to provide a tightly regulated DC output. IC3 is a shunt regulator that samples the output voltage by virtue of R5 and R6 to provide drive to the optocoupler, IC2, Light Emitting Diode (LED). C10 is used to compensate the shunt regulator. When the application is configured as a Charger, Q1 delivers additional drive to the optocoupler LED when in constant current operation by sampling the output current through R7 and R8.
Component Selection Guidelines
Choose snubber components R1, C3, and D5 such that the voltage on pin 5 is limited to the range from 0 to 700 volts. These components protect the IC from substrate injection if the voltage was to go below zero volts, and from avalanche if the voltage was to go above 700 volts, at the cost of slightly reduced efficiency. For lower power design, a simple RC snubber as shown, or connected to ground, can be sufficient. Ensure that these component values are chosen based upon the worst-case transformer leakage inductance and worst-case applied voltage. Choose R2 and C4 for best performance radiated switching noise. Capacitor C5 serves multiple purposes. It is used along with the internal startup circuitry to provide power to the IC in lieu of a separate auxiliary winding. It also serves to provide timing for the oscillator frequency sweep for limiting the conducted EMI emissions. The value of C5 will also determine the response during an output fault (overload or short circuit) or open loop condition as shown in Figure 4, along with the total output capacitance. Resistors R5 and R6 will determine the regulated output voltage along with the reference voltage chosen with IC3. The base to emitter voltage drop of Q1 along with the value of R7 will set the fixed current limit value of the Charger application. R9 is used to limit the base current of Q1. Component R8 can be selected to keep the current limit fixed with very low values of output voltage or to provide current limit foldback with results as shown in Figures 29 and 33. A relatively large value of R8 allows for enough output voltage to effectively drive the optocoupler LED for fixed current limit. A low value of R8, along with resistor R10, provides for a low average output power using the fault protection feature when the output voltage is very low. C13 provides for output voltage stability when the Charger application is in current limit.
http://onsemi.com
16
F1 2.0 A D1 1N4006 T1 C4 50 p L1 10 mH D3 1N4006 C2 33 D5 MUR160 R2 2.2 k IC2 SFH 615A-4 R4* 1.0 k R3 47 D2 1N4006 C3 220 p C7 330 C8 330 C9 330 R1 91 k
D6 1N5822
L2 5 mH 5.25 V 1.2 A R6 2.20 k
Vin 85 - 265 VAC C1 0.1
D4 1N4006 C13* 1.0 NCP1053B (100 kHz) Q1* 2N3904 C5 10 R9* 22 W
C11 220
C12 1.0
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
Figure 28. Universal Input 6/5 Watt Converter/Charger Application
http://onsemi.com
C6 100 p
17
R10* 220
C10 0.22
IC3 TL431
R5 2.00 k R7* 0.5 W/1 W R8* 1.2 W/1 W
T1: COOPER ELECTRONIC TECHNOLOGIES PART # CTX22-15348 PRIMARY: 97 turns of #29 AWG, Pin 4 = start, Pin 5 = finish SECONDARY: 5 turns of 0.40 mm, Pins 2 and 1 = start, Pins 7 and 8 = finish GAP: Designed for Total 1.24 mH Primary Inductance CORE: TSF-7070 BOBBIN: Pins 3 and 6 Removed, EE19
* Add Q1, C13, and R7-R10, and Change R4 to 2.0 kW for Charger Output
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
Test Line Regulation Conditions Vin = 85 - 265 VAC; Iout = 120 mA Vin = 85 - 265 VAC; Iout = 600 mA Vin = 85 - 265 VAC; Iout = 1.2 A Vin = 85 - 265 VAC; Iout = 100 mA Vin = 85 - 265 VAC; Iout = 500 mA Vin = 85 - 265 VAC; Iout = 1.00 A Load Regulation Vin = 85 VAC; Iout = 120 mA - 1.2 A Vin = 110 VAC; Iout = 120 mA - 1.2 A Vin = 230 VAC; Iout = 120 mA - 1.2 A Vin = 265 VAC; Iout = 120 mA - 1.2 A Vin = 85 VAC; Iout = 100 mA - 1.00 A Vin = 110 VAC; Iout = 100 mA - 1.00 A Vin = 230 VAC; Iout = 100 mA - 1.00 A Vin = 265 VAC; Iout = 100 mA - 1.00 A Output Ripple Vin = 110 VAC; Iout = 1.2 A Vin = 230 VAC; Iout = 1.2 A Vin = 110 VAC; Iout = 1.00 A Vin = 230 VAC; Iout = 1.00 A Efficiency Vin = 110 VAC; Iout = 1.2 A Vin = 230 VAC; Iout = 1.2 A Vin = 110 VAC; R8 = 1.2 W, Iout = 1.00 A Vin = 230 VAC; R8 = 1.2 W, Iout = 1.00 A Vin = 110 VAC; R8 = 0 W, Iout = 1.00 A Vin = 230 VAC; R8 = 0 W, Iout = 1.00 A No Load Input Power Standby Output Power Short Circuit Load Input Power Vin = 110 VAC; Iout = 0 A Vin = 230 VAC; Iout = 0 A Vin = 110 VAC; Pin = 1 W Vin = 230 VAC; Pin = 1 W Vin = 110 VAC; Vout = 0 V (Shorted) Vin = 230 VAC; Vout = 0 V (Shorted) Vin = 110 VAC; R8 = 1.2 W, Vout = 0 V (Shorted) Vin = 230 VAC; R8 = 1.2 W, Vout = 0 V (Shorted) Vin = 110 VAC; R8 = 0 W, Vout = 0 V (Shorted) Vin = 230 VAC; R8 = 0 W, Vout = 0 V (Shorted) 100 mW 200 mW 680 mW 630 mW 400 mW 550 mW 750 mW 900 mW 700 mW 850 mW 72.4% 69.6% 54.6% 53.6% 66.1% 63.3% 100 mW 200 mW 640 mW 540 mW 86 mVp-p 127 mVp-p 80 mVp-p 155 mVp-p 12 mV 13 mV 12 mV 13 mV 58 mV 65 mV 71 mV 67 mV Converter Results 2 mV 1 mV 2 mV 11 mV 24 mV 41 mV Charger Results
Figure 29. Converter and Charger Test Data Summary
http://onsemi.com
18
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
5.224 5.222 OUTPUT VOLTAGE (VDC) 5.220 5.218 5.216 5.214 5.212 5.210 5.208 80 130 180 230 280 LINE INPUT VOLTAGE (VAC) Iout = 1.2 A Iout = 600 mA OUTPUT VOLTAGE (VDC) Iout = 120 mA 5.23 5.22 5.21 5.20 5.19 5.18 5.17 5.16 5.15 5.14 80 130 180 230 280 LINE INPUT VOLTAGE (VAC) Iout = 1 A Iout = 500 mA Iout = 100 mA
Figure 30. Converter Line Regulation
Figure 31. Charger Line Regulation
6 5 Vin = 85 VAC 4 Vin = 110 VAC 3 2 Vin = 265 VAC 1 0 0 Vin = 230 VAC 0.5 1 LOAD CURRENT (A) 1.5 2
6 5 OUTPUT VOLTAGE (V) 4 3 Vin = 85 VAC 2 1 0 0 0.5 1.0 1.5 LOAD CURRENT (A) Vin = 110 VAC Vin = 265 VAC
OUTPUT VOLTAGE (V)
Vin = 230 VAC
Figure 32. Converter Load Regulation
Figure 33. Charger Load Regulation
Ch1: Vout Ch2: Iout = 0.2 A/div (Vin = 230 VAC)
Ch1: Vout Ch2: Iout = 0.2 A/div (Vin = 230 VAC)
Figure 34. Converter Load Transient Response
Figure 35. Charger Load Transient Response
http://onsemi.com
19
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
75 Vin = 110 VAC 70 EFFICIENCY (%) Vin = 85 VAC Vin = 265 VAC 65 EFFICIENCY (%) Vin = 230 VAC 65 Vin = 85 VAC Vin = 110 VAC 60 70
60
55
Vin = 230 VAC Vin = 265 VAC
55 50 0 0.5 1.0 1.5 LOAD CURRENT (A)
50 45 0 0.5 1.0 1.5 LOAD CURRENT (A)
Figure 36. Converter Efficiency
Figure 37. Charger Efficiency
Ch1: Vout Ch2: Rectified Vin (Vin = 230 VAC, Iout = 0.5 A)
Ch1: Vout Ch2: Rectified Vin (Vin = 230 VAC, Iout = 0.5 A)
Figure 38. Converter On/Off Line Transient Response
Figure 39. Charger On/Off Line Transient Response
http://onsemi.com
20
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
BOARD GRAPHICS
AC Input
DC Output R4 R5 F1 C5 C1
IC3 +
-
C12
-
+
IC2
C10 R9 R8
+
R6 C11
-
L1
IC1
Q1
D4 D2 D3 D5 D1 D6
L2
R7 C6 R3
+
C9
-
R2 R1
+
T1
+
C8
-
-
C2
C3 C4
+
C7
-
Top View 2.75 NCP1050 Series
2.25
Bottom View
Figure 40. Printed Circuit Board and Component Layout
http://onsemi.com
21
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
DEVICE ORDERING INFORMATION (Note 9)
Device NCP1050P44 NCP1050P44G NCP1050P100 NCP1050P100G NCP1050P136 NCP1050P136G NCP1050ST44T3 NCP1050ST44T3G NCP1050ST100T3 NCP1050ST100T3G NCP1050ST136T3 NCP1050ST136T3G NCP1051P44 NCP1051P44G NCP1051P100 NCP1051P100G NCP1051P136 NCP1051P136G NCP1051ST44T3 NCP1051ST44T3G NCP1051ST100T3 NCP1051ST100T3G NCP1051ST136T3 NCP1051ST136T3G NCP1052P44 NCP1052P44G NCP1052P100 NCP1052P100G NCP1052P136 RDS(on) (W) 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 Ipk (mA) 100 100 100 100 100 100 100 100 100 100 100 100 200 200 200 200 200 200 200 200 200 200 200 200 300 300 300 300 300 Package PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 Shipping 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 9. Consult factory for additional optocoupler fail-safe latching, frequency, current limit and line input options.
http://onsemi.com
22
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
DEVICE ORDERING INFORMATION (Note 9)
Device NCP1052P136G NCP1052ST44T3 NCP1052ST44T3G NCP1052ST100T3 NCP1052ST100T3G NCP1052ST136T3 NCP1052ST136T3G NCP1053P44 NCP1053P44G NCP1053P100 NCP1053P100G NCP1053P136 NCP1053P136G NCP1053ST44T3 NCP1053ST44T3G NCP1053ST100T3 NCP1053ST100T3G NCP1053ST136T3 NCP1053ST136T3G NCP1054P44 NCP1054P44G NCP1054P100 NCP1054P100G NCP1054P136 NCP1054P136G NCP1054ST44T3 NCP1054ST44T3G NCP1054ST100T3 NCP1054ST100T3G RDS(on) (W) 30 30 30 30 30 30 30 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 Ipk (mA) 300 300 300 300 300 300 300 400 400 400 400 400 400 400 400 400 400 400 400 530 530 530 530 530 530 530 530 530 530 Package PDIP-8 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) Shipping 50 Units / Rail 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 9. Consult factory for additional optocoupler fail-safe latching, frequency, current limit and line input options.
http://onsemi.com
23
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
DEVICE ORDERING INFORMATION (Note 9)
Device NCP1054ST136T3 NCP1054ST136T3G NCP1055P44 NCP1055P44G NCP1055P100 NCP1055P100G NCP1055P136 NCP1055P136G NCP1055ST44T3 NCP1055ST44T3G NCP1055ST100T3 NCP1055ST100T3G NCP1055ST136T3 NCP1055ST136T3G RDS(on) (W) 15 15 15 15 15 15 15 15 15 15 15 15 15 15 Ipk (mA) 530 530 680 680 680 680 680 680 680 680 680 680 680 680 Package SOT-223 SOT-223 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) Shipping 4000 / Tape & Reel 4000 / Tape & Reel 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 9. Consult factory for additional optocoupler fail-safe latching, frequency, current limit and line input options.
http://onsemi.com
24
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
PACKAGE DIMENSIONS
PDIP-8 P SUFFIX CASE 626A-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 4. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 5. DIMENSIONS A AND B ARE DATUMS.
8
5
B
1 4
L M J
F
NOTE 3
A
C -T-
SEATING PLANE
N D K
M
DIM A B C D F G H J K L M N
MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10 _ 0.76 1.01
INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
H
G 0.13 (0.005) TA
M
B
M
http://onsemi.com
25
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
SOT-223 (TO-261) CASE 318E-04 ISSUE L
D b1
NOTES: C. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. D. CONTROLLING DIMENSION: INCH. MILLIMETERS NOM MAX 1.63 1.75 0.06 0.10 0.75 0.89 3.06 3.20 0.29 0.35 6.50 6.70 3.50 3.70 2.30 2.40 0.94 1.05 1.75 2.00 7.00 7.30 10 - INCHES NOM 0.064 0.002 0.030 0.121 0.012 0.256 0.138 0.091 0.037 0.069 0.276 -
4
HE
1
2
3
E
b e1 e q C
DIM A A1 b b1 c D E e e1 L1 HE
A 0.08 (0003) A1
q
MIN 1.50 0.02 0.60 2.90 0.24 6.30 3.30 2.20 0.85 1.50 6.70 0
MIN 0.060 0.001 0.024 0.115 0.009 0.249 0.130 0.087 0.033 0.060 0.264 0
MAX 0.068 0.004 0.035 0.126 0.014 0.263 0.145 0.094 0.041 0.078 0.287 10
L1
SOLDERING FOOTPRINT*
3.8 0.15 2.0 0.079
2.3 0.091
2.3 0.091
6.3 0.248
2.0 0.079 1.5 0.059
mm inches
SCALE 6:1
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
The products described herein (NCP1050, 1051, 1052, 1053, 1054, 1055), may be covered by one or more of the following U.S. patents: 4,553,084; 5,418,410; 5,477,175; 6,137,696; 6,137,702; 6,271,735, 6,480,043, 6,362,067, 6,587,357. There may be other patents pending. SENSEFET is a trademark of Semiconductor Components Industries, LLC (SCILLC)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
26
NCP1050/D


▲Up To Search▲   

 
Price & Availability of NCP1052ST136T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X