|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS 74F157*, 74F157A, 74F158*, 74F158A Data selectors/multiplexers * Discontinued part. Please see the Discontinued Product List in Section 1, page 21. Product specification IC15 Data Handbook 1996 Mar 12 Philips Semiconductors Philips Semiconductors Product specification Data selectors/multiplexers 74F157A: 74F158A: DESCRIPTION The 74F157A is a high speed Quad 2-Input Multiplexer which selects 4 bits of data from one of two sources under the control of a common Select input (S). The Enable input (E) is active when Low. When E is High, all of the outputs (Yn) are forced Low regardless of all other input conditions. Moving data from two registers to a common output bus is a common use of the 74F157A. The state of the Select input determines the particular register from which the data comes. The device is the logic implementation of a 4-pole, 2-position switch where the position of the switch is determined by the logic levels supplied to the Select input. The 74F158A is similar, but has inverting outputs (Yn). 74F157A, 74F158A Quad 2-input data selector/multiplexer, non-inverting Quad 2-input data selector/multiplexer, inverting * Industrial temperature range (-10C to +85C) available for 74F157A TYPICAL PROPAGATION DELAY 4.6ns 4.6ns 3.7ns 3.7ns TYPICAL SUPPLY CURRENT (TOTAL) 15mA 15mA 10mA 10mA TYPE 74F157 74F157A 74F158 74F158A ORDERING INFORMATION ORDER CODE DESCRIPTION 16-pin plastic DIP 16-pin plastic SO COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F157AN, N174F158AN N74F157AD, N74F158AD INDUSTRIAL RANGE VCC = 5V 10%, Tamb = -40C to +85C I74F157AN I74F157AD PKG. DWG. # SOT38-4 SOT109-1 INPUT AND OUTPUT LOADING AND FAN OUT TABLE PINS Ina, Inb, Inc, Ind S E Ya-Yd Ya-Yd Data inputs Select input Enable input Data outputs (74F157/74F157A) Data outputs (74F158/74F158A) DESCRIPTION 74F (U.L.) HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 50/33 50/33 LOAD VALUE HIGH/LOW 20A/0.6mA 20A/0.6mA 20A/0.6mA 1.0mA/20mA 1.0mA/20mA NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state. PIN CONFIGURATIONS, 74F157A S I0a I1a Ya I0b I1b Yb GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC E I0d I1d Yd I0c I1c Yc S I0a I1a Ya I0b I1b Yb GND 74F158A 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC E I0d I1d Yd I0c I1c Yc SF00215 SF00216 LOGIC SYMBOLS, 74F157A 2 3 5 6 11 10 14 13 2 74F158A 3 5 6 11 10 14 13 I0a I1a I0b 1 15 S E Ya I1b I0c I1c I0d I1d 1 15 S E I0a I1a I0b I1b I0c I1c I0d I1d Yb Yc Yd Ya Yb Yc Yd VCC = Pin 16 GND = Pin 8 4 7 9 12 SF00217 VCC = Pin 16 GND = Pin 8 4 7 9 12 SF00218 1996 Mar 12 2 853-0346 16555 Philips Semiconductors Product specification Data selectors/multiplexers 74F157A, 74F158A IEEE/IEC SYMBOLS, 74F157A 1 15 G1 EN 1 15 74F158A G1 EN 2 3 5 6 11 10 14 13 1 1 MUX 4 2 3 1 1 MUX 4 7 5 7 6 11 10 9 9 12 14 12 13 SF00219 SF00220 LOGIC DIAGRAM, 74F157A I0a 2 I1a 3 I0b 5 I1b 6 I0c 11 I1c 10 I0d 14 I1d 13 E 15 S 1 I0a 2 I1a 3 I0b 5 I1b 6 74F158A I0c 11 I1c 10 I0d 14 I1d 13 E 15 S 1 4 Ya VCC = Pin 16 GND = Pin 8 Yb 7 Yc 9 12 Yd Ya 4 Yb 7 Yc 9 12 Yd SF00225 VCC = Pin 16 GND = Pin 8 SF00226 FUNCTION TABLE, 74F157A INPUTS E H L L L L S X H H L L I0n X X X L H I1n X L H X X OUTPUT Yn L L H L H E H L L L L S X L L H H 74F158A INPUTS I0n X L H X X I1n X X X L H OUTPUT Yn H H L H L H = High voltage level L = Low voltage level X = Don't care H = High voltage level L = Low voltage level X = Don't care 1996 Mar 12 3 Philips Semiconductors Product specification Data selectors/multiplexers 74F157A, 74F158A ABSOLUTE MAXIMUM RATINGS (Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb b Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air tem erature range temperature O erating Storage temperature range Commercial Range Industrial Range 74F157A only PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 40 0 to +70 -40 to +85 -65 to +150 UNIT V V mA V mA C C RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VIH VIL IIK IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Commercial Range Operating free air temperature range Industrial Range 74F157A only 0 -40 PARAMETER MIN 4.5 2.0 0.8 -18 -1 20 70 85 C LIMITS NOM 5.0 MAX 5.5 V V V mA mA mA UNIT DC ELECTRICAL CHARACTERISTICS (Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL VOH VOL VIK II IIH IIL IOS ICC PARAMETER High-level out ut voltage output Low-level out ut voltage output Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Short-circuit output current3 Su ly Supply current (total)4 74F157A 74F158A TEST CONDITIONS1 VCC = MIN, VIL = MAX VIH = MIN, IOH = MAX VCC = MIN, VIL = MAX VIH = MIN, IOL = MAX VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX VCC = MAX -60 15.0 14.0 10%VCC 5%VCC 10%VCC 5%VCC LIMITS MIN 2.5 2.7 3.4 0.30 0.30 -0.73 0.50 0.50 -1.2 100 20 -0.6 -150 23.0 19.0 TYP2 MAX UNIT V V V A A mA mA mA mA NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last. 4. ICC is measured with 4.5V applied to all inputs and all outputs open. 1996 Mar 12 4 Philips Semiconductors Product specification Data selectors/multiplexers 74F157A, 74F158A AC ELECTRICAL CHARACTERISTICS FOR 74F157A AND 74F158A LIMITS TEST CONDITION VCC = +5.0V Tamb = +25C CL = 50pF RL = 500 MIN tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Propagation delay I0n, I1n to Yn Propagation delay E to Yn Propagation delay S to Yn Propagation delay I0n, I1n to Yn Propagation delay E to Yn Propagation delay S to Yn 74F158A 74F157A Waveform 1 Waveform 3 Waveform 1 Waveform 2 Waveform 4 Waveform 2 3.5 2.5 6.0 4.0 5.5 4.5 3.0 1.5 4.5 5.0 4.5 4.0 TYP 4.5 3.5 7.5 5.0 7.5 6.0 4.0 2.5 5.5 6.0 6.5 5.5 MAX 6.5 5.0 9.0 6.5 10.0 7.5 6.0 4.0 7.0 7.5 8.5 7.5 VCC = +5.0V 10% Tamb = 0C to +70C CL = 50pF RL = 500 MIN 3.0 1.5 5.5 4.0 5.0 4.0 2.5 1.0 4.0 5.0 4.0 3.5 MAX 7.0 6.0 10.5 7.0 11.0 8.5 7.0 4.5 7.5 8.0 9.5 8.0 VCC = +5.0V 10% Tamb = -40C to +85C CL = 50pF RL = 500 MIN 3.0 1.5 5.5 4.0 5.0 4.0 -- -- -- MAX 7.5 6.5 11.0 7.5 11.5 9.0 -- -- -- ns ns ns ns ns ns SYMBOL PARAMETER UNIT AC WAVEFORMS For all waveforms, VM = 1.5V I0n, I1n, S VM tPHL I0n, I1n, S VM tPLH VM tPLH VM tPHL Yn VM VM Yn VM VM SF00221 SF00222 Waveform 1. Propagation Delay for Data and Select to Output Waveform 2. Propagation Delay for Data and Select to Output E VM tPLH VM tPHL E VM tPHL VM tPLH Yn VM VM Yn VM VM SF00223 SF00224 Waveform 3. Propagation Delay for Enable to Output Waveform 4. Propagation Delay for Enable to Output 1996 Mar 12 5 Philips Semiconductors Product specification Data selectors/multiplexers 74F157A, 74F158A TEST CIRCUIT AND WAVEFORMS VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V) tTLH (tr ) 90% POSITIVE PULSE VM 10% tw tTHL (tf ) AMP (V) 90% VM 10% 0V Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators. Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns SF00006 1996 Mar 12 6 Philips Semiconductors Product specification Data selectors/multiplexers 74F157*, 74F157A 74F158*, 74F158A DIP16: plastic dual in-line package; 16 leads (300 mil) SOT38-4 * Discontinued part. Please see the Discontinued Product List in Section 1, page 21. 1996 Mar 12 7 Philips Semiconductors Product specification Data selectors/multiplexers 74F157*, 74F157A 74F158*, 74F158A SO16: plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 * Discontinued part. Please see the Discontinued Product List in Section 1, page 21. 1996 Mar 12 8 Philips Semiconductors Product specification Data selectors/multiplexers 74F157*, 74F157A 74F158*, 74F158A NOTES * Discontinued part. Please see the Discontinued Product List in Section 1, page 21. 1996 Mar 12 9 Philips Semiconductors Product specification Data selectors/multiplexers 74F157*, 74F157A, 74F158*, 74F158A Data sheet status Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. Production [1] Please consult the most recently issued datasheet before initiating or completing a design. Definitions Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Disclaimers Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05083 * Discontinued part. Please see the Discontinued Product List in Section 1, page 21. Philips Semiconductors yyyy mmm dd 10 This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of N174F158AN |