Part Number Hot Search : 
MS274 TSTA7300 1755I SMC24 O2375A 226X0025 TSTA7300 LM317LS
Product Description
Full Text Search
 

To Download ML9620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OKI Semiconductor ML9620
CAN Controller IC
FEDL9620-01
Issue Date: Aug. 29, 2003
GENERAL DESCRIPTION
The ML9620 is a microcontroller peripheral LSI which conforms to the CAN protocol for high-speed LANs in automobiles.
FEATURES
* Conforms to CAN protocol specification (Bosch, V2.0 part B/Active) * Maximum of 1 Mbps bit rate * Message box:
* *
*
* * *
* Up to 32 message boxes can be used, and messages up to 8 bytes long can be transmitted or received for each message box * Number of received messages can be extended by group message function (Each Message box has its own Identifier Mask) * Programmable FIFO mode Priority control by message objects number: * 2032 types in standard format, 2032 x 218 types in extended format Microcontroller interface: * Corresponding to both parallel and serial interface Parallel interface: Separate address/data bus type (with address latch signal / no address latch signal) and multiplexed address/data bus type Serial interface: Synchronous communication type * Three interrupt sources: transmission/receive/error * Two message interface register buffer Error control: * Bit error/stuff error/CRC error/form error/acknowledgment error detection functions * Retransmission/error status monitoring function when error occurs * Bit error flag/stuff error flag/CRC error flag/form error flag/acknowledge error flag are provided Communication control by remote data request function Sleep and Stop mode function Disable Automatic Retransmission mode for Time Triggered CAN applications 3.3V, 5V 8MHz@VDD=3.3V, 8 to 16MHz@VDD=5 V -40 to +85C (for Industrial) -40 to +125C (for Automobile) 44-pin plastic QFP (QFP44-P-910-0.80-2K)
* Supply voltage: * Clock frequency: * Operating temperature: * Package:
1/7
FEDL9620-01
OKI Semiconductor
ML9620
BLOCK DIAGRAM
RESET CS A[7:0] AD[7:0]/D[7:0] PALE PWR PRD/SRW PRDY/SWAIT
VDD GND Parallel I/F Microcontroller Interface
TX Message RAM CAN Control RX
Registers
SCLK SDI SDO Mode[1:0] XT XT INT
OSC Message Handler
Serial I/F
2/7
FEDL9620-01
OKI Semiconductor
ML9620
PIN CONFIGURATION (TOP VIEW)
AD3/D3 AD4/D4 AD5/D5 AD6/D6 AD7/D7 GND VDD A0 A1 A2 A3
34 35 36 37 38 39 40 41 42 43 44 A4 A5 A6 A7 SDO GND SDI SCLK PRD/SRW 1 2 3 4 5 6 7 8 9 CS 10 INT 11
33 32 31 30 29 28 27 26 25 24 23
AD2/D2 AD1/D1 AD0/D0 Mode1 Mode0 GND PALE PWR RESET VDD Nc
22 21 20 19 18 17 16 15 14 13 12
TX GND VDD GND (Test) RX GND (Test) PRDY/SWAIT GND XT XT VDD
44-Pin Plastic QFP
3/7
FEDL9620-01
OKI Semiconductor
ML9620
ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Input Voltage Storage temperature Symbol VDD VIN TSTG Condition Ta = 25C Ta = 25C -- Rating -0.3 to +7.0 -0.3 to VDD +0.3 -65 to +150 Unit V V C
RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Operating temperature Master clock frequency Symbol VDD TOP fOSC Condition 3.3V 5V for Industrial for Automobile VDD=3.3V VDD=5V Rating 3.0 to 3.6 4.5 to 5.5 -40 to +85 -40 to +125 8 8 to 16 Unit V V C C MHz MHz
4/7
FEDL9620-01
OKI Semiconductor
ML9620
PACKAGE DIMENSIONS
(Unit: mm)
QFP44-P-910-0.80-2K
Mirror finish
5
Notes for Mounting the Surface Mount Type Package
Package material Lead frame material Pin treatment Package weight (g) Rev. No./Last Revised
Epoxy resin 42 alloy Solder plating (5m) 0.41 TYP. 4/Nov. 28, 1996
The surface mount type packages are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
5/7
FEDL9620-01
OKI Semiconductor
ML9620
REVISION HISTORY
Document No.
FEDL9620-01
Date
Aug. 29, 2003
Page Previous Current Edition Edition
- - First edition
Description
6/7
FEDL9620-01
OKI Semiconductor
ML9620
NOTICE 1. The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-to-date. 2. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not, unless specifically authorized by Oki, authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents contained herein may be reprinted or reproduced without our prior permission. Copyright 2002 Oki Electric Industry Co., Ltd.
3.
4.
5.
6.
7.
8.
7/7


▲Up To Search▲   

 
Price & Availability of ML9620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X