Part Number Hot Search : 
BCW60 TN5415A HFW75N75 ML7815A JM2396 1N974B C5603 MAX15031
Product Description
Full Text Search
 

To Download MIT-5A11C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLOTTED PHOTOINTERRUPTER
Description
The MIT-5A11C consists of a Gallium Arsenide infrared emitting diode and a NPN silicon phototransistor built in a black plastic housing . It is a reflective subminiature photointerrupter.
12.8 0.05 (.504) 5.2 (.205) 3.2 0.15 (.126) 6.4 (.252)
MIT-5A11C
Package Dimensions
Unit: mm ( inches )
1
4
2
3
(.150) 3.8
l l l l
For- direct pc board or Dual - in - line socket mounting Fast switching speed Choice of mounting configuration.
0.5 (.020) 9.6 2.5 (.378) (.098)
NOTE
1. Tolerance is 0.25 mm (.006") unless otherwise noted.
Absolute Maximum Ratings
@TA =25oC Parameter Continuous Forward Current INPUT Reverse Voltage Power Dissipation Collector-emitter breakdown voltage OUTPUT Emitter-Collector breakdown voltage Collector power dissipation Total power dissipation Operating Temperature Range Storage Temperature Range Symbol IF VR Pad V(BR)CEO V(BR)ECO PC PTOT Topr Tstg Maximum Rating 50 5 75 30 5 75 100 -25oC to +85oC -40oC to +100oC Unit mA V mW V V mW mW
Unity Opto Technology Co., Ltd.
5.8
l
Non -contact switching
7.0 (.276)
Features
1.72 (.068
04/01/2002
MIT-5A11C
Optical-Electrical Characteristics
@TA =25oC Parameter Input Forward Voltage Reverse Current Output Collector Dark Current Collector Emitter Collector Current Transfer Cha- Response Time (RISE) racteristics Response Time (FALL) symbol VF IR Iceo VCE(SAT) Ic (on) tr tf 500 20 20 100 100 Min. Typ. 1.2 Max. 1.4 10 100 0.4 Unit. V Test Conditions IF =20mA
A VR =5V nA V S S Vce =10V Ic=0.1mA,Ee=0.1mW/cm2
A IF =20mA, Vce =5V Ic=100A, Vce =5V RL =1k, d =1mm
Typical Optical-Electrical Characteristic Curves
Forward Current IF (mA)
50 40 30 20 10 0 -25 0 25 50 75 100
Power Dissipation (mW)
60
120 100 80 60 40 20 0 -25 0 25 50 75 100 PD , PC PTOT
Ambient Temperature TA Fig.1 forward Current VS. Ambient Temperature Forward Current IF (mA) Collector Current Ic (A)
1000 700 600 500 400 300 200 100 0 0
Ambient Temperature TA ( oC ) Fig.2 Power Dissipation vs Ambient Temperature
Vce=2V Ta=25J
100
10
1 0
Forward Voltage VF (V) Fig.3 Forward Current VS Forward Voltage
Ta=25oC
1
2
3
4
5
10
15
20
25
30
Forward Current IF (mA) Fig.4 Collector Current vs Forward Voltage Relative Collector Current (%)
120 100 80 60 40 20 0 -25 0 25 50 75 100
Collector Current Ic (A)
700 600 500 400 300 200 100 0 0 2 4 6 8 10 12 4mA IF=15mA 10mA 20mA
Collector-Emitter Voltage Vce (V) Fig.5 Collector Current vs. Vce
Ambient Temperature TA ( oC ) Fig.6 Relative Collector Current VS. TA
Unity Opto Technology Co., Ltd.
04/01/2002
MIT-5A11C
Typical Optical-Electrical Characteristic Curves
Collector Dark Current ICEO
10-6 10-7 10-8 10-9 10-10 0 VCE=20V 1000
V CE =2V I C =100mA Ta=25 J
Response Time (s)
100 10 1
Ambient Temperature TA ( oC ) Fig.7 Collector Dark Current vs. Ambient Temperature
25
50
75
100
0.1 0.01
0.1
1
10
100
Load Resistance Rt (K) Fig.8 Response Time vs. Load Resistance
100
Relative Sensitivity (%)
Ta=25J 80 60 40 20 0 700 Input Input Output
Response Time Measurement Circuit
t
90 % 10 %
t tr tf IL VR Output VCC
800
900
1000
1100
1200
Wavelength (nm) Fig.9 Spectral Sensitivity (Detecting side)
Sensing Position Characteristics (Typical)
X Y
I F =20mA V CE =5V I F =20mA V CE =5V Ta=25 J
Relative light current IL (%)
100
Ta=25 J
(Center of optical axis) 50 X Y 0 0 -2 -1 0 +1 +2 (mm) -2 -1 0 +1 +2 (mm) 0 + +
Distance d (mm)
Unity Opto Technology Co., Ltd.
04/01/2002


▲Up To Search▲   

 
Price & Availability of MIT-5A11C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X