Part Number Hot Search : 
PB8282C MC1494 631A22 M32F10 50N50 1N4151W 5KE43 GP521
Product Description
Full Text Search
 

To Download MIC5400BWM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC5400
Micrel
MIC5400
Dual, 8-Output, 14-Bit LED Video Display Driver
General Description
The MIC5400 consists of 2 banks of 8 LED driver outputs, each output capable of sinking up to 30mA. Each bank is intended to drive 8 LED pixels of the same color. Most applications will use the MIC5400 to drive pixel clusters of 4 LEDs (RRGB.) Typically two red LEDs are used for every one green and blue to compensate for red LED brightness. A single external resistor sets maximum drive current. Use of an external resistor allows different color LED banks to be biased to the same intensity. Brightness control is digitally programmed through the serial interface. Coarse Brightness Control is determined by two 4-bit DACs, one for each driver bank, limiting the full-scale output to a fraction of the maximum value. Additionally, each output has Fine Brightness Control using 10-bit resolution PWM. Groups of drivers can be cascaded in Daisy Chain fashion. Open circuit output faults are detected and can be read back from the internal Status register.
Features
* 2 banks of 8 outputs * Output characteristics: * Current sink: 30mA - Programmable brightness control * Coarse: 4-bit resolution DAC * Fine: 10-bit resolution PWM - Resistor sets maximum LED current to compensate variation in LEDs - Current limit on each output * Full protection: - Over-temperature shutdown - Watchdog disables output under fault condition - Power-on reset (all LEDs Off) - Soft-start on power up and watchdog recovery - Output open fault detection with status register readback * Output transitions are staggered to minimize supply transients
Applications
* Outdoor video screen * Large LED display
Ordering Information
Part Number MIC5400BWM Junction Temp. Range -40C to +85C Package 28-Pin Wide SOIC
Typical Application
RSC BCP69
MIC5400
3301/2 VDDA RSET 2.2F
Output A SHFTCLK BD_A SHIFTIN Logic SHIFTOUT LOAD Control and SRegister 2.2F 3301/2 BCP69
Output B
BD_B VDD VDD VDDB RSC
0.01F
Micrel, Inc. * 1849 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 944-0970 * http://www.micrel.com
November 2002
1
MIC5400
MIC5400
Micrel
Pin Configuration
A4 1 A3 2 A2 3 A1 4 LOAD 5 SHFTCLK 6 VDD 7 GND 8 SHIFTIN 9 SHIFTOUT 10 B1 11 B2 12 B3 13 B4 14 28 A5 27 A6 26 A7 25 A8 24 VDDA 23 BD_A 22 GND 21 IREF 20 BD_B 19 VDDB 18 B8 17 B7 16 B6 15 B5
28-Lead SOIC
Pin Description
Pin Number Pin 1,2,3,4 5 Pin Name Name A4,A3,A2,A1 LOAD Pin Function Function Current Sink pins to be connected to LED cathodes If this pin is Low, the device acts as a shift register. When this pin is High, only the first falling edge of the clock transfers data from the Shift-Register to the Parallel Register. The next rising edge transfers data from the Status Register to the Shift Register Shift-register Clock Input Positive Supply Voltage Ground Shift-register Data Input Shift-register Data Output Current Sink pins to be connected to LED cathodes Current Sink pins to be connected to LED cathodes Analog Power source pins which provide current sense points for Channel A and Channel B PNP emitter currents, independently. Base Drive Outputs for external PNP transistors. Feedback Loop compensation requires one external capacitor at each PNP transistor collector. Reference current output. Must be connected to an external resistor to set the maximum current for the current sink outputs. Base Drive Outputs for external PNP transistors. Feedback Loop compensation requires one external capacitor at each PNP transistor collector. Analog Power source pins which provide current sense points for Channel A and Channel B PNP emitter currents, independently. Current Sink pins to be connected to LED cathodes
6 7 8,22 9 10 11,12,13,14 15,16,17,18 19 20 21 23 24 25,26,27,28
SHFTCLK VDD GND SHIFTIN SHIFTOUT B1,B2,B3,B4 B5,B6,B7,B8 VDDB BD_B REF BD_A VDDA A8,A7,A6,A5
MIC5400
2
November 2002
MIC5400
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage .............................................................. +7V Input Voltage ....................................... -0.3V to VCC + 0.3V Base Drive Voltage ....................................................... +7V Output Sink Current (per output) ................................ 35mA Lead Temperature (soldering, 5 sec) ........................ 260C Junction Temperature (TJ)(max) ............................... 125C
Operating Ratings (Note 2)
Supply Voltage (VCC) ................................ +4.75V to +5.5V Junction Temperature (TJ) ....................... -40C to +125C Package Thermal Resistance SOIC (JC) .......................................................... 28C/W SOIC (JA) ......................................................... 100C/W
DC Electrical Characteristics
VDD = 4.75V to 5.5 V, TA = 25C, bold values indicate -40C TA +85C. RBIAS = 500. Applies to all channels unless noted. Symbol IOUT IOUT IOUT(OFF) IDD IB VREF VIH VIL VOH VOL TSHUTDOWN Parameter Output Sink Current Output Current Matching Output Off Leakage Supply Current PNP Base Drive Current Reference Output Voltage Logic 1 Input Threshold Logic 0 Input Threshold Logic 1 Output Level Logic 0 Output Level Thermal Shutdown Temperature ILOAD = 1mA ILOAD = 1mA 165 2.4 0.4 VOUT = 5V VDD = 5.5V VBD = 4V IREF = -4mA -1 0 7 1.9 2.2 0.8 Condition Min 26 Typ Max 35 7 1 2 50 2.1 Units mA % A mA mA V V V V V C
AC Electrical Characteristics
VDD = 4.75V to 5.5V, TA = 25C, bold values indicate -40C TA +85C. RBIAS = 500. Applies to all channels unless noted Symbol fSHIFT tSET-DATA tHOLD-DATA tSET-LOAD tHOLD-LOAD IOUT(tr) IOUT(ttf) tD-SHIFT tr,f-OUT tWD-TIMEOUT tr,f[in]
Note 1. Note 2. Note 3. Note 4. Note 5.
Parameter Shift Frequency Set Up Time for Data In Hold Time for Data In Set Up Time for Load Hold Time for Load Rise Time IOUT Fall Time IOUT Clock to Shift Out Delay Shift Out Rise and Fall Time Watch Dog Timeout Delay Logic Input Rise and Fall Times
Conditions
Min
Typ
Max 15
Units MHz ns ns ns ns
Note 5 Note 5 Note 5 Note 5 Note 4, 5 Note 4, 5 Rise and Fall, 50% CLOAD = 30pF, Note 5 10% to 90%; CLOAD =30pF, Note 5 No Shiftclock
7 13 20 13 125 50 23 10 25 200 10
ns ns ns ns s ns
Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside its operating rating. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Test circuit shown in Figure 1. Guaranteed by design; not production tested.
November 2002
3
MIC5400
MIC5400
Micrel
Test Circuit
VDD = 5V
Controller
Device Under Test OUTN
75
VOUT to FET Probe (C < 1.5pF)
Figure 1. AC Output Test Circuit
Timing Diagrams
SHFTCLK LOAD
Control Register Contents
DN-1
DN
Shift Register Contents
Shifting
DN
DN
SN
Shifting
Status Register Contents
SN
SN
SN
SN+1
Figure 2. MIC5400 Timing Diagram
Linearity
Typical Global Full Scale Linearity (any output)
45 40 35
Linear Operating Region (Recommended)
IOUT ( mA )
30 25 20 15 10
TJ = 25 Non-Linear Operation
5 1.5 2 2.5 3 3.5 4 4.5 5 5.5 IREF (mA)
Figure 3. Typical Global Full Scale Linearity
MIC5400
4
November 2002
MIC5400
Micrel
Functional Diagram
PWM Select (3 Bits)
PWM Select
Select 1 of 8 in Bank A/B
PWM 1 PWM 2 PWM 3 PWM 4 PWM 5
Out 1A Out 2A Out 3A Out 4A Out 5A Out 6A Out 7A Out 8A
PWM Data A (10 Bits) PWM Data B (10 Bits) Watchdog Enable (1 Bits)
Data and Control Register (36 bits)
DAC A (4 Bits) DAC B (4 Bits)
Divisor (4 Bits)
IREF A
2X4-bit Brightness DAC
PWM 6 PWM 7 PWM 8
IREF B
Status A (8 Bits) Status B (8 Bits)
PWM 1
Watchdog Status (1 Bits)
Out 1B Out 2B Out 3B Out 4B Out 5B Out 6B Out 7B Out 8B
Status Register (36 bits)
Thermal Status (1 Bits) Mask Rev. (3 Bits) Fixed Pattern (15 Bits)
PWM 2 PWM 3 PWM 4 PWM 5 PWM 6 PWM 7
SHIFTIN
36 Bit Shift Register
SHIFTOUT
PWM 8
SHFTCLK
LOAD
MIC5400 Functional Diagram
November 2002
5
MIC5400
MIC5400
Micrel
Address 3 Bits Q1 to Q3 [Q1 = LSB]
Data A 10 bits Q4 to Q13
Data B 10 Bits Q14 to Q23
Watchdog 1 Bit Q24
Divisor 4 Bits Q25 to Q28
DAC B 4 Bits Q29 to Q32
DAC B 4 Bits Q33 to Q36
Bit 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
Description Address bit 1 Address Bit 2 Address Bit 3 Data A Bit 1 Data A Bit 2 Data A Bit 3 Data A Bit 4 Data A Bit 5 Data A Bit 6 Data A Bit 7 Data A Bit 8 Data A Bit 9 Data A Bit 10 Data B Bit 1 Data B Bit 2 Data B Bit 3 Data B Bit 4 Data B Bit 5 Data B Bit 6 Data B Bit 7 Data B Bit 8 Data B Bit 9 Data B Bit 10 Watchdog Bit [Disable = 1] Divisor Bit 1 Divisor Bit 2 Divisor Bit 3 Divisor Bit 4 DAC A Bit 1 DAC A Bit 2 DAC A Bit 3 DAC A Bit 4 DAC B Bit 1 DAC B Bit 2 DAC B Bit 3 DAC B Bit 4 Table 1. Shift Register Data Format
MIC5400
6
November 2002
MIC5400
Status A
[1 = Open Circuit]
Micrel
Status B
[1 = Open Circuit]
Watchdog
[1 = Timeout]
Thermal
[1 = Overtemp]
Mask Revision 3 Bits D19 to D21
Alternating Bits 15 Fixed Bits D22 to D36
8 Bits D1-D8
8 Bits D9-D16 Bit 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
1 Bit D17
1 Bit D18 Description
Status A - Bit 1 (Output Open Circuit = 0) Status A - Bit 2 (Output Open Circuit = 0) Status A - Bit 3 (Output Open Circuit = 0) Status A - Bit 4 (Output Open Circuit = 0) Status A - Bit 5 (Output Open Circuit = 0) Status A - Bit 6 (Output Open Circuit = 0) Status A - Bit 7 (Output Open Circuit = 0) Status A - Bit 8 (Output Open Circuit = 0) Status B - Bit 1 (Output Open Circuit = 0) Status B - Bit 2 (Output Open Circuit = 0) Status B - Bit 3 (Output Open Circuit = 0) Status B - Bit 4 (Output Open Circuit = 0) Status B - Bit 5 (Output Open Circuit = 0) Status B - Bit 6 (Output Open Circuit = 0) Status B - Bit 7 (Output Open Circuit = 0) Status B - Bit 8 (Output Open Circuit = 0) Watchdog Status [0 = Normal, 1 = Time Out] Thermal Status [0 = Normal, 1 = Overtemp] Mask Revision Bit 1 Mask Revision Bit 2 Mask Revision Bit 3 0 [Fixed Pattern Filler Bits] 1 0 1 0 1 0 1 0 1 0 1 0 1 0 Table 2. Status Word Format
November 2002
7
MIC5400
MIC5400
Applications Information Output Current Drive The MIC5400 includes several ways to program LED output current. These output current controls are superimposed and have an additive effect on LED output current as follows: Global Full Scale Current Limit: This function sets the Global Full Scale (GFS) current at each of the outputs. The GFS value current is about 8.1 times ISET. ISET is the current through the single resistor, RBIAS, connected from VREF to Ground. VREF is regulated to 2V (nominal) so:
Micrel
As a result of the 25 microsecond minimum watchdog timeout delay, the lower limit of clock frequency is 40kHz. The thermal shutdown typically activates if the die temperature exceeds 165C. Thermal shutdown shuts off all outputs and sets the Thermal status bit to logic 1 if overtemperature is detected. Thermal status is read back from status word bit D18. External PNP Transistors The external PNPs have a dual role. As part of a voltage regulator loop they aid in limiting package power dissipation. Sensing current in the PNP emitters also allows setting an overall limit to the current available to one bank of 8 LEDs. Power dissipation: The regulator loop controls the voltage at the LED drive output to limit power dissipation. The outputs are typically controlled to 1.1V. A 2.2 F capactor is required at the collector of each PNP for frequency compensation. PNP Current Limit The current limit of the external PNP can be set by conncting a sense resistor RCS from VDD to VDDA and VDDB respectively. The current limit is: 48mV ILIM = R SC If current limit is not used, short VDDA and VDDB to VDD. Daisy Chains Parts may be cascaded in groups of arbitrary size. The SHIFTOUT pin of one part is connected to the SHIFTIN pin of the following part. Data bit 36 is the first bit data to be shifted in. Status bit 36 is the first status bit to be shifted out. (See Table 1 and Table 2) When loading the 36-bit data words, the user must keep track of the number of SHIFTCLOCK cycles to determine when data is aligned for transfer to the control and PWM registers. For example, if one daisy chains 10 parts, 360 SHIFTCLK cycles are required to clock in all the data words. LOAD and the Data/Control and Status Registers: When LOAD is low, the MIC5400 acts as a 36-bit shift register. When LOAD goes high, the part no longer shifts data. Data is transferred from the Shift Register to the parallel control registers on the first falling edge of SHIFTCLK after LOAD goes high. While LOAD remains high, the next rising edge of SHIFTCLOCK transfers data from the status registers to the shift register. The first status bit to appear on SHIFTOUT is Status Filler Bit 36 (Logic 0). See Table 2 for description and Figure 2 for timing. Status A or Status B = 0 if the output is open circuit, i.e., open LED. After LOAD returns low, normal shift register operation resumes and status data is shifted out as new data words are shifted in on the rising edge of SHIFTCLK.
ISET =
VREF ( 2V ) [8.1] x [2V] = and GFS= RBIAS RBIAS RBIAS
For RBIAS = 500, GFS = 32.4mA The recommended value for ISET is 4mA or less for linear operation. See Figure 3. Brightness Control Brightness contol is provided by two, 4-bit DACs, one DAC for each of the two output banks of 8 outputs. The output current is varied between 0*GFS and (15/16) *GFS in 15 equal steps based on the 4 Bit DAC code from the shift register Data Word; Bits Q29 -Q32 control Output Bank A and Bits QA3336 control Output Bank B. (See Table 1: Data Word Format). Watchdog Status is read back from Status Word Bit Q17. Thermal Status is read from Status Word Bit Q18. Output Intensity Each LED Output intensity is further controlled by a Pulse Width Modulator providing 10-bit resolution intensity variation. One LED output per bank can be set up for each Data Word. A 3-bit address selects 1 of the 8 PWMs for each of the two output banks. Programming bits Q1-Q3 determine the PWM address, bits Q4-Q13 control the PWMs driving Bank A, bits Q14-Q23 control the PWMs driving Bank B. The PWM is created by comparing the count of a 10-bit counter with the 10-bit programming word. If the count output is greater than the programming word, the output is "OFF". The PWM frequency is also programmable, in ratio to the frequency of the shift register clock. The ratio value is set by the Divisor, loaded into bits Q25-Q28 of the Data Word. See Table 3. Watchdog and Thermal Shutdown The MIC5400 incorporates both a watchdog and thermal shutdown. The watchdog shuts off all outputs and sets watchdog status bit to logic 1 if the shift clock is absent for more than 200 microseconds. Watchdog status remains logic 0 for shift clocks more frequent than 25 microseconds. The watchdog is enabled by data word bit Q24. Watchdog status is read back from status word bit D17.
Divisor Code 0 1 2 3 4 5 6 7 8 9 ABCDE F Divide by R 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Table 3. PWM Clock Ratio to Shift Clock [PWM Clock Freq. = (Shift Clock Freq)/R] MIC5400 8 November 2002
MIC5400
Micrel
(1V/div)
TIME (2.5ns/div)
(1V/div)
(2V/div)
TIME (2.5ns/div)
Output Current Sink Rise Time
Clock to Shiftout Delay Time
(1V/div)
TIME (2.5ns/div)
Output Current Sink Fall Time
November 2002
9
MIC5400
MIC5400
Micrel
Package Information
Rev. 02
28-Pin Wide SOIC
MICREL, INC.
TEL
1849 FORTUNE DRIVE SAN JOSE, CA 95131
FAX
USA
+ 1 (408) 944-0800
+ 1 (408) 944-0970
WEB
http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2003 Micrel, Incorporated.
MIC5400
10
November 2002


▲Up To Search▲   

 
Price & Availability of MIC5400BWM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X