Part Number Hot Search : 
S1870 ALN2251 SFH415 7133SA7 SF200 11A00 84130108 1LT1G
Product Description
Full Text Search
 

To Download MCF5282 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Software Development Tools
CodeWarriorTM Development Studio
for ColdFire(R) Architectures
Overview When building network connected industrial control devices, comprehensive development tools that enhance developer productivity are a crucial component of project success. As a FreescaleTM company, we have unique access to the silicon design team is leveraged in every aspect of creating and supporting our products and solutions. Support for all Freescale ColdFire(R) devices coupled with the cross-platform capabilities of the award-winning CodeWarriorTM integrated development environment (IDE) simplifies code migration and reuse for faster product development. CodeWarrior Development Studio for ColdFire Architectures, version 6.0 is a complete integrated development environment for ColdFire hardware bring-up through embedded applications.
Product Features
Project Manager
> Supports Debug With Arbitrary Records Format (DWARF) > Debugging and analysis support for industry-leading real time operating systems (RTOS): ARCTM MQXTM, ThreadX, Quadros RTXCTM and others. See Web for details.
Compiler and Linker
CodeWarrior IDE holds source files and libraries, manages dependencies and stores compiler, linker and other preferences using projects in a graphical user interface. > Dependency management eliminates the need for complicated make-files > Keeps constant track of code size, file link order and debugging options > Easily configurable warning levels
Source-Level Debugger
> Edit compile-time errors from inside the build system > Pop-up menus enable quick navigation to project functions and headers > Drag-and-drop editing in IDE for source code > Click on compile-time error links to view the source of the error
Search Engine
Industry-leading CodeWarrior C/C++ Compiler Suite includes ANSI C and ISO C++ compatible standard library. > Standard or compact C libraries available for embedded development > Global optimizations for C/C++/EC++ > Register-based calling in C/C++ for improved performance
Editor and Code Navigation System
Locates a specific text string; provides filecomparison and file-differencing functionality. > Differences can easily be viewed with color-coded, line-by-line comparisons > Compare files and selectively apply differences with a single mouse click
A high performance graphical source-level debugger equipped with the latest features to shorten hardware bring-up and application development time. > Edit/write code while debugging for faster results with source code browsing > Pop-up windows to display/edit variable values and registers > Source, assembly and mixed debugging
Enables the creation and manipulation of source code and other text files. > Set breakpoints in the editor > Supports Assembly language coloring
CodeWarrior Development Studio for ColdFire Architectures
CodeWarrior Development Studio provides the capabilities required by every engineer in the development cycle: from board bring-up to firmware development to final application development.
Segmented ColdFire Development Tools Editions - Features/Benefits
Feature IDE Stationery Wizard Program Manager > Projects/Sub Projects Build Tools Assembler Optimizing Compiler For specific optimization only you can provide Reduces code size and maximizes the capabilities of the microcontroller to achieve top performance Allows reuse and maintenance of Code through libraries Yes C-Compiler code size limited to 128K Yes C-Unlimited Yes C-Unlimited C++ Unlimited Allows for easy project set-up Eliminates confusing and often complex make files with visual preference panels Yes Yes Yes Yes Yes Yes Benefit Special Edition Standard Edition Professional Edition
Libmaker
Yes
Yes
Yes
Debug Tools Source-Level Debugger Speeds debug cycles by view the source code as it executes Fully Integrated flash programming improves the build-debug cycle because it automates your downloads Reduces costs and eliminates possible hardware issues during development Let's you see how your program effects peripherals Ready to work with RTOS-aware debug capabilities Allows for stop mode debug and on-chip debugging ASM - Unlimited C - 128K ASM - Unlimited C - Unlimited ASM - Unlimited C - Unlimited C++ - Unlimited Yes
Flash Programming
Yes
Yes
Simulator V2 and V4e
No
Yes
Yes
Data Visualization
Yes
Yes
Yes
RTOS Awareness
No
No
Yes
Debug Hardware Support
USB connections
USB connections
USB/Ethernet connections
Advanced Tools Profile and Analysis and Code Coverage CodeTEST Integration Gives you visibility into you running program to allow fine tuning and better quality and style guidelines Complete software analysis toolsuite for memory and performance analysis, code coverage, and statement trace No No Yes
No
No
Yes
CodeWarrior Development Studio for ColdFire Architectures
Features for Version 6 > NEW compiler optimizations > Instruction set simulator (ISS) for V2 and V4e cores from Freescale ColdFire design team > FASTER, more intuitive flash programming of both on-chip and onboard flash memory > Integrated hardware diagnostics for board-level testing > ENHANCED command window permits more complex scripting capabilities > Built-in software profiler for hot-spot analysis > NEW support for 521X family > ENHANCED editor for greater developer productivity > ENHANCED open architecture easily incorporates support for new emulators, RTOS and network protocols Recommended Embedded Networks Solution Implementing and testing network protocols and real-time control applications in your industrial control device can cause unnecessary complexity and product shipment delays. Freescale has the answer. Best-in-class components are integrated with CodeWarrior Development Studio for ColdFire Architectures and bundled with example applications to speed your timeto-market. CodeWarrior Development Studio for ColdFire Architectures ColdFire evaluation board that meets your requirements. > Abatron BDI 2000 > ARC, ThreadX, Quadros and others and RTCS TCP/IP Network Stack > RTXC Quadros RTOS and RTXC Quadnet Networking Software
Processors Supported MCF52xx V2 Core 5206e 5208 5213 5214 5216 523x 5249 5272, 527x 5282, 528x MCF53xx V3 Core 5307 5329 MCF54xx V4 Core 5407 MCF547x V4e Core 5470 5471 5472 5473 5474 5475 MCF548x V4e Core 5480 5481 5482 5483 5484 5485
System Requirements > Microsoft(R) Windows(R) XP/2000 Emulators (Host Target Interfaces) Supported > Abatron BDI 1000 or BDI 2000 > P&E BDM interfaces (USB and parallel), Lightning card Support > Online help with online and hardbound documentation > New product purchase includes first year technical support
Learn More: For more information about Freescale products, please visit www.freescale.com/codewarrior
FREESCALE and the FREESCALE logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. ALL RIGHTS RESERVED. 950-00011 REV B


▲Up To Search▲   

 
Price & Availability of MCF5282

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X