Part Number Hot Search : 
FA7700V BA3960 CPD96V F1000 C4020 FA7700V FA7700V ST92195
Product Description
Full Text Search
 

To Download MC9S12NE64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16-bit Microcontroller
MC9S12NE64
Target Applications
> > > > > Industrial Controls > Automotive Meter Reading Network Appliances > Vending Machines Remote Equipment Ethernet-Enabled Games > Home/Office Automation Ethernet Bridge
Features High-Performance 16-bit HCS12 CPU Core Benefits
> 25 MHz operation at 3.3 V for 40 nsec minimum instruction cycle time
> Object code compatible with the 68HC11 and 68HC12 > C-optimized architecture produces extremely compact code
On-Chip Debug Interface
The HCS12 family of microcontrollers is the next generation of the highly successful 68HC12 architecture. Using Freescale Semiconductor's 0.25 Flash, the MC9S12NE64 provides an upward migration path from the 68HC08, 68HC11 and 68HC12 architectures for applications that need larger memory, more peripherals and higher performance. The MC9S12NE64 provides a total Ethernet connectivity solution in one microcontroller unit (MCU) with its integrated Ethernet Media Access Controller (EMAC), 10/100 Ethernet physical layer (EPHY) and on-chip Flash memory. Other features include two serial communications interfaces (SCIs), a four-channel timer, a serial peripheral interface (SPI), an inter-integrated circuit (I2C) and a 10-bit analog to digital converter (ADC).
> Single-wire background debug mode > On-chip trace buffer with nine flexible trigger modes and multiple hardware breakpoints > Nonintrusive emulation
> Real-time emulation of MCU functions at full operating voltage and frequency range without the limitations of traditional emulators > Real-time in-circuit emulation and debug without expensive and cumbersome "box" emulators > Read/write memory and registers while running at full speed > Bus state analysis without the expense of a traditional emulator
Integrated Third-Generation Flash Memory
> In-application reprogrammable > Self-timed, fast programming * Fast Flash page erase--20 s (512 bytes) * Can program 16 bits in 20 s while in burst mode > Internal program/erase voltage generation > Flash granularity--512 byte Flash erase/ 2 byte Flash program > Flexible block protection and security
10/100 Mbps Ethernet Media Access Controller
BLOCK DIAGRAM
> Flexibility to change code in the field > Efficient end-of-line programming > Total program time for 64K code is less than five seconds > Reduces production programming cost through ultrafast programming > No external high voltage or charge pump required > Virtual EEPROM implementation, Flash array usable for EE emulation
HCS12 CPU with Debug Module
2 x SCI
64K Flash
SPI
I2C
8K RAM
> IEEE(R) 802.3-compliant MAC > Standard Media Independent Interface (MII) and MII management interface > Address recognition and filtering > Programmable MAC buffers: two receive and one transmit > Hardware address and Ethernet protocol filtering
10/100 Mbps Ethernet Physical Transceiver
> Industry standard > Improved interoperability > Enhancement of CPU bandwidth with filtering > Full duplex and flow control
Internal Bus
Voltage Regulator 3.3 V to 2.5 V Converter 18-Key Wake-up IRQ Ports ADC 10-bit, 8-ch.
EPHY
EMAC Timer 16-bit, 4-ch.
> > > > > >
IEEE 802.3-compliant Half- and full-duplex operation Autonegotiation with next page ability Digital adaptive equalization Integrated wave-shaping circuitry Loop back modes
> Self-diagnostic capabilities > Auto detection of link capabilities > Enhanced interoperability
HCS12 MCU
10/100 Ethernet Controller
Application Notes,
Features 10-bit Analog to Digital Converter
Benefits
A FULL AND INTEGRATED ETHERNET CONNECTIVITY SOLUTION
> 8-channel ADC > 7 s, 10-bit single conversion time; scan mode available > Configurable external trigger capability
Clock and Reset Generator Module
> Fast, easy conversion from analog inputs, such as temperature, pressure and fluid levels, to digital values for CPU processing
HCS12 MCU
10/100 Ethernet Controller
Flash
> Phase-Lock Loop (PLL) > Programmable clock frequency with 1,024 options ranging from divide by 16 to multiply by 64 from base oscillator > Real-time interrupt > Watchdog > Clock monitor with self-clock mode in case there is no external clock
Timer
Application Notes, Evaluation Boards and Documentation
MC9S12NE64
> Reliable, robust operation > Provides high performance using cost-effective reference crystals > Low noise generation > Low power consumption
TCP/IP Stack Software Development Tools
MC9S12NE64
Development Tools
> Flexible, programmable timer system
> Four-channel, 16-bit > Programmable input capture or output compare > Gated time accumulation
Two Serial Communications Interfaces
DEMO9S12NE64 MC9S12NE64 demonstration board in an enclosed plastic case with 10/100 Base-T Ethernet port, serial port, switches, LEDs, potentiometer and demo software including application code EVB9S12NE64 MC9S12NE64 evaluation board with 10/100 Base-T Ethernet port, dual serial ports, switches, LEDs, potentiometer, LCD port, keyboard port and demo software including application code USBMULTILINK12 Universal HC12/HCS12 in-circuit emulator, debugger and Flash programming through BDM interface
.65 mm Pitch
> Programmable baud rate with prescaler > Infrared mode
> Asynchronous communication between the MCU and a terminal, a computer or a network of microcontrollers > Exact baud rate matching > High-speed synchronous communication between multiple MCUs or between an MCU and serial peripherals
Serial Peripheral Interface
> Up to 6.25 Mbps
80-Lead TWFP_EP (TU)/LQFP
Inter-Integrated Circuit Bus
> 256 clock rate options
> Provides a simple, efficient method of data exchange between devices > Minimizes the need for large numbers of connections between devices and eliminates the need for an address decoder
> Promote scalability between system stack and Ethernet performance
M68CYCLONEPRO 14 mm x 14 mm Body HC08/HCS08/HC12/HCS12 stand-alone Flash programmer or in-circuit emulator, debugger and Flash programmer; USB, serial or Ethernet interface options
.65 mm Pitch CWX-H12-SE 20 mm x 20 mm Body CodeWarriorTM Development Studio for HCS12 with Processor ExpertTM autocode generator, full-chip simulation, assembler, linker and C compiler (code size limited--compiler upgrades available)
112-Lead LQFP
8K Static RAM
> On-chip RAM for EMAC buffers and system stack > Programmable buffer size
Up to 70 Input/Output Lines
> Programmable pull-ups/pull-downs > Dual drive capability
> Reduce system cost > Able to tailor application for minimum EMC or high current loads
TCP/IP stack software is available through various third-party providers. Visit our Web site mentioned at the bottom of this page for more information.
PACKAGE OPTIONS
DOCUMENTATION
Data Sheet > MC9S12NE64V1 Application Notes/Engineering Bulletins > AN2692: MC9S12NE64 Integrated Ethernet Controller > AN2759: Implementing an Ethernet Interface with the MC9S12NE64 > AN2700: Basic Web Server Development with MC9S12NE64 and CMX-MicroNetTM TCP/IP Stack > AN2624: Basic Web Server Development with the CMX-MicroNet_TCP/IP Stack > AN2304: Implementation of a UDP/IP Stack on HCS12 Microcontrollers > AN2120: Connecting an M68HC08 Family Microcontroller to an Internet Service Provider (ISP)
Part Number MC9S12NE64VTU MC9S12NE64CPV
Package Temp Range 80 Lead TQFP-EP -40C to +105C 112 Lead LQFP -40C to +85C
112 Lead LQFP
80 Lead TQFP-EP
.65 mm Pitch 14 mm x 14 mm Body
.65 mm Pitch 20 mm x 20 mm Body
Learn More: For current information about Freescale products and documentation, please visit www.freescale.com.
FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. This product incorporates SuperFlash(R) technology licensed from SST. (c) Freescale Semiconductor, Inc. 2004 MC9S12NE64FS REV 0


▲Up To Search▲   

 
Price & Availability of MC9S12NE64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X