Part Number Hot Search : 
F2010 SMBJ360 PVI5033R TC74A HMC25607 ISL28 10018 512K3
Product Description
Full Text Search
 

To Download MC74HC245ADT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC245A Octal 3-State Noninverting Bus Transceiver
High-Performance Silicon-Gate CMOS
The MC74HC245A is identical in pinout to the LS245. The device inputs are compatible with standard CMOS outputs; with pull-up resistors, they are compatible with LSTTL outputs. The HC245A is a 3-state noninverting transceiver that is used for 2-way asynchronous communication between data buses. The device has an active-low Output Enable pin, which is used to place the I/O ports into high-impedance states. The Direction control determines whether data flows from A to B or from B to A.
Features http://onsemi.com MARKING DIAGRAMS
20 PDIP-20 N SUFFIX CASE 738 1 1 20 20 1 SOIC-20 DW SUFFIX CASE 751D 1 74HC245A AWLYYWWG MC74HC245AN AWLYYWWG
20
* * * * * *
Output Drive Capability: 15 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1 mA High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A Moisture Sensitivity: MSL1 for All Packages
20 1
* * Chip Complexity: 308 FETs or 77 Equivalent Gates * Pb-Free Packages are Available*
20 TSSOP-20 DT SUFFIX CASE 948E 1 HC 245A ALYWG G
20 1
20 SOEIAJ-20 F SUFFIX CASE 967 1
74HC245A AWLYWWG
A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G = Pb-Free Package G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
July, 2005 - Rev. 11
Publication Order Number: MC74HC245A/D
MC74HC245A
DIRECTION A1 A2 A3 A4 A5 A6 A7 A8 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC OUTPUT ENABLE B1 B2 B3 B4 B5 B6 B7 B8 DIRECTION OUTPUT ENABLE A DATA PORT A1 A2 A3 A4 A5 A6 A7 A8 2 3 4 5 6 7 8 9 1 19 PIN 10 = GND PIN 20 = VCC 18 17 16 15 14 13 12 11 B1 B2 B3 B4 B5 B6 B7 B8 B DATA PORT
Figure 1. Pin Assignment
Figure 2. Logic Diagram
FUNCTION TABLE
Control Inputs Output Enable L L H X = don't care Direction L H X Operation Data Transmitted from Bus B to Bus A Data Transmitted from Bus A to Bus B Buses Isolated (High-Impedance State)
ORDERING INFORMATION
Device MC74HC245AN MC74HC245ANG MC74HC245ADW MC74HC245ADWG MC74HC245ADWR2 MC74HC245ADWR2G MC74HC245ADT MC74HC245ADTG MC74HC245ADTR2 MC74HC245ADTR2G MC74HC245AF MC74HC245AFG MC74HC245AFEL MC74HC245AFELG Package PDIP-20 PDIP-20 (Pb-Free) SOIC-20 WIDE SOIC-20 WIDE (Pb-Free) SOIC-20 WIDE SOIC-20 WIDE (Pb-Free) TSSOP-20* TSSOP-20* TSSOP-20* TSSOP-20* SOEIAJ-20 SOEIAJ-20 (Pb-Free) SOEIAJ-20 SOEIAJ-20 (Pb-Free) Shipping 18 Units / Rail 18 Units / Rail 38 Units / Rail 38 Units / Rail 1000 Tape & Reel 1000 Tape & Reel 75 Units / Rail 75 Units / Rail 2500 Tape & Reel 2500 Tape & Reel 40 Units / Rail 40 Units / Rail 2000 Tape & Reel 2000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
MC74HC245A
MAXIMUM RATINGS (Note 1)
Symbol VCC VIN VOUT IIK IOK IOUT ICC IGND TSTG TL TJ qJA DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance PDIP SOIC TSSOP PDIP SOIC TSSOP (Note 2) Parameter Value *0.5 to )7.0 *0.5 to VCC )0.5 *0.5 to VCC )0.5 $20 $35 $35 $75 $75 *65 to )150 260 )150 67 96 128 750 500 450 Level 1 Oxygen Index: 30% to 35% Human Body Model (Note 3) Machine Model (Note 4) Charged Device Model (Note 5) Above VCC and Below GND at 85_C (Note 6) UL 94 V-0 @ 0.125 in u2000 u200 u1000 $300 V Unit V V V mA mA mA mA mA _C _C _C _C/W
PD
Power Dissipation in Still Air at 85_C
mW
MSL FR VESD
Moisture Sensitivity Flammability Rating ESD Withstand Voltage
ILATCHUP
Latchup Performance
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 20 ounce copper trace with no air flow. 2. IO absolute maximum rating must observed. 3. Tested to EIA/JESD22-A114-A. 4. Tested to EIA/JESD22-A115-A. 5. Tested to JESD22-C101-A. 6. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIII III I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I
Symbol VCC Parameter Min 2.0 0 Max 6.0 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout TA DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 3) VCC -55 0 0 0 +125 1000 500 400 _C ns tr, tf VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
http://onsemi.com
3
MC74HC245A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIII I II II I I I I I I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I I II I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIII I I I II II I I I I I I IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I I I IIII I I IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I
Guaranteed Limit v 85_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 Symbol VIH Parameter Test Conditions VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0 6.0 -55 to 25_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 v 125_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.2 3.7 5.2 0.1 0.1 0.1 0.4 0.4 0.4 Unit V Minimum High-Level Input Voltage Vout = VCC - 0.1 V |Iout| v 20 mA VIL Maximum Low-Level Input Voltage Vout = 0.1 V |Iout| v 20 mA V VOH Minimum High-Level Output Voltage Vin = VIH |Iout| v 20 mA Vin = VIH V |Iout| v 2.4 mA |Iout| v 6.0 mA |Iout| v 7.8 mA 2.48 3.98 5.48 0.1 0.1 0.1 2.34 3.84 5.34 0.1 0.1 0.1 VOL Maximum Low-Level Output Voltage Vin = VIL |Iout| v 20 mA Vin = VIL V |Iout| v 2.4 mA |Iout| v 6.0 mA |Iout| v 7.8 mA 0.26 0.26 0.26 0.33 0.33 0.33 Iin Maximum Input Leakage Current Vin = VCC or GND 0.1 1.0 1.0 10 mA mA IOZ Maximum Three-State Leakage Current Maximum Quiescent Supply Current (per Package) Output in High-Impedance State Vin = VIL or VIH Vout = VCC or GND Vin = VCC or GND Iout = 0 mA 6.0IIII 5.0 0.5 ICC 6.0 4.0 40 160 mA 7. Information on typical parametric values and high frequency or heavy load considerations can be found in the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit v 85_C 95 70 19 16
Symbol tPLH, tPHL
Parameter
VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 - -
-55 to 25_C 75 55 15 13
v 125_C 110 80 22 19
Unit ns
Maximum Propagation Delay, A to B, B to A (Figures 1 and 3)
tPLZ, tPHZ
Maximum Propagation Delay, Direction or Output Enable to A or B (Figures 2 and 4) Maximum Propagation Delay, Output Enable to A or B (Figures 2 and 4)
110 90 22 19 110 90 22 19 60 23 12 10 10 15
140 110 28 24 140 110 28 24 75 27 15 13 10 15
165 130 33 28 165 130 33 28 90 32 18 15 10 15
ns
tPZL, tPZH
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output (Figures 1 and 3)
ns
Cin
Maximum Input Capacitance (Pin 1 or Pin 19) Maximum Three-State I/O Capacitance (I/O in High-Impedance State)
pF pF
Cout
8. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V 40 Power Dissipation Capacitance (Per Transceiver Channel) (Note 9) pF CPD 9. Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
http://onsemi.com
4
MC74HC245A
VCC DIRECTION tr INPUT A OR B tPLH OUTPUT B OR A 90% 50% 10% tTLH tTHL A OR B 90% 50% 10% tPHL A OR B tf VCC GND OUTPUT ENABLE 50% GND tPZL 50% tPZH 50% tPHZ 10% 90% tPLZ HIGH IMPEDANCE VOL VOH HIGH IMPEDANCE 50% GND VCC
Figure 3. Switching Waveform
Figure 4. Switching Waveform
TEST POINT OUTPUT DEVICE UNDER TEST DEVICE UNDER TEST
TEST POINT OUTPUT 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
CL *
CL *
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 5. Test Circuit
Figure 6. Test Circuit
http://onsemi.com
5
MC74HC245A
A1
2 18 3 17 4 16 5 15 6 14 7 13 8 12 9 11 B8 B7 B6 B5 B4 B DATA PORT B3 B2 B1
A2
A3
A4 A DATA PORT A5
A6
A7
A8
DIRECTION
1
OUTPUT ENABLE
19
Figure 7. Expanded Logic Diagram
http://onsemi.com
6
MC74HC245A
PACKAGE DIMENSIONS
PDIP-20 N SUFFIX PLASTIC DIP PACKAGE CASE 738-03 ISSUE E
-A-
20 1 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
B
10
C
L
-T-
SEATING PLANE
K M E G F D
20 PL
N J 0.25 (0.010)
M 20 PL
0.25 (0.010) TA
M
M
TB
M
DIM A B C D E F G J K L M N
INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040
MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01
SOIC-20 DW SUFFIX CASE 751D-05 ISSUE G
D
A
11 X 45 _
q
H
M
B
M
20
10X
0.25
E
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L q MILLIMETERS MIN MAX 2.35 2.65 0.10 0.25 0.35 0.49 0.23 0.32 12.65 12.95 7.40 7.60 1.27 BSC 10.05 10.55 0.25 0.75 0.50 0.90 0_ 7_
1
10
20X
B 0.25
M
B TA
S
B
S
A
SEATING PLANE
h
18X
e
A1
T
C
http://onsemi.com
7
L
MC74HC245A
PACKAGE DIMENSIONS
TSSOP-20 DT SUFFIX CASE 948E-02 ISSUE B
K REF
M NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
20X
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
2X
L/2
B L
PIN 1 IDENT 1 10
J J1
-U-
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
http://onsemi.com
8
IIII IIII IIII
SECTION N-N M DETAIL E
20
11
K K1
0.25 (0.010)
-W-
DIM A B C D F G H J J1 K K1 L M
MC74HC245A
PACKAGE DIMENSIONS
SOEIAJ-20 F SUFFIX CASE 967-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.032
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e VIEW P A
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
9
MC74HC245A
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
MC74HC245A/D


▲Up To Search▲   

 
Price & Availability of MC74HC245ADT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X