Part Number Hot Search : 
74ACT1 R5S72611 MAX293 TST1284 QEN05GAB 20M16 33812 360SE
Product Description
Full Text Search
 

To Download MC100EL16DR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10EL16, MC100EL16 5V ECL Differential Receiver
The MC10EL/100EL16 is a differential receiver. The device is functionally equivalent to the E116 device with higher performance capabilities. With output transition times significantly faster than the E116, the EL16 is ideally suited for interfacing with high frequency sources. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. Under open input conditions (pulled to VEE) internal input clamps will force the Q output LOW. The 100 Series contains temperature compensation.
http://onsemi.com MARKING DIAGRAMS*
8 1 SO-8 D SUFFIX CASE 751 1 8 HEL16 ALYW 1 8 KEL16 ALYW
* * * *
190 ps Propagation Delay PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -4.2 V to -5.7 V Internal Input Pulldown Resistors
8 1 TSSOP-8 DT SUFFIX CASE 948R
8 HL16 ALYW 1
8 KL16 ALYW 1
NC
1
8
VCC
D
2
7
Q
H = MC10 K = MC100 A = Assembly Location
L = Wafer Lot Y = Year W = Work Week
D
3
6
Q *For additional marking information, refer to Application Note AND8002/D.
VBB
4
5
VEE
ORDERING INFORMATION Figure 1. Logic Diagram and Pinout Assignment
Device MC10EL16D Package SO-8 SO-8 SO-8 SO-8 TSSOP-8 TSSOP-8 TSSOP-8 TSSOP-8 Shipping 98 Units/Rail 2500 Tape & Reel 98 Units/Rail 2500 Tape & Reel 98 Units/Rail 2500 Tape & Reel 98 Units/Rail 2500 Tape & Reel
PIN DESCRIPTION
PIN D, D Q, Q VBB VCC VEE NC FUNCTION ECL Data Inputs ECL Data Outputs Reference Voltage Output Positive Supply Negative Supply No Connect
MC10EL16DR2 MC100EL16D MC100EL16DR2 MC10EL16DT MC10EL16DTR2 MC100EL16DT MC100EL16DTR2
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2003
1
November, 2003 - Rev. 5
Publication Order Number: MC10EL16/D
MC10EL16, MC100EL16
ATTRIBUTES
Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Charge Device Model Value 75 KW N/A > 500 V > 100 V > 2 KV Level 1 UL 94 V-0 @ 0.125 in 47
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Flammability Rating Transistor Count Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34
MAXIMUM RATINGS (Note 2)
Symbol VCC VEE VI Iout IBB TA Tstg qJA qJC qJA qJC Tsol Parameter PECL Mode Power Supply NECL Mode Power Supply PECL Mode In ut Voltage Input NECL Mode Input Voltage Output Current VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder 0 LFPM 500 LFPM Standard Board 0 LFPM 500 LFPM Standard Board <2 to 3 sec @ 248C SO-8 SO-8 SO-8 TSSOP-8 TSSOP-8 TSSOP-8 Condition 1 VEE = 0 V VCC = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI VCC VI VEE Condition 2 Rating 8 -8 6 -6 50 100 0.5 -40 to +85 -65 to +150 190 130 41 to 44 185 140 41 to 44 5% 265 Units V V V V mA mA mA C C C/W C/W C/W C/W C/W C/W C
2. Maximum Ratings are those values beyond which device damage may occur.
http://onsemi.com
2
MC10EL16, MC100EL16
10EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 3)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL NOTE: Characteristic Power Supply Current Output HIGH Voltage (Note 4) Output LOW Voltage (Note 4) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential) (Note 5) Input HIGH Current Input LOW Current 0.5 3920 3050 3770 3050 3.57 2.5 Min Typ 18 4010 3200 Max 22 4110 3350 4110 3500 3.7 4.6 150 0.5 4020 3050 3870 3050 3.65 2.5 Min 25C Typ 18 4105 3210 Max 22 4190 3370 4190 3520 3.75 4.6 150 0.3 4090 3050 3940 3050 3.69 2.5 Min 85C Typ 18 4185 3227 Max 22 4280 3405 4280 3555 3.81 4.6 150 Unit mA mV mV mV mV V V mA mA
Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / -0.5 V. 4. Outputs are terminated through a 50 W resistor to VCC-2 volts. 5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
10EL SERIES NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = -5.0 V (Note 6)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL NOTE: Characteristic Power Supply Current Output HIGH Voltage (Note 7) Output LOW Voltage (Note 7) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential) (Note 8) Input HIGH Current Input LOW Current 0.5 -1080 -1950 -1230 -1950 -1.43 -2.5 Min Typ 18 -990 -1800 Max 22 -890 -1650 -890 -1500 -1.30 -0.4 150 0.5 -980 -1950 -1130 -1950 -1.35 -2.5 Min 25C Typ 18 -895 -1790 Max 22 -810 -1630 -810 -1480 -1.25 -0.4 150 0.3 -910 -1950 -1060 -1950 -1.31 -2.5 Min 85C Typ 18 -815 -1773 Max 22 -720 -1595 -720 -1445 -1.19 -0.4 150 Unit mA mV mV mV mV V V mA mA
Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 6. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / -0.5 V. 7. Outputs are terminated through a 50 W resistor to VCC-2 volts. 8. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
http://onsemi.com
3
MC10EL16, MC100EL16
100EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 9)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 10) Output LOW Voltage (Note 10) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential) (Note 11) Input HIGH Current Input LOW Current 0.5 3915 3170 3835 3190 3.62 2.5 Min Typ 18 3995 3305 Max 22 4120 3445 4120 3525 3.74 4.6 150 0.5 3975 3190 3835 3190 3.62 2.5 Min 25C Typ 18 4045 3295 Max 22 4120 3380 4120 3525 3.74 4.6 150 0.5 3975 3190 3835 3190 3.62 2.5 Min 85C Typ 21 4050 3295 Max 26 4120 3380 4120 3525 3.74 4.6 150 Unit mA mV mV mV mV V V mA mA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 9. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / -0.5 V. 10. Outputs are terminated through a 50 W resistor to VCC - 2 volts. 11. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
100EL SERIES NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = -5.0 V (Note 12)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 13) Output LOW Voltage (Note 13) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential) (Note 14) Input HIGH Current Input LOW Current 0.5 -1085 -1830 -1165 -1810 -1.38 -2.5 Min Typ 18 -1005 -1695 Max 22 -880 -1555 -880 -1475 -1.26 -0.4 150 0.5 -1025 -1810 -1165 -1810 -1.38 -2.5 Min 25C Typ 18 -955 -1705 Max 22 -880 -1620 -880 -1475 -1.26 -0.4 150 0.5 -1025 -1810 -1165 -1810 -1.38 -2.5 Min 85C Typ 21 -955 -1705 Max 26 -880 -1620 -880 -1475 -1.26 -0.4 150 Unit mA mV mV mV mV V V mA mA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 12. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / -0.5 V. 13. Outputs are terminated through a 50 W resistor to VCC-2 volts. 14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
http://onsemi.com
4
MC10EL16, MC100EL16
AC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = -5.0 V (Note 15)
-40C Symbol fmax tPLH tPHL tSKEW tJITTER VPP tr tf Characteristic Maximum Toggle Frequency Propagation Delay to Output (Diff) (SE) 125 75 250 250 5 375 425 20 175 125 Min Typ Max Min 25C Typ 1.75 250 250 5 0.7 150 100 190 1000 350 150 100 190 1000 350 150 100 190 1000 350 325 375 20 205 155 280 280 5 355 405 20 Max Min 85C Typ Max Unit GHz ps ps ps mV ps
Duty Cycle Skew (Diff) (Note 16) Random Clock Jitter (RMS) Input Swing (Note 17) Output Rise/Fall Times Q (20% - 80%)
15. 10 Series: VEE can vary +0.25 V / -0.5 V. 100 Series: VEE can vary +0.8 V / -0.5 V. 16. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. 17. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40.
Q Driver Device Q 50 W 50 W
D Receiver Device D
VTT VTT = VCC - 2.0 V
Figure 2. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020 - Termination of ECL Logic Devices.)
http://onsemi.com
5
MC10EL16, MC100EL16
Resource Reference of Application Notes
AN1404 AN1405 AN1406 AN1503 AN1504 AN1560 AN1568 AN1596 AN1650 AN1672 AND8001 AND8002 AND8020 AND8090 - - - - - - - - - - - - - - ECLinPS Circuit Performance at Non-Standard VIH Levels ECL Clock Distribution Techniques Designing with PECL (ECL at +5.0 V) ECLinPS I/O SPICE Modeling Kit Metastability and the ECLinPS Family Low Voltage ECLinPS SPICE Modeling Kit Interfacing Between LVDS and ECL ECLinPS Lite Translator ELT Family SPICE I/O Model Kit Using Wire-OR Ties in ECLinPS Designs The ECL Translator Guide Odd Number Counters Design Marking and Date Codes Termination of ECL Logic Devices AC Characteristics of ECL Devices
http://onsemi.com
6
MC10EL16, MC100EL16
PACKAGE DIMENSIONS
SO-8 D SUFFIX PLASTIC SOIC PACKAGE CASE 751-07 ISSUE AA
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
http://onsemi.com
7
MC10EL16, MC100EL16
PACKAGE DIMENSIONS
TSSOP-8 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948R-02 ISSUE A
8x
K REF 0.10 (0.004)
M
0.15 (0.006) T U
S 2X
TU
S
V
S
L/2
8
5
L
1 PIN 1 IDENT 4
B -U-
0.25 (0.010) M
0.15 (0.006) T U
S
A -V-
F DETAIL E
NOTES: 1. DIMENSIONS AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 0.80 1.10 0.05 0.15 0.40 0.70 0.65 BSC 0.25 0.40 4.90 BSC 0_ 6_ INCHES MIN MAX 0.114 0.122 0.114 0.122 0.031 0.043 0.002 0.006 0.016 0.028 0.026 BSC 0.010 0.016 0.193 BSC 0_ 6_
C 0.10 (0.004) -T- SEATING
PLANE
D
-W- G DETAIL E
DIM A B C D F G K L M
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC10EL16/D


▲Up To Search▲   

 
Price & Availability of MC100EL16DR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X