Part Number Hot Search : 
CB07E1L0 SMV0222A YT5166 MCP6286 MC100LV 80000 RGEF250 EF100
Product Description
Full Text Search
 

To Download LEE-49 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
Monolithic Amplifiers
50, Broadband,
DC to 8 GHz
* * * *
! NEW LEE-19 * LEE-29 * LEE-39
LEE-49 * LEE-59
Features
frequency range, DC to 8 GHz, useable to 10 GHz up to 17.3 dBm typ. output power excellent package for heat dissipation, exposed metal bottom flat output power to 10 GHz (LEE-19,-29,-39)
Applications
CASE STYLE : FG873
* * * *
cellular PCS communication receivers & transmitters satellite communication, military
Electrical Specifications @ 25C
MODEL FREQ. (GHz) NO.
s
GAIN, dB Typical
MAXIMUM DYNAMIC POWER, dBm RANGE
VSWR (:1) Typ.
Out DC-3 3-fU GHz GHz 1.4 1.3 1.3 1.4 1.5 1.8 1.6 1.6 1.4 1.6
f L - fU
LEE-19 LEE-29 LEE-39 LEE-49 LEE-59
s
DC-8 DC-8 DC-8 DC-5 DC-5
over frequency, GHz 1 2 4 5 8 10 Low Power 12.1 12.0 12.1 12.0 11.6 10.6 9.0 15.5 15.4 15.4 14.9 14.1 12.5 10.6 21.9 21.4 20.8 18.3 16.6 13.5 10.5 0.1
Min. @ 2GHz 9.6 13.3 18.5 12.0 17.8
Output Input NF IP3 In (1dB Comp.) (no dB dBm DC-3 3-fU 2 GHz fU dmg.) Typ. Typ. GHz GHz 10.2 11.3 10.9 11.3 10.4 11.3 16.4 10.8 17.3 11.7 15 15 13 15 13 6.5 5.5 4.5 5.5 4.5 24.5 25.5 23.4 33 33 1.5 1.2 1.4 1.3 1.3 1.4 1.6 1.5 1.2 1.5
MAXIMUM DC OPERATING THERMAL PRICE RESISPOWER $ CURRENT TANCE @Pin 3 RATING3 (note 4) jc,
I mA 55 55 55 85 85 CurDevice rent Volt (mA) Typ Min Max 40 40 35 65 65 3.6 3.2 4.0 3.6 3.2 4.0 3.5 3.1 3.9 4.9 4.5 5.3 4.8 4.3 5.2 typ. C/W 322 334 321 229 244 Qty. (25) 1.19 1.19 1.19 1.79 1.79
Medium Power 14.0 13.9 14.3 14.0 13.1 7.8 -- 20.6 20.3 19.7 15.8 13.8 7.6 --
Low frequency cutoff determined by external coupling capacitors. 3 Permanent damage may occur if any of these limits are exceeded. These ratings are not intended for continuous normal operation. 4. Supply voltage must be connected to pin 3 through a bias resistor in order to prevent damage. See "Biasing MMIC Amplifiers" in minicircuits.com/ application.html. Reliability predictions are applicable at specified current & normal operating conditions.
fU is the upper frequency limit for each model as shown in the table.
Maximum Ratings
Operating Temperature Storage Temperature -45C to 85C -65C to 150C
MTTF vs. Junction Temp. (LEE-19,-29,-39,-49,-59)
1,000
MTTF (Years)
100
Pin Configuration
RF IN RF OUT DC GND EXT. DEMO BOARD 1 3 3 2,4 LEE-TB
10
1 140
160 180 Junction Temp ( C) (C)
200
220
Model Identification
Model LEE-19 LEE-29 LEE-39 LEE-49 LEE-59
designers kits available
Marking 19 29 39 49 59 KIT No.
K1-LEE
No. of Units in KIT
50
Description
Kit includes 1 test board plus 10 of each: LEE-19,-29,-39,-49,-59
Price $ per KIT
99.95
Prefix letter (optional) designates assembly location. Suffix letters (optional) are for wafer identification.
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. D M90145 LEE-19 ED-10757/1 LEE-29 ED-10757/2 LEE-39 ED-10757/3 LEE-49 ED-10757/4 LEE-59 ED-10757/5 RS/YB/LC 031210 Page 1 of 2
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
LEE-19 * LEE-29 * LEE-39 LEE-49 * LEE-59
Suggested PCB Layout (PL-126)
Outline Drawing
Outline Dimensions ( inch ) mm
A .118 3.00 K .024 0.61 B .118 3.00 L .061 1.55 C .035 0.89 M .186 4.72 D .008 0.20 N .186 4.72 E .055 1.40 P .032 0.81 F .024 0.61 Q .064 1.63 G .018 0.46 R .032 1.63 H .018 0.46 S .064 1.63 J .020 0.51 T .051 1.30 wt. grams .06
Typical Biasing Configuration
R BIAS "1%" Resistor Values (ohms) for Optimum Biasing of Gali Models
Vcc 7 8 9 10 11 12 13 14 15 16 17 18 19 20 LEE-19 88.7 113 137 162 187 215 237 261 287 309 332 357 383 412 LEE-29 88.7 113 137 162 187 215 237 261 287 316 340 365 392 412 LEE-39 107 133 162 191 221 249 280 309 340 365 392 422 453 475 LEE-49 34.8 48.7 63.4 78.7 95.3 110 127 140 158 174 191 205 221 232 LEE-59 35.7 49.9 64.9 80.6 95.3 110 127 143 158 174 191 205 221 237
4
Test Board includes case, connectors, and components (in bold) soldered to PCB
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Page 2 of 2
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of LEE-49

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X