Part Number Hot Search : 
GI7918A KU325N RL102GP SMDJ90A 34063 00022 V630M 74AHC1
Product Description
Full Text Search
 

To Download KRC281M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING APPLICATION. AUDIO MUTING APPLICATION. FEATURES
High emitter-base voltage : VEBO=25V(Min) High reverse hFE : reverse hFE=150(Typ.) (VCE=-2V, IC=-4mA) Low on resistance : Ron=1 (Typ.) (IB=5mA) With Built-in Bias Resistors. Simplify Circuit Design. Reduce a Quantity of Parts and Manufacturing Process.
C H
KRC281M~KRC286M
EPITAXIAL PLANAR NPN TRANSISTOR
B
A
O
M
EQUIVALENT CIRCUIT
J
E
E
C B R1
1 L
2
3
N
DIM MILLIMETERS A 3.20 MAX B 4.30 MAX C 0.55 MAX _ D 2.40 + 0.15 E 1.27 F 2.30 _ G 14.00 + 0.50 H 0.60 MAX J 1.05 K 1.45 L 25 0.80 M N 0.55 MAX O 0.75
F
1. EMITTER 2. COLLECTOR 3. BASE
K
E
MAXIMUM RATING (Ta=25
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg RATING 50 20 25 300 400 150 -55 150 UNIT V V V mA W
CHARACTERISTIC
2002. 12. 5
Revision No : 1
D
G
TO-92M
1/2
KRC281M~KRC286M
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Collector-Emitter Saturation Voltage DC Current Gain KRC281M KRC282M Input Resistor KRC283M KRC284M KRC285M KRC286M Transition Frequency Collector Output Capacitance * Characteristic of Transistor Only. Note) hFE Classification B:350 1200 fT * Cob VCE=6V, IC=4mA, VCB=10V, IE=0, f=1MHz R1 SYMBOL BVCEO BVCBO BVEBO ICBO VCE(sat) hFE TEST CONDITION IC=1mA IC=50 A IE=50 A VCB=50V, IE=0 IC=30mA, IB=3mA VCE=2V, IC=4mA MIN. 20 50 25 350 TYP. 2.2 4.7 5.6 6.8 10 22 30 4.8 MAX. 0.1 0.1 1200 MHz pF k UNIT V V V A V
2002. 12. 5
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KRC281M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X