Part Number Hot Search : 
C1892CT 2N390 2101A E76XB SB102K UPD65022 DP365 AC05P040
Product Description
Full Text Search
 

To Download JAN2N6211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/461 Devices 2N6211 2N6212 2N6213 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation
Symbol 2N6211 2N6212 2N6213 Unit
VCEO VCBO VEBO IB IC 225 275 300 350 350 400 6.0 1.0 2.0 3.0 35 -55 to +200 Max. 5.0 Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TA = +250C (1) PT @ TC = +250C (2) Operating & Storage Temperature Top, Tstg
TO-66*
(TO-213AA)
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance Junction-to-Case 1) Derate linearly 17.1 mW/0C for TA > +250C 2) Derate linearly 200 mW/0C for TC > +250C Symbol RJC
0
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 200 mAdc, f = 30-60 Hz 2N6211 2N6212 2N6213 2N6211 2N6212 2N6213 V(BR)CEO 225 300 350 250 325 375 Vdc
Collector-Emitter Breakdown Voltage IC = 200 mAdc, f = 30-60 Hz, RBE = 50
V(BR)CER
Vdc
Collector-Emitter Breakdown Voltage IC = 200 mAdc, f = 30-60 Hz, RBE = 50 , VBE = -1.5 Vdc 2N6211 2N6212 2N6213
V(BR)CEX 275 350 400 Vdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6211, 2N6212, 2N6213 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Collector-Emitter Cutoff Current VCE = 150 Vdc Collector-Emitter Cutoff Current VCE = 250 Vdc, VBE = 1.5 Vdc VCE = 315 Vdc, VBE = 1.5 Vdc VCE = 360 Vdc, VBE = 1.5 Vdc Collector-Base Cutoff Current VCB = 275 Vdc VCB = 350 Vdc VCB = 400 Vdc Emitter-Base Cutoff Current VEB = 6.0 Vdc Symbol ICEO 2N6211 2N6212 2N6213 2N6211 2N6212 2N6213 Min. Max. 5.0 Unit mAdc
ICEX
0.5 0.5 0.5 15 15 15 0.5
mAdc
ICBO
mAdc
IEBO
mAdc
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 2.8 Vdc IC = 1.0 Adc, VCE = 3.2 Vdc IC = 1.0 Adc, VCE = 4.0 Vdc IC = 1.0 Adc, VCE = 5.0 Vdc 2N6211 2N6212 2N6213 2N6211 2N6212 2N6213 2N6211 2N6212 2N6213 10 10 10 30 30 30 100 100 100 175 175 150 1.4 1.6 2.0 1.4 Vdc
hFE
Collector-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.125 Adc
VCE(sat)
Base-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.125 Adc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 0.2 Adc, VCE = 10 Vdc, f = 5.0 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe Cobo 4.0 20 220 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 200 10 Vdc; IC = 1.0 Adc; IB1 = -0.125 Adc Turn-Off Time VCC = 200 10 Vdc; IC = 1.0 Adc; IB1 = -0.125 Adc, IB2 = 0.125Adc
t
on
0.6 3.1
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 17.5 Vdc, IC = 2.0 Adc All Types Test 2 VCE = 40 Vdc, IC = 0.875 Adc All Types Test 3 VCE = 225 Vdc, IC = 0.034 Adc 2N6211 Test 4 VCE = 300 Vdc, IC = 0.02 Adc 2N6212 Test 5 VCE = 350 Vdc, IC = 0.015 Adc 2N6213 (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JAN2N6211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X