Part Number Hot Search : 
LS130 74AUP1 MC163 3040P MXP7A01 D1NK80 DT74FCT Y7C13
Product Description
Full Text Search
 

To Download JAN2N3867 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP SWITCHING SILICON TRANSISTOR
Qualified per MIL-PRF-19500/350 Devices 2N3867 2N3867S 2N3868 2N3868S Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Total Power Dissipation @ TA = 250C(1) @ TC = 250C(2) Operating & Storage Temperature Range
Symbol
VCEO VCBO VEBO IC PT TOP, TSTG Symbol RJC
2N3867 2N3867S
40 40
2N3868 2N3868S
60 60
Unit
Vdc Vdc Vdc Adc W W 0 C Unit C/W
4.0 3.0 1.0 10 -55 to +200 Max. 17.5
TO-5* 2N3867, 2N3868
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 5.71 mW/0C for TA > +250C 2) Derate linearly 57.1 mW/0C for TC > +250C
0
TO-39* (TO-205AD) 2N3867S, 2N3868S
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage IC = 100 Adc Collector-Emitter Breakdown Voltage IC = 20 mAdc Emitter-Base Breakdown Voltage IE = 100 Adc Collector-Emitter Cutoff Current VEB = 2.0 Vdc, VCE = 40 Vdc VEB = 2.0 Vdc, VCE = 60 Vdc Collector-Base Cutoff Current VCB = 40 Vdc VCB = 60 Vdc Emitter-Base Cutoff Current VEB = 4 Vdc 2N3867, S 2N3868, S 2N3867, S 2N3868, S V(BR)CBO 40 60 40 60 4.0 1.0 1.0 100 100 Vdc
V(BR)CEO V(BR)EBO
Vdc Vdc Adc
2N3867, S 2N3868, S 2N3867, S 2N3868, S
ICEX
ICBO IEBO
Adc
Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3867, S; 2N3868, S JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 500 mAdc, VCE = 1.0 Vdc IC = 1.5 Adc, VCE = 2.0 Vdc IC = 2.5 Adc, VCE = 3.0 Vdc IC = 3.0 Adc, VCE = 5.0 Vdc Collector-Emitter Saturation Voltage IC = 500 mAdc, IB = 50 mAdc IC = 1.5 Adc, IB = 150 mAdc IC = 2.5 Adc, IB = 250 mAdc Base-Emitter Saturation Voltage IC = 500 mAdc, IB = 50 mAdc IC = 1.5 Adc, IB = 150 mAdc IC = 2.5 Adc, IB = 250 mAdc 2N3867, S 2N3868, S 2N3867, S 2N3868, S 2N3867, S 2N3868, S All Types 50 35 40 30 25 20 20
hFE
200 150
VCE(sat)
0.5 0.75 1.5 1.0 1.4 2.0
Vdc
VBE(sat)
0.9
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short Circuit Forward Current Transfer Ratio IC = 100 mAdc, VCE = 5.0 Vdc, f = 20 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 3.0 Vdc, IC = 0, 100 kHz f 1.0 MHz
hfe
Cobo Cibo
t
3.0
12 pF pF s s s s s s
120 800 35 65 500 100 100 600
SWITCHING CHARACTERISTICS
Delay Time VCC = -30 Vdc, VEB = 0, Rise Time IC = 1.5 Adc, IB1 = 150 mAdc Storage Time VCC = -30 Vdc, VEB = 0, Fall Time IC = 1.5Adc, IB1 = IB2 = 150 mAdc Turn-On Time VCC = 30, IC = 1.5 Adc, IB = 150 mAdc Turn-Off Time VCC = 30, IC = 1.5 Adc, IB = 150 mAdc d r t s t f
t
t
on off
t
SAFE OPERATING AREA
DC Tests TC = 250C, 1 Cycle, t = 1.0 s Test 1 VCE = 3.33 Vdc, IC = 3.0 Adc Test 2 VCE = 40 Vdc, IC = 160 mAdc 2N3867, S VCE = 60 Vdc, IC = 80 mAdc 2N3868, S (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JAN2N3867

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X