Part Number Hot Search : 
1N5447C MC74H LTC1658 13515J MP2127DQ AD626AN 25005 AIS326
Product Description
Full Text Search
 

To Download IR3311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No.PD60210_C
IR3311(S)
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
Features
* * * * * * *
Load current feedback Programmable over current shutdown Active clamp E.S.D protection Input referenced to Vcc Over temperatue shutdown Reverse battery protection
Product Summary Rds(on) Vcc.op. Current ratio Ishutdown Active clamp Load Dump Package 12m 6 to 28V 5300 6A to 58A 35V 40V
Description
The IR 3311(S) is a Fully Protected 4 terminal high side switch. The input signal is referenced to Vcc. When the input voltage Vcc - Vin is higher than the specified Vih threshold, the output power MOSFET is turned-on. When Vcc - Vin is lower than the specified Vil threshold, the output MOSFET is turned-off. A sense current proportional to the current in the power Mosfet is sourced to the Ifb pin. Over-current shutdown occurs when Vifb - Vin > 4.5 V. The current shutdown threshold is adjusted by selecting the proper RIfb. Either over-current and over-temperature latches off the switch. The device is reset by pulling the input pin high. Other integrated protections ( ESD, reverse battery, active clamp ) make the IR3311(S) very rugged and suitable for the automotive environment.
5 Lead TO220 IR3311
5 Lead D2Pak (SMD220) IR3311S
Typical Connection
VCC
IN Ifb
10 k
IR 3311
OUT
LOAD
Battery
RIfb on off
System Ground Power Ground
www.irf.com
1
IR3311(S)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are referenced to Vcc lead. (TAmbient = 25oC unless otherwise specified).
Symbol
Vcc - Vin max Vcc-VIfb max Vcc - Vout max. Ids cont. Ids1 cont Ids pulsed ESD 1 ESD 2 Pd TJ max. Min RIfb Ifb max
Parameter
Maximum input voltage Maximum Ifb voltage Maximum output voltage Diode max. permanent current (Rth = 60 C/W) (1) Diode max. permanent current (Rth = 5 C/W) (1) Diode max. pulsed current (1) Electrostatic discharge (human body model) C=100pF, R=1500, Electrostatic discharge (machine model)C=200pF, R=0, L=10H Power dissipation ( Rth = 60 C/W ) Max. storage and junction temperature Minimum resistor on the Ifb pin Max. Ifb current
Min.
-16 -0.3 -0.3 -- -- -- -- -- -- -40 0.3 -20
Max.
50 50 30 2.8 30 100 4 0.5 2 150 -- +20
Units
V
A
kV W C k mA
Thermal Characteristics
Symbol
Rth Rth Rth Rth 1 2 1 2
Parameter
Thermal resistance junction to Ambient - TO220 Thermal resistance junction to case - TO220 Thermal resistance with standard footprint - SMD220 Thermal resistance with 1" square footprint - SMD220 Thermal resistance junction to case - SMD220
Typ.
60 0.7 60 35 0.7
Max.
-- -- -- -- --
Units
C/W
Rth 3
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Vcc -Vin Vcc -VIfb Vcc Iout Iout 85C amb. RIfb Pulse min. Fmax Fmax Prot.
Parameter
Continuous input voltage Continuous Ifb pin voltage Supply to power ground voltage Continuous output current ( Rth/amb < 5 C/W, Tj = 125C) Continuous output current ( Rth/amb < 60 C/W, Tj = 125C) Ifb resistor to program Isd and scale (2 & 3) Minimum turn-on pulse width Maximum operating frequency Maximum frequency with protections activated
Min.
6 0.3 6 -- -- 0.5 1 -- --
Max.
28 28 28 18 5 3.5 -- 500 200
Units
V
A k ms Hz
1) Limited by junction temperature. Pulsed current is also limited by wiring 2) <500 Ohm or shorting Ifb to gnd may damage the part with Isd around 90A 3) >5000 Ohm or leaving Ifb open will shutdown the part. No current will flow in the load.
2
WWW.IRF.COM
IR3311(S)
Protection Characteristics
Symbol
VIfb -Vin @ Isd Tsd Treset OV Isdf Isd_1k Min.Pulse WAIT Tj = 25oC (unless otherwise specified), RIfb = 500 to 5kOhm.
Parameter
Over-current shutdown threshold Over-temp. shutdown threshold Protection reset time Over voltage shutdown (not latched) Fixed over current shutdown Adjustable over current shutdown 1K Minimum pulse width (no WAIT state) WAIT function timer
Min.
4 -- -- -- 58 18 200 0.5 6
Typ.
4.5 165 50 36 70 24 500 1.2 10
Max. Units Test Conditions
5.4 -- 300 -- 90 31 1200 3.5 18 V C S V A A s ms m
see Fig. 7 see Fig. 7 VIfbRev.Rdson Rds(on) reverse battery protection
Static Electrical Characteristics
(Tj = 25oC, Vcc = 14V unless otherwise specified.)
Symbol
Iq Iin Vih Vil Vhys Iout qs Rds1 on Rds2 on Rds3 on Vclamp1 Vclamp2 Vsd Vaval.
Parameter
Total quiescent current (Iout +Ifb) Input current High level input threshold voltage (4) Low level input threshold voltage (4) Input hysterisis = Vih-Vil Output quiescent current ON state resistance (5) ON state resistance (5) ON state resistance (5) Vcc to Vout active clamp voltage Vcc to Vout active clamp voltage Body diode forward voltage Vcc to Vout avalanche voltage
Min.
-- 1.5 -- 3.5 0.4 -- 5 5 10 30 -- -- 40
Typ.
22 4 5 4 1 9 9 9.5 17 35 36 0.85 43
Max. Units Test Conditions
50 6 5.5 -- 1.5 15 12 17 23 -- 40 1 50 A mA V A Vcc-Vin=0; Vcc-VIfb=0; Vcc-Vout=12V Iout=30A, Vcc-Vin=14V Iout=17A, Vcc -Vin=6V Iout=30A, Tj = 150oC Iout = 10mA Iout=30A,Vcc-VIfb<20V Iout=5A Iout=100mA,Vcc-Vfb> 35V Vcc-Vin=0, Vcc- Vout=12V Vcc-VIfb=12V Vcc-Vin=14V
m
V
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 0.4, Tj = 25oC, (unless otherwise specified).
Symbol Parameter
Tdon Tr1 Tr2 E on Td off Tf Eoff Turn-on delay time to Vcc-Vout= 0.9 Vcc Rise time to Vcc-Vout=5V Rise time to Vcc -Vout = 0.1Vcc Turn ON energy Turn-off delay to Vcc -Vout = 0.1Vcc Fall time to Vcc-Vout = 0.9 Vcc Turn OFF energy
Min.
2 0.4 10 -- 6 3 --
Typ. Max. Units Test Conditions
9 1.6 30 1.5 25 10 1 20 5 100 3 80 30 2 s see figure 2 mJ s mJ see figure 3
4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between the load current path and the input signal path can significantly affect the thresholds. 5) Rds(on) is measured between the Tab and the Out pin, 5mm away from the package.
WWW.IRF.COM
3
IR3311(S)
Current Sense Characteristics
Symbol Parameter
Ratio I load / IIfb current ratio
Min.
4,500 -5 -0.9 --
Typ.
5,300 0 0 0
Max. Units Test Conditions
6,300 +5 0.9 15 -- % A s Tj = 25oC ,Rfb = 500, I = 50A Tj = -40 T0 +150oC I = 2A 90% of the I load step
Ratio_TC Iload/Ifb variation over temperature offset Load current diagnostic offset Trst Ifb response time (low signal)
Functional Block Diagram
VCC
charge pump
4mA 70V
active clamp disconnection
driver
On/Off fast turn-off
70V 33V
+ 36V 33V
Reset
33V
Q
latch
Set
Wait
timer 1.5 ms 4V + 80 I out > 60 A Tj > 165 C
reverse battery protection
43V
timer 300 us +
Min. pulse
IN
4
Ifb
OUT
WWW.IRF.COM
IR3311(S)
Lead Assignments
3 (Vcc) 3 (Vcc) 1 - In 2 - Ifb 3 - Vcc (tab) 4 - NC 5 - Out
12345
12345
5 Lead - TO220 IR3311 Part Number
5 Lead - D2PAK (SMD220) IR3311S
Vcc-Vin Vcc-Vin max Vcc-Vin1 max Vcc-Vin (op) Vih Vil Vhys Iin Iin
Vcc-Vin Vcc In IR3311
Vcc-Vout Vcc-Vout max
Vclamp1 Vclamp2 Vcc 90%
max Iin1,2 Iin(on)
VIfb Ifb
Ifb
Out
Iout Iout max -Ids cont. -Ids pulsed Iout 85C Isd Iq
Vcc-Vout
5V 10 %
DV/dt(on)
Td on Tr1
Tr2
Figure 1 - Voltages and currents definitions
Figure 2 - Switching time definitions (turn-on)
WWW.IRF.COM
5
IR3311(S)
Vcc
Vcc-Vin
Vin
90%
Vcc-Vout
10 %
Ids
DV/dt(off)
Vds clamp
T clamp Vcc
Td off Tf
Vout Vcc-Vclamp
( see Design tip to evaluate power dissipation )
Figure 3 - Switching time definitions (turn-off)
Figure 4 - Active clamp waveforms
Vin
clamp
Vcc-Vin
12V
I Load 38 us (typ.) Ifb
0V
T minpulse
T minpulse Wait
Iout
0V
Precise measurement
Figure 5 - Current sense precision:
Accurate measurement only when the power Mosfet is fully ON
Figure 6 - Minimum pulse & WAIT function
6
WWW.IRF.COM
IR3311(S)
Vcc-Vin
12V 0V
Iout
Isd
t < T reset
t > T reset
t < T reset
t > T reset
OI shutdown wait wait
Tj
OT shutdown Tjsd
Figure 7 - Protection Timing Diagrams
All curves are typical characteristics. Operation in hatched areas is not recommended. Tj=250C, RIfb=500 Ohm, Vcc=14V (unless otherwise specified).
10 8 6 4 2 0 0 10 20 30 40 50 60 70
16 14 12 10 8 6 4 2 0 0 5 10 15 20 25 30
Figure 8 - Icc (mA) vs Vcc-Vin (V)
Figure 9- Rdson (m) vs Vcc-Vin (V)
WWW.IRF.COM
7
IR3311(S)
200% 180% 160% 140% 120% 100% 80% 60% 40% 20% 0% -50 -25 0 25 50 75 100 125 150
6 5 4 3 2 1 0 -50
Vifb-Vin Vih Vil -25 0 25 50 75 100 125 150
Figure 10 -Normalized Rdson (%) vs Tj (oC)
Figure 11 - Vih, Vil & Vifb -Vin (V) vs Tj (oC)
9 8 7 6 5 4 3 2 1 0 0 15 30 45 60 Typical value Max. specified
100
Isd min 3s isd typ Isd max 3s
10
1 100
1000
Figure 13 - Isd (A) vs RIfb (Ohm)
10000
Figure 12 - Error (+/-A) vs Iload (A)
8
WWW.IRF.COM
IR3311(S)
100
50 45 40 35 30 25 20 15 10 5 0 -50 0 50
5C/W 15C/W 35C/W 1'' f oot 60C/W s td f ooprint
10
100
150
200
1 0. 001
single pulse 10 Hz rth=60C/W dT=25C 100Hz rth=60C/W dT=25C 1kHz rth=60C/W dT=25C
0. 01 0. 1 1 10
Figure 14 - Max. DC current (A) vs Temp. (C)
Figure 15 - Max. I (A) vs inductance (mH)
100
100
60C/W free air 5C/W Current path capability should be above those Loaad Characteristic should be above those curves T=25C free air/ std. footprint T=100C free air/ std. footprint
1
10
10
1
1E-05 0. 0001 0. 001 0. 01 0. 1 1 10 100 1000
0. 1
0. 0001 0. 001 0. 01 0. 1 1 10 100 1000
Figure 16 - I out (A) vs Protection resp. Time (s)
Figure 17 - Rth (oC/W) vs Time (s)
WWW.IRF.COM
9
IR3311(S)
Case Outline - TO220 (5 lead)
IRGB 01-3042 01
10
WWW.IRF.COM
IR3311(S)
Case Outline 5 Lead - D2PAK (SMD220)
WWW.IRF.COM
11
IR3311(S)
Tape & Reel
5 Lead - D2PAK (SMD220)
01-3071 00 / 01-3072 00
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q100] market. 10/21/2003
12
WWW.IRF.COM


▲Up To Search▲   

 
Price & Availability of IR3311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X