Part Number Hot Search : 
R515D 0509S 31M10 TRR18 00406 MX7530JD KSC5020 AEXXXX
Product Description
Full Text Search
 

To Download ICS9148-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9148-08
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
General Description
The ICS9148-08 generates all clocks required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro or Cyrix. Eight different reference frequency multiplying factors are externally selectable with smooth frequency transitions. Features include four CPU, seven PCI and Twelve SDRAM clocks. Two reference outputs are available equal to the crystal frequency. Plus the IOAPIC output powered by VDDL1. One 48 MHz for USB, and one 24 MHz clock for Super IO. Spread Spectrum built in 1.5% modulation to reduce the EMI. Serial programming I2C interface allows changing functions, stop clock programing and Frequency selection. Rise time adjustment for VDD at 3.3V or 2.5V CPU. Additionally, the device meets the Pentium power-up stabilization, which requires that CPU and PCI clocks be stable within 2ms after power-up. It is not recommended to use I/O dual function pin for the slots (ISA, PCI, CPU, DIMM). The add on card might have a pull up or pull down. High drive PCICLK and SDRAM outputs typically provide greater than 1 V/ns slew rate into 30pF loads. CPUCLK outputs typically provide better than 1V/ns slew rate into 20pF loads while maintaining 505% duty cycle. The REF and 24 and 48 MHz clock outputs typically provide better than 0.5V/ns slew rates.
Features
3.3V outputs: SDRAM, PCI, REF, 48/24 MHz 2.5V or 3.3V outputs; CPU, IOAPIC 20 ohm CPU clock output impedance 20 ohm PCI clock output impedance Skew from CPU (earlier) to PCI clock - 1 to 4 ns, center 2.6 ns. No external load cap for CL=18pF crystals 250 ps CPU, PCI clock skew 400ps (cycle to cycle) CPU jitter Smooth frequency switch , with selections from 50 to 83.3 MHz CPU. I2C interface for programming 2ms power up clock stable time Clock duty cycle 45-55%. 48 pin 300 mil SSOP package 3.3V operation, 5V tolerant input.
Pin Configuration
Block Diagram
48-Pin SSOP
* Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
Power Groups
VDD1 = REF (0:1), X1, X2 VDD2 = PCICLK_F, PCICLK(0:5) VDD3 = SDRAM (0:11), supply for PLL core, 24MHz, 48MHz VDDL1 = IOAPIC VDDL2 = CPUCLK (0:3)
9148-08 Rev A 092297P
Pentium is a trademark of Intel Corporation I2C is a trademark of Philips Corporation
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.
ICS9148-08
Pin Descriptions
PIN NUMBER 1 PIN NAME VDD1 REF0 TYPE PWR OUT DESCRIPTION Ref (0:1), XTAL power supply, nominal 3.3V 14.318 MHz reference clock. Indicates whether VDDL2 is 3.3V or 2.5V. High=2.5V CPU, LOW=3.3V CPU1 . Latched input2
2 3,9,16,22,27, 33,39,45 4 5 6,14 7 8 10, 11, 12, 13 15 17, 18, 20, 21, 28, 29, 31, 32, 34, 35,37,38 19,30,36 23 24 25 26 40, 41, 43, 44 42
46
CPU3.3#_2.51 ,2 GND X1 X2 VDD2 PCICLK_F FS11 , 2 PCICLK0 FS21 , 2 PCICLK(1:4) PCICLK5
PCI_STOP#1 SDRAM (0:11) VDD3 SDATA SCLK 24MHz MODE1 , 2 48MHz FS0 CPUCLK(0:3) VDDL2 REF1 CPU_STOP# 1
1, 2
IN PWR IN OUT PWR OUT IN OUT IN OUT OUT IN OUT PWR IN IN OUT IN OUT IN OUT PWR
OUT IN
Ground Crystal input, has internal load cap (33pF) and feedback resistor from X2 Crystal output, nominally 14.318MHz. Has internal load cap (33pF) Supply for PCICLK_F and PCICLK (0:5), nominal 3.3V Free running PCI clock Frequency select pin. Latched Input PCI clock output. Frequency select pin. Latched Input PCI clock outputs. PCI clock output. (In desktop mode, MODE=1) Halts PCICLK(0:5) clocks at logic 0 level, when input low (In mobile mode, MODE=0)
SDRAM clock outputs. Supply for SDRAM (0:11), PLL core and 24,48MHz clocks, nominal 3.3V Data input for I2 C serial input. Clock input of I2 C input 24MHz output clock Pin 15, pin 46 function select pin, 1=Desktop Mode, 0=Mobile Mode. Latched Input. 48MHz output clock Frequency select pin. Latched Input CPU clock outputs, powered by VDDL2. Low if CPU_STOP#=Low Supply for CPU (0:3), either 2.5V or 3.3V nominal 14.318 MHz reference clock, (in Desktop Mode, MODE=1) This REF output is the STRONGER buffer for ISA BUS loads. Halts CPUCLK (0:3) clocks at logic 0 level, when input low (in Mobile Mode, MODE=0) IOAPIC clock output. 14.318 MHz Powered by VDDL1. Supply for IOAPIC, either 2.5 or 3.3V nominal
47 48
IOAPIC VDDL1
OUT PWR
Notes: 1: Internal Pull-up Resistor of 240K to 3.3V on indicated inputs 2: Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to program logic high to VDD or logic low to GND.
2
ICS9148-08
Mode Pin - Power Management Input Control
MODE, Pin 25 (Latched Input) 0 1 Pin 46 CPU_STOP# (INPUT) REF1 (OUTPUT) Pin 15 PCI_STOP# (INPUT) PCICLK5 (OUTPUT)
Power Management Functionality
CPU_STOP# PCI_STOP# CPUCLK Outputs Stopped Low Running Running PCICLK (0:5) Running Running Stopped Low PCICLK_F, REF, 24/48MHz and SDRAM Running Running Running Crystal OSC Running Running Running VCO
0 1 1
1 1 0
Running Running Running
CPU 3.3#_2.5V Buffer selector for CPUCLK and IOAPIC drivers.
CPU3.3#_2.5 Input level (Latched Data) 1 0 Buffer Selected for operation at: 2.5V VDD 3.3V VDD
Functionality
FS2 0 0 0 0 1 1 1 1 FS1 0 0 1 1 0 0 1 1
VDD1,2,3 = 3.3V5%, VDDL1,2 = 2.5V5% or 3.35%, TA=0 to 70C Crystal (X1, X2) = 14.31818MHz
FS0 0 1 0 1 0 1 0 1 CPU, SDRAM(MHz) 50.0 75.0 83.3 68.5 55.0 75.0 60.0 66.8 PCICLK (MHz) 25.0 (1/2 CPU) 30 (CPU/2.5) 33.3 34.25 (1/2 CPU) 27.5 (1/2 CPU) 37.5 (1/2 CPU) 30.0 (1/2 CPU) 33.4 (1/2 CPU) REF, IOAPIC (MHz) 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318
3
ICS9148-08
General I2C serial interface information
A.
Clock Generator Address (7 bits)
For the clock generator to be addressed by an I2C controller, the following address must be sent as a start sequence, with an acknowledge bit between each byte.
+ 8 bits dummy command code + 8 bits dummy Byte count
A(6:0) & R/W# D2(H)
B.
ACK
ACK
ACK
Then Byte 0, 1, 2, etc in sequence until STOP.
The clock generator is a slave/receiver I2C component. It can "read back "(in Philips I2C protocol) the data stored in the latches for verification. (set R/W# to 1 above). There is no BYTE count supported, so it does not meet the Intel SMB PIIX4 protocol.
Clock Generator Address (7 bits)
A(6:0) & R/W# D3(H)
C. D. E. F.
ACK
Byte 0
ACK
Byte 1
ACK
Byte 0, 1, 2, etc in sequence until STOP.
The data transfer rate supported by this clock generator is 100K bits/sec (standard mode) The input is operating at 3.3V logic levels. The data byte format is 8 bit bytes. To simplify the clock generator I2C interface, the protocol is set to use only block writes from the controller. The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes. The data is loaded until a Stop sequence is issued. In the power down mode (PWR_DWN# Low), the SDATA and SCLK pins are tristated and the internal data latches maintain all prior programming information. At power-on, all registers are set to a default condition. See Byte 0 detail for default condition, Bytes 1 through 5 default to a 1 (Enabled output state)
G . H.
Serial Configuration Command Bitmap
Bit Bit 7
Byte0: Functionality and Frequency Select Register (default = 0)
Description 0 - 1.5% Spread Spectrum Modulation 1 - 0.6% Spread Spectrum Modulation PCI CPU clock Bit6 Bit5 Bit4 33.4(1/2 CPU) 66.8 111 30.0 (1/2 CPU) 60.0 110 37.5 (1/2 CPU) 75.0 101 27.5 (1/2 CPU) 55.0 100 34.5 (1/2 CPU) 68.5 011 33.3 83.3 010 30.0 (CPU/2.5) 75.0 001 25.0 (1/2 CPU) 50.0 000 0 - Frequency is selected by hardware select, Latched Inputs 1 - Frequency is selected by Bit 6:4 (above) 0 - Spread Spectrum center spread type. 1 - Spread Spectrum down spread type. 0 - Normal 1 - Spread Spectrum Enabled 0 - Running 1- Tristate all outputs PWD 0
Bit 6:4
Note1
Bit 3
0 0 0 0
Note 1. Default at Power-up will be for latched logic inputs to define frequency. Bits 4, 5, 6 are default to 000, and if bit 3 is written to a 1 to use Bits 6:4, then these should be defined to desired frequency at same write cycle.
Note: PWD = Power-Up Default I2C is a trademark of Philips Corporation
Bit 1 Bit 0
4
ICS9148-08
Byte 1: CPU,Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 40 41 43 44 PWD 1 1 1 1 1 1 1 1 Description (Reserved) (Reserved) (Reserved) (Reserved) CPUCLK3 (Act/Inact) CPUCLK2 (Act/Inact) CPUCLK1 (Act/Inact) CPUCLK0 (Act/Inact)
Byte 2: PCIActive/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit Bit Bit Bit Bit 4 3 2 1 0 Pin # 7 15 14 12 11 10 8 PWD 1 1 1 1 1 1 1 1 Description (Reserved) PCICLK_F (Act/Inact) PCICLK5 (Act/Inact) (Desktop only) PCICLK4 (Act/Inact) PCICLK3 (Act/Inact) PCICLK2 (Act/Inact) PCICLK1 (Act/Inact) PCICLK0 (Act/Inact)
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. Byte 3: SDRAMActive/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 28 29 31 32 34 35 37 38 PWD 1 1 1 1 1 1 1 1 Description SDRAM7 (Act/Inact) SDRAM6 (Act/Inact) SDRAM5 (Act/Inact) SDRAM4 (Act/Inact) SDRAM3 (Act/Inact) SDRAM2 (Act/Inact) SDRAM1 (Act/Inact) SDRAM0 (Act/Inact)
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. PCICLK5 only in Desktop Mode Byte 4: SDRAM Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 17 18 20 21 PWD 1 1 1 1 1 1 1 1 Description (Reserved) (Reserved) (Reserved) (Reserved) SDRAM11 (Act/Inact) SDRAM10 (Act/Inact) SDRAM9 (Act/Inact) SDRAM8 (Act/Inact)
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. Byte 5: Peripheral Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 47 46 2 PWD 1 1 1 1 1 1 1 1 Description (Reserved) (Reserved) (Reserved) IOAPIC0 (Act/Inact) (Reserved) (Reserved) REF1 (Act/Inact) REF0 (Act/Inact)
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be configured at power-on and are not expected to be configured during the normal modes of operation. Byte 6: Optional Register For Possible Future Requirements
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # PWD 1 1 1 1 1 1 1 1 Description (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved)
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be configured at power-on and are not expected to be configured during the normal modes of operation. 2. REF1 only in Desktop Mode 5
Notes: 1. Byte 6 is reserved by Integrated Circuit Systems for future applications. Note: PWD = Power-Up Default
ICS9148-08
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CPU_STOP# is synchronized by the ICS9148-08. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks.
Notes: 1. All timing is referenced to the internal CPU clock. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS9148-08. 3. All other clocks continue to run undisturbed. (including SDRAM outputs).
6
ICS9148-08
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS9148-08. It is used to turn off the PCICLK (0:5) clocks for low power operation. PCI_STOP# is synchronized by the ICS9148-08 internally. The minimum that the PCICLK (0:5) clocks are enabled (PCI_STOP# high pulse) is at least 10 PCICLK (0:5) clocks. PCICLK (0:5) clocks are stopped in a low state and started with a full high pulse width guaranteed. PCICLK (0:5) clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock.
Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9148 device.) 2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized inside the ICS9148. 3. All other clocks continue to run undisturbed. 4. CPU_STOP# is shown in a high (true) state.
7
ICS9148-08
Shared Pin Operation Input/Output Pins
Pins 2, 7, 8, 25 and 26 on the ICS9148-08 serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 4-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm(10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figs. 1 and 2 show the recommended means of implementing this function. In Fig. 1 either one of the resistors is loaded onto the board (selective stuffing) to configure the devices internal logic. Figs. 2a and b provide a single resistor loading option where either solder spot tabs or a physical jumper header may be used. These figures illustrate the optimal PCB physical layout options. These configuration resistors are of such a large ohmic value that they do not effect the low impedance clock signals. The layouts have been optimized to provide as little impedance transition to the clock signal as possible, as it passes through the programming resistor pad(s).
Fig. 1
8
ICS9148-08
Fig. 2a
Fig. 2b
9
ICS9148-08
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND 0.5 V to VDD +0.5 V Ambient Operating Temperature . . . . . . . . . . . . 0C to +70C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . 65C to +150C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unless otherwise stated) PARAMETER Input High Voltage Input Low Voltage Input High Current Input Low Current Input Low Current Operating Supply Current Input Frequency Input Capacitance Transition Time Clk Stabilization Skew
1 1 1 1 1
SYMBOL VIH VIL IIH IIL1 IIL2 IDD3.3OP Fi CIN CINX Ttrans TSTAB
t CPU-SDRAM1
CONDITIONS
MIN 2 VSS-0.3 -5 -200
TYP
VIN = VDD VIN = 0 V; Inputs with no pull-up resistors VIN = 0 V; Inputs with pull-up resistors CL = 0 pF; Select @ 66MHz VDD = 3.3 V Logic Inputs X1 & X2 pins To 1st crossing of target Freq. From VDD = 3.3 V to 1% target Freq. VT = 1.5 V VT = 1.5 V
MAX UNITS VDD+0.3 V 0.8 V 0.1 5 A 2 A -100 A 100 160 mA 16 5 45 2 2 500 4 MHz pF pF ms ms ps ns
12 27
14.318 36
tCPU-PCI1
1
2.6
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN Operating Supply Current CL = 0 pF; Select @ 66.8 MHz IDD2.5OP Skew
1 1
TYP 8
MAX 20 800 4
UNITS mA ps ps
tCPU-SDRAM2 tCPU-PCI2
VT = 1.5 V; VTL = 1.25 V VT = 1.5 V; VTL = 1.25 V
1
Guaranteed by design, not 100% tested in production.
10
ICS9148-08
Electrical Characteristics - CPU
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF PARAMETER Output Impedance Output Impedance
1 1
SYMBOL RDSP2B RDSN2B VOH2B VOL2B IOH2B IOL2B tr2B tf2B dt2B tsk2B
1
CONDITIONS VO = VDD*(0.5) VO = VDD*(0.5) IOH = -8 mA IOL = 12 mA VOH = 1.7 V VOL = 0.7 V VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V VT = 1.25 V VT = 1.25 V VT = 1.25 V VT = 1.25 V
MIN 13.5 13.5 2
TYP
MAX UNITS 45 45 Ohm Ohm V V mA mA ns ns % ps ps ps ps
Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Skew
1 1 1 1
19
2.2 0.3 -20 26 2.2 1.1
0.4 -16 2.5 1.6 55 250
Duty Cycle
45 200 50 -250
Jitter, Cycle-to-cycle Jitter, One Sigma Jitter, Absolute
1 1 1
tjcyc-cyc2B tj1s2B tjabs2B
300 150 +250
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF PARAMETER Output Impedance Output Impedance
1 1
SYMBOL RDSP1 RDSN1 VOH1 VOL1 IOH1 IOL1 tr1 tf1 dt1 tsk1
1
CONDITIONS VO = VDD*(0.5) VO = VDD*(0.5) IOH = -28 mA IOL = 23 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 10 10 2.4
TYP
MAX UNITS 24 24 Ohm Ohm V V mA mA ns ns % ps ps ps
Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Skew
1 1 1 1
41
3 0.2 -60 50 1.6 1.2
0.4 -40 2 2 55 250 300 500
Duty Cycle
45
51 100 100
Jitter, One Sigma Jitter, Absolute
1
tj1s1 tjabs1
1
-500
Guaranteed by design, not 100% tested in production.
11
ICS9148-08
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF PARAMETER Output Impedance Output Impedance
1 1
SYMBOL RDSP1 RDSN1 VOH1 VOL1 IOH1 IOL1 Tr1 Tf1 Dt1 Tsk1
1
CONDITIONS VO = VDD*(0.5) VO = VDD*(0.5) IOH = -28 mA IOL = 23 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 10 10 2.4
TYP
MAX UNITS 24 24 V V mA mA ns ns % ps ps ps
Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Skew
1 1 1 1
41
3 0.2 -60 50 1.6 1.2
0.4 -40 2 2 55 250 150 +250
Duty Cycle
45
52 150 50
Jitter, One Sigma Jitter, Absolute
1
Tj1s1 Tjabs1
1
-250
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF PARAMETER Output Impedance Output Impedance
1 1
SYMBOL RDSP4B RDSN4B VOH4B VOL4B IOH4B IOL4B Tr4B Tf4B Dt4B
1
CONDITIONS VO = VDD*(0.5) VO = VDD*(0.5) IOH = -8 mA IOL = 12 mA VOH = 1.7 V VOL = 0.7 V VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V VT = 1.25 V VT = 1.25 V
MIN 13.5 13.5 2
TYP
MAX UNITS 45 45 Ohm Ohm V V mA mA ns ns % % %
Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1
19
2.2 0.3 -20 26 1.4 1.3
0.4 -16 1.7 1.6 60 3 5
Duty Cycle
50 1 -5
Jitter, One Sigma Jitter, Absolute
1
Tj1s4B Tjabs4B
1
Guaranteed by design, not 100% tested in production.
12
ICS9148-08
Electrical Characteristics - 24,48MHz, REF(0:1)
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated) PARAMETER Output Impedance Output Impedance
1 1
SYMBOL RDSP5 RDSN5 VOH5 VOL5 IOH5 IOL5 tr5 tf5 dt5
1
CONDITIONS VO = VDD*(0.5) VO = VDD*(0.5) IOH = -16 mA IOL = 9 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 20 20 2.4
TYP
MAX UNITS 60 60 Ohm Ohm V V mA mA ns ns % % %
Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1
16
2.6 0.3 -32 25 1.7 1.6
0.4 -22 4 4 55 3 8
Duty Cycle
45
53 1 3
Jitter, One Sigma Jitter, Absolute
1
tj1s5 tjabs5
1
Guaranteed by design, not 100% tested in production.
13
ICS9148-08
SSOP Package
SYMBOL A A1 A2 B C D E e H h L N
X
COMMON DIMENSIONS MIN. NOM. MAX. .095 .101 .110 .008 .012 .016 .088 .090 .092 .008 .010 .0135 .005 .010 See Variations .292 .296 .299 0.025 BSC .400 .406 .410 .010 .013 .016 .024 .032 .040 See Variations 0 5 8 .085 .093 .100
VARIATIONS AC MIN. .620
D NOM. .625
N MAX. .630 48
Ordering Information
ICS9148F-08
Example:
ICS XXXX F - PPP
Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type F=SSOP Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
14
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.


▲Up To Search▲   

 
Price & Availability of ICS9148-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X