Part Number Hot Search : 
2SC514 2C2484 FZT751 MJ8501 BD242C SSR5825B DWR2G W3020
Product Description
Full Text Search
 

To Download DF11-10DEP-2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 Series
sFeatures
1. Space-saving on Board Realized
Double rows of 2mm pitch contact has been condensed within the 5mm width. The multiple number of signals can be secured in the same space as the conventional 2mm single-row contact.
2. Broad Variation
The insulation displacement and crimping methods are prepared for connection. Thus, board to cable, in-line, board to board connectors are provided in order to widen a board design variation. In addition, "Gold" or "Tin" can be selected for the plating according application, while the SMT products line up.
Rib to prevent mis-insertion
Simple lock
3. Applicable Wire Covers Wide Range
According to the double rows of 2mm pitch compact design, the applicable wire can cover AWG22 to 30.
Rib to prevent contact mis-insertion as well as disimilar contact mis-insertion
4. The ID Type Connector Achieves Connection Work.
Using the full automatic insulation displacement machine, the complicated multi-harness can be easily connected, reducing the man-hour and eliminating the manual work process.
5mm 4 wall box style
sApplications
Business equipments such as copy machine, printer and so on.
A266
sFeatures of DF11 Insulation Displacement Machine (Single Core Punching Full Automatic ID Machine AM700/DF11)
q 5 Major Features of ID Machine AM700/DF11
1. Perform the multi-harness. 2. The setup time has been widely reduced. (10 minutes maximum) 3. Space saving design. (About half space compared with the conventional machine) 4. Minimize initial cost with low cost. 5. The harness data can be saved in the floppy disk and easily changed.
Data storage
Low cost Setup in 10 minutes
Multi-harness Half space
sPoints
Since the DF11 insulation displacemention allows double rows ID with a single part, the harness service is completed with machine connection only.
sProduct Specifications
AWG 22 to 26: 2A Current rating Rating (Note 1) Insulation Displacement Wire size Voltage rating Crimping Crimping Wire size AWG 28 AWG 30 AWG 26 : 1A : 0.5A : 1A Storage Temperature Range -10 to 60c Note 3 40 to 70% Operating Temperature Range -30 to 85c Note 2 Operating Humidity Range 40 to 80%
250V AC Insulation Displacement 100V AC Storage Humidity Range
UL-CSA Safety Standard Approved Specification AWG 22 Rating Current rating Voltage rating Item 1. Insulation Resistance 2. Withstanding voltage 3. Contact Resistance 5. Vibration 1000M ohms min. Wire size 30V AC Specification 500V DC AWG 30 : 2A : 0.5A AWG 24 to 28: 1A
sUL*CSA Safety Standard File No. UL :E52653 CSA :LR95109
Condition 650V AC/1 minute 100mA Measured by the square steel-made pin of 0.50.002mm
No flashover or insulation breakdown.
30m ohms max.
4. Single Insertion/Extraction Force 0.3N (30gf) min., 4.4N(450gf) min.
No electrical discontinuity of 1s or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95%
(-55c: 30 minutes 15 to 35c: 2 to 3 minutes (-85c: 30 minutes 15 to 35c: 2 to 3minutes) 5 cycles Tin plated: 30 cycles Gold plated:50 cycles
6. Humidity (Steady state) Contact resistance: 30m ohms max. Insulation resistance: 500M ohms min. 7. Temperature Cycle Contact resistance: 30m ohms max. Insulation resistance: 1000M ohmsmin.
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
Flow:
9. Resistance to Soldering heat No deformation of components affecting performance.
Manual soldering: 300c for 2 seconds Manual soldering:
250c for 10 seconds Reflow:
At the recommended temperature profile 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
A267
sMaterial
Product Type Crimping Socket Crimping Contact for Socket ID Socket Receptacle Pin Header Part Insulator Contact Insulator Contact Insulator Contact Insulator Contact Insulator SMT Header In-line Plug In-line Plug Crimping Contact In-line Adaptor Contact Metal fittings Insulator Contact Insulator Contact MateriaI Polyamide Phosphor copper Polyamide Phosphor copper Polyamide Phosphor copper Polyamide Brass Polyamide Brass Brass Polyamide Phosphor copper Polyamide Brass Finish Black Tin plated or gold plated Black Tin plated Black Tin plated or gold plated Black Tin plated or gold plated Beige Tin plated or gold plated Tin plated Black Tin plated or gold plated Black Tin plated Remarks UL94V-0 ------- UL94V-0 ------- UL94V-0 ------- UL94V-0 ------- UL94V-0 ------- ------- UL94V-0 ------- UL94V-0 -------
Note: HRS tin plating takes action against whisker.
sOrdering Information
qConnector
DF11 - * DS - 2C
q q Series Name e Connector Type DS : Double Row socket DP : Double Row pin header DEP : Double Row in-line plug r Contact Pitch : 2mm : DF11 w e rt t Connection Form/Contact Style C : Crimping socket R26 : Insulation Displacemented socket for AWG26 DSA: Straight through hole DS : Right angle through hole V A : Straight SMT : Adaptor
w Number of Contacts : 4 to 32
qContact
DF11 - EP2428PCFA
q q Contact Type Blank : For socket EP 22 30 : For in-line plug : AWG22 : AWG30 w Applicable Wire Size 2428 : AWG24 to 28 w e r e Contact Type/Packaging Type SCF SC PCF PC Blank A : Socket contact, Embossed tape : Socket contact, Bag : Plug contact, Embossed tape : Plug contact, Bag : Tin plated : Gold plated
r Plating Type
A268
sID Socket
Note1: Port 1-piece indicates odd number row, and port 2- pcs. indicate even number row. Note2: Use the dip type header as follows. * Straight angle type : DF11-*DP-2DSA ( 08 ) * Angle type: DF11-*DP-2DS(24)
Photo: Cable connection status
[Specific No.] -* *, (* *) Blank :Tin plated, 100 pcs. per bag (21) :Tin plated, Tube packaging Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 A 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 B 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 Tube Packaging Quantity 188 140 112 94 80 70 62 56 50 46 42 40 36 34 32 DF11- 4DS-2R26(**) 543-0652-0-** DF11- 6DS-2R26(**) 543-0653-3-** DF11- 8DS-2R26(**) 543-0654-6-** DF11-10DS-2R26(**) 543-0655-9-** DF11-12DS-2R26(**) 543-0656-1-** DF11-14DS-2R26(**) 543-0657-4-** DF11-16DS-2R26(**) 543-0658-7-** DF11-18DS-2R26(**) 543-0659-0-** DF11-20DS-2R26(**) 543-0660-9-** DF11-22DS-2R26(**) 543-0661-1-** DF11-24DS-2R26(**) 543-0662-4-** DF11-26DS-2R26(**) 543-0663-7-** DF11-28DS-2R26(**) 543-0664-0-** DF11-30DS-2R26(**) 543-0665-2-** DF11-32DS-2R26(**) 543-0666-5-**
Note1: The specific No. "None" item is delivered per bag unit (100 pcs.). Please order products per bag unit. Note2: To use the full automatic insulation displacement machine to punch the DF11 single contact, the (20) tube packaging specification should be applied. Note3: Please order the tube packaging products by multiplying the packaging quantity ( pcs.).
sApplicable Cable
Part Number DF11-*DS-2R26 Applicable Cable UL1061 AWG26 (7/0.16) Jacket Diameter O0.9 to 1.05mm
sDF11-*DS-2R Insulation Displacement Machine
Type Part Number Connection Type sEffective harness form 1. DF11-both ended, one ended 2. DF11-DF11, separation 3. DF11-DF3, separation sEffective harness length 100 to 2,000mm sContinuity Inspection Mechanism Equipped sUsed for DF11 only, No restricted condition Remarks
Punching full automatic ID machine DF11 single contact
AM700/DF11
The connector is applicable to (20) tube packaging.
Desktop ID Machine
SA700/DF11 CL903-0013-5
Desktop machine for small lot
A269
sCrimping Socket
[Specific No.] -* *, (* *) Blank :100 pcs. per pack
Photo: Contact insertion status
Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 A 6.0 8.0 10.0 12.0 14.0 16.0 18.0 B 2.0 4.0 6.0 8.0 10.0 12.0 14.0 Part Number CL No. Number of Contacts 20 22 24 26 28 30 32 A 22.0 24.0 26.0 28.0 30.0 32.0 34.0 B 18.0 20.0 22.0 24.0 26.0 28.0 30.0 DF11- 4DS-2C(**) 543-0568-6-** DF11- 6DS-2C(**) 543-0502-8-** DF11- 8DS-2C(**) 543-0503-0-** DF11-10DS-2C(**) 543-0504-3-** DF11-12DS-2C(**) 543-0505-6-** DF11-14DS-2C(**) 543-0506-9-** DF11-16DS-2C(**) 543-0507-1-** DF11-20DS-2C(**) 543-0509-7-** DF11-22DS-2C(**) 543-0510-6-** DF11-24DS-2C(**) 543-0511-9-** DF11-26DS-2C(**) 543-0512-1-** DF11-28DS-2C(**) 543-0513-4-** DF11-30DS-2C(**) 543-0514-7-** DF11-32DS-2C(**) 543-0515-0-**
18 20.0 16.0 DF11-18DS-2C(**) 543-0508-4-** Note: The specific No. "None" item is delivered per bag unit (100 pcs.). Please order products bag pack unit.
sReceptacle (DIP)
[Specific No.] -* *, (* *) Blank :Tin plated 100 pcs. per pack (01) :Gold plated 100 pcs. per pack
qBoard Through-hole Diameter: O0.8+0.1 +0 qKink Prefixed Effective Diameter: O0.8+0.05 +0
Unit: mm Part Number CL No. Number of Contacts 6 8 10 12 14 16 A 8.0 10.0 12.0 14.0 16.0 18.0 B 4.0 6.0 8.0 10.0 12.0 14.0 Part Number CL No. Number of Contacts 20 22 24 26 28 30 32 A 22.0 24.0 26.0 28.0 30.0 32.0 34.0 B 18.0 20.0 22.0 24.0 26.0 28.0 30.0 DF11- 6DS-2DSA(**) 543-0553-9-** DF11- 8DS-2DSA(**) 543-0554-1-** DF11-10DS-2DSA(**) 543-0555-4-** DF11-12DS-2DSA(**) 543-0556-7-** DF11-14DS-2DSA(**) 543-0557-0-** DF11-16DS-2DSA(**) 543-0558-2-** DF11-20DS-2DSA(**) 543-0560-4-** DF11-22DS-2DSA(**) 543-0561-7-** DF11-24DS-2DSA(**) 543-0562-0-** DF11-26DS-2DSA(**) 543-0563-2-** DF11-28DS-2DSA(**) 543-0564-5-** DF11-30DS-2DSA(**) 543-0565-8-**
18 20.0 16.0 DF11-32DS-2DSA(**) 543-0566-0-** DF11-18DS-2DSA(**) 543-0559-5-** Note: The specific No. "None" item is delivered per bag unit (100 pcs.). Please order products per bag unit.
A270
sReceptacle (SMT)
[Specific No.] -* *, (* *) (20) :Tin plated tube package product (50) :Gold plated tube package product
Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 A 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 B 8.5 10.5 12.5 14.5 16.5 18.5 20.5 22.5 24.5 26.5 28.5 30.5 32.5 34.5 36.5 C 4.5 6.5 8.5 10.5 12.5 14.5 16.5 18.5 20.5 22.5 24.5 26.5 28.5 30.5 32.5 D 8.7 10.7 12.7 14.7 16.7 18.7 20.7 22.7 24.7 26.7 28.7 30.7 32.7 34.7 36.7 Tube Package Quantity 41pcs. 35 30 27 24 22 20 18 17 16 15 14 13 12 12 DF11- 4DS-2V(**) 543-0569-9-** DF11- 6DS-2V(**) 543-0570-8-** DF11- 8DS-2V(**) 543-0571-0-** DF11-10DS-2V(**) 543-0572-3-** DF11-12DS-2V(**) 543-0573-6-** DF11-14DS-2V(**) 543-0574-9-** DF11-16DS-2V(**) 543-0575-1-** DF11-18DS-2V(**) 543-0576-4-** DF11-20DS-2V(**) 543-0577-7-** DF11-22DS-2V(**) 543-0578-0-** DF11-24DS-2V(**) 543-0579-2-** DF11-26DS-2V(**) 543-0580-1-** DF11-28DS-2V(**) 543-0581-4-** DF11-30DS-2V(**) 543-0582-7-** DF11-32DS-2V(**) 543-0583-0-**
40 10 38.0 44.5 40.5 44.7 DF11-40DS-2V(**) 543-0584-2-** Note1: Please order the tube packaging products, multiplying a tube quantity ( pcs.). Note2: The 40 contacts connector is marchandized only in combination with the SMT product.
BPCB mounting pattern
BTube Size
Note:If the pattern is included in the shaded area and not treated with resist, it could touch the connector contact .
A271
sStraight Pin Header
[Specific No.] -* *, (* *) Blank : Tin plated (01) : Gold plated (08) : Tin plated low insertion product (Tin plating recommended specification) (20) : Tin plated tube package product
qBoard Through-hole Diameter: O0.8+0.1 +0 Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 A 6.0 8.0 10.0 12.0 14.0 16.0 18.0 B 2.0 4.0 6.0 8.0 Tube Package Quantity Part Number CL No. Number of Contacts 20 22 24 26 28 30 32 A 22.0 24.0 26.0 28.0 30.0 32.0 34.0 B Tube Package Quantity
DF11- 4DP-2DSA(**) 543-0517-5-** DF11- 6DP-2DSA(**) 543-0518-8-** DF11- 8DP-2DSA(**) 543-0519-0-** DF11-10DP-2DSA(**) 543-0520-0-** DF11-12DP-2DSA(**) 543-0521-2-** DF11-14DP-2DSA(**) 543-0522-5-** DF11-16DP-2DSA(**) 543-0523-8-**
81pcs. DF11-20DP-2DSA(**) 543-0525-3-** 61 49 40 DF11-22DP-2DSA(**) 543-0526-6-** DF11-24DP-2DSA(**) 543-0527-9-** DF11-26DP-2DSA(**) 543-0528-1-** DF11-28DP-2DSA(**) 543-0529-4-** DF11-30DP-2DSA(**) 543-0530-3-** DF11-32DP-2DSA(**) 543-0531-6-**
18.0 22pcs. 20.0 20 22.0 18 24.0 17 26.0 16 28.0 15 30.0 14
10.0 34 12.0 30 14.0 27
18 20.0 16.0 24 DF11-18DP-2DSA(**) 543-0524-0-** Note1: Specific No. "None",(01) and (08) items are delivered per bag unit (100 pcs.). Please order products per bagunit. Note2: Please order the tube packaging products, by mutiplying a tube quantity( pcs.).
sRight Angle Pin Header
[Specific No.] -* *, (* *) Blank : Tin plated (22) : Tin plated,magazine packaging (52) : Gold plated tube packaging product (24) : Tin plated low insertion product (Tin plating recommended specification)
qBoard Through-hole Diameter: O0.8+0.1 +0
Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 A 6.0 8.0 10.0 12.0 14.0 16.0 18.0 B 2.0 4.0 6.0 8.0 Tube Package Quantity Part Number CL No. Number of Contacts 20 22 24 26 28 30 32 A 22.0 24.0 26.0 28.0 30.0 32.0 34.0 B Tube Package Quantity
DF11- 4DP-2DS(**) 543-0533-1-** DF11- 6DP-2DS(**) 543-0534-4-** DF11- 8DP-2DS(**) 543-0535-7-** DF11-10DP-2DS(**) 543-0536-0-** DF11-12DP-2DS(**) 543-0537-2-** DF11-14DP-2DS(**) 543-0538-5-** DF11-16DP-2DS(**) 543-0539-8-**
81pcs. DF11-20DP-2DS(**) 543-0541-0-** 61 48 40 DF11-22DP-2DS(**) 543-0542-2-** DF11-24DP-2DS(**) 543-0543-5-** DF11-26DP-2DS(**) 543-0544-8-** DF11-28DP-2DS(**) 543-0545-0-** DF11-30DP-2DS(**) 543-0546-3-** DF11-32DP-2DS(**) 543-0547-6-**
18.0 22pcs. 20.0 20 22.0 18 24.0 17 26.0 16 28.0 15 30.0 14
10.0 34 12.0 30 14.0 27
18 20.0 16.0 24 DF11-18DP-2DS(**) 543-0540-7-** Note1: Please order the tube packaging product by mutiplying a tube quantity( pcs.).
A272
sStraight Pin Header (SMT)
A
A P=2 0.65 1.5 2 6.2 No.2
No.1
1.6 1.5
B
1.6 1.5
1.5 2.25 7.2
1.5
2
. O0
5
[Specific No.] -* *, (* *) (20) :Tin plated tube package product (50) :Gold plated tube package product
00.1
1 C
00.1
1
Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 A 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 B 8.5 10.5 12.5 14.5 16.5 18.5 20.5 22.5 24.5 26.5 28.5 30.5 32.5 34.5 36.5 C 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 D 8.7 10.7 12.7 14.7 16.7 18.7 20.7 22.7 24.7 26.7 28.7 30.7 32.7 34.7 36.7 Tube Package Quantity 41pcs. 35 30 27 24 22 20 18 17 16 15 14 13 12 12 DF11G- 4DP-2V(**) 543-0810-0-** DF11G- 6DP-2V(**) 543-0811-2-** DF11G- 8DP-2V(**) 543-0812-5-** DF11G-10DP-2V(**) 543-0813-8-** DF11G-12DP-2V(**) 543-0814-0-** DF11G-14DP-2V(**) 543-0815-3-** DF11G-16DP-2V(**) 543-0816-6-** DF11G-18DP-2V(**) 543-0817-9-** DF11G-20DP-2V(**) 543-0818-1-** DF11G-22DP-2V(**) 543-0819-4-** DF11G-24DP-2V(**) 543-0820-3-** DF11G-26DP-2V(**) 543-0821-6-** DF11G-28DP-2V(**) 543-0822-9-** DF11G-30DP-2V(**) 543-0823-1-** DF11G-32DP-2V(**) 543-0824-4-**
40 10 38.0 44.5 40.0 44.7 DF11G-40DP-2V(**) 543-0825-7-** Note1: Please order the tube packaging product by mutiplying a tube quantity( pcs.). Note2: The 40 contacts connector is merchandized in combination with the SMT product.
BPCB mounting pattern
BTube Size
Note:If the pattern is included in the shaded area and not treated with resist, it could contact to the connector contact .
0.2
A273
sIn-line Plug
Photo: Contact insertion status
BIn-line Plug Panel Cutouts
Note1: Please use the non-radius side for the panel hooking area. Note2: Applicable panel thicknessing is 1.6 to 1.0mm (A slight deviation will occur for the thickness except for 1.6 and 1.2mm.) Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 A 11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 29.0 31.0 33.0 35.0 37.0 39.0 B 9.2 11.2 13.2 15.2 17.2 19.2 21.2 23.2 25.2 27.2 29.2 31.2 33.2 35.2 37.2 C 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 D 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 E 9.4 11.4 13.4 15.4 17.4 19.4 21.4 23.4 25.4 27.4 29.4 31.4 33.4 35.4 37.4 F 6.3 8.3 10.3 12.3 14.3 16.3 18.3 20.3 22.3 24.3 26.3 28.3 30.3 32.3 34.3 DF11- 4DEP-2C(**) 543-0619-5-** DF11- 6DEP-2C(**) 543-0620-4-** DF11- 8DEP-2C(**) 543-0621-7-** DF11-10DEP-2C(**) 543-0622-0-** DF11-12DEP-2C(**) 543-0623-2-** DF11-14DEP-2C(**) 543-0624-5-** DF11-16DEP-2C(**) 543-0625-8-** DF11-18DEP-2C(**) 543-0626-0-** DF11-20DEP-2C(**) 543-0627-3-** DF11-22DEP-2C(**) 543-0628-6-** DF11-24DEP-2C(**) 543-0629-9-** DF11-26DEP-2C(**) 543-0630-8-** DF11-28DEP-2C(**) 543-0631-0-** DF11-30DEP-2C(**) 543-0632-3-** DF11-32DEP-2C(**) 543-0633-6-** [Specific No.] -* *, (* *) Blank :100 pcs. per pack
Note1: The specific No. "Blank" item is delivered per bag unit (100 pcs.). Please order products per bag unit.
A274
sIn-line Adaptor
BIn-line Adaptor Panel Cutouts
Note1: Please use the non-radius surface in the panel hooking area. Note2: Applicable panel thickness is 1.6 to 1.0mm (A slight backlash will occur in the thickness other than 1.6 and 1.2mm.) Unit: mm Part Number CL No. Number of Contacts 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 A 11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 29.0 31.0 33.0 35.0 37.0 39.0 B 9.2 11.2 13.2 15.2 17.2 19.2 21.2 23.2 25.2 27.2 29.2 31.2 33.2 35.2 37.2 C 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 D 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 E 9.4 11.4 13.4 15.4 17.4 19.4 21.4 23.4 25.4 27.4 29.4 31.4 33.4 35.4 37.4 F 6.3 8.3 10.3 12.3 14.3 16.3 18.3 20.3 22.3 24.3 26.3 28.3 30.3 32.3 34.3 DF11- 4DEP-2A(**) 543-0698-1-** DF11- 6DEP-2A(**) 543-0699-4-** DF11- 8DEP-2A(**) 543-0700-1-** DF11-10DEP-2A(**) 543-0701-4-** DF11-12DEP-2A(**) 543-0702-7-** DF11-14DEP-2A(**) 543-0703-0-** DF11-16DEP-2A(**) 543-0704-2-** DF11-18DEP-2A(**) 543-0705-5-** DF11-20DEP-2A(**) 543-0706-8-** DF11-22DEP-2A(**) 543-0707-0-** DF11-24DEP-2A(**) 543-0708-3-** DF11-26DEP-2A(**) 543-0709-6-** DF11-28DEP-2A(**) 543-0710-5-** DF11-30DEP-2A(**) 543-0711-8-** DF11-32DEP-2A(**) 543-0712-0-** [Specific No.] -* *, (* *) Blank :100 pcs. per pack
Note1: The specific No. "Blank" item is delivered per bag unit (100 pcs.). Please order products per bag unit.
A275
sCrimping Contact for Socket
Type Part Number CL No. Quantity 10000 pcs. per reel DF11-22SCF 543-0601-0 Reel contact 100 pcs. per bag DF11-22SC 543-0602-2 Bulk contact 10000 pcs. per reel DF11-2428SCF 543-0500-2 Reel contact 100 pcs. per bag DF11-2428SC 543-0501-5 Bulk contact 10000 pcs. per reel DF11A-2428SCF 543-0634-9 Reel contact 100 pcs. per bag DF11A-2428SC 543-0635-1 Bulk contact 10000 pcs. per reel DF11-30SCF 543-0605-0 Reel contact 100 pcs. per bag DF11-30SC 543-0606-3 Bulk contact 10000 pcs. per reel DF11-22SCFA 543-0603-5 Reel contact 100 pcs. per bag DF11-22SCA 543-0604-8 Bulk contact 10000 pcs. per reel DF11-2428SCFA 543-0550-0 Reel contact 100 pcs. per bag DF11-2428SCA 543-0551-3 Bulk contact 10000 pcs. per reel DF11-30SCFA 543-0607-6 Reel contact 100 pcs. per bag DF11-30SCA 543-0608-9 Bulk contact Note1: DF11A-2428SCF/SC is of tin plated low insertion/extraction type. Finish
Tin plated
Gold plated
qApplicable Wire (Tin Plated Annealed Copper Wire)
qRecommended Wire
UL1061, UL1007 (Note 2.)
qStrip Length Conductor Size (Wire Structure) Jacket Diameter O1.2 to O1.45mm AWG 22 (17pcs./0.16mm) 1.7 to 2.3mm AWG 24 (11pcs./0.16mm) O0.9 to O1.45mm AWG 26 (7pcs./0.16mm) AWG 28 (7pcs./0.127mm) O0.75 to O1.2mm AWG 30 (7pcs./0.1mm) Note1: If other wires are used than the applicable wire, consult the HRS sales department. Note2: DF11-22SCF/SC/SCFA/SCA is for UL1061.
sCrimping Contact for In-line Plug
Part Number DF11EP2428PCF DF11EP2428PC DF11EP2428PCFA DF11-EP2428PCA CL No. 543-0615-4 543-0616-7 543-0617-0 543-0618-2 Type Reel contact Bulk contact Reel contact Bulk contact Quantity 10000 pcs. per reel 100 pcs. per bag 10000 pcs. per reel 100 pcs. per bag Finish Tin plated Gold plated
qApplicable Wire (Tin Plated Annealed Copper Wire)
qRecommended Wire
UL1061, UL1007
qStrip Length Conductor Size (Contact Wire Structure) Jacket Diameter AWG 24 (11pcs./0.16mm) 1.9 to 2.3mm O0.9 to O1.45mm AWG 26 (7pcs./0.16mm) AWG 28 (7pcs./0.127mm) Note1: If other wires are used than the applicable wire, consult the HRS sales department.
BApplicable Crimping Tool
CL No. Applicable Contact 901-4529-7 DF11A-22SCF/SCFA DF11A-2428SCF/SCFA AP105-DF11-2428S 901-4511-1 DF11A-2428SCF Applicator 901-4532-1 DF11A-30SCF/SCFA AP105-DF11-30S AP105-DF11-EP2428P 901-4528-4 DF11A-EP2428PCF/PCFA CM-105 901-0005-4 ------------------- Press Unit DF11-TA22HC 550-0228-6 DF11A-22SC/SCA DF11A-2428SC/SCA DF11-TA2428HC 550-0197-4 DF11A-2428SC Hand Crimping Tool DF11-TA30HC 550-0230-8 DF11A-30SC/SCA 550-0227-3 DF11A-EP2428PC/PCA DF11EP-TA2428HC DF11A-****SCF DF-C-PO(B) 550-0179-2 Extraction Tool DF11A-EP****PCF Note: If any trouble has occurred due to tools other than the designated tool, Hirose bears no respoisibility for any trouble. Type Part Number AP105-DF11-22S
A276
BApplication Pattern
BPrecautions
1. Recommended Temperature Profile (SMT)
Note1: Maximum twice action is allowed under the same condition. However, the interval between first and second actions must be maintained at the room temperature. Note2: The temperature indicates the board surface temperature in the connector lead area. 2. Recommended Manual Soldering Condition (SMT) Soldering iron temperature: 29010c, Soldering time: Within 2 seconds 3. Recommended Screen Thickness (SMT) 0.15 to 0.2mm 4. Board Warp age (SMT) 5. Recommended Soldering Condition(Through hole) 6. Cleaning Condition 7. Connection Condition Based on the both connector edges, 0.03mm max. is allowed in the connector center area.
Flow: 250c for 3 seconds Manual soldering: 290c for 2 seconds
Refer to the "Nylon Connector Use Hand book". Refer to the "Nylon Connector Use Hand book".
A277


▲Up To Search▲   

 
Price & Availability of DF11-10DEP-2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X