Part Number Hot Search : 
M3321 BL537 60NF06 MLX90 HA1221 60NF06 54F175DM 144205
Product Description
Full Text Search
 

To Download DDP-011L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D Series (Standard D-Sub) Dual Port Solder Dip
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: 5,000M9 min. 1,000 V AC 10m9 max. 5A -55C to +105C
Part Number (Details) D
Series Connector Version: DP = Dual Port No. of Contacts (Top / Bottom): 01 = 9 / 9 02 = 15 / 15 03 = 25 / 25 10 = 37 / 37 Conector Types (Top / Bottom): 1 = Male / Male 2 = Male / Female 3 = Female / Male 4 = Female / Female Vertical Distance between Connectors: S = 15.88mm, M = 19.05mm, L = 22.86mm Assembly: 1 = Snap-in + 4-40 Clinch Nut (Standard) 2 = 4-40 Threaded
DP - 01 *
*
1
Materials and Finish
Shell: Steel, Tin plated Insulator: Polyester Resin (glass filled) Fiber reinforced, UL94V-0 Contacts: Stamped Copper Alloy Plating: Gold over Nickel
Applicable Dimensions (Reference Only)
Outline Connector Dimensions
Recommended PCB Layouts
1.38
Top View
8.00
Part Number No. of Contacts
DDP-01**1 DDP-02**1 DDP-03**1 DDP-10**1 9/9 15 / 15 25 / 25 37 / 37
A
30.81 39.14 53.04 69.32
B
24.99 33.32 47.04 63.50
C
16.33 24.66 38.38 54.84
Vertical Distances
Type S Type M Type L
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
4-
3.05 0.05
2.77
B Mating Face
E
15.88 19.05 22.86
2.84
33.24
1.1 0.05
n o i s i v i D g n i d a rT


F
28.42 31.60 35.41


▲Up To Search▲   

 
Price & Availability of DDP-011L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X