Part Number Hot Search : 
2S0680 C1504 LH28F AAT2801 MCP6G01 00M16 MAX478 HEF4021B
Product Description
Full Text Search
 

To Download CY7C281A-30JC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1CY7C282A
CY7C281A
1K x 8 PROM
Features
* CMOS for optimum speed/power * High speed -- 25 ns (Commercial) * Low power -- 495 mW (Commercial) * EPROM technology 100% programmable * Slim 300-mil or standard 600-mil DIP or 28-pin LCC * 5V 10% VCC, commercial and military * TTL-compatible I/O * Direct replacement for bipolar PROMs * Capable of withstanding >2001V static discharge packages respectively. The CY7C281A is also available in a 28-pin leadless chip carrier. The memory cells utilize proven EPROM floating-gate technology and byte-wide intelligent programming algorithms. The CY7C281A is a plug-in replacements for bipolar devices and offer the advantages of lower power, superior performance, and programming yield. The EPROM cell requires only 12.5V for the super voltage, and low current requirements allow for gang programming. The EPROM cells allow each memory location to be tested 100% because each location is written into, erased, and repeatedly exercised prior to encapsulation. Each PROM is also tested for AC performance to guarantee that after customer programming, the product will meet DC and AC specification limits. Reading is accomplished by placing an active LOW signal on CS1 and CS2, and active HIGH signals on CS3 and CS4. The contents of the memory location addressed by the address lines (A0-A9) will become available on the output lines (O0-O7).
Functional Description
The CY7C281A is a high-performance 1024-word by 8-bit CMOS PROMs. It is packaged in 300-mil and 600-mil-wide
LogicBlockDiagram
O7 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 O4 COLUMN DECODER O3 O6 ROW DECODER PROGRAMMABLE ARRAY MULTIPLEXER O5
Pin Configurations
DIP Top View
A7 A6 A5 A4 A3 A2 A1 A0 O0 O1 O2 GND 24 1 23 2 22 3 21 4 20 5 6 7C281A 19 18 7 17 8 16 9 10 11 12 15 14 13 VCC A8 A9 CS1 CS2 CS3 CS4 O7 O6 O5 O4 O3
O1
O0 CS1 CS2 CS3 CS4
A4 A3 A2 A1 A0 NC O0
4 3 2 1 28 27 26 25 5 24 6 23 7 7C281A 22 8 21 9 20 10 19 11 12 1314151617 18 O1 O2 GND NC O3 O4 O5
A5 A6 A7 NC V CC A8 A9 CS1 CS2 CS3 CS4 NC O7 O6
O2
LCC/PLCC Top View
Selection Guide
Maximum Access Time Maximum Operating Current 7C281A-25 25 100 7C281A-30 30 100 Unit ns mA
Commercial
Cypress Semiconductor Corporation Document #: 38-04003 Rev. *B
*
3901 North First Street
*
San Jose
*
CA 95134 * 408-943-2600 Revised December 27, 2002
CY7C281A
Maximum Ratings[1]
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature .....................................-65C to +150C Ambient Temperature with Power Applied..................................................-55C to +125C Supply Voltage to Ground Potential (Pin 24 to Pin 12).................................................-0.5V to +7.0V DC Voltage Applied to Outputs in High Z State .....................................................-0.5V to +7.0V DC Input Voltage .................................................-3.0V to +7.0V DC Program Voltage (Pins 18, 20) ............................... 13.0V Static Discharge Voltage............................................ >2001V (per MIL-STD-883, Method 3015) Latch-Up Current..................................................... >200 mA
Operating Range
Range Commercial Ambient Temperature 0C to +70C VCC 5V 10%
Electrical Characteristics Over the Operating Range[2,3]
7C281A-25 Parameter VOH VOL VIH VIL IIX IOZ IOS ICC VPP VIHP VILP IPP Description Output HIGH Voltage Output LOW Voltage Input HIGH Level Input LOW Level Input Current Test Conditions VCC = Min., IOH = -4.0 mA VCC = Min., IOL = 16.0 mA Guaranteed Input Logical HIGH Voltage for All Inputs Guaranteed Input Logical LOW Voltage for All Inputs GND < VIN < VCC -10 -10 -20 2.0 0.8 +10 +10 -90 100 12 3.0 0.4 50 13 12 3.0 0.4 50 -10 -10 -20 Min. 2.4 0.4 2.0 0.8 +10 +10 -90 100 13 Max. 7C281A-30 Min. 2.4 0.4 Max. Unit V V V V A A mA mA V V V mA
Output Leakage Current GND < VOUT < VCC, Output Disabled Output Short Circuit Current[4] Power Supply Current Program Voltage Program HIGH Voltage Program LOW Voltage Program Supply Current VCC = Max., VOUT = GND VCC = Max., IOUT = 0 mA Commercial
Capacitance[3]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 5.0V Max. 10 10 Unit pF pF
Notes: 1. The voltage on any input or I/O pin cannot exceed the power pin during power-up. 2. See the last page of this specification for Group A subgroup testing information. 3. See "Introduction to CMOS PROMs" in this Data Book for general information on testing. 4. For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.
Document #: 38-04003 Rev. *B
Page 2 of 8
CY7C281A
AC Test Loads and Waveforms[3]
R1 250 5V OUTPUT 30pF INCLUDING JIG AND SCOPE R2 167 5V OUTPUT 5 pF INCLUDING JIG AND SCOPE R2 167 3.0V GND 5 ns R1 250 ALL INPUT PULSES 90% 10% 90% 10% 5 ns
(a) NormalLoad
Equivalent to: THEVENIN EQUIVALENT 100 OUTPUT
(b) HighZ Load
2.0V
Switching Characteristics Over the Operating Range[1,3]
7C281A-25 Parameter tAA tHZCS tACS Description Address to Output Valid Chip Select Inactive to High Z Chip Select Active to Output Valid Min. Max. 25 15 15 7C281A-30 Min. Max. 30 20 20 Unit ns ns ns
Switching Waveforms
A0 - A9 ADDRESS
CS3, CS4 CS1, CS2
SELECTED tAA
DESELECTED tHZCS
SELECTED tACS
O0 -O7 DATA
Programming Information
Programming support is available from Cypress as well as from a number of third party software vendors. For detailed
programming information, including a listing of software packages, please see the PROM Programming Information located at the end of this section. Programming algorithms can be obtained from any Cypress representative.
Document #: 38-04003 Rev. *B
Page 3 of 8
CY7C281A
Table 1. Mode Selection Pin Function[5] Read or Output Disable Mode Read Output Disable Output Disable Output Disable Output Disable Program Program Verify Program Inhibit Intelligent Program Blank Check
Note: 5. X = "don't care" but not to exceed VCC 5%.
A9-A0 A9-A0 A9-A0 A9-A0 A9-A0 A9-A0 A9-A0 A9-A0 A9-A0 A9-A0 A9-A0 A9-A0
CS4 PGM VIH X X VIL X VILP VIHP VIHP VILP VIHP
CS3 VFY VIH X VIL X X VIHP VILP VIHP VIHP VILP
CS2 VPP VIL VIH X X X VPP VPP VPP VPP VPP
CS1 CS1 VIL X X X VIH VILP VILP VILP VILP VILP
O7-O0 D7-D0 O7-O0 High Z High Z High Z High Z D7-D0 O7-O0 High Z D7-D0 Zeros
Other
DIP Top View
A7 A6 A5 A4 A3 A2 A1 A0 D0 D1 D2 GND 24 1 23 2 22 3 21 4 20 5 7C281A 19 6 18 7 17 8 16 9 15 10 14 11 12 13 VCC A8 A9 CS1 VPP VFY PGM D7 D6 D5 D4 D3
PLCC Top View
A5 A6 A7 NC V CC A8 A9 A4 A3 A2 A1 A0 NC D0 5 6 7 8 9 10 11 4 3 2 1 28 27 26 25 24 23 7C281A 22 21 20 19 121314151617 18 CS1 VPP VFY PGM NC D7 D6 D1 D2 GND NC D3 D4 D5
Figure 1. Programming Pinouts
Document #: 38-04003 Rev. *B
Page 4 of 8
CY7C281A
Typical DC and AC Characteristics
NORMALIZED SUPPLY CURRENT vs. SUPPLY VOLTAGE 1.6 NORMALIZED I CC 1.4 1.2 1.0 0.8 0.6 4.0 TA =25C f = fMAX 4.5 5.0 5.5 6.0 1.2 NORMALIZED SUPPLY CURRENT vs. AMBIENT TEMPERATURE NORMALIZED ACCESS TIME 1.2 NORMALIZED ACCESS TIME vs. SUPPLY VOLTAGE
NORMALIZED ICC
1.1
1.0
1.0
0.8
0.9
0.6 TA =25C 0.4 4.0 4.5 5.0 5.5 6.0
0.8 -55
25
125
SUPPLYVOLTAGE(V)
AMBIENT TEMPERATURE(C)
SUPPLYVOLTAGE(V)
OUTPUT SOURCE CURRENT (mA)
NORMALIZED ACCESSTIME vs.TEMPERATURE NORMALIZED ACCESS TIME 1.6 1.4 1.2 1.0 0.8 0.6 -55 25 125
OUTPUT SOURCE CURRENT vs. VOLTAGE 60 50 40 30 20 10 0 0 1.0 2.0 3.0 4.0 (ns) 30.0 25.0 20.0 15.0 10.0 5.0 0.0
TYPICAL ACCESS TIME CHANGE vs. OUTPUT LOADING
DELTA t
AA
VCC =4.5V TA =25C 0 200 400 600 800 1000
AMBIENT TEMPERATURE (C)
OUTPUT VOLTAGE (V)
CAPACITANCE (pF)
OUTPUT SINK CURRENT (mA)
OUTPUT SINK CURRENT vs. OUTPUT VOLTAGE 175 150 125 100 75 50 25 0 0.0 1.0 2.0 3.0 4.0 VCC =5.0V TA =25C NORMALIZED ICC 1.02 1.00 0.98 0.96 0.94 0.92 0.90 0.88
I CC vs.CYCLE PERIOD
VCC =5.5V TA =25C
0
25
50
75
100
OUTPUT VOLTAGE (V)
CYCLE PERIOD (ns)
Document #: 38-04003 Rev. *B
Page 5 of 8
CY7C281A
Ordering Information
Speed (ns) 25 Ordering Code CY7C281A-25JC CY7C281A-25PC 30 CY7C281A-30JC CY7C281A-30PC Package Name J64 P13 J64 P13 Package Type 28-Lead Plastic Leaded Chip Carrier 24-Lead (300-Mil) Molded DIP 28-Lead Plastic Leaded Chip Carrier 24-Lead (300-Mil) Molded DIP Commercial Operating Range Commercial
Package Diagrams
28-Lead Plastic Leaded Chip Carrier J64
51-85001-*A
Document #: 38-04003 Rev. *B
Page 6 of 8
CY7C281A
Package Diagrams (continued)
24-Lead (300-Mil) Molded DIP P13/P13A
51-85013-*A
All product and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-04003 Rev. *B
Page 7 of 8
(c) Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
CY7C281A
Document History Page
Document Title: CY7C281A 1K x 8 PROM Document Number: 38-04003 REV. ** *A *B ECN NO. 113859 118902 122244 Issue Date 03/06/02 10/09/02 12/27/02 Orig. of Change DSG GBI RBI Description of Change Change from Spec number: 38-00227 to 38-04003 Update ordering information Add power up requirements to Maximum ratings information
Document #: 38-04003 Rev. *B
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of CY7C281A-30JC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X