Part Number Hot Search : 
LX1672 V400B 25V5X TS3323 24M05A IN472 1609D 1N5305UR
Product Description
Full Text Search
 

To Download CS43L42-KZZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS43L42 Low Voltage, Stereo DAC with Headphone Amp
Features
1.8 to 3.3 Volt supply 24-Bit conversion / 96 kHz sample rate 96 dB dynamic range at 3 V supply -85 dB THD+N Low power consumption Digital volume control
* 96 dB attenuation, 1 dB step size
Description
The CS43L42 is a complete stereo digital-to-analog output system including interpolation, 1-bit D/A conversion, analog filtering, volume control, line level outputs, and a headphone amplifier, in a 24-pin TSSOP package. The CS43L42 is based on delta-sigma modulation, where the modulator output controls the reference voltage input to an ultra-linear analog low-pass filter. This architecture allows infinite adjustment of the sample rate between 2 kHz and 100 kHz simply by changing the master clock frequency. The CS43L42 contains on-chip digital bass and treble boost, peak signal limiting, and de-emphasis. The CS43L42 operates from a +1.8 V to +3.3 V supply and consumes only 16 mW of power with a 1.8 V supply with the line amplifier powered-down. These features are ideal for portable CD, MP3 and MD players and other portable playback systems that require extremely low power consumption.
Digital bass and treble boost
* Selectable corner frequencies * Up to 12 dB boost in 1 dB increments
Peak signal limiting to prevent clipping De-emphasis for 32 kHz, 44.1 kHz, and 48 kHz Headphone amplifier
* up to 25 mWrms power output into 16 load* * 25 dB analog attenuation and mute * Zero crossing click free level transitions
ATAPI mixing functions 24-Pin TSSOP package
* 1 kHz sine wave at 3.3V supply
CS43L42-KZ CS43L42-KZZ, Lead Free CDB43L42
ORDERING INFORMATION
-10 to 70 C -10 to 70 C
24-pin TSSOP 24-pin TSSOP Evaluation Board
SCL/CCLK/DIF1 SDA/CDIN/DIF0 AD0/CS/DEM0
MUTEC External Mute Control
VQ_HP
VA_HP
RST VA VL
Control Port
Headphone Amplifier
Analog Volume Control Analog Volume Control
HP_A
Serial Port
Digital Filters
LRCK
SDATA
Line Amplifier
SCLK/DEM1
Analog Filter
Gain Compensation
Digital Volume Control Bass/Treble Boost Limiting
De-emphasis
DAC DAC
Analog Filter
HP_B
AOUTA
AOUTB
GND
MCLK
FILT+
REF_GND
VQ_LINE
VA_LINE
Preliminary Product Information
http://www.cirrus.com
This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice.
Copyright (c) Cirrus Logic, Inc. 2004 (All Rights Reserved)
Sep `04 DS481PP2
CS43L42
TABLE OF CONTENTS
1. CHARACTERISTICS/SPECIFICATIONS ....................................................... 5 ANALOG CHARACTERISTICS................................................................... 5 ANALOG CHARACTERISTICS................................................................... 6 ANALOG CHARACTERISTICS................................................................... 7 POWER AND THERMAL CHARACTERISTICS ......................................... 8 DIGITAL CHARACTERISTICS.................................................................... 9 ABSOLUTE MAXIMUM RATINGS .............................................................. 9 RECOMMENDED OPERATING CONDITIONS .......................................... 9 SWITCHING CHARACTERISTICS ........................................................... 10 SWITCHING CHARACTERISTICS - CONTROL PORT - TWO-WIRE MODE12 SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE....... 13 2. TYPICAL CONNECTION DIAGRAM .......................................................... 14 3. REGISTER QUICK REFERENCE ................................................................ 15 4. REGISTER DESCRIPTION .......................................................................... 16 4.1 Power and Muting Control (address 01h) .......................................... 16 4.1.1 Auto-mute (AMUTE) ........................................................................ 16 4.1.2 Soft Ramp AND Zero Cross CONTROL (SZC) ................................ 16 4.1.3 Popguard(R) Transient Control (POR)............................................... 17 4.1.4 Power Down Headphone Amplifier (PDNHP)................................... 17 4.1.5 Power Down Line Amplifier (PDNLN) ............................................... 17 4.1.6 Power Down (PDN) .......................................................................... 17 4.2 Channel A Analog Headphone Attenuation Control (address 02h) (HVOLA)18 4.3 Channel B Analog Headphone Attenuation Control (address 03h) (hVOLB)18 4.4 Channel A Digital Volume Control (address 04h) (DVOLA) ............... 18 4.5 Channel B Digital Volume Control (address 05h) (DVOLB) ............... 18 4.6 Tone Control (address 06h)................................................................ 19 4.6.1 Bass Boost Level (BB)...................................................................... 19 4.6.2 Treble Boost Level (tb) ..................................................................... 19 4.7 Mode Control (address 07h) ............................................................... 20 4.7.1 Bass Boost Corner Frequency (bbcf) ............................................... 20 4.7.2 Treble Boost Corner Frequency (TBCF)........................................... 20 4.7.3 Channel A Volume = Channel B Volume (A=B) ............................... 20 4.7.4 De-Emphasis Control (DEM) ............................................................ 21 4.7.5 Digital Volume Control Bypass (VCBYP).......................................... 21 4.8 Limiter Attack Rate (address 08h) (ARATE)....................................... 21 4.9 Limiter Release Rate (address 09h) (RRATE) ............................... 22
Contacting Cirrus Logic Support
For a complete listing of Direct Sales, Distributor, and Sales Representative contacts, visit the Cirrus Logic web site at: http://www.cirrus.com/corporate/contacts/
I2C is a registered trademark of Philips Semiconductors. Preliminary product information describes products which are in production, but for which full characterization data is not yet available. Advance product information describes products which are in development and subject to development changes. Cirrus Logic, Inc. has made best efforts to ensure that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). No responsibility is assumed by Cirrus Logic, Inc. for the use of this information, nor for infringements of patents or other rights of third parties. This document is the property of Cirrus Logic, Inc. and implies no license under patents, copyrights, trademarks, or trade secrets. No part of this publication may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc. Items from any Cirrus Logic website or disk may be printed for use by the user. However, no part of the printout or electronic files may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc.Furthermore, no part of this publication may be used as a basis for manufacture or sale of any items without the prior written consent of Cirrus Logic, Inc. The names of products of Cirrus Logic, Inc. or other vendors and suppliers appearing in this document may be trademarks or service marks of their respective owners which may be registered in some jurisdictions. A list of Cirrus Logic, Inc. trademarks and service marks can be found at http://www.cirrus.com.
2
DS481PP2
CS43L42
4.10 Volume and Mixing Control (address 0Ah)....................................... 22 4.10.1 Tone Control MODE (TC)............................................................... 22 4.10.2 Tone Control Enable (TC_EN) ....................................................... 22 4.10.3 Peak Signal Limiter Enable (LIM_EN) ............................................ 23 4.10.4 ATAPI Channel Mixing and Muting (atapi) ..................................... 23 4.11 Mode Control 2 (address 0Bh) ......................................................... 24 4.11.1 Master Clock DIVIDE ENABLE (mclkdiv) ....................................... 24 4.11.2 Line Amplifier Gain Compensation (line) ........................................ 24 4.11.3 Digital Interface Format (dif) ........................................................... 24 5. PIN DESCRIPTION ....................................................................................... 26 6. APPLICATIONS ........................................................................................... 29 6.1 Grounding and Power Supply Decoupling ........................................ 29 6.2 Clock Modes ...................................................................................... 29 6.3 De-Emphasis ..................................................................................... 29 6.4 Recommended Power-up Sequence ................................................ 29 6.5 PopGuard(R) Transient Control ........................................................... 29 7. CONTROL PORT INTERFACE .................................................................... 30 7.1 SPI Mode ........................................................................................... 30 7.2 Two-Wire Mode ................................................................................. 30 7.3 Memory Address Pointer (MAP) ............................................... 31 7.3.1 INCR (Auto Map Increment Enable)................................................. 31 7.3.2 MAP0-3 (Memory Address Pointer) ................................................. 31 8. PARAMETER DEFINITIONS ........................................................................ 39 9. REFERENCES .............................................................................................. 39 10. PACKAGE DIMENSIONS ......................................................................... 40
LIST OF FIGURES
Figure 1. External Serial Mode Input Timing ............................................................ 11 Figure 2. Internal Serial Mode Input Timing ............................................................. 11 Figure 3. Internal Serial Clock Generation ............................................................... 11 Figure 4. Control Port Timing - Two-Wire Mode ....................................................... 12 Figure 5. Control Port Timing - SPI Mode ................................................................ 13 Figure 6. Typical Connection Diagram ..................................................................... 14 Figure 7. Control Port Timing, SPI mode .................................................................. 31 Figure 8. Control Port Timing, Two-Wire Mode ........................................................ 31 Figure 9. Base-Rate Stopband Rejection ................................................................. 32 Figure 10. Base-Rate Transition Band ..................................................................... 32 Figure 11. Base-Rate Transition Band (Detail) ......................................................... 32 Figure 12. Base-Rate Passband Ripple ................................................................... 32 Figure 13. High-Rate Stopband Rejection ................................................................ 32 Figure 14. High-Rate Transition Band ...................................................................... 32 Figure 15. High-Rate Transition Band (Detail) ......................................................... 33 Figure 16. High-Rate Passband Ripple .................................................................... 33 Figure 17. Line Output Test Load ............................................................................. 33 Figure 18. Headphone Output Test Load ................................................................. 33 Figure 19. CS43L42 Control Port Mode - Serial Audio Format 0 ............................. 34 Figure 20. CS43L42 Control Port Mode - Serial Audio Format 1 ............................. 34 Figure 21. CS43L42 Control Port Mode - Serial Audio Format 2 ............................. 34 Figure 22. CS43L42 Control Port Mode - Serial Audio Format 3 ............................. 35 Figure 23. CS43L42 Control Port Mode - Serial Audio Format 4 ............................. 35 Figure 24. CS43L42 Control Port Mode - Serial Audio Format 5 ............................. 35 Figure 25. CS43L42 Control Port Mode - Serial Audio Format 6 ............................. 36 Figure 26. CS43L42 Stand Alone Mode - Serial Audio Format 0 ............................. 36 DS481PP2 3
CS43L42
Figure 27. CS43L42 Stand Alone Mode - Serial Audio Format 1 ............................. 36 Figure 28. CS43L42 Stand Alone Mode - Serial Audio Format 2 ............................. 37 Figure 29. CS43L42 Stand Alone Mode - Serial Audio Format 3 ............................. 37 Figure 30. De-Emphasis Curve ................................................................................. 38 Figure 31. ATAPI Block Diagram .............................................................................. 38
LIST OF TABLES
Table 1. Example Analog Volume Settings ............................................................... 18 Table 2. Example Digital Volume Settings ................................................................ 19 Table 3. Example Bass Boost Settings ..................................................................... 19 Table 4. Example Treble Boost Settings ................................................................... 19 Table 5. Example Limiter Attack Rate Settings ......................................................... 21 Table 6. Example Limiter Release Rate Settings ..................................................... 22 Table 7. ATAPI Decode ............................................................................................ 23 Table 8. Digital Interface Format ............................................................................... 25 Table 9. Stand Alone De-Emphasis Control ............................................................. 27 Table 10. HRM Common Clock Frequencies ........................................................... 27 Table 11. BRM Common Clock Frequencies ............................................................ 27 Table 12. Digital Interface Format - DIF1 and DIF0 (Stand-Alone Mode) ................ 28 Table 13.
4
DS481PP2
CS43L42
1. CHARACTERISTICS/SPECIFICATIONS
Full-Scale Output Sine Wave, 997 Hz; MCLK = 12.288 MHz; Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise specified; Fs for Base-rate Mode = 48 kHz, SCLK = 3.072 MHz. Fs for High-Rate Mode = 96 kHz, SCLK = 6.144 MHz. Test load RL = 10 k, CL = 10 pF (see Figure 17) for line out, RL = 16 , CL = 10 pF (see Figure 18) for headphone out). Base-rate Mode Parameter Dynamic Range 18 to 24-Bit 16-Bit Total Harmonic Distortion + Noise 18 to 24-Bit 16-Bit (Note 1) unweighted A-Weighted unweighted A-Weighted (Note 1) THD+N 0 dB -20 dB -60 dB 0 dB -20 dB -60 dB (1 kHz) (Note 1) unweighted A-Weighted unweighted A-Weighted (Note 1) THD+N 0 dB -20 dB -60 dB 0 dB -20 dB -60 dB (1 kHz) Symbol Min Typ Max Line Output Dynamic Performance for VA = VA_LINE = 1.8 V TBD TBD 91 94 89 92 -80 -71 -31 -78 -69 -29 100 TBD TBD TBD 89 92 87 90 -80 -69 -29 -78 -67 -27 100 TBD dB dB dB dB dB dB dB dB dB dB dB High-Rate Mode Min Typ Max Unit
ANALOG CHARACTERISTICS (TA = 25 C; Logic "1" = VL = 1.8 V; Logic "0" = GND = 0 V;
Interchannel Isolation Dynamic Range 18 to 24-Bit 16-Bit Total Harmonic Distortion + Noise 18 to 24-Bit 16-Bit
Headphone Output Dynamic Performance for VA = VA_HP = 1.8 V TBD TBD 88 91 86 89 -82 -68 -28 -80 -66 -26 66 TBD TBD TBD 88 91 86 89 -85 -68 -28 -83 -66 -26 66 TBD dB dB dB dB dB dB dB dB dB dB dB
Interchannel Isolation
Notes: 1. One-half LSB of triangular PDF dither is added to data.
DS481PP2
5
CS43L42
ANALOG CHARACTERISTICS (Continued)
Base-rate Mode Parameter Dynamic Range. 18 to 24-Bit. 16-Bit. Total Harmonic Distortion + Noise. 18 to 24-Bit. 16-Bit. (Note 1) unweighted A-Weighted unweighted A-Weighted (Note 1) THD+N 0 dB -20 dB -60 dB 0 dB -20 dB -60 dB (1 kHz) (Note 1) unweighted A-Weighted unweighted A-Weighted (Note 1) THD+N 0 dB -20 dB -60 dB 0 dB -20 dB -60 dB (1 kHz) Symbol Min Typ Max Line Output Dynamic Performance for VA = VA_LINE = 3.0 V TBD TBD 93 96 91 94 -85 -73 -33 -83 -71 -31 100 TBD TBD TBD 93 96 91 94 -85 -73 -33 -83 -71 -31 100 TBD dB dB dB dB dB dB dB dB dB dB dB High-Rate Mode Min Typ Max Unit
Interchannel Isolation. Dynamic Range. 18 to 24-Bit. 16-Bit. Total Harmonic Distortion + Noise. 18 to 24-Bit. 16-Bit.
Headphone Output Dynamic Performance for VA = VA_HP = 3.0 V TBD TBD 90 93 88 91 -76 -70 -30 -74 -68 -28 66 TBD TBD TBD 90 93 88 91 -73 -70 -30 -71 -68 -28 66 TBD dB dB dB dB dB dB dB dB dB dB dB
Interchannel Isolation.
6
DS481PP2
CS43L42
ANALOG CHARACTERISTICS (Continued)
Parameters Analog Output Full Scale Line Output Voltage (Note 2) Line Output Quiescent Voltage Full Scale Headphone Output Voltage Headphone Output Quiescent Voltage Interchannel Gain Mismatch Gain Drift Maximum Line Output AC-Current VA=VA_LINE=1.8 V VA=VA_LINE=3.0 V Maximum Headphone Output VA=VA_HP=1.8 V AC-Current VA=VA_HP=3.0 V Symbol VFS_LINE VQ_LINE VFS_HP VQ_HP Min TBD TBD Typ G x VA 0.5 x VA_LINE 0.55 x VA 0.5 x VA_HP 0.1 100 0.1 0.15 31 52 Max TBD TBD Units Vpp VDC Vpp VDC dB ppm/C mA mA mA mA
ILINE IHP
Base-rate Mode Parameter Passband (Note 4) to -0.05 dB corner to -0.1 dB corner to -3 dB corner Symbol Min Typ Max Combined Digital and On-chip Analog Filter Response (Note 3) 0 0 -.02 .5465 (Note 6) tgd 50 9/Fs 0.36/Fs .4535 .4998 +.08 +.2/-.1 +.05/-.14 +0/-.22
High-Rate Mode Min Typ Max Unit
0 0 0 .577 55 -
4/Fs 1.39/Fs 0.23/Fs (Note 7)
.4426 .4984 +0.11 -
Fs Fs Fs dB Fs dB s s s dB dB dB
Frequency Response 10 Hz to 20 kHz (Note 5) StopBand StopBand Attenuation Group Delay Passband Group Delay Deviation 0 - 40 kHz 0 - 20 kHz De-emphasis Error (Relative to 1 kHz) Fs = 32 kHz Fs = 44.1 kHz Fs = 48 kHz
Notes: 2. See Line Amplifier Gain Compensation (line) for details. 3. Filter response is not tested but is guaranteed by design. 4. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 9-16) have been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs. 5. Referenced to a 1 kHz, full-scale sine wave. 6. For Base-Rate Mode, the measurement bandwidth is 0.5465 Fs to 3 Fs. For High-Rate Mode, the measurement bandwidth is 0.577 Fs to 1.4 Fs. 7. De-emphasis is not available in High-Rate Mode.
DS481PP2
7
CS43L42
POWER AND THERMAL CHARACTERISTICS (GND = 0 V; All voltages with respect to ground. All measurements taken with all zeros input and open outputs, unless otherwise specified.)
Parameters Power Supplies Power Supply CurrentNormal Operation VA=1.8 V VA_HP=1.8 V VA_LINE=1.8 V VL=1.8 V VA=1.8 V VA_HP=1.8 V VA_LINE=1.8 V VL=1.8 V VA=3.0 V VA_HP=3.0 V VA_LINE=3.0 V VL=3.0 V VA=3.0 V VA_HP=3.0 V VA_LINE=3.0 V VL=3.0 V All Supplies=1.8 V All Supplies=3.0 V VA=1.8 V VA=3.0 V (1 kHz) (60 Hz) JA PSRR Symbol IA IA_HP Min Typ 7.3 1.5 1.6 4 TBD TBD TBD TBD 10.5 1.5 1.7 9.3 TBD TBD TBD TBD 19 41 TBD TBD 75 60 40 Max TBD TBD Units mA mA mA A A A A A mA mA mA A A A A A mW mW mW mW C/Watt dB dB
Power Supply CurrentPower Down Mode (Note 8)
Power Supply CurrentNormal Operation
Power Supply CurrentPower Down Mode (Note 8)
IA_LINE ID_L IA IA_HP IA_LINE ID_L IA IA_HP IA_LINE ID_L IA IA_HP IA_LINE ID_L
Total Power DissipationNormal Operation Maximum Headphone Power Dissipation (1 kHz full-scale sine wave into 16 ohm load) Package Thermal Resistance Power Supply Rejection Ratio (Note 9)
Notes: 8. Power Down Mode is defined as RST = LO with all clocks and data lines held static. 9. Valid with the recommended capacitor values on FILT+, VQ_LINE and VQ_HP as shown in Figure 6. Increasing the capacitance will also increase the PSRR. Note that care should be taken when selecting capacitor type, as any leakage current in excess of 1.0 A will cause degradation in analog performance.
8
DS481PP2
CS43L42
DIGITAL CHARACTERISTICS (TA = 25 C; VL =
Parameters High-Level Input Voltage Low-Level Input Voltage Input Leakage Current Input Capacitance Maximum MUTEC Drive Capability MUTEC High-Level Output Voltage MUTEC Low-Level Output Voltage VIL Iin VA=1.8 V VA=3.0 V 1.7 V - 3.6 V; GND = 0 V) Min 0.7 x VL Typ 8 TBD 3 VA 0 Max 0.3 x VL 10 Units V V A pF mA mA V V
Symbol VIH
ABSOLUTE MAXIMUM RATINGS (GND = 0V; all voltages with respect to ground.)
Parameters DC Power Supplies: Positive Analog Headphone Line Digital I/O Input Current, Any Pin Except Supplies Digital Input Voltage Ambient Operating Temperature (power applied) Storage Temperature Symbol VA VA_HP VA_LINE VL Iin VIND TA Tstg Min -0.3 -0.3 -0.3 -0.3 -0.3 -55 -65 Max 4.0 4.0 4.0 4.0 10 VL+0.4 125 150 Units V V V V mA V C C
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground.)
Parameters Ambient Temperature DC Power Supplies: Positive Analog Headphone Line Digital I/O Symbol TA VA (Note 10) VA_HP VA_LINE VL Min -10 1.7 0.9 VA 1.7 Typ Max 70 3.6 3.6 3.6 3.6 Units C V V V V
Notes: 10. To prevent clipping the outputs, VA_HPMIN is limited by the Full-Scale Output Voltage VFS_HP, where VA_HP must be 200 mV greater than VFS_HP. However, if distortion is not a concern, VA_HP may be as low as 0.9 V at any time.
DS481PP2
9
CS43L42
SWITCHING CHARACTERISTICS (TA = -10 to 70 C; VL = 1.7 V - 3.6 V; Inputs: Logic 0 = GND,
Parameters Input Sample Rate MCLK Pulse Width High MCLK Pulse Width Low MCLK Pulse Width High MCLK Pulse Width Low MCLK Pulse Width High MCLK Pulse Width Low MCLK Pulse Width Low MCLK Pulse Width Low External SCLK Mode LRCK Duty Cycle (External SCLK only) SCLK Pulse Width Low SCLK Pulse Width High SCLK Period Base Rate Mode High Rate Mode SCLK rising to LRCK edge delay SCLK rising to LRCK edge setup time SDATA valid to SCLK rising setup time SCLK rising to SDATA hold time Internal SCLK Mode (Note 11) LRCK Duty Cycle (Internal SCLK only) SCLK Period SCLK rising to LRCK edge SDATA valid to SCLK rising setup time SCLK rising to SDATA hold time Base Rate Mode High Rate Mode (Note 12) tsclkw tsclkr tsdlrs tsdh tsdh 1 ---------------SCLK
Logic 1 = VL, CL = 20 pF)
Symbol Base Rate Mode High Rate Mode MCLK/LRCK = 1024 MCLK/LRCK = 1024 MCLK/LRCK = 768 MCLK/LRCK = 768 MCLK/LRCK = 512 MCLK/LRCK = 512 Fs Fs
Min 2 50 7 7 10 10 15 15 25 25 35 35 40
Typ 50 50 tsclkw ----------------2
Max 50 100 60 -
Units kHz kHz ns ns ns ns ns ns ns ns ns ns % ns ns ns ns ns ns ns ns % ns s ns ns ns
MCLK Pulse Width High MCLK / LRCK = 384 or 192 MCLK / LRCK = 384 or 192 MCLK / LRCK = 256 or 128 MCLK Pulse Width High MCLK / LRCK = 256 or 128
tsclkl tsclkh tsclkw tsclkw tslrd tslrs tsdlrs tsdh
20 20
1 --------------------( 128 )Fs 1 -----------------( 64 )Fs
20 20 20 20
1 --------------------- + 10 ( 512 )Fs 1 --------------------- + 15 ( 512 )Fs 1 --------------------- + 15 ( 384 )Fs
-
Notes: 11. Internal SCLK Mode timing is not tested, but is guaranteed by design. 12. In Internal SCLK Mode, the LRCK duty cycle must be 50% +/- 1/2 MCLK Period.
10
DS481PP2
CS43L42
LRC K
LR CK t t slrd slrs t sclkl t sclkh
t s c lk r
SDATA
S C LK
t s c lk w
t t
sd lrs sd h
t s d lrs * IN T E R N A L SCLK
t sdh
SDATA
Figure 1. External Serial Mode Input Timing
Figure 2. Internal Serial Mode Input Timing
*The SCLK pulses shown are internal to the CS43L42.
LR C K
M C LK
1 N 2 N
*IN T E R N A L S C LK
S D A TA
Figure 3. Internal Serial Clock Generation
* The SCLK pulses shown are internal to the CS43L42. N equals MCLK divided by SCLK
DS481PP2
11
CS43L42
SWITCHING CHARACTERISTICS - CONTROL PORT - TWO-WIRE MODE
(TA = 25 C; VL = 1.7 V - 3.6 V; Inputs: Logic 0 = GND, Logic 1 = VL, CL = 30 pF) Parameter Two-Wire Mode (Note 13) SCL Clock Frequency RST Rising Edge to Start Bus Free Time Between Transmissions Start Condition Hold Time (prior to first clock pulse) Clock Low time Clock High Time Setup Time for Repeated Start Condition SDA Hold Time from SCL Falling SDA Setup time to SCL Rising Rise Time of SCL Fall Time SCL Rise Time of SDA Fall Time of SDA Setup Time for Stop Condition (Note 14) fscl tirs tbuf thdst tlow thigh tsust thdd tsud trc tfc trd tfd tsusp 4.7 500 4.7 4.0 4.7 4.0 4.7 0 250 100 25 25 1 300 kHz ns s s s s s s ns ns ns s ns s Symbol Min Max Unit
Notes: 13. The Two-Wire Mode is compatible with the I2C protocol. 14. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
RST t S top irs S t a rt R e p e a te d S t a rt t rd t fd S top
SDA t buf t hdst t high t hdst t fc t susp
SCL t t t sud t sust t rc
lo w
hdd
Figure 4. Control Port Timing - Two-Wire Mode
12
DS481PP2
CS43L42
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE
(TA = 25 C; VL = 1.7 V - 3.6 V; Inputs: Logic 0 = GND, Logic 1 = VL, CL = 30 pF) Parameter SPI Mode CCLK Clock Frequency RST Rising Edge to CS Falling CCLK Edge to CS Falling CS High Time Between Transmissions CS Falling to CCLK Edge CCLK Low Time CCLK High Time CDIN to CCLK Rising Setup Time CCLK Rising to DATA Hold Time Rise Time of CCLK and CDIN Fall Time of CCLK and CDIN (Note 16) (Note 17) (Note 17) (Note 15) fsclk tsrs tspi tcsh tcss tscl tsch tdsu tdh tr2 tf2 500 500 1.0 20 66 66 40 15 6 100 100 MHz ns ns s ns ns ns ns ns ns ns Symbol Min Max Unit
Notes: 15. tspi only needed before first falling edge of CS after RST rising edge. tspi = 0 at all other times. 16. Data must be held for sufficient time to bridge the transition time of CCLK. 17. For FSCK < 1 MHz
RST
t srs
CS t spi t css CCLK t r2
C D IN
t scl
t sch
t csh
t f2
t dsu t dh
Figure 5. Control Port Timing - SPI Mode
DS481PP2
13
CS43L42
2. TYPICAL CONNECTION DIAGRAM
1.8 to 3.3 V Supply
*Ferrite bead + 1.0 F * *Ferrite bead + *1.0 F 0.1 F 18 19 VA VA_LINE 6 0.1 F VL 0.1 F 20 VA_HP HP_A +
*Ferrite bead
0.9 to 3.3 V Supply
*1.0 F
1.8 to 3.3 V Supply
16 +
220 F 1k 4.7 H 16 Headphones
CS43 L 42
7 MCLK LRCK SCLK/DEM1 SDATA 2 5 3
220 F HP_B 21 +
1k
4.7 H
Digital Audio Source
3.3 F 560 AOUTA 23 + C 10 k 3.3 F 560 AOUTB 22 + C 10k
RL
Audio Output A
RL
Audio Output B
11 c/ Mode Configuration 1 9 8 4
MUTEC CP/SA RST SDA/CDIN/DIF0 SCL/CCLK/DIF1 AD0/CS/DEM0 VQ_LINE VQ_HP
24
Mute Circuit C=
12 15
RL + 560 4 Fs(RL560)
FILT+ 14 1.0 F REF_GND 13
+
+ 1.0 F
+ 1.0 F
* Optional
GND 17
Figure 6. Typical Connection Diagram
14
DS481PP2
CS43L42
3. REGISTER QUICK REFERENCE
Addr
0h 1h
Function
Reserved default Power and Muting Control default Channel A Analog Headphone Attenuation Control default Channel B Analog Headphone Attenuation Control default Channel A Digital Volume Control default Channel B Digital Volume Control default Tone Control default Mode Control default Limiter Attack Rate default Limiter Release Rate default Volume and Mixing Control default Mode Control 2 default
7
Reserved 0 AMUTE 1 HVOLA7
6
Reserved 0 SZC1 1 HVOLA6
5
Reserved 0
4
Reserved 0 POR 1 HVOLA4
3
Reserved 0 PDNHP 0 HVOLA3
2
Reserved 0 PDNLN 0 HVOLA2
1
Reserved 0 PDN 1 HVOLA1
0
Reserved 0 Reserved 0 HVOLA0
SZC0 0
HVOLA5
2h
0 HVOLB7
0 HVOLB6
0 HVOLB5
0 HVOLB4
0 HVOLB3
0 HVOLB2
0 HVOLB1
0 HVOLB0
3h
0 DVOLA7 0 DVOLB7 0 BB3 0 BBCF1 0 ARATE7 0 RRATE7 0 TC1 0 MCLKDIV 0
0 DVOLA6 0 DVOLB6 0 BB2 0 BBCF0 0 ARATE6 0 RRATE6 0 TC0 0 LINE1 0
0 DVOLA5 0 DVOLB5 0 BB1 0 TBCF1 0 ARATE5 0 RRATE5 1 TC_EN 0 LINE0 0
0 DVOLA4 0 DVOLB4 0 BB0 0 TBCF0 0 ARATE4 1 RRATE4 0 LIM_EN 0 Reserved 0
0 DVOLA3 0 DVOLB3 0 TB3 0 A=B 0 ARATE3 0 RRATE3 0 ATAPI3 1 Reserved 0
0 DVOLA2 0 DVOLB2 0 TB2 0 DEM1 0 ARATE2 0 RRATE2 0 ATAPI2 0 DIF2 0
0 DVOLA1 0 DVOLB1 0 TB1 0 DEM0 0 ARATE1 0 RRATE1 0 ATAPI1 0 DIF1 0
0 DVOLA0 0 DVOLB0 0 TB0 0 VCBYP 0 ARATE0 0 RRATE0 0 ATAPI0 1 DIF0 0
4h
5h
6h 7h 8h 9h Ah
Bh
DS481PP2
15
CS43L42
4. REGISTER DESCRIPTION
Note: All registers are read/write in Two-Wire mode and write only in SPI, unless otherwise noted.
4.1 Power and Muting Control (address 01h)
7 AMUTE 1 6 SZC1 1 5 SZC0 0 4 POR 1 3 PDNHP 0 2 PDNLN 0 1 PDN 1 0 RESERVED 0
4.1.1 AUTO-MUTE (AMUTE) Default = 1 0 - Disabled 1 - Enabled Function: The Digital-to-Analog converter output will mute following the reception of 8192 consecutive audio samples of static 0 or -1. A single sample of non-static data will release the mute. Detection and muting is done independently for each channel. The quiescent voltage on the output will be retained and the Mute Control pin will go active during the mute period. The muting function is affected, similar to volume control changes, by the Soft and Zero Cross bits in the Power and Muting Control register. 4.1.2 SOFT RAMP AND ZERO CROSS CONTROL (SZC) Default = 10 00 - Immediate Change 01 - Zero Cross Digital and Analog 10 - Ramped Digital and Analog 11 - Reserved Function: Immediate Change When Immediate Change is selected all level changes will take effect immediately in one step. Zero Cross Digital and Analog Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will occur on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a timeout period of 512 sample periods (10.7 ms at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross function is independently monitored and implemented for each channel. Ramped Digital and Analog Soft Ramp allows digital level changes, both muting and attenuation, to be implemented by incrementally ramping, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock periods. Analog level changes will occur in 1 dB steps on a signal zero crossing. The analog level change will occur after a timeout period of 512 sample periods (10.7 ms at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross function is independently monitored and implemented for each channel. Note: Ramped Digital and Analog is not available in High-Rate Mode.
16
DS481PP2
CS43L42
4.1.3 POPGUARD(R) TRANSIENT CONTROL (POR) Default - 1 0 - Disabled 1 - Enabled Function: The PopGuard(R) Transient Control allows the quiescent voltage to slowly ramp to and from 0 volts to the quiescent voltage during power-on or power-off when this function is enabled. Please see section 6.5 for implementation details. 4.1.4 POWER DOWN HEADPHONE AMPLIFIER (PDNHP) Default = 0 0 - Disabled 1 - Enabled Function: The headphone amplifier will independently enter a low-power state when this function is enabled. 4.1.5 POWER DOWN LINE AMPLIFIER (PDNLN) Default = 0 0 - Disabled 1 - Enabled Function: The line output amplifier will independently enter a low-power state when this function is enabled. 4.1.6 POWER DOWN (PDN) Default = 1 0 - Disabled 1 - Enabled Function: The entire device will enter a low-power state when this function is enabled, and the contents of the control registers are retained in this mode. The power-down bit defaults to `enabled' on power-up and must be disabled before normal operation will begin.
DS481PP2
17
CS43L42
4.2 Channel A Analog Headphone Attenuation Control (address 02h) (HVOLA) 4.3 Channel B Analog Headphone Attenuation Control (address 03h) (hVOLB)
7 HVOLx7 0 6 HVOLx6 0 5 HVOLx5 0 4 HVOLx4 0 3 HVOLx3 0 2 HVOLx2 0 1 HVOLx1 0 0 HVOLx0 0
Default = 0 dB (No attenuation) Function: The Analog Headphone Attenuation Control operates independently from the Digital Volume Control. The Analog Headphone Attenuation Control registers allow attenuation of the headphone output signal for each channel in 1 dB increments from 0 to -25 dB. Attenuation settings are decoded using a 2's complement code, as shown in Table 1. The volume changes are implemented as dictated by the Soft and Zero Cross bits in the Power and Muting Control register. All volume settings greater than zero are interpreted as zero. Note: The Analog Headphone Attenuation only affects the headphone outputs.
Binary Code 00000000 11110110 11110001 Decimal Value 0 -10 -15 Volume Setting 0 dB -10 dB -15 dB
Table 1. Example Analog Volume Settings
4.4 Channel A Digital Volume Control (address 04h) (DVOLA) 4.5 Channel B Digital Volume Control (address 05h) (DVOLB)
7 DVOLx7 0 6 DVOLx6 0 5 DVOLx5 0 4 DVOLx4 0 3 DVOLx3 0 2 DVOLx2 0 1 DVOLx1 0 0 DVOLx0 0
Default = 0 dB (No attenuation) Function: The Digital Volume Control registers allow independent control of the signal levels in 1 dB increments from +18 to -96 dB. Volume settings are decoded using a 2's complement code, as shown in Table 2. The volume changes are implemented as dictated by the Soft and Zero Cross bits in the Power and Muting Control register. All volume settings less than -96 dB are equivalent to muting the channel via the ATAPI bits (see Section 4.10.4). Note: The digital volume control affects both the line outputs and the headphone outputs. Setting this register to values greater than +18 dB will cause distortion in the audio outputs.
18
DS481PP2
CS43L42
Binary Code 00001010 00000111 00000000 11000100 10100110 Decimal Value 12 7 0 -60 -90 Volume Setting +12 dB +7 dB 0 dB -60 dB -90 dB
Table 2. Example Digital Volume Settings
4.6 Tone Control (address 06h)
7 BB3 0 6 BB2 0 5 BB1 0 4 BB0 0 3 TB3 0 2 TB2 0 1 TB1 0 0 TB0 0
4.6.1 BASS BOOST LEVEL (BB) Default = 0 dB (No Bass Boost) Function: The level of the shelving bass boost filter is set by Bass Boost Level. The level can be adjusted in 1 dB increments from 0 to +12 dB of boost. Boost levels are decoded as shown in Table 3. Levels above +12 dB are interpreted as +12 dB.
Binary Code 0000 0010 1010 1001 1100
Decimal Value 0 2 6 9 12
Boost Setting 0 dB +2 dB +6 dB +9 dB +12 dB
Table 3. Example Bass Boost Settings
4.6.2 TREBLE BOOST LEVEL (TB) Default = 0 dB (No Treble Boost) Function: The level of the shelving treble boost filter is set by Treble Boost Level. The level can be adjusted in 1 dB increments from 0 to +12 dB of boost. Boost levels are decoded as shown in Table 4. Levels above +12 dB are interpreted as +12 dB. Note: Treble Boost is not available in High-Rate Mode.
Binary Code 0000 0010 1010 1001 1100 Decimal Value 0 2 6 9 12 Boost Setting 0 dB +2 dB +6 dB +9 dB +12 dB
Table 4. Example Treble Boost Settings
DS481PP2
19
CS43L42
4.7 Mode Control (address 07h)
7 BBCF1 0 6 BBCF0 0 5 TBCF1 0 4 TBCF0 0 3 A=B 0 2 DEM1 0 1 DEM0 0 0 VCBYP 0
4.7.1 BASS BOOST CORNER FREQUENCY (BBCF) Default = 00 00 - 50 Hz 01 - 100 Hz 10 - 200 Hz 11 - Reserved Function: The bass boost corner frequency is user selectable as shown above. 4.7.2 TREBLE BOOST CORNER FREQUENCY (TBCF) Default = 00 00 - 2 kHz 01 - 4 kHz 10 - 7 kHz 11 - Reserved Function: The treble boost corner frequency is user selectable as shown above. Note: Treble Boost is not available in High-Rate Mode.
4.7.3 CHANNEL A VOLUME = CHANNEL B VOLUME (A=B) Default = 0 0 - Disabled 1 - Enabled Function: The AOUTA/HP_A and AOUTB/HP_B volume levels are independently controlled by the A and the B Channel Volume Control Bytes when this function is disabled. The volume on both AOUTA/HP_A and AOUTB/HP_B are determined by the A Channel Attenuation and Volume Control Bytes, and the B Channel Bytes are ignored when this function is enabled.
20
DS481PP2
CS43L42
4.7.4 DE-EMPHASIS CONTROL (DEM) Default = 00 00 - Disabled 01 - 44.1 kHz 10 - 48 kHz 11 - 32 kHz Function: Selects the appropriate digital filter to maintain the standard 15 s/50 s digital de-emphasis filter response at 32, 44.1 or 48 kHz sample rates. (see Figure 30) Note: De-emphasis is not available in High-Rate Mode.
4.7.5 DIGITAL VOLUME CONTROL BYPASS (VCBYP) Default = 0 0 - Disabled 1 - Enabled Function: The digital volume control section is bypassed when this function is enabled. This disables the digital volume control, muting, bass boost, treble boost, limiting and ATAPI functions. The analog headphone attenuation control will remain functional.
4.8 Limiter Attack Rate (address 08h) (ARATE)
7 ARATE7 0 6 ARATE6 0 5 ARATE5 0 4 ARATE4 1 3 ARATE3 0 2 ARATE2 0 1 ARATE1 0 0 ARATE0 0
Default = 10h - 2 LRCK's per 1/8 dB Function: The limiter attack rate is user selectable. The rate is a function of sampling frequency, Fs, and the value in the Limiter Attack Rate register. Rates are calculated using the function RATE = 32/{value}, where {value} is the decimal value in the Limiter Attack Rate register and RATE is in LRCK's per 1/8 dB of change. Note: A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter. Use the LIM_EN bit to disable the limiter function (see Peak Signal Limiter Enable (LIM_EN)).
Binary Code 00000001 00010100 00101000 00111100 01011010 Decimal Value 1 20 40 60 90 LRCK's per 1/8 dB 32 1.6 0.8 0.53 0.356
Table 5. Example Limiter Attack Rate Settings
DS481PP2
21
CS43L42
4.9 Limiter Release Rate (address 09h) (RRATE)
7 RRATE7 0 6 RRATE6 0 5 RRATE5 1 4 RRATE4 0 3 RRATE3 0 2 RRATE2 0 1 RRATE1 0 0 RRATE0 0
Default = 20h - 16 LRCK's per 1/8 dB Function: The limiter release rate is user selectable. The rate is a function of sampling frequency, Fs, and the value in the Limiter Release Rate register. Rates are calculated using the function RATE = 512/{value}, where {value} is the decimal value in the Limiter Release Rate register and RATE is in LRCK's per 1/8 dB of change. Note: A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter. Use the LIM_EN bit to disable the limiter function (see Peak Signal Limiter Enable (LIM_EN)).
Binary Code 00000001 00010100 00101000 00111100 01011010 Decimal Value 1 20 40 60 90 LRCK's per 1/8 dB 512 25 12 8 5
Table 6. Example Limiter Release Rate Settings
4.10 Volume and Mixing Control (address 0Ah)
7 TC1 0 6 TC0 0 5 TC_EN 0 4 LIM_EN 0 3 ATAPI3 1 2 ATAPI2 0 1 ATAPI1 0 0 ATAPI0 1
4.10.1 TONE CONTROL MODE (TC) Default = 00 00 - All settings are taken from user registers 01 - 12 dB of Bass Boost at 100 Hz and 6 dB of Treble Boost at 7 kHz 10 - 8 dB of Bass Boost at 100 Hz and 4 dB of Treble Boost at 7 kHz 11 - 4 dB of Bass Boost at 100 Hz and 2 dB of Treble Boost at 7 kHz Function: The Tone Control Mode bits determine how the Bass Boost and Treble Boost features are configured. The user defined settings from the Bass and Treble Boost Level and Corner Frequency registers are used when these bits are set to `00'. Alternately, one of three pre-defined settings may be used. 4.10.2 TONE CONTROL ENABLE (TC_EN) Default = 0 0 - Disabled 1 - Enabled Function: The Bass Boost and Treble Boost features are active when this function is enabled. 22 DS481PP2
CS43L42
4.10.3 PEAK SIGNAL LIMITER ENABLE (LIM_EN) Default = 0 0 - Disabled 1 - Enabled Function: The CS43L42 will limit the maximum signal amplitude to prevent clipping when this function is enabled. Peak Signal Limiting is performed by first decreasing the Bass and Treble Boost Levels. If the signal is still clipping, the digital attenuation is increased. The attack rate is determined by the Limiter Attack Rate register. Once the signal has dropped below the clipping level, the attenuation is decreased back to the user selected level followed by the Bass Boost being increased back to the user selected level. The release rate is determined by the Limiter Release Rate register. Note: The A=B bit should be set to `1' for optimal limiter performance. 4.10.4 ATAPI CHANNEL MIXING AND MUTING (ATAPI) Default = 1001 - AOUTA/HP_A = L, AOUTB/HP_B = R (Stereo) Function: The CS43L42 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to Table 7 and Figure 31 for additional information. Note: All mixing functions occur prior to the digital volume control.
ATAPI2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 ATAPI1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 ATAPI0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 AOUTA/HP_A MUTE MUTE MUTE MUTE R R R R L L L L [(L+R)/2] [(L+R)/2] [(L+R)/2] [(L+R)/2] AOUTB/HP_B MUTE R L [(L+R)/2] MUTE R L [(L+R)/2] MUTE R L [(L+R)/2] MUTE R L [(L+R)/2]
ATAPI3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
Table 7. ATAPI Decode
DS481PP2
23
CS43L42
4.11 Mode Control 2 (address 0Bh)
7 MCLKDIV 0 6 LINE1 0 5 LINE0 0 4 RESERVED 0 3 RESERVED 0 2 DIF2 0 1 DIF1 0 0 DIF0 0
4.11.1 MASTER CLOCK DIVIDE ENABLE (MCLKDIV) Default = 0 0 - Disabled 1 - Enabled Function: The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2 prior to all other internal circuitry. Note: Internal SCLK is not available when this function is enabled.
4.11.2 LINE AMPLIFIER GAIN COMPENSATION (LINE) Default = 00 00 - 0.785 x VA 01 - 0.943 x VA 10 - 1.571 x VA 11 - Line Mute Function: The Line Amplifier Gain Compensation bits allow the user to scale the full-scale line output level according to the power supply voltage used. The full-scale line output level will be equal to {gain factor}xVA, where {gain factor} is selected from options above. For example, if the user wants the full-scale line output voltage to be 1 VRMS (2.8 VPP) with VA = 1.8 VDC and VA_LINE = 3.0 VDC, then the gain factor would be 1.571. Note: It is possible to exceed the maximum output level, limited by VA_LINE, by incorrectly setting the gain compensation factor.
The Line Mute option is available to allow muting of the line output when the headphone output is still in use and the line amp is still powered up. To use this feature, first mute the outputs via the ATAPI bits. Next, set the LINE GAIN to Line Mute. Finally, un-mute the outputs with the ATAPI bits. Following these steps will ensure a click free mute. 4.11.3 DIGITAL INTERFACE FORMAT (DIF) Default = 000 - Format 0 (I2S, up to 24-bit data, 64 x Fs Internal SLCK) Function: The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and the options are detailed in Figures 19-25. Note: Internal SCLK is not available when MCLKDIV is enabled.
24
DS481PP2
CS43L42
DIF2 0 0 0 0 1 1 1 1 DIF1 0 0 1 1 0 0 1 1 DIF0 0 1 0 1 0 1 0 1 DESCRIPTION Format 0 1 2 3 4 5 6 1 FIGURE 19 20 21 22 23 24 25 20
I2S, up to 24-bit data, 64 x Fs Internal SLCK I2S, up to 24-bit data, 32 x Fs Internal SLCK Left Justified, up to 24-bit data, Right Justified, 24-bit data Right Justified, 20-bit data Right Justified, 16-bit data Right Justified, 18-bit data Identical to Format 1
Table 8. Digital Interface Format
DS481PP2
25
CS43L42
5. PIN DESCRIPTION
Reset Left/Right Clock Serial Data AD0/CS/DEM0 Serial Clock/DEM1 Interface Power Master Clock SCL/CCLK/DIF1 SDA/CDIN/DIF0 No Connection Mode Select HP Quiescent Voltage RST LRCK SDATA AD0/CS/DEM0 SCLK/DEM1 VL MCLK SCL/CCLK/DIF1 SDA/CDIN/DIF0 N.C. CP/SA VQ_HP
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13
MUTEC AOUTA AOUTB HP_B VA_HP VA_LINE VA GND HP_A VQ_LINE FILT+ REF_GND
Mute Control Analog Output A Analog Output B Headphone Output B Headphone Amp Power Line Amp Power Analog Power Ground Headphone Output A Line Out Quiescent Voltage Positive Voltage Reference Reference Ground
RST
1
Reset (Input) - The device enters a low power mode and all internal registers are reset to their default settings, including the control port, when low. When high, the control port becomes operational and the PDN bit must be cleared before normal operation will occur. The control port cannot be accessed when Reset is low. Left/Right Clock (Input) - Determines which channel is currently being input on the serial audio data input, SDATA. The frequency of the Left/Right clock must be equal to the input sample rate. Audio samples in Left/Right sample pairs will be simultaneously output from the digital-to-analog converter whereas Right/Left pairs will exhibit a one sample period difference. The required relationship between the Left/Right clock, serial clock and serial data is defined by the Mode Control 2 (0Bh) register when in Control Port Mode or by the DIF1-0 pins when in Stand-Alone mode. The options are detailed in Figures 19-29. Serial Audio Data (Input) - Two's complement MSB-first serial data is input on this pin. The data is clocked into SDATA via the serial clock and the channel is determined by the Left/Right clock. The required relationship between the Left/Right clock, serial clock and serial data is defined by the Mode Control 2 (0Bh) register when in Control Port Mode or by the DIF1-0 pins when in Stand-Alone mode. The options are detailed in Figures 19-29. Address Bit / Chip Select (Input) - In Two-Wire mode, AD0 is a chip address bit. CS is used to enable the control port interface in SPI mode. The device will enter the SPI mode anytime a high to low transition is detected on this pin. Once the device has entered the SPI mode, it will remain in SPI mode until either the part is reset or power is removed. Serial Clock (Input) - Clocks the individual bits of the serial data into the SDATA pin. The required relationship between the Left/Right clock, serial clock and serial data is defined by the Mode Control 2 (0Bh) register when in Control Port Mode or by the DIF1-0 pins when in Stand-Alone mode. The options are detailed in Figures 19-29. The CS43L42 supports both internal and external serial clock generation modes. The Internal Serial Clock Mode eliminates possible clock interference from an external SCLK. Use of the Internal Serial Clock Mode is always preferred. Internal Serial Clock Mode - In the Internal Serial Clock Mode, the serial clock is internally derived and synchronous with the master clock and left/right clock. The SCLK/LRCK frequency ratio is either 32, 48, or 64 depending upon the Mode Control 2 (0Bh) register when in Control Port Mode or the DIF1-0 pins when in Stand-Alone mode as shown in Figures 19-29. Operation in this mode is identical to operation with an external serial clock synchronized with LRCK. External Serial Clock Mode - The CS43L42 will enter the External Serial Clock Mode whenever 16 low to high transitions are detected on the SCLK pin during any phase of the LRCK period. The device will revert to Internal Serial Clock Mode if no low to high transitions are detected on the SCLK pin for 2 consecutive periods of LRCK.
LRCK
2
SDATA
3
AD0/CS (Control Port Mode)
4
SCLK
5
26
DS481PP2
CS43L42
DEM0 and DEM1 (Stand-Alone Mode) 4 and 5 De-emphasis Control (Input) - Selects the appropriate digital filter to maintain the standard 15 s/50 s digital de-emphasis filter response at 32, 44.1 or 48 kHz sample rates. (see Figure 30) When using Internal Serial Clock Mode, Pin 5 is available for de-emphasis control, DEM1, and all de-emphasis filters are available. When using External Serial Clock Mode, Pin 5 is not available for de-emphasis use and only the 44.1 kHz de-emphasis filter is available. (see Table 9)
Note:
De-emphasis is not available in High-Rate Mode. Internal SCLK
DEMO 0 1 0 1 DESCRIPTION DEMO External SCLK DESCRIPTION
DEM1 0 0 1 1
Disabled 44.1kHz 48kHz 32kHz
0 1
Disabled 44.1 kHz
Table 9. Stand Alone De-Emphasis Control VL MCLK 6 7 Interface Power (Input) - Digital interface power supply. Typically 1.8 to 3.3 VDC. Master Clock (Input) - Frequency must be either 256x, 384x, 512x, 768x or 1024x the input sample rate in Base Rate Mode (BRM) and 128x, 192x, 256x or 384x the input sample rate in High Rate Mode (HRM). Note that some multiplication factors require setting the MCLKDIV bit (see Master Clock DIVIDE ENABLE (mclkdiv)). Tables 10 and 11 illustrate several standard audio sample rates and the required master clock frequencies. Sample Rate (kHz) 32 44.1 48 64 88.2 96 MCLK (MHz) HRM 192x 256x* 6.1440 8.1920 8.4672 11.2896 9.2160 12.2880 12.2880 16.3840 16.9344 22.5792 18.4320 24.5760
128x 4.0960 5.6448 6.1440 8.1920 11.2896 12.2880
384x* 12.2880 16.9344 18.4320 24.5760 33.8688 36.8640
* Requires MCLKDIV bit = 1 in Mode Control 2 register (address 0Bh). Table 10. HRM Common Clock Frequencies Sample Rate (kHz) 32 44.1 48 MCLK (MHz) BRM 512x 16.3840 22.5792 24.5760
256x 8.1920 11.2896 12.2880
384x 12.2880 16.9344 18.4320
768x* 24.5760 32.7680 36.8640
1024x* 32.7680 45.1584 49.1520
* Requires MCLKDIV bit = 1 in Mode Control 2 register (address 0Bh). Table 11. BRM Common Clock Frequencies SCL/CCLK (Control Port Mode) SDA/CDIN (Control Port Mode) 8 9 Serial Control Interface Clock (Input) - Clocks the serial control data into or out of SDA/CDIN. Serial Control Data I/O (Input/Output) - In Two-Wire mode, SDA is a data I/O line. CDIN is the input data line for the control port interface in SPI mode.
DS481PP2
27
CS43L42
DIF1 and DIF0 (Stand-Alone Mode) 8 and 9 Digital Interface Format (Input) - The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and the options are detailed in Figures 26-29. DIF1 0 0 1 1 DIF0 0 1 0 1
I2S, up to 24-bit data Left Justified, up to 24-bit data Right Justified, 24-bit Data Right Justified, 16-bit Data
DESCRIPTION
FORMAT 0 1 2 3
FIGURE 26 27 28 29
Table 12. Digital Interface Format - DIF1 and DIF0 (Stand-Alone Mode) N.C. CP/SA 10 11 No Connection - This pin has no internal connection to the device. Mode Select (Input) - The Mode Select pin is used to select control port or stand-alone mode. When high, the CS43L42 will operate in control port mode. When low, the CS43L42 will operate in stand-alone mode. Headphone Quiescent Voltage (Output) - Filter connection for internal headphone amp quiescent reference voltage. A capacitor must be connected from VQ_HP to analog ground, as shown in Figure 6. VQ_HP is not intended to supply external current. VQ_HP has a typical source impedance of 250 k and any current drawn from this pin will alter device performance. Reference Ground (Input) - Ground reference for the internal sampling circuits. Must be connected to analog ground. Positive Voltage Reference (Output) - Positive reference for internal sampling circuits. An external capacitor is required from FILT+ to analog ground, as shown in Figure 6. The recommended value will typically provide 60 dB of PSRR at 1 kHz and 40 dB of PSRR at 60 Hz. FILT+ is not intended to supply external current. FILT+ has a typical source impedance of 250 k and any current drawn from this pin will alter device performance. Line Out Quiescent Voltage (Output) - Filter connection for internal line amp quiescent reference voltage. A capacitor must be connected from VQ_LINE to analog ground, as shown in Figure 6. VQ_LINE is not intended to supply external current. VQ_LINE has a typical source impedance of 250 k and any current drawn from this pin will alter device performance. Headphone Outputs (Output) - The full scale analog headphone output level is specified in the Analog Characteristics specifications table. Ground (Input) - Ground Reference. Should be connected to analog ground. Analog Power (Input) - Analog power supply. Typically 1.8 to 3.3 VDC. Line Amp Power (Input) - Line amplifier power supply. Typically 1.8 to 3.3 VDC.
VQ_HP
12
REF_GND FILT+
13 14
VQ_LINE
15
HP_A and HP_B GND VA VA_LINE VA_HP AOUTA and AOUTB MUTEC
16 and 21 17 18 19 20 22 and 23 24
Note:
If the line outputs are not used, connect VA_LINE to VA.
Headphone Amp Power (Input) - Headphone amplifier power supply. Typically 0.9 to 3.3 VDC. Analog Outputs (Output) - The full scale analog line output level is specified in the Analog Characteristics specifications table. Mute Control (Output) - The Mute Control pin goes high during power-up initialization, reset, muting, power-down or if the master clock to left/right clock frequency ratio is incorrect. This pin is intended to be used as a control for an external mute circuit on the line outputs to prevent the clicks and pops that can occur in any single supply system. Use of Mute Control is not mandatory but recommended for designs requiring the absolute minimum in extraneous clicks and pops.
28
DS481PP2
CS43L42
6. APPLICATIONS 6.1 Grounding and Power Supply Decoupling
As with any high resolution converter, the CS43L42 requires careful attention to power supply and grounding arrangements to optimize performance. Figure 6 shows the recommended power arrangement with VA, VA_HP, VA_LINE and VL connected to clean supplies. Decoupling capacitors should be located as close to the device package as possible. If desired, all supply pins may be connected to the same supply, but a decoupling capacitor should still be used on each supply pin. and the desired register settings can be loaded while keeping the PDN bit set to 1. If CP/SA is low, the device will begin the stand-alone power-up sequence 3) (For Control Port Mode) Once the registers are configured as desired, set the PDN bit to 0, initiating the power-up sequence. This requires approximately 50 S when the PopGuard(R) Transient Control (POR) bit is set to 0. If the POR bit is set to 1, see PopGuard(R) Transient Control for total power-up timing.
6.5 PopGuard(R) Transient Control
The CS43L42 uses PopGuard(R) technology to minimize the effects of output transients during power-up and power-down. This technique minimizes the audio transients commonly produced by single-ended, single-supply converters when it is implemented with external DC-blocking capacitors connected in series with the audio outputs. When the device is initially powered-up, the audio outputs, AOUTA, AOUTB, HP_A and HP_B are clamped to GND. Following a delay of approximately 1000 sample periods, each output begins to ramp toward the quiescent voltage. Approximately 10,000 left/right clock cycles later, the outputs reach VQ_LINE and VQ_HP respectively, and audio output begins. This gradual voltage ramping allows time for the external DC-blocking capacitor to charge to the quiescent voltage, minimizing the power-up transient. To prevent transients at power-down, the device must first enter its power-down state. When this occurs, audio output ceases and the internal output buffers are disconnected from AOUTA, AOUTB, HP_A and HP_B. In their place, a soft-start current sink is substituted which allows the DC-blocking capacitors to slowly discharge. Once this charge is dissipated, the power to the device may be turned off, and the system is ready for the next power-on.
6.2 Clock Modes
The CS43L42 operates in one of two clocking modes. Base Rate Mode supports input sample rates up to 50 kHz, and High Rate Mode supports input sample rates up to 100 kHz, see Table 10 and 11. All clock modes use 64x oversampling.
6.3 De-Emphasis
The CS43L42 includes on-chip digital de-emphasis. Figure 30 shows the de-emphasis curve for Fs equal to 44.1 kHz. The frequency response of the de-emphasis curve will scale proportionally with changes in sample rate, Fs. The de-emphasis feature is included to accommodate older audio recordings that utilize pre-emphasis equalization as a means of noise reduction.
6.4 Recommended Power-up Sequence
1) Hold RST low until the power supply, master clock and left/right clock are stable. In this state, the control port is reset to its default settings and VQ_HP and VQ_LINE will remain low. Set the CP/SA pin at this time. 2) Bring RST high. The device will remain in a low power state and latch CP/SA, and VQ_HP and VQ_LINE remain low. If CP/SA is high, the control port will be accessible at this time
DS481PP2
29
CS43L42
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge before turning off the power or exiting the power-down state. If full discharge does not occur, a transient will occur when the audio outputs are initially clamped to GND. The time that the device must remain in the power-down state is related to the value of the DC-blocking capacitance and the output load. For example, with a 220 F capacitor and a 16 ohm load on the headphone outputs, the minimum power-down time will be approximately 0.4 seconds. Use of the Mute Control function on the line outputs is recommended for designs requiring the absolute minimum in extraneous clicks and pops. Also, use of the Mute Control function can enable the system designer to achieve idle channel noise/signal-to-noise ratios only limited by the external mute circuit. See the CDB43L42 Datasheet for a suggested mute circuit. mode. To write to a register, bring CS low. The first 7 bits on CDIN form the chip address and must be 0010000. The eighth bit is a read/write indicator (R/W), which must be low to write. The next 8 bits form the Memory Address Pointer (MAP), which is set to the address of the register that is to be updated. The next 8 bits are the data which will be placed into register designated by the MAP. The CS43L42 has a MAP auto increment capability, enabled by the INCR bit in the MAP register. If INCR is a zero, then the MAP will stay constant for successive writes. If INCR is set to a 1, then MAP will auto increment after each byte is written, allowing block writes of successive registers.
7.2 Two-Wire Mode
In Two-Wire mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL, with the clock to data relationship as shown in Figure 8. There is no CS pin. Pin AD0 forms the partial chip address and should be tied to VL or GND as required. The upper 6 bits of the 7 bit address field must be 001000. To communicate with the CS43L42, the LSB of the chip address field, which is the first byte sent to the CS43L42, should match the setting of the AD0 pin. The eighth bit of the address byte is the R/W bit (high for a read, low for a write). If the operation is a write, the next byte is the Memory Address Pointer, MAP, which selects the register to be read or written. The MAP is then followed by the data to be written. If the operation is a read, the contents of the register pointed to by the MAP will be output after the chip address. The CS43L42 has MAP auto increment capability, enabled by the INCR bit in the MAP register. If INCR is 0, then the MAP will stay constant for successive writes. If INCR is set to 1, then MAP will auto increment after each byte is written, allowing block reads or writes of successive registers. The Two-Wire mode is compatible with the I2C protocol.
DS481PP2
7. CONTROL PORT INTERFACE
The control port is used to load all the internal settings. The operation of the control port may be completely asynchronous with the audio sample rate. However, to avoid potential interference problems, the control port pins should remain static if no operation is required. The control port has 2 modes: SPI and Two-Wire, with the CS43L42 operating as a slave device. If Two-Wire operation is desired, AD0/CS should be tied to VL or GND. If the CS43L42 ever detects a high to low transition on AD0/CS after power-up, SPI mode will be selected.
7.1 SPI Mode
In SPI mode, CS is the CS43L42 chip select signal, CCLK is the control port bit clock, CDIN is the input data line from the microcontroller and the chip address is 0010000. All signals are inputs and data is clocked in on the rising edge of CCLK. Figure 7 shows the operation of the control port in SPI
30
CS43L42
7.3 Memory Address Pointer (MAP)
7 INCR 0 6 Reserved 0 5 Reserved 0 4 Reserved 0 3 MAP3 0 2 MAP2 0 1 MAP1 0 0 MAP0 0
7.3.1 INCR (AUTO MAP INCREMENT ENABLE) Default = `0' 0 - Disabled 1 - Enabled 7.3.2 MAP0-3 (MEMORY ADDRESS POINTER) Default = `0000'
CS CC LK C H IP ADDRESS C D IN
0 01 0 0 00
R/W
MAP
MSB
DATA
LSB
byte 1 M A P = M em ory A d dres s P oin te r
byte n
Figure 7. Control Port Timing, SPI mode
N ote 1 SDA
001 0 00 ADDR AD 0 R /W ACK D AT A 1 -8 ACK DATA 1-8 ACK
SCL S ta rt Stop
N o te : If o p e ra tio n is a w rite , th is b yte co n ta in s th e M e m o ry A dd re ss P o in te r, M A P .
Figure 8. Control Port Timing, Two-Wire Mode
DS481PP2
31
CS43L42
Figure 9. Base-Rate Stopband Rejection
Figure 10. Base-Rate Transition Band
Figure 11. Base-Rate Transition Band (Detail)
Figure 12. Base-Rate Passband Ripple
0 -10
-20
0 -10 -20 -30
-30 Amplitude dB
Amplitude dB
-40 -50 -60 -70 -80 -90 -100 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Frequency (normalized to Fs)
-40 -50 -60 -70 -80 -90
-100 0.40 0.42 0.44 0.46 0.48 0.50 0.52 0.54 0.56 0.58 0.60 Frequency (normalized to Fs)
Figure 13. High-Rate Stopband Rejection
Figure 14. High-Rate Transition Band
32
DS481PP2
CS43L42
0 -1 -2 -3 Amplitude dB
Amplitude dB 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -0.05 -0.10 -0.15 -0.20 -0.25 -0.30
-4 -5 -6 -7 -8 -9 -10 0.45 0.46 0.47 0.48 0.49 0.50 0.51 0.52 0.53 0.54 0.55
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Frequency (normalized to Fs)
Frequency (normalized to Fs)
Figure 15. High-Rate Transition Band (Detail)
Figure 16. High-Rate Passband Ripple
3.3 F AOUTx + R C V out L L
AGND
Figure 17. Line Output Test Load
220 F HP_x + R C V out L L
AGND
Figure 18. Headphone Output Test Load
DS481PP2
33
CS43L42
LR C K SCLK
Left C ha nnel
R igh t C ha n nel
SDATA
MSB -1 -2 -3 -4 -5
+5 +4 +3 +2 +1 LSB
MSB -1 -2 -3 -4
+5 +4 +3 +2 +1 LSB
Internal SCLK Mode
External SCLK Mode
I S, Up to 24-Bit data and INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 I2S, Up to 24-Bit data and INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
2
I S, up to 24-Bit Data Data Valid on Rising Edge of SCLK
2
Figure 19. CS43L42 Control Port Mode - Serial Audio Format 0
LR C K SCLK
Left C ha nn el
R ig h t C ha n ne l
SDATA
MSB -1 -2 -3 -4 -5
+5 +4 +3 +2 +1 LSB
MSB -1 -2 -3 -4
+5 +4 +3 +2 +1 LSB
Internal SCLK Mode
External SCLK Mode
I2S, 16-Bit data and INT SCLK = 32 Fs if MCLK/LRCK = 512, 256 or 128 I2S, Up to 24-Bit data and INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
I2S, up to 24-Bit Data Data Valid on Rising Edge of SCLK
Figure 20. CS43L42 Control Port Mode - Serial Audio Format 1
LR C K SCLK
Left C ha nn el
R ig h t C ha n ne l
SDATA
M SB -1 -2 -3 -4 -5
+5 +4 +3 +2 +1 LS B
M SB -1 -2 -3 -4
+5 +4 +3 +2 +1 LS B
Internal SCLK Mode
External SCLK Mode
Left Justified, up to 24-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Left Justified, up to 24-Bit Data Data Valid on Rising Edge of SCLK
Figure 21. CS43L42 Control Port Mode - Serial Audio Format 2
34
DS481PP2
CS43L42
LRCK
L e ft C h a n ne l
R ig h t C h a n n e l
SCLK
SDATA
0
23 22 21 20 19 18
7
6
5
4
3
2
1
0
23 22 21 20 19 18
7
6
5
4
3
2
1
0
3 2 c lo cks
Internal SCLK Mode
External SCLK Mode
Right Justified, 24-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 24-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 48 Cycles per LRCK Period
Figure 22. CS43L42 Control Port Mode - Serial Audio Format 3
LRCK
L eft C ha nn e l
R ig ht C h ann el
SCLK
SDATA
1
0
19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
32 clocks
Internal SCLK Mode
External SCLK Mode
Right Justified, 20-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 20-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 40 Cycles per LRCK Period
Figure 23. CS43L42 Control Port Mode - Serial Audio Format 4
LRCK
L e ft C h a n ne l
R ig h t C h a n n e l
SCLK
SDATA
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
3 2 c lo cks
Internal SCLK Mode
External SCLK Mode
Right Justified, 16-Bit Data INT SCLK = 32 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 16-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 32 Cycles per LRCK Period
Figure 24. CS43L42 Control Port Mode - Serial Audio Format 5
DS481PP2
35
CS43L42
LR C K
L e ft C h a n n e l
R ig h t C h an n e l
SCLK
SDATA
1
0
17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
32 clocks
Internal SCLK Mode
External SCLK Mode
Right Justified, 18-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 18-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 36 Cycles per LRCK Period
Figure 25. CS43L42 Control Port Mode - Serial Audio Format 6
LR C K SCLK
Left C ha nnel
R igh t C ha n nel
SDATA
MSB -1 -2 -3 -4 -5
+5 +4 +3 +2 +1 LSB
MSB -1 -2 -3 -4
+5 +4 +3 +2 +1 LSB
Internal SCLK Mode
External SCLK Mode
I2S,
Up to 24-Bit data and INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 I2S, Up to 24-Bit data and INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
up to 24-Bit Data Data Valid on Rising Edge of SCLK
I2S,
Figure 26. CS43L42 Stand Alone Mode - Serial Audio Format 0
LR C K SCLK
Left C ha nn el
R ig h t C ha n ne l
SDATA
M SB -1 -2 -3 -4 -5
+5 +4 +3 +2 +1 LS B
M SB -1 -2 -3 -4
+5 +4 +3 +2 +1 LS B
Internal SCLK Mode
External SCLK Mode
Left Justified, up to 24-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Left Justified, up to 24-Bit Data Data Valid on Rising Edge of SCLK
Figure 27. CS43L42 Stand Alone Mode - Serial Audio Format 1
36
DS481PP2
CS43L42
LRCK
L e ft C h a n ne l
R ig h t C h a n n e l
SCLK
SDATA
0
23 22 21 20 19 18
7
6
5
4
3
2
1
0
23 22 21 20 19 18
7
6
5
4
3
2
1
0
3 2 c lo cks
Internal SCLK Mode
External SCLK Mode
Right Justified, 24-Bit Data INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 24-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 48 Cycles per LRCK Period
Figure 28. CS43L42 Stand Alone Mode - Serial Audio Format 2
LRCK
L e ft C h a n ne l
R ig h t C h a n n e l
SCLK
SDATA
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
3 2 c lo cks
Internal SCLK Mode
External SCLK Mode
Right Justified, 16-Bit Data INT SCLK = 32 Fs if MCLK/LRCK = 512, 256 or 128 INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 16-Bit Data Data Valid on Rising Edge of SCLK SCLK Must Have at Least 32 Cycles per LRCK Period
Figure 29. CS43L42 Stand Alone Mode - Serial Audio Format 3
DS481PP2
37
CS43L42
Gain dB T1=50 s 0dB
T2 = 15 s
-10dB
F1 3.183 kHz
F2 Frequency 10.61 kHz
Figure 30. De-Emphasis Curve
Left Channel Audio Data
A Channel Digital Volume Control
EQ
MUTE
AoutA/HP_A
Right Channel Audio Data
B Channel Digital Volume Control
EQ
MUTE
AoutB/HP_B
Figure 31. ATAPI Block Diagram
38
DS481PP2
CS43L42
8. PARAMETER DEFINITIONS
Total Harmonic Distortion + Noise (THD+N) The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified bandwidth (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels. Dynamic Range The ratio of the full scale rms value of the signal to the rms sum of all other spectral components over the specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified bandwidth made with a -60 dBFS signal. 60 dB is then added to the resulting measurement to refer the measurement to full scale. This technique ensures that the distortion components are below the noise level and do not effect the measurement. This measurement technique has been accepted by the Audio Engineering Society, AES17-1991, and the Electronic Industries Association of Japan, EIAJ CP-307. Interchannel Isolation A measure of crosstalk between the left and right channels. Measured for each channel at the converter's output with all zeros to the input under test and a full-scale signal applied to the other channel. Units in decibels. Interchannel Gain Mismatch The gain difference between left and right channels. Units in decibels. Gain Error The deviation from the nominal full scale analog output for a full scale digital input. Gain Drift The change in gain value with temperature. Units in ppm/C.
9. REFERENCES
1) "How to Achieve Optimum Performance from Delta-Sigma A/D & D/A Converters" by Steven Harris. Paper presented at the 93rd Convention of the Audio Engineering Society, October 1992. 2) CDB43L42 Evaluation Board Datasheet 3) "The I2C-Bus Specification: Version 2.0" Philips Semiconductors, December 1998. http://www.semiconductors.philips.com
DS481PP2
39
CS43L42
10. PACKAGE DIMENSIONS
24L TSSOP (4.4 mm BODY) PACKAGE DRAWING
N
D
E11 A2 A1 SEATING PLANE A
E b2 SIDE VIEW
123
e
L
END VIEW
TOP VIEW
DIM A A1 A2 b D E E1 e L
MIN -0.002 0.03346 0.00748 0.303 0.248 0.169 -0.020 0
INCHES NOM -0.004 0.0354 0.0096 0.307 0.2519 0.1732 0.026 BSC 0.024 4
MAX 0.043 0.006 0.037 0.012 0.311 0.256 0.177 -0.028 8
MIN -0.05 0.85 0.19 7.70 6.30 4.30 -0.50 0
MILLIMETERS NOM --0.90 0.245 7.80 6.40 4.40 0.65 BSC 0.60 4
NOTE MAX 1.10 0.15 0.95 0.30 7.90 6.50 4.50 -0.70 8
2,3 1 1
JEDEC #: MO-153 Controlling Dimension is Millimeters. Notes: 1. "D" and "E1" are reference datums and do not included mold flash or protrusions, but do include mold mismatch and are measured at the parting line, mold flash or protrusions shall not exceed 0.20 mm per side. 2. Dimension "b" does not include dambar protrusion/intrusion. Allowable dambar protrusion shall be 0.13 mm total in excess of "b" dimension at maximum material condition. Dambar intrusion shall not reduce dimension "b" by more than 0.07 mm at least material condition. 3. These dimensions apply to the flat section of the lead between 0.10 and 0.25 mm from lead tips.
40
DS481PP2


▲Up To Search▲   

 
Price & Availability of CS43L42-KZZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X