Part Number Hot Search : 
S4521 HAL560 BYP35A05 FSF450D FR856 FJX992 BA14741 ZP120
Product Description
Full Text Search
 

To Download BUZ11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 11
Not for new design
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 11
VDS
50 V
ID
30 A
RDS(on)
0.04
Package TO-220 AB
Ordering Code C67078-S1301-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 30 Unit A
ID IDpuls
120
TC = 29 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
30 1.9 mJ
ID = 30 A, VDD = 25 V, RGS = 25 L = 15.6 H, Tj = 25 C
Gate source voltage Power dissipation 14
VGS Ptot
20 75
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1.67 75 E 55 / 150 / 56
C K/W
Semiconductor Group
07/96
BUZ 11
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 3 0.1 10 10 0.03 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.04
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 19 A
Semiconductor Group
2
07/96
BUZ 11
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
10 17 1000 450 165 -
S pF 1350 680 250 ns 15 25
VDS 2 * ID * RDS(on)max, ID = 19 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
55 85
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
120 160
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
80 110
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 11
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 1.6 80 0.1 30 120 V 1.8 ns C Values typ. max. Unit
TC = 25 C
Inverse diode direct current,pulsed
ISM
-
TC = 25 C
Inverse diode forward voltage
VSD trr Qrr
VGS = 0 V, IF = 60 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 11
Not for new design
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
32
80
W
A
Ptot
ID
60
24
50
20
40
16
30
12
20
8
10 0 0 20 40 60 80 100 120 C 160
4 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
ID
t = 1.3s p
ZthJC
10 2
10 0
/ID =
) on S( RD
10 s
V
D
S
100 s
1 ms
10 -1 D = 0.50 0.20
10
1 10 ms
0.10 10 -2 0.05 0.02 0.01 single pulse
10
0
DC
0
10
10
1
V 10
2
10
-3
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 11
Not for new design
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
70 A 60
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.13
Ptot = 75W
l k j i h
VGS [V]
0.11
a
b
c
d
e
f
ID
55 50 45 40 35 30 25 20 15 10 5 0
g
a b c
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
RDS (on) 0.10
0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00
VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
fd
e
e
f g h
di
j k
g h i k j
c
l
b a
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
0
10
20
30
40
50
A
65
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
65 A 55
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
26 S 22
ID
50 45 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 8 V 10
gfs
20 18 16 14 12 10 8 6 4 2 0 0 10 20 30 40 A ID 60
VGS
Semiconductor Group
6
07/96
BUZ 11
Not for new design
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 19 A, VGS = 10 V
0.13
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.11
98%
RDS (on) 0.10
0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00 -60 -20 20 60 100 C 160
VGS(th)
3.6 3.2 2.8 2.4
typ
2%
98% typ
2.0 1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
nF C 10 0
A
IF Ciss Coss
10 2
10 -1
Crss
10 1
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0 10 0 0.0
5
10
15
20
25
30
V VDS
40
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 11
Not for new design
Avalanche energy EAS = (Tj ) parameter: ID = 30 A, VDD = 25 V RGS = 25 , L = 15.6 H
15 mJ V
Typ. gate charge VGS = (QGate) parameter: ID puls = 56 A
16
EAS
12 11 10 9 8 7 6 5 4 3 2 1 0 20 40 60 80 100 120 C 160
VGS
12 0,2 VDS max 0,8 VDS max
10
8
6
4
2 0 0 5 10 15 20 25 30 35 40 nC 50
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
60 V
V(BR)DSS 57
56 55 54 53 52 51 50 49 48 47 46 45 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 11
Not for new design
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X