Part Number Hot Search : 
STCS1 3PMT28A ESD05C MM5ZXXV ER304 2SK162 CY7C1041 CS304
Product Description
Full Text Search
 

To Download BSP41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSP 40 ... BSP 43 NPN
Switching Transistors NPN
Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
1.65
4
0.2 0.3
6.5 0.1 3
0.2
1.3 W SOT-223 0.04 g
Plastic case Kunststoffgehause
3.5
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1
0.7 2.3
2
3
3.25
Dimensions / Mae in mm 1 = B 2, 4 = C 3 = E
Maximum ratings (TA = 25/C)
7
Grenzwerte (TA = 25/C) BSP 40 BSP 41 BSP 42 BSP 43 80 V 90 V 5V 1.3 W 1) 1A 2A 200 mA 150/C - 65...+ 150/C
Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc)
B open E open C open
VCE0 VCB0 VEB0 Ptot IC ICM IBM Tj TS
60 V 70 V
Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 60 V IE = 0, VCB = 60 V, Tj = 150/C Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 5 V IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA IEB0 VCEsat VCEsat - - - ICB0 ICB0 - -
Kennwerte (Tj = 25/C) Typ. - - - - - Max. 100 nA 50 :A 100 nA 250 mV 500 mV
Collector saturation volt. - Kollektor-Sattigungsspg. 2)
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 4 01.11.2003
1
Switching Transistors Characteristics (Tj = 25/C) Min. Base saturation voltage - Basis-Sattigungsspannung 1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA - VCE = 5 V, - IC = 100 :A - VCE = 5 V, - IC = 100 mA - VCE = 5 V, - IC = 500 mA - VCE = 5 V, - IC = 100 :A - VCE = 5 V, - IC = 100 mA - VCE = 5 V, - IC = 500 mA VBEsat VBEsat hFE hFE hFE hFE hFE hFE fT - - 10 40 30 30 100 50 100 MHz RthA RthS
BSP 40 ... BSP 43 Kennwerte (Tj = 25/C) Typ. - - - - - - - - - Max. 1V 1.2 V - 120 - - 300 - - 93 K/W 2) 12 K/W
DC current gain - Kollektor-Basis-Stromverhaltnis 1) BSP 40 BSP 42 BSP 41 BSP 43
Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz Thermal resistance - Warmewiderstand junction to ambient air - Sperrschicht zu umgebender Luft junction to soldering point - Sperrschicht zu Lotpad Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren
BSP 30, BSP 31, BSP 32, BSP 33
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
5


▲Up To Search▲   

 
Price & Availability of BSP41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X