Part Number Hot Search : 
SR405 14300 N301489 SDT05H XXXGP KXN6489B TS1937 ASPDF5T0
Product Description
Full Text Search
 

To Download BSO615NV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data
SIPMOS (R) Small-Signal-Transistor Features * Dual N Channel
*
BSO 615NV
Product Summary
Drain source voltage Drain-Source on-state resistance Continuous drain current
VDS RDS(on) ID
60 0.12 3.1
V A
Enhancement mode
* Avalanche rated * dv/dt rated
Type BSO 615NV Parameter Continuous drain current, one channel active Pulsed drain current, one channel active
Package SO 8 Symbol
Ordering Code Q67041-S2844 Value 3.1 12.4 60 3.1 0.2 6 mJ A mJ kV/s Unit A
Maximum Ratings, at T j = 25 C, unless otherwise specified
ID IDpulse EAS IAR EAR
dv/dt
T A = 25 C
Avalanche energy, single pulse
I D = 3.1 A, V DD = 25 V, R GS = 25
Avalanche current,periodic limited by T jmax Avalanche energy, periodic limited by Tjmax Reverse diode dv/dt
I S = 3.1 A, V DS = 20 V, di/dt = 200 A/s, T jmax = 150 C
Gate source voltage Power dissipation, one channel active
VGS Ptot Tj Tstg
20 2 -55 ... +150 -55 ... +150 55/150/56
V W C
T A = 25 C
Operating temperature Storage temperature IEC climatic category; DIN IEC 68-1
Data Sheet
1
05.99
BSO 615NV
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point Thermal resistance @ 10 sec., min. footprint Thermal resistance @ 10 sec., 6 cm2 cooling area 1) Symbol min. Values typ. max. 35 100 62.5 K/W Unit
RthJS Rth(JA) Rth(JA)
-
Electrical Characteristics, at T j = 25 C, unless otherwise specified Symbol Values Parameter min. Static Characteristics Drain- source breakdown voltage typ. 3 max. 4
Unit
V(BR)DSS VGS(th) IDSS
60 2.1
V
VGS = 0 V, I D = 0.25 mA
Gate threshold voltage, VGS = VDS I D = 20 A Zero gate voltage drain current
A 0.1 10 10 0.09 1 100 100 0.12 nA
VDS = 60 V, V GS = 0 V, T j = 25 C VDS = 60 V, V GS = 0 V, T j = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-state resistance
VGS = 10 V, I D = 3.1 A
1 Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. PCB is vertical without blown air.
Data Sheet
2
05.99
BSO 615NV
Electrical Characteristics Parameter Characteristics Transconductance Symbol min. Values typ. 5.8 275 90 50 11 max. 340 120 65 17 ns S pF Unit
gfs Ciss Coss Crss td(on)
2.5 -
VDS2*I D*RDS(on)max , ID = 3.1 A
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
VDD = 30 V, V GS = 10 V, ID = 3.1 A, RG = 33
Rise time
tr
-
25
40
VDD = 30 V, V GS = 10 V, ID = 3.1 A, RG = 33
Turn-off delay time
td(off)
-
25
40
VDD = 30 V, V GS = 10 V, ID = 3.1 A, RG = 33
Fall time
tf
-
35
55
VDD = 30 V, V GS = 10 V, ID = 3.1 A, RG = 33
Data Sheet
3
05.99
BSO 615NV
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Symbol Values Parameter at Tj = 25 C, unless otherwise specified Dynamic Characteristics Gate charge at threshold min. typ. 0.25 7.4 9.7 4.7 max. 0.3 9.3 12 -
Unit
QG(th) Qg(7) Qg V(plateau)
-
nC nC
VDD = 40 V, ID = 0.1 A, VGS = 1 V
Gate charge at Vgs=7V VDD = 40 V, ID = 3.1 A, VGS = 0 to 7 V Gate charge total
VDD = 40 V, ID = 3.1 A, VGS = 0 to 10 V
Gate plateau voltage V
VDD = 40 V, ID = 3.1 A
Reverse Diode Inverse diode continuous forward current
IS I SM VSD t rr Q rr
-
0.95 45 0.08
3.1 12.4 1.2 56 0.12
A
TA = 25 C
Inverse diode direct current,pulsed
TA = 25 C
Inverse diode forward voltage V ns C
VGS = 0 V, I F = 6.2 A
Reverse recovery time
VR = 30 V, IF=IS , diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=l S , diF/dt = 100 A/s
Data Sheet
4
05.99
BSO 615NV
Power Dissipation
Drain current
Ptot = f (TA)
BSO 615NV
ID = f (TA )
BSO 615NV
2.2
W
3.4
A
1.8 1.6
2.8
2.4
Ptot
ID
1.4 1.2
2.0 1.6
1.0 0.8 0.6 0.4
1.2
0.8 0.4
0.2 0.0 0 20 40 60 80 100 120
C
160
0.0 0
20
40
60
80
100
120
C
160
TA
TA
Safe operating area
Transient thermal impedance
ID = f ( V DS )
parameter : D = 0 , TA = 25 C
10
A
2 BSO 615NV
ZthJA = f(tp )
parameter : D = tp /T
10 2
BSO 615NV
K/W
/ID
tp = 4.6s
10 s
10 1
=
VD
S
R
ID
100 s
10 0
1 ms
Z thJA
DS
(o
n)
10 1
D = 0.50
10 ms
0.20 10
0
0.10 single pulse 0.05 0.02 0.01
10 -1
DC 10 -2 -1 10 10 -1 -5 -4 -3 -2 -1 0 1 2 10 10 10 10 10 10 10 10
10
0
10
1
V
10
2
s
10
4
VDS
tp
Data Sheet
5
05.99
BSO 615NV
Typ. output characteristics
Drain-source on-resistance
I D = f (VDS)
parameter: tp = 80 s
BSO 615NV
RDS(on) = f (Tj)
parameter : I D = 3.1 A, VGS = 10 V
BSO 615NV
7.5 A
Ptot = 2W l
k jg hf ie
0.36
d
VGS [V] a 4.0
6.0 5.5 5.0
c
0.28
c d e f g
5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
RDS(on)
b
4.5
0.24 0.20 0.16 0.12 0.08
ID
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
a
h i
98% typ
bj
k l
0.04 0.00 -60
0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
-20
20
60
100
C
180
VDS
Tj
Typ. capacitances C = f (VDS) parameter: V GS = 0 V, f = 1 MHz
10 3
pF
Cis
C
10 2
Cos Crs
10 1 0
5
10
15
20
25
V
35
VDS
Data Sheet
6
05.99
BSO 615NV
Typ. transfer characteristics I D= f (VGS) parameter: tp = 80 s VDS 2 x I D x RDS(on) max
14
Gate threshold voltage
VGS(th) = f (Tj)
parameter : VGS = VDS , ID = 20 A
5.0 V 4.4 4.0
A
VGS(th)
10
3.6 3.2 2.8 2.4
max
ID
8
6 2.0
typ
4
1.6 1.2
2
0.8 0.4
min
0 0
1
2
3
4
5
V
7
0.0 -60
-20
20
60
100
V
160
VGS
Tj
Forward characteristics of reverse diode
I F = f (VSD)
parameter: Tj , tp = 80 s
10 2
BSO 615NV
A
10 1
IF
10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Data Sheet
7
05.99
BSO 615NV
Avalanche Energy EAS = f (Tj) parameter: ID = 3.1 A, VDD = 25 V RGS = 25
65
mJ
Typ. gate charge
VGS = f (Q Gate)
parameter: ID puls = 3.1 A
BSO 615NV
16
V
55 50 45 12
VGS
EAS
40 35
10
8 30 25 20 15 10 5 0 20 40 60 80 100 120
C
0,2 VDS max
0,8 VDS max
6
4
2
160
0 0
2
4
6
8
10
12
Drain-source breakdown voltage
Tj
nC 15 Q Gate
V(BR)DSS = f (Tj)
BSO 615NV
72
V
68 66 64 62 60 58 56 54 -60
V(BR)DSS
-20
20
60
100
C
180
Tj
Data Sheet
8
05.99


▲Up To Search▲   

 
Price & Availability of BSO615NV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X