Part Number Hot Search : 
00221 07166 471M50V OP183 C3114 7C024 D361K E2310
Product Description
Full Text Search
 

To Download BSO201SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BSO201SP
OptiMOS-P Small-Signal-Transistor
Feature * P-Channel * Enhancement mode * Super Logic Level (2.5 V rated) * 150C operating temperature * Avalanche rated * dv/dt rated
S S S G 1 2 3 4 Top View
Product Summary VDS RDS(on) ID -20 8 -14.9 V m A
8 7 6 5
D D D D
SIS00062
Type BSO201SP
Package SO 8
Ordering Code Q67042-S4071
Maximum Ratings,at Tj = 25 C, unless otherwise specified Parameter Continuous drain current
TA=25C TA=70C
Symbol ID
Value -14.9 -11.9
Unit A
Pulsed drain current
TA=25C
ID puls EAS dv/dt VGS Ptot Tj , Tstg
-59.6 248 -6 12 2.5 -55... +150 55/150/56 mJ kV/s V W C
Avalanche energy, single pulse
ID =-14.9 A , VDD =-10V, RGS =25
Reverse diode dv/dt
IS =-14.9A, VDS =-16V, di/dt=200A/s, Tjmax =150C
Gate source voltage Power dissipation
TA=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2001-12-21
Preliminary data Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point SMD version, device on PCB:
@ min. footprint, t < 10s @ 6 cm 2 cooling area
1)
BSO201SP
Symbol min. RthJS RthJA -
Values typ. max. 35 110 50
Unit
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
VGS =0, ID=-250A
Symbol min. V(BR)DSS VGS(th) IDSS IGSS RDS(on) RDS(on) -20 -0.6
Values typ. -0.9 max. -1.2
Unit
V
Gate threshold voltage, VGS = VDS
ID =-250A
Zero gate voltage drain current
VDS =-20V, VGS =0, Tj =25C VDS =-20V, VGS =0, Tj =150C
A -0.1 -10 -10 9.8 7.2 -1 -100 -100 12.9 8 nA m
Gate-source leakage current
VGS =-12V, VDS =0
Drain-source on-state resistance
VGS =-2.5V, ID =-11.9A
Drain-source on-state resistance
VGS =-4.5, ID =-14.9A
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air; t 10 sec. Page 2
2001-12-21
Preliminary data Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time gfs Ciss Coss Crss td(on) tr td(off) tf
VDD =-10V, VGS =-4.5V, ID =-1A, RG=6 cVDS c2*cIDc*RDS(on)max ID =-11.9A VGS =0, VDS =-15V, f=1MHz
BSO201SP
Symbol
Conditions min. 32 -
Values typ. 64 5962 2168 781 21.3 39.7 108.5 127 max. 32 60 163 190
Unit
S pF
ns
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge VSD trr Qrr
VGS =0, |IF | = |ID | VR =-10V, |IF | = |lD |, diF /dt=100A/s
Qgs Qgd Qg
VDD =-15V, ID =-14.9A
-
-9.7 -39.6 -85.5 -1.6
-14.5 nC -59 -128 V
VDD =-15V, ID =-14.9A, VGS =0 to -4.5V
V(plateau) VDD =-15V, ID =-14.9A
IS ISM
TA=25C
-
-0.8 62 43
-3.7 -59.6 -1.2 77 54
A
V ns nC
Page 3
2001-12-21
Preliminary data 1 Power dissipation Ptot = f (TA )
BSO201SP
BSO201SP
2 Drain current ID = f (TA ) parameter: |VGS | 4.5 V
-16
BSO201SP
2.8
W A
2.4 2.2 -12 2
Ptot
ID
20 40 60 80 100 120
1.8 1.6 1.4 1.2 1 0.8
-10
-8
-6
-4 0.6 0.4 0.2 0 0 -2
C
160
0 0
20
40
60
80
100
120
C
160
TA
TA
4 Safe operating area ID = f ( VDS )
D
3 Transient thermal impedance ZthJS = f (tp) parameter : D = t p/T
K/W
tp = 120.0s
parameter : D = 0 , TA = 25 C
V
-10 2
BSO201SP
DS (
R
on )
=
10 2
BSO201SP
A
10 1
-10 1
ID
ZthJS
1 ms
10 0
10 ms
10 -1 D = 0.50 0.20 0.10 10 -3 single pulse 10 -4 0.05 0.02 0.01
10 -2 -10 0
-10 -1 -1 -10
-10
0
DC 1 -10
V
-10
2
10 -5 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
VDS
Page 4
tp
2001-12-21
Preliminary data 5 Typ. output characteristic ID = f (VDS ); Tj=25C parameter: tp = 80 s
90
BSO201SP
6 Typ. drain-source on resistance RDS(on) = f (ID ) parameter: VGS
0.05
Vgs = -2.5V
A
0.04
70 60 50
Vgs = -3V Vgs = -4V Vgs = -4.5V Vgs = -10V
Vgs = -2.2V
RDS(on)
0.035 0.03 0.025 0.02
Vgs = - 2.2V Vgs = - 2.5V Vgs = - 3V Vgs = - 4.5V Vgs = - 10V
- ID
40 30 0.015 20
Vgs = -1.8V
0.01 0.005 0 0
10 0 0
1
2
3
4
5
6
7
8
V
10
10
20
30
40
50
60
70
- V DS
A 90 - ID
7 Typ. transfer characteristics ID= f ( VGS ); |VDS | 2 x |ID| x RDS(on)max parameter: tp = 80 s
35
8 Typ. forward transconductance gfs = f(ID); Tj=25C parameter: tp = 80 s
120
S A
100 90 25
- ID
g fs
20 15 10 5 0 0 0.5 1 1.5 2.5
80 70 60 50 40 30 20 10
V
0 0
5
10
15
20
25
30
- V GS
40 A - ID
Page 5
2001-12-21
Preliminary data 9 Drain-source on-resistance RDS(on) = f(Tj ) parameter: ID = -14.9 A, VGS = -4.5 V
12
BSO201SP
10 Gate threshold voltage VGS(th) = f (Tj) parameter: VGS = VDS , ID = -250 A
1.6
m - VGS(th)
V
RDS(on)
1.2
98%
10
98%
1
9 0.8 8 0.6
typ. typ.
7 0.4 6
2%
0.2
5 -60
-20
20
60
100
C 160 Tj
0 -60
-20
20
60
100
C 160 Tj
11 Typ. capacitances C = f (VDS) parameter: VGS =0, f=1 MHz
10
4
12 Forward character. of reverse diode IF = f (VSD) parameter: Tj , tp = 80 s
-10 2
BSO201SP
Ciss
A
-10 1
C
pF
Coss
IF
-10 0 Tj = 25 C typ Tj = 150 C typ
Crss
Tj = 25 C (98%) Tj = 150 C (98%)
10 3 0
5
10
V
20
-10 -1 0
-0.4
-0.8
-1.2
-1.6
-2
-2.4 V
-3
- VDS
VSD
Page 6
2001-12-21
Preliminary data 13 Typ. avalanche energy EAS = f (Tj ), par.: ID = -14.9 A VDD = -10 V, RGS = 25
250
BSO201SP
14 Typ. gate charge |VGS| = f (QGate ) parameter: ID = -14.9 A pulsed
12
mJ
V
- VGS
E AS
8
150
6 100 4
0.2 VDS max. 0.5 VDS max. 0.8 VDS max.
50 2
0 25
50
75
100
C Tj
150
0 0
20
40
60
80
100
nC 140 |QGate|
15 Drain-source breakdown voltage V(BR)DSS = f (Tj )
-24.5
BSO201SP
V
-23.5
V (BR)DSS
-23 -22.5 -22 -21.5 -21 -20.5 -20 -19.5 -19 -18.5 -18 -60 -20 20 60 100
C
180
Tj
Page 7
2001-12-21
Preliminary data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
BSO201SP
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2001-12-21


▲Up To Search▲   

 
Price & Availability of BSO201SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X