Part Number Hot Search : 
1212D 05241 DNCM00 MMSZ4684 R2500 GF1060C 15X24X7 MC3336
Product Description
Full Text Search
 

To Download B81130C1155M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film Capacitors
EMI Suppression Capacitors (MKP)
Series/Type: Date:
B81130 August 2004
(c) EPCOS AG 2004. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
EMI suppression capacitors (MKP) X2 / 275 VAC Not for new design Typical applications X2 class for interference suppression "Across the line" applications Climatic Max. operating temperature: 100 C Climatic category (IEC 60068-1): 40/100/21 Construction Dielectric: polypropylene (MKP) Plastic case (UL 94 V-0) Epoxy resin sealing (UL 94 V-0) Dimensions in mm Features Small dimensions Self-healing properties Terminals Parallel wire leads, lead-free tinned Standard lead lengths: 6 1 mm Special lead lengths available on request Marking Manufacturer's logo, lot number, date code, rated capacitance (coded), cap. tolerance (code letter), rated AC voltage, series number, sub-class (X2), dielectric code (MKP), climatic category, passive flammability category, approvals. Delivery mode Bulk (untaped) Taped (Ammo pack or reel) For taping details, refer to chapter "Taping and packing". Approvals Marks of conformity Standards EN 132400, IEC 60384-14 UL 1414 / UL 1283 CSA C22.2 No.1 CQC (GB/T 14472-1998) Certificate 138554 E97863 / E157153 E97863 CQC02001001667 Lead spacing 0.4 10 mm 15 ... 27.5 mm Marking examples = 10 mm Dimensional drawing
B81130
Lead diameter d1 0.6 0.8
15 mm/CR1 F
= 27.5 mm/CR>1 F
2
B81130 X2 / 275 VAC Not for new design Overview of available types Lead spacing 10 mm CR (F) 0.010 0.015 0.022 0.033 0.047 0.056 0.068 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 15 mm 22.5 mm 27.5 mm
3
B81130 X2 / 275 VAC Not for new design Ordering codes and packing units Lead spacing CR mm 10 F 0.010 0.015 0.022 0.033 0.033 0.047 0.022 0.033 0.047 0.056 0.068 0.10 0.10 0.15 0.22 0.15 0.22 0.33 0.47 0.47 0.68 0.47 0.68 1.0 1.0 1.5 1.5 2.2 2.2 Max. dimensions wxhxl mm 4.0 x 9.0 x 13.0 4.0 x 9.0 x 13.0 5.0 x 11.0 x 13.0 5.0 x 11.0 x 13.0 6.0 x 12.0 x 13.0 6.0 x 12.0 x 13.0 5.0 x 10.5 x 18.0 5.0 x 10.5 x 18.0 5.0 x 10.5 x 18.0 5.0 x 10.5 x 18.0 6.0 x 11.0 x 18.0 6.0 x 12.0 x 18.0 7.0 x 12.5 x 18.0 8.5 x 14.5 x 18.0 9.0 x 17.5 x 18.0 6.0 x 15.0 x 26.5 7.0 x 16.0 x 26.5 8.5 x 16.5 x 26.5 10.5 x 16.5 x 26.5 10.5 x 18.5 x 26.5 11.0 x 20.5 x 26.5 11.0 x 21.0 x 31.5 11.0 x 21.0 x 31.5 12.5 x 21.5 x 31.5 13.5 x 23.0 x 31.5 15.0 x 24.5 x 31.5 18.0 x 27.5 x 31.5 18.0 x 27.5 x 31.5 19.0 x 30.0 x 31.5 Ordering code (composition see below) B81130C1103+*** B81130C1153+*** B81130C1223+*** B81130C1333M*** B81130A1333+*** B81130C1473+*** B81130B1223+*** B81130B1333+*** B81130B1473+*** B81130C1563M*** B81130C1683+*** B81130C1104M*** B81130A1104+*** B81130C1154+*** B81130C1224+*** B81130B1154+*** B81130B1224+*** B81130C1334+*** B81130C1474M*** B81130A1474+*** B81130C1684+*** B81130B1474+*** B81130B1684+*** B81130C1105M*** B81130A1105+*** B81130C1155M*** B81130A1155+*** B81130C1225M*** B81130A1225+*** Ammo Reel Untaped pack pcs./unit pcs./unit pcs./unit 1000 1000 830 830 680 680 1170 1170 1170 1170 960 960 830 680 640 680 580 480 390 390 370 1700 1700 1300 1300 1100 1100 1300 1300 1300 1300 1100 1100 900 700 700 700 600 500 400 400 350 350 350 300 250 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 500 720 630 510 540 540 510 320 320 280 260 240 200 200 180
15
22.5
27.5
Further E series and intermediate capacitance values on request.
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% (Closer tolerances on request)
*** = Packaging code: 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 6
1 mm)
4
B81130 X2 / 275 VAC Not for new design Technical data Max. operating temperature Top,max Dissipation factor tan (in 10-3) at 20 C (upper limit values) Insulation resistance Rins or time constant = CR Rins at 20 C, rel. humidity 65% (minimum as-delivered values) DC test voltage Passive flammability category to IEC 40 (CO) 752 Maximum continuous AC voltage (V AC) Rated AC voltage (IEC 60384-14) Maximum continuous DC voltage (V DC) Operating AC voltage V op at high temperature Damp heat test Limit values after damp heat test +100 C CR 0.1 F at 1 kHz 100 kHz 1.0 5.0 CR > 0.33 F 30 000 s CR > 0.1 F 1.0
CR 0.33 F 100 000 M
2121 V, 2 s B 310 V (50/60 Hz) 275 V (50/60 Hz) 760 V TA 100 C Vop = VAC TA 100 C Vop = 1.25
VAC
(continuously) (1000 h)
21 days / 40 C / 93% relative humidity Capacitance change C/C 5% Dissipation factor change tan 0.5 10-3 (at 1 kHz) Insulation resistance Rins 1.0 10-3 (at 10 kHz) or time constant = CR Rins 50% of minimum as-delivered values
5
B81130 X2 / 275 VAC Not for new design Pulse handling capability "dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in V/s. "k0" represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in V 2/s. Note: The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the capacitor. dV/dt and k0 values Lead spacing dV/dt in V/s k0 in V2/s 10 mm 550 429 000 15 mm 400 312 000 22.5 mm 200 156 000 27.5 mm 150 117 000
Impedance Z versus frequency f (typical values)
6


▲Up To Search▲   

 
Price & Availability of B81130C1155M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X