Part Number Hot Search : 
RF236 T6501 D2001 ICE4N73 EC3AW17 2SC5078 MP210806 MC68HC7
Product Description
Full Text Search
 

To Download AN12943A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part No. Package Code No.
AN12943A
HSOP056-P-0300A
SEMICONDUCTOR COMPANY MATSUSHITA ELECTRIC INDUSTRIAL CO., LTD.
Publication date: July 2004
SDC00057AEB
1
AN12943A Contents
Overview ....................................................................................................................................... 3 Features .............................................................................................................................. 3
Applications ........................................................................................................................... 3 Block Diagram ........................................................................................................................ 4 Pin Descriptions ........................................................................................................................... 5 Absolute Maximum Ratings ..................................................................................................... 7
Operating Supply Voltage Range ............................................................................................... 7 Electrical Characteristics ......................................................................................................... 8 ............................................................................................ 11
Control Terminal, The Mode Table Technical Data
...................................................................................................................... 12 .................................................... 12
Circuit diagrams of the input/output part and pin function descriptions Control sequence at power on/off
.............................................................................................. 19 .............................................................................. 20
Power dissipation of package HSOP056-P-0300A Usage notes
.................................................................................................................................. 20
Main characteristics .................................................................................................................... 21
SDC00057AEB
2
AN12943A
AN12943A
Audio signal processing IC for notebook PC
Overview
AN12943A is an one-chip IC for the stereo speakers which can output 1 W by 8 , headphone amplifiers, line amplifiers and electronic volumes. Since the headphone amplifier is a dual power supply system which uses a DC-DC converter to create the negative power source, an output capacitor is not necessary. Also the AN12943A is built-in power saving on/off function automatically detecting input signal to save the power of speaker amplifier.
Unit: mm
to
Features
Speaker amplifier 1 W x 2-channel: 8 , VCC = 5 V Headphone amplifier Dual power supply system doesn't require output capacitor. Built-in automatic power saving function. It detects input signals and switches on/off (with the on/off switch for the auto power saving). Built-in electronic volume and line amplifier
HSOP056-P-0300A
Applications
Notebook PC
SDC00057AEB
3
AN12943A
Block Diagram
-9.17 dBV OUT-L-ch. (Line) 4.7 F 10 V 1.1 times 29 OUT-R-ch. (Line) 4.7 F 10 V 1.1 times -9.17 dBV Standby Line STBY 31 mute 1 F 10 V BEEP_IN Switch B 32 33 34 35 36 N.C. (Test out) 37 Charge 10 F 10 V pump 38 Headphone 68 32 68 10 F 16 V -13 dBV -4 dBV -4 dBV 39 40 41 42 VREF (SP) 6 dB 6 dB EVR EVR 20 19 VREF Offset cancel 18 17 VCC 16 15 14 13 12 Timer Standby Signal det. Control Mute Save CTL 14 dB 14 dB Mute 11 10 9 8 7 6 5 Power save 4 3 14 dB 14 dB 2 VCC_SP 1 1 F 10 V Supply voltage 5 V
SDC00057AEB
-10 dBV 1 F 10 V IN-L-ch. (Line,HP) 28 27 26 25 24 + + 23 22 21 1 F 10 V IN-R-ch. (Line,HP) -10 dBV GND Switch B-2 Switch B-1 Switch A-3 Switch A-2 Switch A-1 BVREF EVRCTL 10 F 16 V
30
Timer
10 F 10 V GND
Offset cancel Save CTL
Switch A 10 F 16 V
Power save
0.47 F 10 V 0.47 F 10 V 0.47 F 10 V 20 k 2 200 pF 10 V
43 -3 dB (10 V) -13 dBV 44 -3 dB 45 (10 V) To N.C. (Test CTL) 46 charge pump HP_JACK_IN GND Signal automatic detection function on/off SPK_MUTE SP GND 47 48 49 50 51 52 53 54 55 VCC_SP 56 1 F 10 V
GND
0.47 F 10 V
SP GND
-2 dBV 4 dBV L-ch. SP out 8 to 16 -2 dBV
-2 dBV 4 dBV R-ch. SP out 8 to 16 -2 dBV
4
AN12943A
Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 Pin name VCC_SP_R SP_OUT_R+ SP_OUT_R+ SP_OUT_R- SP_OUT_R- GND_SP DETECT_CAP N.C. GND N.C. DETECT_IN DAMP_OUT OFFSET_HPR OFFSET_HPL N.C. VCC Switch A VREF_IN EVR_CTL BVREF Switch A-1 Switch A-2 Switch A-3 Switch B-1 Switch B-2 GND INPUT_R INPUT_L LINEOUT_L LINEOUT_R STANDBY BEEP_IN Switch B C1 Type VCC Output Output Output Output GND Input N.C. GND N.C. Input Output Input Input N.C. VCC Input Input Input Input Output Output Output Output Output GND Input Input Output Output Input Input Input Output VCC_SP R-channel Description
Speaker amplifier R-channel positive phase output (+) Speaker amplifier R-channel positive phase output (+) Speaker amplifier R-channel negative phase output (-) Speaker amplifier R-channel negative phase output (-) GND_SP R-channel Demodulation pin for signal automatic detection N.C. GND N.C. Signal input for signal automatic detection Signal automatic detection mix amplifier output Offset cancel pin for headphone R-channel Offset cancel pin for headphone L-channel N.C. VCC Switch A VREF EVR control for speaker and headphone Bias in Switch A-1 Switch A-2 Switch A-3 Switch B-1 Switch B-2 GND R-channel input L-channel input Line L-channel output Line R-channel output Standby on/off control Input for beep signal Switch B Capacitor connect pin 1 for charge pump
SDC00057AEB
5
AN12943A
Pin Descriptions (continued)
Pin No. 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 Pin name GND C2 N.C. VSS VSS HP_OUT_L HP_OUT_R N.C. VREF_SP SP_IN_R SP_IN_L N.C. HP_JACK_IN GND DETECT_ON SPK_MUTE GND_SP SP_OUT_L- SP_OUT_L- SP_OUT_L+ SP_OUT_L+ VCC_SP Type GND Output N.C. VSS VSS Output Output N.C. Input Input Input N.C. Input GND Input Input GND Output Output Output Output VCC GND Capacitor connect pin 2 for charge pump N.C. (Test pin 1) VSS VSS Headphone amplifier L-channel output Headphone amplifier R-channel output N.C. VREF_SP Speaker amplifier R-channel input Speaker amplifier L-channel input N.C. (Test pin 1) HP_JACK_IN signal input GND Signal automatic detection on/off control Speaker power save control GND_SP L-channel Speaker amplifier L-channel negative phase output (-) Speaker amplifier L-channel negative phase output (-) Speaker amplifier L-channel positive phase output (+) Speaker amplifier L-channel positive phase output (+) VCC_SP L-channel Description
SDC00057AEB
6
AN12943A
Absolute Maximum Ratings
A No. 1 2 3 4 5 6 7 8 Parameter Supply voltage Supply current Power dissipation Storage temperature Operating ambient temperature Operating ambient atmospheric pressure Operating constant gravity Operating shock
*2: When using this IC, referring to Technical Data,
Symbol VCC VCC_SP ICC PD Tstg Topr Popr Gopr Sopr
Rating 5.75
Unit V
Note *1 *2 *3 *3
5.75 517 -55 to +150 -20 to +75 1.013 x 105 0.61 x 105 A mW C C Pa m/s2 m/s
2
9 810 4 900
Note) *1: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation. Power dissipation of package HSOP056-P-0300A. Be sure to use the IC so that the power dissipation of the IC without heat sink will not exceed 517 mW at Ta = 75C. *3: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C.
Operating Supply Voltage Range
Parameter Operating supply voltage range Symbol VCC VCC_SP Range 4.50 to 5.50 V 4.50 to 5.50 Unit Note *
Note) *: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
SDC00057AEB
7
AN12943A
Note) Ta = 25C2C unless otherwise specified.
Electrical Characteristics at VCC = 5.0 V, VCC_SP = 5.0 V
Test circuits
B No. Circuit current 1 2 3 4 5 6 7 8
Limits Conditions min typ max Unit
Note
Parameter
Symbol
Circuit current 1A at non-signal (VCC_SP) Circuit current 2A at non-signal (VCC) Circuit current 1B at non-signal (VCC_SP) Circuit current 2B at non-signal (VCC) Circuit current 1C at non-signal (VCC_SP) Circuit current 2C at non-signal (VCC) Standby current 1 at non-signal (VCC_SP) Standby current 2 at non-signal (VCC)
IT1A IT2A IT1B IT2B IT1C IT2C IST1 IST2
1 1 1 1 1 1 1 1
VCC = 5.00 V, at non-signal, at automatic distinction: on
20.0
50 29.0 15.0 30.0 55 28.0 16 17
100 38.0 25.0 39.0 100 37.0 100 100
A mA mA mA A mA A A

VCC = 5.00 V, at non-signal, SP power save: off, at automatic distinction: off
21.0 19.0
VCC = 5.00 V, at non-signal, SP power save: on, at automatic distinction: off
VCC = 5.00 V, at standby mode
Speaker amplifier (RL = 8 ): Speaker_input (pin 44, pin 45) Speaker_output (pin 2 to pin 5, pin 52 to pin 55) 9 10 11 12 13 14 15 16 17 18 19 Output level L-channel Output level R-channel Output distortion L-channel Output distortion R-channel Maximum output electric power L-channel Maximum output electric power R-channel Output noise L-channel Output noise R-channel Channel balance Cross talk in L-channel Cross talk in R-channel VSPL VSPR THSL THSR VMAXSL VMAXSR VNSL VNSR CHBS CTLSLR CTLSRL 1 1 1 1 1 1 1 1 1 1 1 VIN = -13 dBV, f = 1 kHz, RL = 8 VIN = -13 dBV, f = 1 kHz, RL = 8 , to THD fifth 2.0 2.0 0.7 0.7 -1 70 70 4.0 4.0 0.04 0.04 0.81 0.81 -89 -89 0 90 90 6.0 6.0 0.5 0.5 -67 -67 1 -3.0 -3.0 1.0 dBV dBV % % W W dBV dBV dB dB dB
VIN = 1 kHz, THD = 1%, RL = 8
Rg = 1 k, RL = 8 , A curve filter VIN = -13 dBV, f = 1 kHz, RL = 8 VIN = -13 dBV, f = 1 kHz, RL = 8 , A curve filter
Headphone amplifier (RL = 32 ): L-channel, R-channel_input (pin 28, pin 27) Headphone_output (pin 40, pin 41) 20 21 22 Output level L-channel Output level R-channel Channel balance VHPL VHPR CHBH 1 1 1 VIN = -10 dBV, RL = 100 Vol = 3.3 V (max), f = 1 kHz VIN = -10 dBV, RL = 100 Vol = 3.3 V (max), f = 1 kHz R-ch./L-ch. difference -5.0 -5.0 -1.0 -4.0 -4.0 0.0 dBV dBV dB
SDC00057AEB
8
AN12943A
Note) Ta = 25C2C unless otherwise specified.
Electrical Characteristics at VCC = 5.0 V, VCC_SP = 5.0 V (continued)
Test circuits
B No.
Limits Conditions min typ max Unit
Note
Parameter
Symbol
Headphone Amplifier (RL = 32 ) (continued): L-channel, R-channel_input (pin 28, pin 27) Headphone_output (pin 40, pin 41) 23 24 25 26 27 28 29 30 31 32 33 34 Output distortion L-channel Output distortion R-channel Maximum input level L-channel Maximum input level R-channel Maximum output level L-channel Maximum output level R-channel Output noise L-channel Output noise R-channel Cross talk in L-channel Cross talk in R-channel Beep output level L-channel Beep output level R-channel THHL THHR VMAHIL VMAHIR VMAHOL VMAHOR VNHL VNHR CTLHLR CTLHRL BEHL BEHR 1 1 1 1 1 1 1 Rg = 1 k, A curve filter 1 1 1 1 1 VIN = -10 dBV, RL = 100 f = 10 kHz, A curve filter VIN = 3.3 VPP, RL = 100 1 cycle = 1 ms VOUT = -14 dBV, RL = 100 Vol = 3.3 V (max), f = 1 kHz to THD fifth THD = 1%, RL = 100 Vol = 1.65 V (typ), f = 1 kHz THD = 1%, RL = 100 Vol = 3.3 V (max), f = 1 kHz 0.0 0.0 0.0 0.0 60 60 0.28 0.28 0.03 0.03 4.7 4.7 3.4 3.4 -94 -94 79 79 0.58 0.58 0.1 0.1 -79 -79 % % dBV dBV dBV dBV dBV dBV dB dB VPP VPP
Volume part: L-channel, R-channel_input (pin 28, pin 27) Headphone_output (pin 40, pin 41) 35 36 37 Medium voltage gain L-channel Medium voltage gain R-channel Channel balance at the time of the medium gain Volume maximum attenuation quantity L-channel Volume maximum attenuation quantity R-channel VOLL VOLR VCHB 1 1 1 VIN = -20 dBV, f = 1 kHz, Vol = 1.65 V (typ) VIN = -20 dBV, f = 1 kHz, Vol = 1.65 V (typ) R-ch./L-ch. difference VIN = -10 dBV, f = 1 kHz, Vol = 0.0 V (min), A curve filter -32.5 -30.0 -27.5 -32.5 -30.0 -27.5 -2.0 0.0 2.0 dBV dBV dB
38 39
VOLNL VOLNR
1 1
70 70
90 90
dB dB
Line amplifier part: L-channel, R-channel_input (pin 28, pin 27) Line_output (pin 29, pin 30) 40 41 42 43 44 45 46 47 48 Output level L-channel Output level R-channel Channel balance Output distortion L-channel Output distortion R-channel Maximum output level L-channel Maximum output level R-channel Output noise L-channel Output noise R-channel VHLL VHLR CHBL THLL THLR VMALL5 VMALR5 VNLL VNLR 1 1 1 1 1 1 1 1 Rg = 1 k, A curve filter 1 VIN = -10 dBV, RL = 10 k, f = 1 kHz VIN = -10 dBV, RL = 10 k, f = 1 kHz, R-ch./L-ch. difference VIN = -10 dBV, RL = 10 k, f = 1 kHz, to THD fifth THD = 1%, RL = 10 k f = 1 kHz -10.0 -9.2 -10.0 -9.2 - 0.8 0.0 0.0 0.0 0.003 0.003 4.1 4.1 -105 -105 -8.4 -8.4 0.8 0.03 0.03 -87 -87 dBV dBV dB % % dBV dBV dBV dBV
SDC00057AEB
9
AN12943A
Note) Ta = 25C2C unless otherwise specified.
Electrical Characteristics at VCC = 5.0 V, VCC_SP = 5.0 V (continued)
Test circuits
B No.
Limits Conditions min typ max Unit
Note
Parameter
Symbol
Line amplifier part (continued): L-channel, R-channel_input (pin 28, pin 27) Line_output (pin 29, pin 30) 49 50 Cross talk in L-channel Cross talk in R-channel CTLLLR CTLLRL 1 1 VIN = -10 dBV, RL = 10 k f = 10 kHz, A curve filter 60 60 88 88 dB dB
Automatic signal detection part: L-channel, R-channel_input (pin 28, pin 27) Signal detection preamplifier output (pin 12) 51 52 53 54 Preamplifier output voltage level L-channel entry Preamplifier output voltage level R-channel entry Signal detection limit entry voltage level L-channel Signal detection limit entry voltage level R-channel VSDTL VSDTR VSDTTHL VSDTTHR 1 1 1 1 VIN = -49 dBV, f = 1 kHz Vol = 1.65 V (typ) -13 -13 -70 -70 -10 -10 -65 -65 -7 -7 -60 -60 dBV dBV dBV dBV
VIN = 1 kHz Vol = 1.65 V (typ)
Other part 55 56 57 58 59 SP output DC offset voltage L-channel SP output DC offset voltage R-channel Output at SP power save L-channel Output at SP power save R-channel Signal detection part Preamplifier output noise VDCSPL VDCSPR VPSPPSL VPSPPSR VSDTLO 1 DC voltage bitween positive and opposite at non-signal 1 1 1 1 VIN = -13 dBV, f = 1 kHz, RL = 8 , A curve filter At non-signal, A curve filter -112 -112 0 0 -114 -114 -62 112 112 -70 -70 -44 mV mV dBV dBV dBV
Switch switching-over voltage level 60 61 62 63 64 65 66 67 68 69 70 71 Standby on Standby off SPK mute on SPK mute off Headphone jack on Headphone jack off Signal automatic detection feature on Signal automatic detection feature off Switch A off Switch A on Switch B off Switch B on STON STOF SPMON SPMOF HPJON HPJOF ATON ATOF CMUOF CMUON DMUOF DMUON
SDC00057AEB
GND 2.0 GND 2.0 GND 2.0 GND 2.0 GND 2.0 GND 2.0

0.8 3.6 0.8 5.5 0.8 5.5 0.8 5.5 0.8 5.5 0.8 5.5
V V V V V V V V V V V V
10
AN12943A
Control Terminal, The Mode Table
Note) The holding range of control voltage is shown in B No. 60 to B No. 71 of Electrical Characteristics.
Voltage Pin No. 17 Description Low Switch A on/off Off STB on (LINE MUTE on) (HP SAVE on) (HP MUTE on) Off Automatic distinction: off High On STB off (LINE MUTE off) (HP SAVE off) (HP MUTE off) On Automatic distinction: on Remarks
31
Standby on/off
33 49
Switch B on/off The signal automatic detection feature on/off
Voltage Pin No. Description Both pin 47 and pin 50 = High SPK power save off (SP on) Either pin 47 or pin 50 = Low SPK power save on (SP off) Remarks It has priority over power saving by pin 47 and pin 50 more than an automatic detection.
47 50
HP JACK SPK MUTE
SDC00057AEB
11
AN12943A
Technical Data
Circuit diagrams of the input/output part and pin function descriptions
Note) The characteristics listed below are reference values based on the IC design and are not guaranteed.
Pin No.
Waveform and voltage
Inner circuit
Impedance
Description Power supply pins specifically designed for speaker amplifiers. * Pin 1 for R-channel. * Pin 56 for L-channel. Because the big electric current flows, it is desirable to separate from the VCC line to the other power supply pins on the board pattern.
VCC_SP 1, 56 DC: 5.0 V
2, 3, 4, 5, 52, 53, 54, 55
Speaker output Pin 2, pin 3 Pin 54, pin 55 Positive phase
VCC_SP (5.0 V) 20k
Pin 2 3 54 55
Pin 4, pin 5 Pin 52, pin 53 Negative phase
4k
Pin 4 5 52 53
DC: 2.20 V AC: 4 dBV
Output pins of speaker amplifiers. It becomes BTL output. * Pin 2, pin 3 for R-channel positive phase output * Pin 4, pin 5 for R-channel negative phase output The output * Pin 54, pin 55 for L-channel positive impedance: Equal phase output to or less than 1 * Pin 52, pin 53 for L-channel negative phase output To reduce voltage loss caused by the wire resistance in maximum output, it makes output 2 terminals. When the speaker amplifiers save power, DC voltage is also kept. It is GND pin for the speaker amplifier.
* Pin 6 is for R-channel.
GND_SP 6, 51 DC: 0.0 V
* Pin 51 is for L-channel.
Because the big electric current flows, it is desirable to separate from the GND line to the other GND pin on the board pattern. Also, it isn't connected with the substrate potential in the IC. It connects a condenser for the peak detection. It is the circuit which detects a peak after rectifying the audio signal of the audio signal automatic detection circuit in both waves. By changing a capacity value, the time which the power saving depends on in case of the switchover which is without signal with signal's there being can be changed.
Audio automatic detection detection pin: 7 Signal nothing DC: 0.0 V Signal's there being DC: 2.0 V NC 7
VREG (4.5 V) 1k
100k VSS (-2.6 V)
Signal less time: Constant current source Signal's there being: The output impedance: About 1 k
8, 10, 37, 46
SDC00057AEB
12
AN12943A
Technical Data (continued)
Circuit diagrams of the input/output part and pin function descriptions (continued)
Note) The characteristics listed below are reference values based on the IC design and are not guaranteed.
Pin No. 9, 26, 48
Waveform and voltage GND
Inner circuit
Impedance
Description It is the GND pins of the signal system. It isn't connected with the substrate potential in the IC.
DC: 0.0 V
Signal input for signal automatic detection 11 DC: 2.25 V AC: -10 dBV
11 It is the signal input pin for signal The entry automatic detection. It is possible to impedance: About adjust in the direction lowers a gain by 20 k adding external resistance. 20k VSS (-2.6 V) VREF (2.25 V)
VREG (4.5 V) The signal detection system preamplifier output pin 12 DC: 2.25 V AC: -10 dBV VSS (-2.6 V) VREG (4.5 V) 12
The output It is the output pin of the signal detection impedance: About system preamplifier. 10
13, 14
Offset cancellation C pin Pin 13 14 DC: 2.25 V 100k
It is the condenser connection pin of the The entry offset cancellation circuit to remove the impedance: About DC offset. As the principle, it composes high pass filter by entry impedance "R" 100 k and connection condenser "C".
VSS (-2.6 V) NC 15, 42 Pin 15, pin 42 connect with the lead frame of the IC. Also, it is connected with the substrate potential in the IC. Please don't connect with the GND line on the board pattern.
SDC00057AEB
13
AN12943A
Technical Data (continued)
Circuit diagrams of the input/output part and pin function descriptions (continued)
Note) The characteristics listed below are reference values based on the IC design and are not guaranteed.
Pin No.
Waveform and voltage VCC
Inner circuit
Impedance
Description It is the power supply (VCC) pin to supply the regulator circuit to create the inner power supply VREG with the voltage. It is separating from VCC_SP of pin 1, pin 56 fully inside. It is desirable to separate as far as it finishes coming out about the P board pattern, too.
16 DC: 5.0 V Switch A/B on/off 17, 33 DC: 0 V (at Open)
Pin 17 33
100k It change the switch A, B on/off. The entry impedance: About * High: On 100 k * Low: Off 300k
VSS (-2.6 V) VCC (5 V)
VREF 550k 18 DC: 2.25 V 18 450k VSS (-2.6 V) 100k 19 EVR control for SP and HP 19 DC: V VSS (-2.6 V) VREG (4.5 V)
With the pin to fix the bias voltage (the operation point) of the system which the The entry inner power supply (VREG) works, it impedance: About becomes 1/2 VREG (V). To remove noise, 250 k it connects a condenser with the interval of GND.
The entry impedance: The high impedance
It is the pin which controls EVR for speaker amplifier and Headphone amplifier. The holding range with control voltage is 0 V to 3.3 V.
BVREF 20 DC: V 20
The entry impedance: The high impedance
It is the input pin of DC voltage for switch A-1, A-2, A-3, B-1, B-2 output.
VSS (-2.6 V)
SDC00057AEB
14
AN12943A
Technical Data (continued)
Circuit diagrams of the input/output part and pin function descriptions (continued)
Note) The characteristics listed below are reference values based on the IC design and are not guaranteed.
Pin No. 21, 22, 23, 24, 25
Waveform and voltage Switch A-1 Switch A-2 Switch A-3 Switch B-1 Switch B-2 VREG (4.5 V)
Inner circuit Pin 21 22 23 24 25
Impedance
Description
The output impedance: Equal It is the output pin of DC voltage. It outputs pin 20 (BVREF) input voltage. to or less than about 10
DC: V Pin 27 28 Audio signal input 27, 28 DC: 2.25 V AC: -10 dBV VSS (-2.6 V) 14.6k
VSS (-2.6 V) VREG (4.5 V)
50k It enters a main audio signal. The entry impedance: About * Pin 27: R-channel entry 25 k * Pin 28: L-channel entry
25k 35.4k VREF (2.25 V) VCC (5.0 V)
Line out 29, 30 17.8k AC: -9.17 dBV DC: 2.25 V 32.2k VSS (-2.6 V)
Pin 29 30
The output It is the output pin of the line amplifier. impedance: Equal * Pin 29: L-channel output to or less than * Pin 30: R-channel output about 10
VREG (4.5 V) 100k Standby on/off changing SW 31 DC: 2.0 V 200k 300k VSS (-2.6 V) 250k 100k
31
The range under about 1.5 V. The entry impedance: About 210 k The range over about 1.5 V. The entry impedance: About 68 k
It changes whether or not it makes this IC an operation condition or whether or not it makes it a standby. * Low: Standby * High: The operation condition In that the power changes a connected condition to the standby, the circuit electric current can be almost made 0.
SDC00057AEB
15
AN12943A
Technical Data (continued)
Circuit diagrams of the input/output part and pin function descriptions (continued)
Note) The characteristics listed below are reference values based on the IC design and are not guaranteed.
Pin No.
Waveform and voltage 200
Inner circuit
Impedance
Description
32 Beep entry 32 DC: 2.25 V AC: 3.3 VPP
7.5k VSS (-2.6 V) 20k VREF (2.25 V) VREGDIG (2.7 V)
It is the entry pin to enter beep signal. The entry The same signal is entered both by impedance: About L-channel and R-channel with the beep signal mix amplifier of the following 200 paragraph.
Capacitor connect pin 1 for charge pump 34 DC: V 34 GND 35 DC: 0.0 V 36 Capacitor connect pin 2 for charge pump 36 DC: V
GND
The output impedance: Equal It is the condenser connection pin for to or less than charge pump. about 10
It is GND pin for charge pump. It isn't connected with other GND pin in the IC.
The output impedance: Equal It is the condenser connection pin for to or less than charge pump. about 10 VSS (-2.6 V)
VSS 38, 39 DC: -2.6 V
It is the inner power (VSS) pin to supply the HP amplifier with the voltage. Also, it is connected with the substrate potential in the IC.
SDC00057AEB
16
AN12943A
Technical Data (continued)
Circuit diagrams of the input/output part and pin function descriptions (continued)
Note) The characteristics listed below are reference values based on the IC design and are not guaranteed.
Pin No.
Waveform and voltage
Inner circuit VCC (5.0 V)
Impedance
Description
40, 41
Output terminal for the HP amplifier
20k
Pin 40 41
DC: 0 V AC: -4 dBV VSS (-2.6 V)
The output impedance: Equal to or less than about 1
It is an output pin for the headphone amplifier. The signal which was adjusted in the volume in EVR can be output by the low impedance.
10k
VCC (5.0 V) VREF (SP) 43 DC: 2.20 V 500k 43 500k VSS (-2.6 V) Pin 45 44 Speaker amplifier entry 44, 45 DC: 2.25 V AC: -13 dBV VSS (-2.6 V) VREF (2.25 V) 100k HP_JACK_IN signal input pin 47 DC: VSS (-2.6 V) 300k 47 It is the voice input pins of the speaker amplifier. To make offset voltage in power saving on/off changing by the The entry speaker amplifier little, it combines impedance: About capacity. 20 k ( It makes POP noise small ). * Pin 44: R-channel speaker entry * Pin 45: L-channel speaker entry
The entry It is the standard voltage pin to fix the impedance: About DC bias of the speaker output. It connects a condenser to remove a ripple. 250 k
5.8k
14.2k
The range under about 1.5 V. The entry impedance: The high impedance The range over about 1.5 V. The entry impedance: About 100 k
It is the pin which controls power saving by the speaker amplifier. At the time of on in addition to the control in case of automatic distinction function off, too, power saving on by pin 47, pin 50 has priority over.
SDC00057AEB
17
AN12943A
Technical Data (continued)
Circuit diagrams of the input/output part and pin function descriptions (continued)
Note) The characteristics listed below are reference values based on the IC design and are not guaranteed.
Pin No.
Waveform and voltage
Inner circuit VREG (4.5 V)
Impedance
Description
49
Signal automatic detection function on/off control pin
10k 275k 55k 10k VSS (-2.6 V) 100k
49
The entry impedance: The high impedance
We change an audio signal automatic detection function in on/off. In case of automatic detection off, it controls power saving by speaker with the manual with the power saving on/off pin. * High: Function on * Low: Function off
DC:
50
SP amplifier power saving on/off control pin
100k 50
DC:
VSS (-2.6 V)
300k
The range under about 1.5 V. The entry impedance: The high impedance The range over about 1.5 V. The entry impedance: About 100 k
It is the pin which controls power saving by the speaker amplifier. At the time of on in addition to the control in case of automatic distinction function off, too, power saving on by pin 47, pin 50 has priority over.
SDC00057AEB
18
AN12943A
Technical Data (continued)
Control sequence at power on/off At power on/off, as for the timing of each control pin, it much more recommends a procedure below the purpose of the pop noise measure in changing. Moreover, this IC builds in a charge pump circuit and constitutes the substrate potential in IC. In order for substrate potential to be in a high impedance state and to prevent unusual operation before starting of a power supply, please do not impress voltage to each mode control pin.
Control timing Power on Power off
VCC_SP (Pin 1, pin 56)
As for the occurrence of time-lag between VCC -on and VCC_SP-on, no problem.
VCC (Pin 16)
As for the occurrence of time-lag between VCC -off and VCC_SPoff, no problem.
Standby control (Pin 31)
Please carry out standby release after a power supply on for the measure aganist a pop noise.
Speaker power save control (Pin 47, pin 50)
Please carry out standby on after a power supply off for the measure aganist a pop noise.
Each mode control Please bring down to simultaneous with a power supply off, or a front.
Please rise to simultaneous with a power supply on, or the back.
Note) The characteristics listed above are reference values based on the IC design and are not guaranteed.
SDC00057AEB
19
AN12943A
Technical Data (continued)
Power dissipation of package HSOP056-P-0300A PD Ta
5.000
4.280 4.000
Power dissipation PD (W)
3.000
2.000
Mounted on standard board Nonsoldering radiation plate (50 x 50 x 0.8 mm3) Rth(j-a) = 79.5C/W 1.572
Mounted on four layers of standard board Soldering radiation plate (50 x 50 x 0.8 mm3) Rth(j-a) = 29.2C/W
1.000
0.862 Independent IC without a heat sink Rth(j-a) = 144.9C/W
0.000 0 25 50 75 100 125 150
Ambient temperature Ta (C)
Note) The characteristics listed above are reference values based on the IC design and are not guaranteed.
Usage notes 1. Please carry out the thermal design with sufficient margin such that the power dissipation will not be exceeded, based on the conditions of power supply, load and surrounding temperature. Although indicated also in the column of the maximum rating, the maximum rating becomes an instant and the marginal value which must not exceed. It sufficiently evaluates, and I use-wish-do so that it may not exceed certainly. Moreover, don't impress neither voltage nor current to pin which is not indicated. It may destroy in both cases. 2. Please pay attention in the pattern layout in order to prevent damage due to short circuit between pins. In addition, for the pin configuration, please refer to Pin Descriptions. 3. Please absolutely do not mount the LSI in the reverse direction on to the printed-circuit-board. It might be damaged when the electricity is turned on. 4. Please do a visual inspection on the printed-circuit-board before turning on the power supply, otherwise damage might happen due to problems such as a solder-bridge between the pins of the semiconductor device. Also perform a full technical verification on the assembly quality, because the same damage possibly can happen due to conductive substances, such as solder ball, that adhere to the LSI during transportation. 5. Please take notice in the use of this product that it might break or occasionally smoke when an abnormal state occurs such as output pin, pin 34 and pin 36 (capacitor connect pin 1, 2 for charge pump), pin 38 and pin 39 (VSS) - power supply pin short, output pin, pin 34 and pin 36, pin 38 and pin 39 - GND short, or output-to-output-pin short (load short), pin 34 - pin 36 short. And, safety measures such as an installation of fuses are recommended because the extent of the above-mentioned damage and smoke emission will depend on the current capability of the power supply. 6. When using the LSI for model deployment or new products, perform fully the safety verification including the long-turm reliability for each product.
SDC00057AEB
20
AN12943A
Technical Data (continued)
Main characteristics 1) Speaker amplifier
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, EVR = 3.3 V, LINE input (pin 27), 24 k-ATT, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
SP-8 Speaker I/O characteristics - 8
SP output level SP(RchRch) (R-channel R-channel)
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, EVR = 3.3 V, LINE input (pin 28), 24 k-ATT, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
SP-8 Speaker I/O characteristics - 8
SP output level SP(LchLch) (L-channel L-channel)
10
SP output level (Pin 52 to pin 55) (dBV) SP(52-55pin) [BV]
SP(2-5pin) [BV] SP output level (Pin 2 to pin 5) (dBV)
10
0
0
-10
-10
-20
-20
-30 -40 -30 -20 -10 0 (Rch-27pin) 27) Input level (R-channel - Pin[BV](dBV)
-30 -40 (Lch-28pin) 28) Input level (L-channel - Pin[BV](dBV) -30 -20 -10 0
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, EVR = 3.3 V, LINE input (pin 27), 24 k-ATT, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
SP-8 Speaker I/O characteristics - 8
SP(2-5pin)THD[%] SP output distortion (Pin 2 to pin 5) THD (%)
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, EVR = 3.3 V, LINE input (pin 28), 24 k-ATT, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz Speaker I/O characteristics - 8 SP-8
SP output distortion (Pin 52 to pin 55) THD (%) SP(52-55pin)THD[%]
SP output distortion SP(LchLch) (L-channel L-channel)
SP output distortion SP(RchRch) (R-channel R-channel)
10
10
1
1
0.1
0.1
0.01 -40 -30 -20 -10 (Rch-27pin) 27) Input level (R-channel - Pin[BV](dBV) 0
0.01 -40 -30 -20 -10 0 (Lch-28pin) 28) Input level (L-channel - Pin[BV](dBV)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, EVR = 3.3 V, LINE input (pin 27), 24 k-ATT, Automatic detection on
SP-8 Speaker output frequency characteristics - 8
SP output level SP(RchRch) (R-channel R-channel)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, EVR = 3.3 V, LINE input (pin 28), 24 k-ATT, Automatic detection on
SP-8 Speaker output frequency characteristics - 8
SP output level SP(LchLch) (L-channel L-channel)
SP output level (Pin 2 to pin 5) (dBV) SP(2-5pin)[BV]
10 8 6 4 2 0 0.01
10
SP output level (Pin 52 to[BV] SP(52-55pin) pin 55) (dBV)
8 6 4 2 0 0.01
0.1 1 10 Input frequency (R-channel - Pin 27) (kHz) (Rch-27pin)[kHz]
100
0.1
1
10
100
(Lch-28pin)[kHz] Input frequency (L-channel - Pin 28) (kHz)
SDC00057AEB
21
AN12943A
Technical Data (continued)
Main characteristics (continued) 1) Speaker amplifier (continued)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, EVR = 3.3 V, LINE input (pin 27), 24 k-ATT, Automatic detection on, LPF: 30 kHz (20 kHz to 1 kHz), LPF: 80 kHz (2 kHz to 10 kHz)
SP-8 Speaker output frequency characteristics - 8
SP(2-5pin)THD[%] SP output distortion (Pin 2 to pin 5) THD (%)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, EVR = 3.3 V, LINE input (pin 28), 24 k-ATT, Automatic detection on, LPF: 30 kHz (20 kHz to 1 kHz), LPF: 80 kHz (2 kHz to 10 kHz) Speaker output frequency characteristics - 8 SP-8
SP output distortion (Pin 52 to pin 55) THD (%) SP(52-55pin)THD[%]
SP output distortion SP(LchLch) (L-channel L-channel)
SP output distortion SP(RchRch) (R-channel R-channel)
10
10
1
1
0.1
0.1
0.01 0.01
0.1 1 10 (Rch-27pin)[kHz] Input frequency (R-channel - Pin 27) (kHz)
100
0.01 0.01
0.1
1
10
100
(Lch-28pin)[kHz] Input frequency (L-channel - Pin 28) (kHz)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, EVR = 3.3 V, LINE input (pin 28), 24 k-ATT, Automatic detection on, 30 kHz: LPF
SP output SP(LchRch)[B] cross talk (L-channel R-channel) (dB)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, EVR = 3.3 V, LINE input (pin 27), 24 k-ATT, Automatic detection on, 30 kHz: LPF
SP(RchLch)[B] SP output cross talk (R-channel L-channel) (dB)
SP-L/RSP-L/R-8 cross talk frequency characteristics - 8
SP output cross talk SP(LchRch) dB (L-channel R-channel) (dB)
SP-L/RSP-L/R-8 cross talk frequency characteristics - 8
SP output cross talk SP(RchLch) dB (R-channel L-channel) (dB)
50
50
60
60
70
70
80
80
90 0.01
0.1 1 10 (Lch-28pin)[kHz] Input frequency (L-channel - Pin 28) (kHz)
100
90 0.01
0.1
1
10
100
(Rch-27pin)[kHz] Input frequency (R-channel - Pin 27) (kHz)
SDC00057AEB
22
AN12943A
Technical Data (continued)
Main characteristics (continued) 2) Headphone amplifier
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, Rout = 100 , EVR = 3.3 V, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
Headphone amplifier I/O characteristics - EVR = max (Single-channel input) HP-EVR=max (ch) HP amplifier output (Pin 41) level (dBV) HP(41pin)[BV]
HP amplifier output (dBV) HP[dBV](RchRch) (R-channel R-channel)
Headphone amplifier I/O characteristics - EVR = max (Single-channel input) HP-EVR=max (ch)
HP amplifier output (dBV) HP[dBV](LchLch) (L-channel L-channel)
10
HP(40pin)[BV] HP amplifier output (Pin 40) level (dBV)
10
0
0
-10
-10
-20
-20
-30 -30 -20 -10 0 (27pin) [BV] Input level (Pin 27) (dBV) 10
-30 -30 -20 (28pin) [BV] Input level (Pin 28) (dBV) -10 0 10
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, Rout = 100 , EVR = 3.3 V, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
Headphone amplifier I/O distortion characteristics - EVR = max (Single-channel input) HP-EVR=max (ch) HP amplifier output (Pin 41) distortion THD (%) HP(41pin) THD [%] Headphone amplifier I/O distortion characteristics - EVR = max (Single-channel input) HP-EVR=max (ch)
HP amplifier output distortion (%) HP[%](LchLch) (L-channel L-channel)
10
HP amplifier output (Pin 40) distortion THD (%) HP(40pin) THD [%]
HP[%](RchRch) (R-channel R-channel)
HP amplifier output distortion (%)
10
1
1
0.1
0.1
0.01 -30 -20 -10 0 (27pin) [BV] Input level (Pin 27) (dBV) 10
0.01 -30 -20 -10 0 10 (28pin) [BV] Input level (Pin 28) (dBV)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, Rout = 100 , EVR = 3.3 V, Automatic detection on
Headphone amplifier frequency characteristics - EVR (ch) HP-EVR=max = max (Single-channel input) HP amplifier output (dBV) HP[dBV](RchRch) (R-channel R-channel) Headphone amplifier frequency characteristics - EVR = max (Single-channel input) HP-EVR=max (ch) HP amplifier output (dBV) HP[dBV](LchLch) (L-channel L-channel)
HP(40pin)[BV] HP amplifier output (Pin 40) level (dBV)
HP amplifier output (Pin 41) level (dBV) HP(41pin)[BV]
-2
-2
-3
-3
-4
-4
-5
-5
-6 0.01
1 10 (27pin) [kHz] Input frequency (Pin 27) (kHz)
0.1
100
-6 0.01
0.1
1
10
100
(28pin) [kHz] Input frequency (Pin 28) (kHz)
SDC00057AEB
23
AN12943A
Technical Data (continued)
Main characteristics (continued) 2) Headphone amplifier (continued)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, Rout = 100 , EVR = 3.3 V, Automatic detection on, LPF: 30 kHz (20 kHz to 1 kHz), LPF: 80 kHz (2 kHz to 10 kHz)
HP amplifier output (Pin 41) distortion THD (%) HP(41pin) THD [%]
HP(40pin) THD [%] HP amplifier output (Pin 40) distortion THD (%)
Headphone amplifier frequency characteristics - EVR = max (Single-channel input) HP-EVR=max (ch) HP amplifier output distortion (%) HP[%](RchRch) (R-channel R-channel)
Headphone amplifier frequency characteristics - EVR = max (Single-channel input) HP-EVR=max (ch) HP amplifier output distortion (%) HP[%](LchLch) (L-channel L-channel)
10
10
1
1
0.1
0.1
0.01 0.01
1 10 (27pin) [kHz] Input frequency (Pin 27) (kHz)
0.1
100
0.01 0.01
0.1
1
10
100
Input frequency (Pin 28) (kHz) (28pin) [kHz]
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, EVR = 3.3 V, Rout = 100 , Automatic detection on, 30 kHz: LPF
Headphone amplifier: Cross talk - EVR = max (L-channel R-channel) HP-EVR=max(LchRch) HP cross talk (dB) HP[dB](LchRch) (L-channel R-channel) Headphone amplifier: Cross talk - EVR = max (L-channel R-channel) HP-EVR=max(LchRch) HP cross talk (dB) HP[dB](RchLch) (R-channel L-channel)
50
50
60
60
Cross talk (dB) [B]
Cross talk (dB) [B]
70
70
80
80
90
90
100 0.01
0.1
1 10 [kHz] Input frequency (kHz)
100
100 0.01
0.1
1 [kHz] Input frequency (kHz)
10
100
SDC00057AEB
24
AN12943A
Technical Data (continued)
Main characteristics (continued) 3) Line amplifier
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, RL = 10 k, RL(HP) = 100 , EVR = 3.3 V, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
(ch) Line amplifier I/O characteristics (Single-channel input) 10
1(29pin)[BV] Line amplifier 1 output (Pin 29) level (dBV)
(ch) Line amplifier I/O characteristics (Single-channel input) [dBV](LchLch) (L-channel L-channel) 10
Line amplifier output (dBV)
Line amplifier output (Pin 30) level (dBV) (30pin)[BV]
[dBV](RchRch) (R-channel R-channel)
Line amplifier output (dBV)
0
0
-10
-10
-20
-20
-30 -30 -20 -10 0 (27pin) [BV] Input level (Pin 27) (dBV) 10
-30 -30 -20 -10 0 (28pin) [BV] Input level (Pin 28) (dBV) 10
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, RL = 10 k, RL(HP) = 100 , EVR = 3.3 V, Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
Line amplifier I/O distortion characteristics (Single-channel input) (ch)
10
Line (30pin) THD [%] (%) amplifier output (Pin 30) distortion THD
Line amplifier I/O distortion characteristics (Single-channel input) (ch)
Line(29pin) THDTHD (%) amplifier output (Pin 29) distortion [%]
[%](RchRch) (R-channel R-channel)
Line amplifier output distortion (%)
10
[%](LchLch) (L-channel L-channel)
Line amplifier output distortion (%)
1
1
0.1
0.1
0.01
0.01
0.001
0.001
0.0001 -30 -20 -10 0 Input level (Pin 27) (dBV) (27pin) [BV] 10
0.0001 -30 -20 -10 0 10
Input level (Pin 28)[BV] (28pin) (dBV)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, RL = 10 k, RL(HP) = 100 , EVR = 3.3 V, Automatic detection on
Line amplifier frequency characteristics (Single-channel input) (ch) Line amplifier output (Pin 30) level (dBV) (30pin)[BV]
(29pin)[BV] Line amplifier output (Pin 29) level (dBV)
Line amplifier frequency characteristics (Single-channel input) (ch)
Line amplifier output (dBV) [dBV](LchLch) (L-channel L-channel)
Line amplifier output (dBV) [dBV](RchRch) (R-channel R-channel)
-7 -8 -9 -10 -11 -12 0.01
-7 -8 -9 -10 -11 -12 0.01
1 10 (27pin) [kHz] Input frequency (Pin 27) (kHz)
0.1
100
0.1
1
10
100
(28pin) [kHz] Input frequency (Pin 28) (kHz)
SDC00057AEB
25
AN12943A
Technical Data (continued)
Main characteristics (continued) 3) Line amplifier (continued)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, RL = 10 k, RL(HP) = 100 , EVR = 3.3 V, Automatic detection on, LPF: 30 kHz (20 kHz to 1 kHz), LPF: 80 kHz (2 kHz to 10 kHz)
Line amplifier frequency characteristics (Single-channel input) (ch)
Line amplifier output (Pin 30) distortion [%] (30pin) THD THD (%)
(29pin) THD THD (%) Line amplifier output (Pin 29) distortion [%]
Line amplifier frequency characteristics (Single-channel input) (ch)
Line amplifier output distortion (%) [%](LchLch) (L-channel L-channel)
Line amplifier output distortion (%) [%](RchRch) (R-channel R-channel)
10 1 0.1 0.01 0.001 0.0001 0.01
10 1 0.1 0.01 0.001 0.0001 0.01
1 10 (27pin) [kHz] Input frequency (Pin 27) (kHz)
0.1
100
0.1
1
10
100
(28pin) [kHz] Input frequency (Pin 28) (kHz)
VCC = 5.0 V, VCC_SP = 5.0V, VIN = -10 dBV, RL = 10 k, RL(HP) = 100 , EVR = 3.3 V, Automatic detection on, 30 kHz: LPF
Line amplifier: Cross talk frequency characteristics (L-channel R-channel) LchRch)
[dB]RchLch) Cross talk (dB) (R-channel L-channel)
Cross talk (dB) (L-channel R-channel) [dB]LchRch)
Cross talk (dB) [dB](LchRch) (L-channel R-channel)
Line amplifier: Cross talk frequency characteristics (R-channel L-channel) RchLch) Cross talk (dB) [dB](RchLch) (R-channel L-channel)
50 60 70 80 90
50 60 70 80 90 100 110 0.01
100 110 0.01
0.1 1 10 (Lch-28pin) [kHz] Input frequency (L-channel - Pin 28) (kHz)
100
0.1
1
10
100
(Rch-27pin) [kHz] Input frequency (R-channel - Pin 27) (kHz)
SDC00057AEB
26
AN12943A
Technical Data (continued)
Main characteristics (continued) 4) EVR
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, freq = 1 kHz, ROUT = 100 , Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
EVR-HP EVR attenuate level characteristics - Headphone output
HP1(41pin)[BV] HP amplifier 1 output (Pin 41) level (dBV)
EVR-HP EVR attenuate level characteristics - Headphone output
HP(40pin)[BV] HP amplifier output (Pin 40) level (dBV)
HP[dBV](RchRch) (R-channel R-channel) 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0 0.5 1 EVR-CTL(9pin) [V] EVR-CTL (Pin 19) (V) 1.5 2 2.5 3 3.5 4
HP amplifier output (dBV)
HP[dBV](LchLch) (L-channel L-channel) 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0 0.5 1 1.5 2 2.5 3 3.5 4 EVR-CTL(9pin) [V] EVR-CTL (Pin 19) (V)
HP amplifier output (dBV)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, freq = 1 kHz, ROUT = 100 , Automatic detection on, HPF: 400 Hz, LPF: 30 kHz
EVR-HP EVR attenuate distortion characteristics - Headphone output HP[%](RchRch) (R-channel R-channel)
HP amplifier output (Pin 41) distortion THD (%) HP(41pin) THD [%]
HP amplifier output distortion (%)
EVR-HP EVR attenuate distortion characteristics - Headphone output
HP amplifier output distortion (%) HP[%](LchLch) (L-channel L-channel)
10
HP amplifier output (Pin 40) distortion THD (%) HP(40pin) THD [%]
10
1
1
0.1
0.1
0.01
0.01
0.001 0 0.5 1 1.5 2 2.5 3 EVR-CTL(9pin) [V] EVR-CTL (Pin 19) (V) 3.5 4
0.001 0 0.5 1 1.5 2 2.5 3 3.5 4 EVR-CTL(9pin) [V] EVR-CTL (Pin 19) (V)
SDC00057AEB
27
AN12943A
Technical Data (continued)
Main characteristics (continued) 5) Beep
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, Input resistance = 10 k, Square wave, EVR = 3.3 V (max), Automatic detection on
BeepSP-8 Beep I/O level characteristics: Speaker load - 8
SP output level SP(BEEPRch) (BEEP R-channel)
BeepSP-8 Beep I/O level characteristics: Speaker load - 8 SP(BEEPLch) (BEEP L-channel)
SP-Lch [Vrms] SP output level - L-channel (Vrms)
SP output level
SP-Rch [Vrms] SP output level - R-channel (Vrms)
1
1
0.5
0.5
0 0.01
0.1 1 Beep(32pin) [Vrms] Beep input level (Pin 32) (Vrms)
10
0 0.01
0.1
1
10
Beep(32pin) [Vrms] Beep input level (Pin 32) (Vrms)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = 1.0 Vrms, Input resistance = 10 k, Square wave, EVR = 3.3 V (max), Automatic detection on
BeepSP-8 Beep frequency level characteristics: Speaker load - 8
SP output level SP(BEEPRch) (BEEP R-channel)
BeepSP-8 Beep frequency level characteristics: Speaker load - 8
SP output level SP(BEEPLch) (BEEP L-channel)
SP-Rch [Vrms] SP output level - R-channel (Vrms)
0.5
SP-Lch [Vrms] SP output level - L-channel (Vrms)
0.1 1 10 Beep(32pin) [Hz] Beep input frequency (Pin 32) (kHz) 100
1
1
0.5
0
0 0.1 1 10 100 Beep(32pin) [Hz] Beep input frequency (Pin 32) (kHz)
SDC00057AEB
28
AN12943A
Technical Data (continued)
Main characteristics (continued) 6) Signal detection preamplifier
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, R-channel IN, EVR = 3.3 V, HPF: 400 Hz, LPF: 30 kHz Signal detection preamplifier I/O characteristics
[dBV](Rch) (R-channel)
(12pin)[BV] Preamplifier output (Pin 12) level (dBV) (12pin)[BV] Preamplifier output (Pin 12) level (dBV)
Preamplifier output (dBV)
VCC = 5.0 V, VCC_SP = 5.0 V, freq = 1 kHz, L-channel IN, EVR = 3.3 V, HPF: 400 Hz, LPF: 30 kHz Signal detection preamplifier I/O characteristics
[dBV](Lc) (L-channel) 10 0 -10 -20 -30 -40 -50 -80 -70 -60 -50 -40 -30 -20 (27pin) [BV] Input level (Pin 27) (dBV) -10 0
Preamplifier output (dBV)
10 0 -10 -20 -30 -40 -50 -80 -70 -60 -50 -40 -30 -20 (28pin) [BV] Input level (Pin 28) (dBV) -10 0
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -49 dBV, R-channel IN, RVR = 3.3 V Signal detection preamplifier frequency characteristics
Preamplifier output (dBV) [dBV](Rch) (R-channel)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -49 dBV, L-channel IN, EVR = 3.3 V Signal detection preamplifier frequency characteristics
Preamplifier output (dBV) [dBV](Lc) (L-channel)
(12pin)[BV] Preamplifier output (Pin 12) level (dBV)
Preamplifier output (Pin 12) level (dBV) (12pin)[BV]
0 -10 -20 -30 -40 -50 0.01
0 -10 -20 -30 -40 -50 0.01
1 10 (28pin) [kHz] Input frequency (Pin 28) (kHz)
0.1
100
0.1
1
10
100
(28pin) [kHz] Input frequency (Pin 28) (kHz)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -49 dBV, R-channel IN, EVR = 3.3 V, LPF: R = 20 k, C = 2 200 pF Signal detection preamplifier frequency characteristics
Post-LPF output (dBV) LPF[dBV](Rch) (R-channel)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -49 dBV, L-channel IN, EVR = 3.3 V, LPF: R = 20 k, C = 2 200 pF Signal detection preamplifier frequency characteristics
Post-LPF output (dBV) LPF[dBV](Lch) (L-channel)
LPF(11pin)[BV] Post-LPF output (Pin 11) level (dBV)
Post-LPF output (Pin 11) level (dBV) LPF(11pin)[BV]
0 -10 -20 -30 -40 -50 0.01
0 -10 -20 -30 -40 -50 0.01
1 10 Input frequency (Pin 28) (kHz) (28pin) [kHz]
0.1
100
0.1
1
10
100
Input frequency (Pin 27) (kHz) (27pin) [kHz] SDC00057AEB
29
AN12943A
Technical Data (continued)
Main characteristics (continued) 7) Signal detection threshold value
VCC = 5.0V, VCC_SP = 5.0 V, freq = 1 kHz, RC constants between pin 11 and pin 12: R = 20 k, C = 2 200 pF, Signal: LINE input (pin 27), SP input: 24 k-ATT, HPF: 400 Hz, LPF: 30 kHz SP-SAVERch) SP-SAVE characteristics (R-channel input)
EVR=3.3V (Input: -80 dBV 0 EVR = 3.3 V (:-800dBV)dBV) EVR = 3.3 V (:0-80dBV)dBV) EVR=3.3V (Input: 0 dBV -80 10 EVR=1.65V (:-800dBV) EVR = 1.65 V (Input: -80 dBV 0 dBV) EVR = 1.65 V (Input: 0 dBV -80 dBV) EVR=1.65V (:0-80dBV)
VCC = 5.0V, VCC_SP = 5.0 V, freq = 1 kHz, RC constants between pin 11 and pin 12: R = 20 k, C = 2 200 pF, Signal: LINE input (pin 28), SP input: 24 k-ATT, HPF: 400 Hz, LPF: 30 kHz SP-SAVE SP-SAVELch) (L-channel input) characteristics
EVR=3.3V (Input: -80 dBV 0 EVR = 3.3 V (:-800dBV)dBV) EVR = 3.3 V (:0-80dBV)dBV) EVR=3.3V (Input: 0 dBV -80 10 EVR=1.65V (:-800dBV) EVR = 1.65 V (Input: -80 dBV 0 dBV) EVR = 1.65 V (Input: 0 dBV -80 dBV) EVR=1.65V (:0-80dBV)
SP amplifier output (R-channel) level (dBV) SP(Rch) [BV]
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -80 -70 -60 -50 -40 -30 -20 -10 0 (R) Input level (R-channel[dBV] input) (dBV)
SP amplifier output (L-channel) level (dBV) SP(Lch) [BV]
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100
() When input level was reduced (High-level Low-level)
() When input level was reduced (High-level Low-level)
When input level was increased (Low-level High-level) ()
When input level was increased (Low-level High-level) ()
-110 -120 -80 -70 -60 -50 -40 -30 -20 -10 0 (L) [dBV] Input level (L-channel input) (dBV)
8) Mode switching
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, freq = 1 kHz, R-channel input, RL = 8 , HP_JACK = 5 V, EVR = 3.3 V
SPK-MUTEON/OFF SPK_MUTE on/off
SPOUT (VCC = 4.4 V) SPOUT(VCC=4.4V) SPOUT (VCC = 5 V) SPOUT(VCC=5V) SPOUT (VCC = 5.6 V) SPOUT(VCC=5.6V)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -10 dBV, freq = 1 kHz, R-channel input, RL = 8 , SPK_MUTE = 5 V, EVR = 3.3 V
HP-JACKON/OFF HP_JACK on/off
SPOUT(VCC=4.4V) SPOUT (VCC = 4.4 V) SPOUT(VCC=5V) SPOUT (VCC = 5 V) SPOUT(VCC=5.6V) SPOUT (VCC = 5.6 V)
20
20
SPOUT(Rch) [BV] SPOUT (R-channel) (dBV)
SPOUT (R-channel) (dBV) SPOUT(Rch) [BV]
0 -20 -40 -60 -80 -100 -120 0 1 2 3 CTL-Voltage50pin) [V] CTL-Voltage (Pin 50) (V) 4 5
0 -20 -40 -60 -80 -100 -120 0 1 2 3 4 5 CTL-Voltage47pin) [V] CTL-Voltage (Pin 47) (V)
SDC00057AEB
30
AN12943A
Technical Data (continued)
Main characteristics (continued) 8) Mode switching (continued)
VCC = 5.0 V, VCC_SP = 5.0 V, VIN = -49 dBV, freq = 1 kHz, R-channel input, EVR = 3.3 V
ON/OFF Signal automatic detection feature on/off
(12pin) (Pin 12) Signal detection amplifier output [BV] (dBV)
Pin 12 output 12pin(VCC=4.4V) (VCC = 4.4 V) Pin 12 output 12pin(VCC=5.0V) (VCC = 5.0 V) Pin 12 output 12pin(VCC=5.6V) (VCC = 5.6 V)
VCC = 5.0V, VCC_SP = 5.0 V, Automatic distinction off, SP-SAVE = On, EVR = 0 V
STANDBYON/OFF STANDBY on/off
IVCC (VCC = 4.4 V) IVCC(VCC=4.4V) IVCC (VCC = 5 V) IVCC(VCC=5V) IVCC (VCC = 5.6 V) IVCC(VCC=5.6V)
0 -10 -20
IVCC (mA) IVCC [mA]
35 30 25 20 15 10 5 0 0 1 2 3 CTL-Voltage (Pin 49) (V) CTL-Voltage49pin) [V] 4 5 0 1 2 3 4 5 CTL-Voltage31pin) [V] CTL-Voltage (Pin 31) (V)
-30 -40 -50 -60 -70
VCC = 5.0 V, VCC_SP = 5.0 V, BVREF = 2.5 V, VIN = -10 dBV, f = 1 kHz
Switch AON/OFF Switch A on/off
Switch A-3 (VCC = 4.4 V) Switch A-3(VCC=4.4V) Switch A-3 (VCC = 5 V) Switch A-3(VCC=5V) Switch A-3 (VCC = 5.6 V) Switch A-3(VCC=5.6V)
Switch BON/OFF Switch B on/off
Switch B-2(VCC=4.4V) SwitchB-2 (VCC = 4.4 V) Switch B-2(VCC=5V) SwitchB-2 (VCC = 5 V) Switch B-2(VCC=5.6V) SwitchB-2 (VCC = 5.6 V)
-10
-10
Switch B-2(25pin) (dBV) Switch B-2 (Pin 25)[BV]
Switch A-3 (Pin 23)[BV] Switch A-3(23pin) (dBV)
-20 -30 -40 -50 -60 -70 -80 -90 -100 0 1 2 3 4 5 CTL-Voltage17pin) [V] CTL-Voltage (Pin 17) (V)
-20 -30 -40 -50 -60 -70 -80 -90 0 1 2 3 4 5
-100 CTL-Voltage33pin) [V] CTL-Voltage (Pin 33) (V)
Switch A MODE-CTL measurement diagram
Switch B MODE-CTL measurement diagram
AN12943A
Measurement of AC level 1 F 10 k AC input -10 dBV 1 kHz Switch 10 k A-3
AN12943A
Measurement of AC level 1 F 10 k AC input -10 dBV 1 kHz Switch 10 k B-2
20 BVREF 2.5 V 17 Switch A 0 V to 5 V
23
20 BVREF 2.5 V 33 Switch B 0 V to 5 V
25
SDC00057AEB
31
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of AN12943A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X