Part Number Hot Search : 
3638A 2220A FH22NJ CMZ5342 5310F STLC5465 MPC83 KSZ8995X
Product Description
Full Text Search
 

To Download AM500006V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 an
AMP company
Low Noise Amplifier 1400 - 2000 MHz
Features
* * * * * *
AM50-0006
SOT-26
.114 .008 2,9 0,2 .075 .008 1,90 0,2 PIN # 1
V2.00
Low Noise Figure: 1.6 dB High Input IP3: -6 dBm at 3 V, 6.5 mA bias High Gain: 18 dB Single Supply: +3 to +8 VDC Low Cost SOT-26 Miniature Plastic Package Adjustable current: 3 to 20 mA with an external resistor
.063 +.008 -.004 1,60 +0.20 -0.10
02XY
.110 .008 2,80 0,2
Description
M/A-COMs AM50-0006 is a high dynamic range, GaAs MMIC, low noise amplifier in a low cost, SOT-26 miniature surface mount, plastic package. It employs external input matching to obtain optimum noise figure performance and operating frequency flexibility. The AM50-0006 also features flexible biasing to control the current consumption vs. dynamic range trade-off. The AM50-0006 can operate from any positive supply voltage in the 3 V to 8 V range. Its current can be controlled over a range of 3 mA to 20 mA with an external resistor. The AM50-0006 is ideally suited for use where low noise figure, high gain, high dynamic range, and low power consumption are required. Typical applications include receiver front ends in PDC1500, DCS-1800, DCS-1900, PHS and other PCN/PCS applications. It is also useful as a gain block, buffer, driver and IF amplifier in both fixed and portable PDC, PHS, and PCN/PCS systems. The AM50-0006 is fabricated using a low-cost 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability. The AM50-0006 is 100% RF tested to ensure performance specification compliance.
.031 +.004 -.007 0,79 +0.10 -0.18 .016 +.004 -.002
Ordering Information
Electrical Specifications : TA=+25C, Z0 = 50 , PIN = - 30 dBm
1
Parameter
Test Conditions
Gain Noise Figure Input VSWR Output VSWR
w
w
V DD = 3 Volts
.D w
t a
S a
Units dB dB
e h
Min. 15
Part Number
AM50-0006
t e
U 4
0,40 +0.10 -0.05
.c
.002 .002 0,05 0,05
+.004 .006 -.002
+0.10 0,15 -0.05
m o
Package
+.008 .043 -.004 1,10+0.20 -0.10
.008 MIN 0,20 MIN
SOT-26 Plastic Package Forward Tape and Reel* 1400-1520 MHz Designers Kit 1700-2000 MHz Designers Kit
AM50-0006TR AM50-0006PDC AM50-0006PCS
* If specific reel size is required, consult factory for part number assignment.
1500 MHz Typ. 18 1.60 2.2:1 1.5:1 Max. 20 2.00 Min. 15
1900 MHz Typ. 17.5 1.65 1.5:1 1.5:1 0 -6.0 35 10 4.5 6.5 10 Max. 20 2.00
V DD = 3 Volts
Output 1 dB Compression Input IP3 Reverse Isolation
V DD = 3 Volts V DD = 3 Volts
dBm dBm dB
1 -5.0 35 6.5
Drain current V DD = 3 Volts mA 4.5 1. Using external 120 resistor. See functional block diagrams on pages 2 and 5.
M/A-COM, Inc.
North America:
Specifications Subject to Change Without Notice.
Tel. (800) 366-2266 Fax (800) 618-8883
Asia/Pacific:
Tel. +81 3 3263-8761 Fax +81 3 3263-8769
Europe:
Tel. +44 (1344) 869-595 Fax +44 (1344) 300-020
w
w w
.D
a
S ta
e he
1
t
4U
.
om c
Low Noise Amplifier Absolute Maximum Ratings
Parameter V,, Input Power Current Channel Temperature +10 VDC +17 dBm 30 mA
1
AM50-0006
V2.00
Pin Configuration
Pin No. 1 2 Pin Name GND Rext Cext 3 4 5 6 IN V,, GND OUT Description RF and DC Ground External Current Control By-Pass Capacitor RF Input of the Amplifier Positive Supply Voltage RF and DC Ground RF Output of the Amplifier
Absolute Maximum
!
+150C -40 C to +85C
Operating Temperature
Storage Temperature -65 C to +150C 1. Exceeding any one or combination of these limits may cause permanent damage. 2. When pin #2 is used to increase current. (See note 5.) 3. Thermal resistance (jc) = +150C/W.
Functional Block Diagram For 1700-2000 MHz Operation
V
DD
Input Reflection Coefficient 1700-2000 MHz Operation
Freq. 1700 MHz 0.699 48.47 1850 MHz 0.674 2000 MHz 0.649
in (mag) in (ang)
L2
38.68
29.27
in
C1 TRL
3 4
C2
External Circuitry Parts List For 1700-2000 MHz Operation
4
Part
6
Value 47 pF 470 pF 2.7 nH 22 nH See Note 5 470 pF
Purpose DC Block By-Pass Tuning RF Choke Current control By-Pass
RF OUT
C1 C2
RF IN
L1
1,5
L1 L2
C3
R1 (See note 5)
R1 C3
Recommended PCB Configuration For 1700-2000 MHz Operation
Layout View
PIN # 1
4. All external circuitry parts are readily available, low cost surface mount components (.060 in. x .030 in. or .080 in. x .050 in.). 5. Pin 2 allows use of an external resistor to ground for optional, higher current. For I,, ~ 5 mA, R1 = 150 ohms; I,, ~ 6.5 mA, R1 = 120 ohms; I,, ~ 20 mA, R1 = 27 ohms.
RF OUT
Cross Section View
RF Traces + Components
R1 L1
C3
U1 L2 C2 V
DD
RF Ground DC Routing Customer Defined
TRL C1
RF IN
2
Specifications Subject to Change Without Notice.
The PCB dielectric between RF traces and RF ground layers should be chosen to reduce RF discontinuities between 50 lines and package pins. M/A-COM recommends an FR-4 dielectric thickness of 0.008 (0.20 mm) yielding a 50 line width of 0.015 (0.38 mm). The recommended RF metalization is 1 ounce copper.
M/A-COM, Inc.
Europe: Tel. +44 (1344) 869-595 Fax +44 (1344) 300-020
North America: Tel. (800) 366-2266 Fax (800) 618-8883
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
Low Noise Amplifier Typical 1700-2000 MHz Performance Data
Test Conditions: T )= +25C, Z = 50 GAIN vs. FREQUENCY
22
AM50-0006
V2.00
(when matched at input with
in, see page 2)
, unless otherwise specified.
INPUT IP3 vs. FREQUENCY
10
5V,20mA
Input IP3 (dBm)
20 Gain (dB)
5V , 20m A
5
3V,6.5mA
18
0
16
3V,5mA
14 12 1.7 1.8 1.9 2.0 2.1 2.2
3V , 6.5m A
-5
-1 0 1.7 1.8 1.9
3V , 5mA
2.0
Frequency (GHz)
F r e q u e n c y (G H z )
NOISE FIGURE vs. FREQUENCY (Bias = 3V, 6.5mA)
2.5
VSWR vs. FREQUENCY (Bias = 3V, 6.5mA)
3.0
Noise Figure (dB)
2.5
2.0
Output
8594
2.0
Input
1.5
1.5
1.0 1.7 1.8 1.9 2.0 2.1 2.2
1.0 1.7 1.8 1.9 2.0 2.1 2.2
Frequency (GHz)
Frequency (GHz)
OUTPUT P1dB vs. FREQUENCY
15.0 1 dB Compression (dBm)
INPUT IP3 vs. DRAIN CURRENT (Freq. = 1900 MHz)
10
5V, 20mA
Input IP3 (dBm)
10.0
5
5V
5.0
3V, 6.5mA
0
0.0
-5
3V
-5.0 1.7 1.8 1.9
3V, 5mA
2.0 Frequency (GHz)
-1 0 5 10 15 20
D r a in C u r r e n t (m A)
M/A-COM, Inc.
North America:
Specifications Subject to Change Without Notice.
Tel. (800) 366-2266 Fax (800) 618-8883
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
3
Europe: Tel. +44 (1344) 869-595 Fax +44 (1344) 300-020
Low Noise Amplifier Typical 1700-2000 MHz Performance Data cont.
Test Conditions: Bias = 3V, 6.5 mA, Z = 50 GAIN vs. TEMPERATURE
22
AM50-0006
V2.00
(when matched at input with
in, see page 2)
, unless otherwise specified.
NOISE FIGURE vs. TEMPERATURE
3.0
20 Gain (dB)
Noise Figure (dB)
-40C
2.5
+ 85C + 25C
18
2.0
16
1.5
14
+25C
+85C
2.0 2.1 2.2
1.0
-40C
0.5 1.7 1.8 1.9 2.0 2.1 2.2 F r e q u e n c y (G H z )
12 1.7 1.8 1.9
Frequency (GHz)
Designers Kit AM50-0006PCS
The AM50-0006 Designer's Kit allows for immediate evaluation of M/A-COM's AM50-0006 tuned for 1700-2000 MHz operation. The Designers Kit includes an AM50-0006, an evaluation board, and a floppy disk containing typical performance data and a DXF files of the recommended PCB layouts. The evaluation board consists of the recommended external surface mount circuitry, RF connectors, and a DC multi-pin connector, all mounted to a multi-layer FR-4 PCB. The AM50-0006PCS evaluation PCB is illustrated below with all functional ports labeled.
Evaluation PCB + RF Connector Losses
Port Reference LNA Input LNA Output Approximate RF Loss 0.15 dB @ 1.90 GHz 0.15 dB @ 1.90 GHz
The DC connector on the Designers Kit PCB allows convenient DC line access. This is accomplished by of the one or more of the following methods: 1. A mating female multi-pin connector (Newark Electronics Stock # 46F-4658, not included). 2. Wires soldered to the necessary pins (not included). 3. Clip leads (not included).
AM50-0006PCS EVALUATION BOARD
4
Specifications Subject to Change Without Notice.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
M/A-COM, Inc.
Europe: Tel. +44 (1344) 869-595 Fax +44 (1344) 300-020
Low Noise Amplifier Absolute Maximum Ratings
Parameter V,, Input Power Current Channel Temperature +10 VDC +17 dBm 30 mA
1
AM50-0006
V2.00
Pin Configuration
Pin No. 1 2 Pin Name GND Rext Cext 3 4 5 6 IN V,, GND OUT Description RF and DC Ground External Current Control By-Pass Capacitor RF Input of the Amplifier Positive Supply Voltage RF and DC Ground RF Output of the Amplifier
Absolute Maximum
!
+150C -40 C to +85C
Operating Temperature
Storage Temperature -65 C to +150C 1. Exceeding any one or combination of these limits may cause permanent damage. 2. When pin #2 is used to increase current. (See note 5.) 3. Thermal resistance (jc) = +150C/W.
Functional Block Diagram For 1400-1520 MHz Operation V
DD
External Circuitry Parts List For 1400-1520 MHz Operation
4
Part C1
Value 47 pF 470 pF 10 nH 3.9 nH 22 nH See Note 5 470 pF
Purpose DC Block By-Pass Tuning Tuning RF Choke Current control By-Pass
L3
C2
C2 L1
L2 C1 L1
3 4 6
L2
RF OUT
L3 R1 C3
RF IN
2
1,5
R1 (see note 5)
C3
4. All external circuitry parts are readily available, low cost surface mount components (.060 in. x .030 in. or .080 in. x .050 in.). 5. Pin 2 allows use of an external resistor to ground for optional, higher current. For I,, ~ 5 mA, R1 = 150 ohms; I,, ~ 6.5 mA, R1 = 120 ohms; I,, ~ 20 mA, R1 = 27 ohms.
Recommended PCB Configuration For 1400-1520 MHz Operation
Layout View
Pin #1
C3 R1 L3
Cross Section View
RF OUT
RF Traces + Components RF Ground DC Routing Customer Defined
L2 L1
C2
V,,
C1
The PCB dielectric between RF traces and RF ground layers should be chosen to reduce RF discontinuities between 50 lines and package pins. M/A-COM recommends an FR-4 dielectric thickness of 0.008 (0.20 mm) yielding a 50 line width of 0.015 (0.38 mm). The recommended RF metalization is 1 ounce copper.
RF IN
M/A-COM, Inc.
North America:
Specifications Subject to Change Without Notice.
Tel. (800) 366-2266 Fax (800) 618-8883
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
5
Europe: Tel. +44 (1344) 869-595 Fax +44 (1344) 300-020
Low Noise Amplifier Typical 1400-1520 MHz Performance Data
Test Conditions: T )= +25C, Z = 50 GAIN vs. FREQUENCY
22
AM50-0006
V2.00
(when matched as shown on page 5)
, unless otherwise specified .
INPUT IP3 vs. FREQUENCY
10
20
18
Input IP3 (dBm)
5V, 20mA
Gain (dB)
5
0
5V,20mA
16
3V,6.5mA
3V, 6.5mA
14
-5
3V, 5mA
12 1.30 1.35 1.40 1.45 1.50 1.55 1.60
-10 1.35
3V,5mA
1.40 1.45 Fre que ncy (GHz ) 1.50 1.55
Frequency (GHz)
NOISE FIGURE vs. FREQUENCY (Bias = 3V, 6.5mA)
2.5
VSWR vs. FREQUENCY (Bias = 3V, 6.5mA)
3.0
Noise Figure (dB)
2.5
2.0
Input
8594
2.0
Output
1.5
1.5
1.0 1.35 1.40 1.45 Frequency (GHz) 1.50 1.55
1.0 1.30
1.35
1.40 1.45 1.50 F requency (GHz )
1.55
1.60
OUTPUT P1dB vs. FREQUENCY
15 1 dB Compression (dBm)
INPUT IP3 vs. DRAIN CURRENT (Freq. = 1500 MHz)
10
5V, 20mA
Input IP3 (dBm)
10
5
#8
5
3V, 6.5mA
0
0
-5
!8
-5 1.35
3V, 5mA
-10
1.40 1.45 Frequency (GHz) 1.50 1.55
5
10
15
20
Dra in Curre nt (m A)
6
Specifications Subject to Change Without Notice.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
M/A-COM, Inc.
Europe: Tel. +44 (1344) 869-595 Fax +44 (1344) 300-020
Low Noise Amplifier Typical 1400-1520 MHz Performance Data cont.
Test Conditions: Bias=3V, 6.5 mA, Z = 50 GAIN vs. TEMPERATURE
22
AM50-0006
V2.00
(when matched as shown on page 5)
, unless otherwise specified .
NOISE FIGURE vs. TEMPERATURE
3. 0
20 Gain (dB)
Noise Figure (dB)
-40C
2. 5
+85C +25C
18
2. 0
16
+25C
+85C
1. 5
14
1. 0
-40C
1. 40 1. 45 F re q u e n cy (G Hz ) 1. 50 1. 55
12 1.30 1.35 1.40 1.45 1.50 1.55 1.60
0. 5 1. 35
Frequency (GHz)
Designers Kit AM50-0006PDC
The AM50-0006 Designer's Kit allows for immediate evaluation of M/A-COM's AM50-0006 tuned for 1400-1520 MHz operation. The Designers Kit includes an AM50-0006, an evaluation board, and a floppy disk containing typical performance data and a DXF files of the recommended PCB layouts. The evaluation board consists of the recommended external surface mount circuitry, RF connectors, and a DC multi-pin connector, all mounted to a multi-layer FR-4 PCB. The AM50-0006PDC evaluation PCB is illustrated below with all functional ports labeled.
Evaluation PCB + RF Connector Losses
Port Reference LNA Input LNA Output Approximate RF Loss 0.1 dB @ 1.50 GHz 0.1 dB @ 1.50 GHz
The DC connector on the Designers Kit PCB allows convenient DC line access. This is accomplished by of the one or more of the following methods: 1. A mating female multi-pin connector (Newark Electronics Stock # 46F-4658, not included). 2. Wires soldered to the necessary pins (not included). 3. Clip leads (not included).
AM50-0006PDC EVALUATION BOARD
M/A-COM, Inc.
North America:
Specifications Subject to Change Without Notice.
Tel. (800) 366-2266 Fax (800) 618-8883
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
7
Europe: Tel. +44 (1344) 869-595 Fax +44 (1344) 300-020


▲Up To Search▲   

 
Price & Availability of AM500006V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X