Part Number Hot Search : 
74F50728 ESM1602B FRA806G 6R1000 S4014BH 04506 IC18F IRHM5
Product Description
Full Text Search
 

To Download 74F158A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F157A, 74F158A Data selectors/multiplexers
Product specification Supersedes data of 1996 Mar 12 IC15 Data Handbook 2000 Jun 30
Philips Semiconductors
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A: 74F158A:
DESCRIPTION
The 74F157A is a high speed Quad 2-Input Multiplexer which selects 4 bits of data from one of two sources under the control of a common Select input (S). The Enable input (E) is active when Low. When E is High, all of the outputs (Yn) are forced Low regardless of all other input conditions. Moving data from two registers to a common output bus is a common use of the 74F157A. The state of the Select input determines the particular register from which the data comes. The device is the logic implementation of a 4-pole, 2-position switch where the position of the switch is determined by the logic levels supplied to the Select input. The 74F158A is similar, but has inverting outputs (Yn).
74F157A, 74F158A
Quad 2-input data selector/multiplexer, non-inverting Quad 2-input data selector/multiplexer, inverting
* Industrial temperature range (-10C to +85C) available for
74F157A TYPICAL PROPAGATION DELAY 4.6ns 3.7ns TYPICAL SUPPLY CURRENT (TOTAL) 15mA 10mA
TYPE 74F157A 74F158A
ORDERING INFORMATION
ORDER CODE DESCRIPTION 16-pin plastic DIP 16-pin plastic SO COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F157AN, N174F158AN N74F157AD, N74F158AD INDUSTRIAL RANGE VCC = 5V 10%, Tamb = -40C to +85C I74F157AN I74F157AD PKG. DWG. # SOT38-4 SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS Ina, Inb, Inc, Ind S E Ya-Yd Ya-Yd Data inputs Select input Enable input Data outputs (74F157A) Data outputs (74F158A) DESCRIPTION 74F (U.L.) HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 50/33 50/33 LOAD VALUE HIGH/LOW 20A/0.6mA 20A/0.6mA 20A/0.6mA 1.0mA/20mA 1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state.
PIN CONFIGURATIONS, 74F157A
S I0a I1a Ya I0b I1b Yb GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC E I0d I1d Yd I0c I1c Yc S I0a I1a Ya I0b I1b Yb GND
74F158A
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC E I0d I1d Yd I0c I1c Yc
SF00215
SF00216
LOGIC SYMBOLS, 74F157A
2 3 5 6 11 10 14 13 2
74F158A
3 5 6 11 10 14 13
I0a I1a I0b 1 15 S E Ya
I1b
I0c
I1c
I0d I1d 1 15 S E
I0a I1a I0b
I1b
I0c
I1c
I0d I1d
Yb
Yc
Yd
Ya
Yb
Yc
Yd
VCC = Pin 16 GND = Pin 8
4
7
9
12
SF00217
VCC = Pin 16 GND = Pin 8
4
7
9
12
SF00218
2000 Jun 30
2
853-0346 24024
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
IEEE/IEC SYMBOLS, 74F157A
1 15 G1 EN 1 15
74F158A
G1 EN
2 3 5 6 11 10 14 13
1 1
MUX 4
2 3
1 1
MUX 4
7
5 7 6 11 10
9
9
12
14 12 13
SF00219
SF00220
LOGIC DIAGRAM, 74F157A
I0a 2 I1a 3 I0b 5 I1b 6 I0c 11 I1c 10 I0d 14 I1d 13 E 15 S 1 I0a 2 I1a 3 I0b 5 I1b 6
74F158A
I0c 11 I1c 10 I0d 14 I1d 13 E 15 S 1
4 Ya VCC = Pin 16 GND = Pin 8 Yb
7 Yc
9
12 Yd Ya
4 Yb
7 Yc
9
12 Yd
SF00225
VCC = Pin 16 GND = Pin 8
SF00226
FUNCTION TABLE, 74F157A
INPUTS E H L L L L S X H H L L I0n X X X L H I1n X L H X X OUTPUT Yn L L H L H E H L L L L S X L L H H
74F158A
INPUTS I0n X L H X X I1n X X X L H OUTPUT Yn H H L H L
H = High voltage level L = Low voltage level X = Don't care
H = High voltage level L = Low voltage level X = Don't care
2000 Jun 30
3
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb b Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air tem erature range temperature O erating Storage temperature range Commercial Range Industrial Range 74F157A only PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 40 0 to +70 -40 to +85 -65 to +150 UNIT V V mA V mA C C
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VIH VIL IIK IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Commercial Range Operating free air temperature range Industrial Range 74F157A only 0 -40 PARAMETER MIN 4.5 2.0 0.8 -18 -1 20 70 85 C LIMITS NOM 5.0 MAX 5.5 V V V mA mA mA UNIT
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL VOH VOL VIK II IIH IIL IOS ICC PARAMETER High-level out ut voltage output Low-level out ut voltage output Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Short-circuit output current3 Su ly Supply current (total)4 74F157A 74F158A TEST CONDITIONS1 VCC = MIN, VIL = MAX VIH = MIN, IOH = MAX VCC = MIN, VIL = MAX VIH = MIN, IOL = MAX VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX VCC = MAX -60 15.0 14.0 10%VCC 5%VCC 10%VCC 5%VCC LIMITS MIN 2.5 2.7 3.4 0.30 0.30 -0.73 0.50 0.50 -1.2 100 20 -0.6 -150 23.0 19.0 TYP2 MAX UNIT V V V A A mA mA mA mA
NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last. 4. ICC is measured with 4.5V applied to all inputs and all outputs open.
2000 Jun 30
4
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
AC ELECTRICAL CHARACTERISTICS FOR 74F157A AND 74F158A
LIMITS TEST CONDITION VCC = +5.0V Tamb = +25C CL = 50pF RL = 500 MIN tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Propagation delay I0n, I1n to Yn Propagation delay E to Yn Propagation delay S to Yn Propagation delay I0n, I1n to Yn Propagation delay E to Yn Propagation delay S to Yn 74F158A 74F157A Waveform 1 Waveform 3 Waveform 1 Waveform 2 Waveform 4 Waveform 2 3.5 2.5 6.0 4.0 5.5 4.5 3.0 1.5 4.5 5.0 4.5 4.0 TYP 4.5 3.5 7.5 5.0 7.5 6.0 4.0 2.5 5.5 6.0 6.5 5.5 MAX 6.5 5.0 9.0 6.5 10.0 7.5 6.0 4.0 7.0 7.5 8.5 7.5 VCC = +5.0V 10% Tamb = 0C to +70C CL = 50pF RL = 500 MIN 3.0 1.5 5.5 4.0 5.0 4.0 2.5 1.0 4.0 5.0 4.0 3.5 MAX 7.0 6.0 10.5 7.0 11.0 8.5 7.0 4.5 7.5 8.0 9.5 8.0 VCC = +5.0V 10% Tamb = -40C to +85C CL = 50pF RL = 500 MIN 3.0 1.5 5.5 4.0 5.0 4.0 -- -- -- MAX 7.5 6.5 11.0 7.5 11.5 9.0 -- -- -- ns ns ns ns ns ns
SYMBOL
PARAMETER
UNIT
AC WAVEFORMS
For all waveforms, VM = 1.5V
I0n, I1n, S
VM tPHL
I0n, I1n, S VM tPLH
VM tPLH
VM tPHL
Yn
VM
VM
Yn
VM
VM
SF00221
SF00222
Waveform 1.
Propagation Delay for Data and Select to Output
Waveform 2.
Propagation Delay for Data and Select to Output
E
VM tPLH
VM tPHL
E
VM tPHL
VM tPLH
Yn
VM
VM
Yn
VM
VM
SF00223
SF00224
Waveform 3.
Propagation Delay for Enable to Output
Waveform 4.
Propagation Delay for Enable to Output
2000 Jun 30
5
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
TEST CIRCUIT AND WAVEFORMS
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V)
tTLH (tr ) 90% POSITIVE PULSE VM 10% tw
tTHL (tf ) AMP (V) 90% VM 10% 0V
Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00006
2000 Jun 30
6
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4
2000 Jun 30
7
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
2000 Jun 30
8
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
NOTES
2000 Jun 30
9
Philips Semiconductors
Product specification
Data selectors/multiplexers
74F157A, 74F158A
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 2000 All rights reserved. Printed in U.S.A. Date of release: 06-00 Document order number: 9397-750 07286
Philips Semiconductors
yyyy mmm dd 10
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74F158A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X