Part Number Hot Search : 
S1500 YX8018 VHCXXXX MT9044 ANTX2 LTC1841 3105V MC14557
Product Description
Full Text Search
 

To Download 1N4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001-1N4007
1N4001 - 1N4007
Features * *
Low forward voltage drop. High surge current capability.
DO-41
COLOR BAND DENOTES CATHODE
General Purpose Rectifiers
Absolute Maximum Ratings*
Symbol
VRRM IF(AV) IFSM
TA = 25C unless otherwise noted
Parameter
4001
Peak Repetitive Reverse Voltage Average Rectified Forward Current, .375 " lead length @ TA = 75C Non-repetitive Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave Storage Temperature Range Operating Junction Temperature 50
Value
4002
100
Units
4005
600
4003
200
4004
400 1.0 30
4006 4007
800 1000 V A A C C
Tstg TJ
-55 to +175 -55 to +175
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
PD RJA
Parameter
Power Dissipation Thermal Resistance, Junction to Ambient
Value
3.0 50
Units
W C/W
Electrical Characteristics
Symbol
VF Irr IR CT
TA = 25C unless otherwise noted
Parameter
4001
Forward Voltage @ 1.0 A Maximum Full Load Reverse Current, Full Cycle TA = 75C Reverse Current @ rated VR TA = 25C TA = 100C Total Capacitance VR = 4.0 V, f = 1.0 MHz
Device
4002 4003 4004
1.1 30 5.0 500 15
Units
4005 4006 4007
V A A A pF
2003 Fairchild Semiconductor Corporation
1N4001-1N4007, Rev. C1
1N4001-1N4007
General Purpose Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
1.6 FORWARD CURRENT (A) 1.4
Forward Characteristics
20 10 FORWARD CURRENT (A) 4 2 1 0.4 0.2 0.1 0.04 0.02 0.01 0.6
T J = 25C Pulse Width = 300S 2% Duty Cycle
1.2 1 0.8 0.6 0.4 0.2 0 0
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" 9.0 mm LEAD LENGTHS
20
40 60 80 100 120 140 AMBIENT TEMPERATURE ( C)
160
180
0.8 1 1.2 FORWARD VOLTAGE (V)
1.4
Non-Repetitive Surge Current
FORWARD SURGE CURRENT (A) pk 30 REVERSE CURRENT ( A) 1000
Reverse Characteristics
24
100
TJ = 150C
18
10
TJ = 100C
12
1
6
0.1
T J = 25C
0
1
2
4 6 8 10 20 40 60 NUMBER OF CYCLES AT 60Hz
100
0.01
0
20 40 60 80 100 120 RATED PEAK REVERSE VOLTAGE (%)
140
2003 Fairchild Semiconductor Corporation
1N4001-1N4007, Rev. C1
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx FACT ActiveArray FACT Quiet Series Bottomless FASTa CoolFET FASTr CROSSVOLT FRFET DOME GlobalOptoisolator EcoSPARK GTO E2CMOSTM HiSeC EnSignaTM I2C Across the board. Around the world. The Power Franchise Programmable Active Droop
DISCLAIMER
ImpliedDisconnect PACMAN POP ISOPLANAR Power247 LittleFET PowerTrencha MicroFET QFET MicroPak QS MICROWIRE QT Optoelectronics MSX Quiet Series MSXPro RapidConfigure OCX RapidConnect OCXPro SILENT SWITCHERa OPTOLOGICa SMART START OPTOPLANAR
SPM Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogica TruTranslation UHC UltraFETa VCX
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I2


▲Up To Search▲   

 
Price & Availability of 1N4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X