Part Number Hot Search : 
10024 HIP5015 2SC1393 GS1JE NJL51 SSF4004 M5221 IR255
Product Description
Full Text Search
 

To Download XN6435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN6435
Silicon PNP epitaxial planer transistor
Unit: mm
For high-frequency amplification
0.650.15 6
0.95
2.8 -0.3
+0.2 +0.25
1.5 -0.05
0.650.15 1
0.3 -0.05
2.9 -0.05
q q
Two elements incorporated into one package. Reduction of the mounting area and assembly cost by one half.
1.90.1
+0.2
5
2
0.95
4
3
q
2SA1022 x 2 elements
1.1-0.1
0.40.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Rating Collector to emitter voltage of element Emitter to base voltage Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PT Tj Tstg
(Ta=25C)
Ratings -30 -20 -5 -30 300 150 -55 to +150 Unit V V V mA mW C
1 : Collector (Tr1) 2 : Base (Tr1) 3 : Collector (Tr2)
4 : Base (Tr2) 5 : Emitter (Tr2) 6 : Emitter (Tr1) EIAJ : SC-74 Mini Type Package (6-pin)
Marking Symbol: 7W Internal Connection
6 Tr1 1 2 3
C
5 4
Tr2
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise figure Reverse transfer impedance Common emitter reverse transfer capacitance
*1
(Ta=25C)
Symbol ICBO ICEO IEBO hFE hFE (small/large)*1 VCE(sat) VBE fT NF Zrb Cre Conditions VCB = -10V, IE = 0 VCE = -20V, IB = 0 VEB = -5V, IC = 0 VCE = -10V, IC = -1mA VCE = -10V, IC = -1mA IC = -10mA, IB = -1mA VCE = -10V, IC = -1mA VCB = -10V, IE = 1mA, f = 200MHz VCB = -10V, IE = 1mA, f = 5MHz VCB = -10V, IE = 1mA, f = 2MHz VCB = -10V, IE = 1mA, f = 10.7MHz 150 2.8 22 1.2 50 0.5 0.99 - 0.1 - 0.7 V V MHz dB pF min typ max -0.1 -100 -10 220 Unit A A A
Ratio between 2 elements
0 to 0.05
0.1 to 0.3
0.8
0.16-0.06
+0.2
s Basic Part Number of Element
+0.1
1.450.1
s Features
0.5 -0.05
+0.1
+0.1
1
Composite Transistors
PT -- Ta
500
XN6435
IC -- VCE
-30
-100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C
IC/IB=10
Total power dissipation PT (mW)
Collector current IC (mA)
400
-25
-30 -10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3 Ta=75C 25C -25C
-20
IB=-250A -200A
300
-15
-150A -100A -50A
200
-10
100
-5
0 0 40 80 120 160
0 0 -2 -4 -6 -8 -10
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
hFE -- IC
120 6
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=-10V f=1MHz IE=0 Ta=25C
Cre -- VCE
Common emitter reverse transfer capacitance Cre (pF)
5 IC=-1mA f=10.7MHz Ta=25C 4
Forward current transfer ratio hFE
100
Ta=75C
5
80
25C -25C
4
3
60
3
2
40
2
1
20
1
0 -0.1 -0.3
-1
-3
-10
-30
-100
0 -0.1 -0.3
-1
-3
-10
-30
-100
0 -1
-2 -3 -5
-10
-20 -30 -50 -100
Collector current IC (mA)
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
fT -- IE
600 VCB=-10V Ta=25C 24
PG -- IC
VCE= -10V f=100MHz Ta=25C 5
NF -- IE
VCB=-10V f=100MHz Ta=25C 4
Transition frequency fT (MHz)
500
20
400
16
Noise figure NF (dB)
-1 -3 -10 -30 -100
Power gain PG (dB)
3
300
12
2
200
8
100
4
1
0 0.1
0.3
1
3
10
30
100
0 -0.1 -0.3
0 0.1
0.2 0.3 0.5
1
2
3
5
10
Emitter current IE (mA)
Collector current IC (mA)
Emitter current IE (mA)
2


▲Up To Search▲   

 
Price & Availability of XN6435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X