Part Number Hot Search : 
68HC90 C105M AT28C64 C6144 2SD16 8097BH M63HC DM74AL
Product Description
Full Text Search
 

To Download T40HFL100S02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27107 rev. A 09/97
T..HFL SERIES
FAST RECOVERY DIODES Features
Fast recovery time characteristics Electrically isolated base plate 3500 VRMS isolating voltage Standard JEDEC package Simplified mechanical designs, rapid assembly Large creepage distances UL E78996 approved
T-Modules
40 A 70 A 85 A
Description
This serie of T-module uses fast recovery power diodes in a single diode configuration. The semiconductors are electrically isolated from the metal base, allowing common heatsink and compact assemblies to be built. These single diode modules can be used in conjunction with the thyristor modules as a freewheel diode. Application includes self-commutated inverters, DC choppers, motor control, inductive heating and electronic welders. These modules are intended for those applications where very fast recovery characteristics are required and for general power switching applications.
Major Ratings and Characteristics
Parameters
I F(AV) I F(RMS) I FSM I 2t 50Hz 60Hz 50Hz 60Hz VRRM range t rr TJ range range
T40HFL
40 63 475 500 1130 1030
T70HFL T85HFL Units
70 110 830 870 3460 3160 100 to 1000 200 to 1000 -40 to 125 85 133 1300 1370 8550 7810 A A A A A 2s A 2s V ns
o
C
www.irf.com
1
T..HFL Series
Bulletin I27107 rev. A 09/97
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
10 T40HFL.. T70HFL.. T85HFL.. 20 40 60 80 100
trr Code
S02, S05, S10 S02, S05, S10 S02, S05, S10 S02, S05, S10 S05, S10 S05, S10
VRRM , maximum repetitive peak reverse voltage V
100 200 400 600 800 1000
VRSM , maximum non-repetitive IRRMmax. peak reverse voltage TJ= @25C V A
150 300 500 700 900 1100 100
Forward Conduction
Parameters
IF(AV) Max. average fwd current @ Case temperature Max. peak, one-cycle forward, non-repetitive surge current I2 t Maximum I2t for fusing T40HFL T70HFL T85HFL Units Conditions 40 70 63 475 500 400 420 1130 1030 800 730 Maximum I2t for fusing I2t VF(TO)1 Low level value of threshold voltage VF(TO)2 High level value of threshold voltage rf1 Low level value of forward slope resistance rf2 High level value of forward slope resistance VFM Max. forward voltage drop 11300 0.82 0.84 7.0 6.8 1.60 70 70 110 830 870 700 730 3460 3160 2450 2230 34600 0.87 0.90 2.77 2.67 1.73 85 70 133 1300 1370 1100 1150 8550 7810 6050 5520 85500 0.84 0.86 2.15 2.07 1.55 V m A2s
o
A C
180 o conduction, half sine wave
IF(RMS) Max. RMS forward current IFSM
A A t = 10ms No voltage t = 8.3ms reapplied t = 10ms 100% VRRM t = 8.3ms reapplied t = 10ms No voltage t = 8.3ms reapplied t = 10ms 100% VRRM t = 8.3ms reapplied A2s t = 0.1 to 10ms, no voltage reapplied V TJ = 25 o C, (16.7% x x IF(AV) < I < x IF(AV)) T J = 25 oC, (I > x I F(AV)) TJ = 25 oC, (16.7% x x IF(AV) < I < x IF(AV) ) TJ = 25 oC, (I > x IF(AV)) IFM = x I F(AV), TJ = 25 oC, tp = 400s square wave Av. power = VF(TO) x IF(AV) + rf x (IF(RMS))2 Sinusoidal half wave, Initial TJ = TJ max.
Blocking
Parameters
IRRM VINS Max. peak rev. leak. current RMS isolation voltage T40HFL T70HFL T85HFL Units Conditions 20 3500 mA V TJ = 125o C 50Hz, circuit to base, all terminals shorted TJ = 25C, t = 1 s
2
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
Thermal and Mechanical Specifications
Parameters
TJ Tstg RthJC RthC-S T Junction operating temp. Storage temperature range Max. internal thermal resistance junction to case Thermal resistance, case to heatsink Mounting Base to torque 10% heatsink Busbar to Terminal Approximate weight Case style 0.85 T40HFL T70HFL T85HFL Units Conditions -40 to 125 -40 to 150 0.53 0.2 1.3 10% 3 10% 54 (19) D-56 0.46
o o
C C
K/W Per module, DC operation Mounting surface flat, smooth and greased. Per module Nm M3.5 mounting screws (2) Non-lubricated threads Nm M5 screws terminals; non-lubricated threads g (oz) See outline table T-MODULE K/W
wt
(2) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the spread of the compound
R Conduction
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Devices
T40HFL T70HFL T85HFL
Sinusoidal conduction @ TJ max.
180o 0.06 0.05 0.04 120o 0.08 0.06 0.05 90o 0.10 0.08 0.06 60o 0.14 0.11 0.09 30o 0.24 0.19 0.15 180o 0.05 0.04 0.03
Rectangular conduction @ TJ max.
120o 0.08 0.06 0.05 90o 0.10 0.08 0.07 60o 0.15 0.12 0.09 30o 0.24 0.19 0.015
Units
K/W
Reverse Recovery Characteristics
T40HFL Parameter S02 S05 S10 S02 S05 S10 S02 S05 S10
trr Maximum reverse recovery time 200 Q rr Maximum reverse recovered charge 500 1000 200 500 1000 200 500 1000 ns 70 110 270 70 110 270 80 120 290 ns TJ = 25 C, -di F/dt = 100A/s IF = 1 A to VR = 30V IFM = x rated IF(AV), VR = -30 V TJ = 25 C, -di F/dt = 100A/s IF = 1 A to VR = 30V IFM = x rated IF(AV) VR = -30 V TJ = 25 C, -di F/dt = 25A/s TJ = 25 C, -di F/dt = 25A/s
T70HFL
T85HFL Units Conditions (*)
0.25
0.4
1.35 0.25 0.4 1.35 0.3
0.6
1.6
C
0.55 2.0 (*) Tested on LEM 300A Diodemeter Tester
8.0
0.6
2.1
8.5 0.8
3.5
1.5
C
www.irf.com
3
T..HFL Series
Bulletin I27107 rev. A 09/97
Ordering Information Table
Device Code
T
1 1 2 Module type Current rating:
40 HFL 100 S10
2 3 4 5
40 = 40A (avg) 70 = 70A (avg) 85 = 85A (avg)
3 4 5
-
Fast recovery diode Voltage code : code x 10 = VRRM trr code: S02 = 200ns S05 = 500ns S10 = 1000ns
Outline Table
All dimensions in millimeters (inches)
4
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
Maximum Allowable Case Temperature (C) 130 120 110 100 90 80 70 60 50 0 10 20 30 40 50 Average Forward Current (A) 30 60 90
Conduction Angle
Maximum Allowable Case Temperature (C)
T40HFL.. Series R thJC (DC) = 0.85 K/W
130 120 110 100
Conduction Per iod
T40HFL.. Series R thJC (DC) = 0.85 K/W
90 80 30 70 60 50 0 10 20 30 40 50 60 70 Average Forward Current (A) 60 90 120 180 DC
120 180
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Maximum Allowable Case Temperature (C)
120 110 100 90 80 70 60 50 0 10
T70HFL.. Series R thJC (DC) = 0.53 K/W
Maximum Allowable Case Temperature (C)
130
130 120 110 100
Conduction Period
T70HFL.. Series R thJC (DC) = 0.53 K/W
Conduction Angle
90 80 30 70 60 50 0 20 40 60 80 100 120 Average Forward Current (A) 60 90 120 180 DC
30
60
90 120 180
20
30
40
50
60
70
80
Average Forward Current (A)
Fig. 3 - Current Ratings Characteristics
130 120 110 100 90 80 30 70 60 50 0 10 20 30 40 50 60 70 80 90 Average Forward Current (A) 60 90 120 180
Conduction Angle
Fig. 4 - Current Ratings Characteristics
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
T85HFL.. Series R (DC) = 0.46 K/W
thJC
130 120 110 100
Conduction Period
T85HFL.. Series R (DC) = 0.46 K/W
thJC
90 80 30 70 60 50 0 20 40 60 80 100 120 140 Average Forward Current (A) 60 90 120 180 DC
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
www.irf.com
5
T..HFL Series
Bulletin I27107 rev. A 09/97
Maximum Average Forward Power Loss (W)
Maximum Average Forward Power Loss (W) 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 Average Forward Current (A)
Conduction Angle
90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 Average Forward Current (A)
Conduction Period
180 120 90 60 30 RMS Limit
DC 180 120 90 60 30 RMS Limit
T40HFL.. Series T J= 125C
T40HFL.. Series T J = 125C
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
Maximum Average Forward Power Loss (W)
100 90 80 70 60 50 40 30 20 10 0 0 10
180 120 90 60 30 RMS Limit
140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 Average Forward Current (A) RMS Limit
Conduction Period
DC 180 120 90 60 30
Conduction Angle
T70HFL.. Series T J = 125C 20 30 40 50 60 70
T70HFL.. Series T J = 125C
Average Forward Current (A)
Fig. 9 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
Fig. 10 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
110 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 Average Forward Current (A) T85HFL.. Series T J= 125C
Conduction Angle
160 140 120 100 80 60
Conduction Period
180 120 90 60 30 RMS Limit
DC 180 120 90 60 30
RMS Limit
40 20 0 0 20 40 60 80 100 120 140 Average Forward Current (A) T85HFL.. Series T J = 125C
Fig. 11 - Forward Power Loss Characteristics
Fig. 12 - Forward Power Loss Characteristics
6
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
450 400 350 300 250 200 150 100 1
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial T J 125C = @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
500 450 400 350 300 250 200 150 100 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 125C No Voltage Reapplied Rated VRRM Reapplied
T40HFL.. Series
T40HFL.. Series
10
100
0.1 Pulse Train Duration (s)
1
Number Of Equal Ampli tude Half Cycle Current Pulses (N)
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Maximum Non-Repetitive Surge Current
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
800 700 600 500 400 300 200 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
850 750 650 550 450 350 250 150 0.01
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial TJ = 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 125C No Voltage Reapplied Rated V RRM Reapplied
T70HFL.. Series
T70HFL.. Series
0.1 Pulse Train Duration (s)
1
Fig. 15 - Maximum Non-Repetitive Surge Current
1200 1100 1000 900 800 700 600 500 400 300 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 16 - Maximum Non-Repetitive Surge Current
1300 1200 1100 1000 900 800 700 600 500 400 300 0.01 T85HFL.. Series
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial T J 125C = @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine Wave Forward Current (A)
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 125C No Voltage Reapplied Rated V RRM Reapplied
T85HFL.. Series
0.1 Pulse Train Duration (s)
1
Fig. 17 - Maximum Non-Repetitive Surge Current
Fig. 18 - Maximum Non-Repetitive Surge Current
www.irf.com
7
T..HFL Series
Bulletin I27107 rev. A 09/97
Maximum Reverse Recovery Time - Trr (s)
Maximum Reverse Recovery Charge - Qrr (C)
0.5
I FM = 300A
7 6 5 4 3 2
I FM= 300A 220A 172A 100A 50A
Maximum Reverse Recovery Current - Irr (A)
0.51
8
20 18 16 14 12 10 8 6 T40HFL..S02 T70HFL..S02 T J = 125 C
I FM 300A = 220A 172A 100A 50A
0.49 0.48 0.47 0.46 0.45 10 T40HFL..S02 T70HFL..S02 T J = 125 C
220A 172A 100A 50A
T40HFL..S02 T70HFL..S02 T J = 125 C
100
1 10 20 30 40 50 60 70 80 90 100
4 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 19 - Recovery Time Characteristics
1.1
Fig. 20 - Recovery Charge Characteristics
Maximum Reverse Recovery Charge - Qrr (C) 20 18 16 14 12 10 8 6 T40HFL..S05 T70HFL..S05 T J = 125 C
I FM= 300A 220A 172A 100A 50A
Fig. 21 - Recovery Current Characteristics
28 26 24 22 20 18 16 14 12 10 8 T40HFL..S05 T70HFL..S05 T J = 125 C
I FM 300A = 220A 172A 100A 50A
Maximum Reverse Recovery Time - Trr (s)
1
I FM 300A =
0.9
220A 172A
0.8
100A 50A
0.7
T40HFL..S05 T70HFL..S05 T J = 125 C 100
0.6 10
4 10 20 30 40 50 60 70 80 90 100
Maximum Reverse Recovery Current - Irr (A)
6 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 22 - Recovery Time Characteristics
1.8 1.7
I FM= 300A
Fig. 23 - Recovery Charge Characteristics
Max imum Reverse Re covery Charge - Qrr (C) 40 35 30
100A I FM= 300A 200A
Fig. 24 - Recovery Current Characteristics
45
I FM= 300A
Maximum Reverse Recovery C urrent - Irr (A)
Maximum Reverse Recovery Time - Trr (s)
40 35 30 25 20 15
200A 100A 50A
1.6
200A
1.5
100A
25 20 15 10 T40HFL..S10 T70HFL..S10 T J = 125 C
50A
1.4
50A
1.3 1.2 1.1 1 10 T40HFL..S10 T70HFL..S10 T J = 125 C 100
T40HFL..S10 T70HFL..S10 T J = 125 C
5 10 20 30 40 50 60 70 80 90 100
10 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 25 - Recovery Time Characteristics
Fig. 26 - Recovery Charge Characteristics
Fig. 27 - Recovery Current Characteristics
8
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
Maximum Reverse Recovery Time - Trr (s)
Maximum Reverse Recovery Current - Irr (A)
1.2 1.1 1
IF M = 300A
Maximum Reverse Recovery Charge - Qrr (C)
25
IFM = 300A
28 26 24 22 20 18 16 14 12 10 8 T85HFL..S02 T J = 125C
IFM = 300A 200A 100A 50A
20
200A 100A
0.9 0.8 0.7 0.6 10 T85HFL..S02 T J = 125C
200A 100A 50A
15
50A
10 T85HFL..S02 T J = 125 C 5 10 20 30 40 50 60 70 80 90 100
100
6 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 28 - Recovery Time Characteristics
Fig. 29 - Recovery Charge Characteristics
30
IFM = 300A
Fig. 30 - Recovery Current Characteristics
Maximum Reverse Recovery Charge - Qrr (C)
Maximum Reverse Recovery Time - Trr (s)
Maximum Reverse Recovery Current - Irr (A)
1.3
35
IFM = 300A 200A
27
200A
1.2
IFM = 300A
30
24 21 18 15 12 9 T85HFL..S05 T J = 125C
100A
100A 50A
1.1
200A
25
50A
1
100A 50A
20
0.9 T85HFL..S05 T J = 125C 0.8 10
15
T85HFL..S05 T J = 125C
100
6 10 20 30 40 50 60 70 80 90 100
10 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Fo rward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 31 - Recovery Time Characteristics
Fig. 32 - Recovery Charge Characteristics
55 50 45 40 35 30 25 20 15 T85HFL..S10 T J = 125C
50A IFM = 300A 200A 100A
Fig. 33 - Recovery Current Characteristics
60 55 50 45 40 35 30 25 20 T85HFL..S10 T J = 125C
IFM = 300A 200A 100A 50A
Maximum Reverse Recovery Charge - Qrr (C)
Maximum Reverse Recovery Time - Trr (s)
1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1 10 T85HFL..S10 T J = 125C
50A 100A I FM = 300A
200A
100
10 10 20 30 40 50 60 70 80 90 100
Maximum Reverse Recovery Current - Irr (A)
2
15 10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 34 - Recovery Time Characteristics
Fig. 35 - Recovery Charge Characteristics
Fig. 36 - Recovery Current Characteristics
www.irf.com
9
T..HFL Series
Bulletin I27107 rev. A 09/97
1E4
T40HFL.. Series Trapezoidal Pulse T C = 70 C
Peak Forward Current (A)
tp
1E3
1E2
20000
10000
5000 2500 1500 100 0
400
200
50 Hz
5000 2500 1500 1000
400
200
50 Hz
tp
T40HFL.. Series Sinusoidal Pulse T = 70C C
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 37 - Frequency Characteristics
1E4
T40HFL.. Trapezoidal Pulse T C= 90 C
Peak Forward Current (A)
tp
1E3
1E2
20000 10000 5000 2500 1500 1000 400 200 50 Hz
5000 2500 1500 1000 400 200
50 Hz
tp
T40HFL.. Series Sinusoidal Pulse T C 90C =
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 38 - Frequency Characteristics
1E4
20 joules per pulse
Peak Forward Current (A)
1E3
0.1 0.04 0.2 0.4
1
2
4
10
4 0.4 0.04 0 .02 0.01 0.2 0.1 1 2 10
20 joules per pulse
1E2
0.02 0.01
1E1
tp
T40HFL.. Series Sinusoidal Pulse T J = 125 C
tp
T40HFL.. Series Trapezoidal Pulse T J = 125C di/dt = 50A/s
1E0 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 39 - Maximum Forward Energy Power Loss Characteristics
10
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
1E4
Peak Forward Current (A)
1E3
20000 10000 5000 2500 1500 1000
400
200
50 Hz
1E2
T70HFL.. Series Sinusoidal Pulse T C= 70C
5000
2500 1500 1000
4 00
200
50 Hz
tp
tp
T70HFL.. Series Trapezoidal Pulse T C= 70C
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 40 - Frequency Characteristics
1E4
Peak Forward Current (A)
1E3
1E2
2000 0 10000 5000 2500 1500 1000
400
200
50 Hz
5000
250 0 1500 1000
400
2 00
50 Hz
tp
T70HFL.. Series Sinusoidal Pulse T C= 90C
tp
T70HFL.. Series Trapezoidal Pulse T C= 90C
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 41 - Frequency Characteristics
1E4
20 joules per pulse 10
20 joules per pulse 1 0.4 0.1 0.02 0.01 0.04 0.2 2 4 10
Peak Forward Current (A)
4
1E3
0.1 0.04 0.02 0.4 0. 2
1
2
1E2
0.01
1E1
tp
T70HFL.. Series Sinusoidal Pulse T J = 125C
tp
T70HFL.. Series Trapezoidal pulse T J = 125C di/dt = 50A/s
1E0 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 42 - Maximum Forward Energy Power Loss Characteristics
www.irf.com
11
T..HFL Series
Bulletin I27107 rev. A 09/97
1E4
Peak Forward Current (A)
1E3
20000
1000 0
5000 2500 1500 1000
400
200
50 Hz
5000 2500 1500 1000
40 0
200
50 Hz
1E2
T85HF L.. Series Sinusoidal Pulse T C= 70C
tp
T85HFL.. Series Trapezoidal Pulse T C 70C =
tp
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 43 - Frequency Characteristics
1E4
Peak Forward Current (A)
1E3
20000
10000
5000 2500 1500 1 000
400
200
50 Hz
5000 2500 1500 1000 400 200 50 Hz
1E2
T85HFL.. Series Sinusoidal Pulse T C= 90C
tp
tp
T85HFL.. Series Trapezoidal Pulse T C 90C =
1E1 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 44 - Frequency Characteristics
1E4
20 joules per pulse 10 4
20 joules per pulse 4 2 0.4 0.2 0.1 0.04 0 .02 0.01 1 10
Peak Forward Current (A)
1E3
0.1 0.04 0.02 0.01
1 0.4 0.2
2
1E2
1E1
tp
T85HFL.. Series Sinusoidal Pulse T J = 125 C
tp
T85HFL.. Series Trapezoidal Pulse T J= 125C di/dt = 50A/s
1E0 1E1
1E2
1E3
1E4 1E1 1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (s)
Pulse Basewidth (s)
Fig. 45 - Maximum Forward Energy Power Loss Characteristics
12
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
1000 Instantaneous Forward Current (A) Instantaneous Forward Current (A) 10000
1000
100
T J= 25C 10 T J= 125C
100 T J= 25C 10 T J = 125C
T40HFL.. Series 1 0.5 1 1.5 2 2.5 3 3.5 4 4.5
T70HFL.. Series 1 0 1 2 3 4 5 6 7
Instantaneous Forward Voltage (V)
Instantaneous Forward Voltage (V)
Fig. 46 - Forward Voltage Drop Characteristics
Fig. 47 - Forward Voltage Drop Characteristics
10000 Instantaneous Forward Current (A)
1000
T J= 25C 100 T J= 125C
T85HFL.. Series 10 0 1 2 3 4 5 6 7 Instantaneous Forward Voltage (V)
Fig. 48 - Forward Voltage Drop Characteristics
Transient Thermal Impedance Z thJC (K/W)
1 Steady State Value: R thJC = 0.85 K/W R thJC = 0.53 K/W R thJC = 0.46 K/W (DC Operation) T40HFL.. Series T70HFL.. Series T85HFL.. Series
0.1
0.01
0.001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Fig. 49 - Thermal Impedance ZthJC Characteristics
www.irf.com
13


▲Up To Search▲   

 
Price & Availability of T40HFL100S02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X