Part Number Hot Search : 
LY55141 DP0891 1040CT LH1502 SMF503C DTC144 4511BF SMF503C
Product Description
Full Text Search
 

To Download SUM110N05-06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110N05-06L
New Product
Vishay Siliconix
N-Channel 55-V (D-S), 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
55
FEATURES
rDS(on) (W) ID (A)
110 92
0.006 @ VGS = 10 V 0.085 @ VGS = 4.5 V
D TrenchFETr Power MOSFET D 175_C Junction Temperature D New Low Thermal Resistance Package
APPLICATIONS
D Automotive and Industrial
D
TO-263
G
G
DS S N-Channel MOSFET
Top View SUM110N05-06L
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) _ Pulsed Drain Current Avalanche Current Repetitive Avalanche Energya Maximum Power Dissipation Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C c TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
55 "20 110 63 240 60 180 158b 3.7 -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient--PCB Mountc Junction-to-Case Notes a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material).
Symbol
RthJA RthJC
Limit
40 0.95
Unit
_C/W _
Document Number: 72005 S-21713--Rev. A, 07-Oct-02
www.vishay.com
1
SUM110N05-06L
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 44 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = 44 V, VGS = 0 V, TJ = 125_C VDS = 44 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea rDS(on) VGS = 4.5 V, ID = 20 A VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 30 120 0.0047 0.0066 0.006 0.0085 0.0102 0.0132 S W 55 V 1 3 "100 1 50 250 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Fall Timec Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 30 V, RL = 0.27 W ID ^ 110 A, VGEN = 10 V, RG = 2.5 W VDS = 30 V, VGS = 10 V, ID = 110 A VGS = 0 V, VDS = 25 V, f = 1 MHz 3300 625 310 65 15 16 15 15 35 15 25 25 55 25 ns 100 nC pF
Source-drain Diode Ratings and Characteristics (Tc = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 110 A, di/dt = 100 A/ms IF = 110 A, VGS = 0 V 1.0 70 2.5 0.09 110 240 1.5 125 5 0.31 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72005 S-21713--Rev. A, 07-Oct-02
SUM110N05-06L
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 250
Vishay Siliconix
Transfer Characteristics
200 I D - Drain Current (A)
VGS = 10 thru 5 V I D - Drain Current (A)
200
150 4V 100
150
100 TC = 125_C 25_C -55 _C 0
50 2, 3 V 0 0 2 4 6 8 10
50
0
1
2
3
4
5
6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
200 TC = -55_C r DS(on) - On-Resistance ( W ) 0.015
On-Resistance vs. Drain Current
160 g fs - Transconductance (S)
0.012
25_C 120 125_C 80
0.009 VGS = 4.5 V 0.006 VGS = 10 V 0.003
40
0 0 15 30 45 60 75 90
0.000 0 20 40 60 80 100 120
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
5000 V GS - Gate-to-Source Voltage (V) 20
Gate Charge
4000 C - Capacitance (pF) Ciss 3000
16
VGS = 30 V ID = 110 A
12
2000 Crss 1000 Coss
8
4
0 0 11 22 33 44 55
0 0 20 40 60 80 100 120
VDS - Drain-to-Source Voltage (V) Document Number: 72005 S-21713--Rev. A, 07-Oct-02
Qg - Total Gate Charge (nC) www.vishay.com
3
SUM110N05-06L
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) 2.0 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.5
TJ = 150_C 10
TJ = 25_C
1.0
0.5
0.0 -50
-25
0
25
50
75
100
125
150
175
1 0.2
0.4
0.6
0.8
1.0
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
1000 70
On-Resistance vs. Junction Temperature
ID = 10 m A r DS(on) - On-Resistance (W) (Normalized) 100 I Dav (a) 65
10
IAV (A) @ TJ = 25_C
60
1 IAV (A) @ TJ = 150_C 0.1 0.00001 0.0001 0.001 0.01 0.1 1
55
50 -50
-25
0
25
50
75
100
125
150
175
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 72005 S-21713--Rev. A, 07-Oct-02
SUM110N05-06L
New Product
THERMAL RATINGS
Maximum Drain Current vs. Case Temperature
120 1000 Limited by rDS(on) 100 100 I D - Drain Current (A) 80 I D - Drain Current (A) 100 ms 10 ms
Vishay Siliconix
Safe Operating Area
60
10
40
1 ms 1 TC = 25_C Single Pulse 10 ms 100 ms dc
20
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.02 Single Pulse 0.05
0.01 10- 4 10- 3 10- 2 10- 1 1 10 Square Wave Pulse Duration (sec)
Document Number: 72005 S-21713--Rev. A, 07-Oct-02
www.vishay.com
5
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of SUM110N05-06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X