Part Number Hot Search : 
AN6701S D1028 IDT82V20 P22NF03 SM15T PC844 TFA37 4VHC1G
Product Description
Full Text Search
 

To Download SP746 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP746
1 Form A Solid State Relay DESCRIPTION
The SP746 is a bi-directional, single-pole, single-throw, normally open multipurpose relay. The circuit is composed of one LED on the input side which activates an optically coupled IC on the output - controlling the firing angle of two back-to-back SCRs. This circuit assures no false triggering under most adverse conditions, and a tight zero-volt window not exceeding 5V.
FEATURES
APPLICATIONS
* * * * * * *
Zero-Volt Cross Switching High transient immunity 600V blocking voltage 1.2A maximum continuous current Low input control current High input-to-output isolation Solid state reliability
* * * * * *
Valve control Solenoids Home appliances Metering equipment Heating elements Gas pump control circuitry
OPTIONS/SUFFIXES*
ABSOLUTE MAXIMUM RATINGS*
PARAMETER Storage Temperature Operating Temperature Continuous Input Current Transient Input Current Reverse Input Control Voltage Output Power Dissipation UNIT C C mA mA V W 6 1.2 MIN -55 -40 TYP MAX 120 85 40 400
* *
-H -TR
High Output Isolation Tape and Reel
NOTE: Suffixes listed above are not included in marking on device for part number identification.
SCHEMATIC DIAGRAM
*The values indicated are absolute stress ratings. Functional operation of the device is not implied at these or any conditions in excess of those defined in electrical characteristics section of this document. Exposure to Absolute Ratings may cause permanent damage to the device and may adversely affect reliability.
APPROVALS
* *
BABT CERTIFICATE #607837 UL FILE #E90096
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 1 of 5
SP746 rev 1.40 (10/25/2004)
SP746
1 Form A Solid State Relay
ELECTRICAL CHARACTERISTICS - 25C
PARAMETER INPUT SPECIFICATIONS
LED Forward Voltage LED Reverse Voltage Must Operate Current Junction Capacitance V V mA pF 6 1.2 12 2.5 5 5 1.5 If = 10mA Ir = 10uA Io = 1.2A, resistive load Vf = 0V
UNIT
MIN
TYP
MAX
TEST CONDITIONS
OUTPUT SPECIFICATIONS
Blocking Voltage Continuous Load Current Surge Current Rating Holding Current On-Voltage Voltage Across Load at Turn-On Leakage Current Thermal Resistance Power Factor Critical Rate of Rise (dV/dt) V/ s 400 V A A mA V V A C / W 100 80 0.3 600 1.2 10 10 1.2 5 250 Io = 1.2A If = 5mA Vo = 250V Io = 600uA If = 5mA T = 16ms
COUPLED SPECIFICATIONS
Isolation Voltage -H Suffix Isolation Resistance Coupled Capacitance V V G pF 2500 3750 100 6 T = 1 minute T = 1 minute
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 2 of 5
SP746 rev 1.40 (10/25/2004)
SP746
1 Form A Solid State Relay
PERFORMANCE DATA
SP746 Maximum Load Current vs. Temperature
SP746 Typical Blocking Voltage Distribution N = 100, Ambient Temperature = 25C
Load Current (mA)
1500
40 Device Count 30 20 10 0 620 630 640 650 660 670 680 690 Blocking Voltage (V)
1000 500 0 -40 -20 0 20 40 60 80 Tem perature (C)
ZERO-VOLT SWITCHING
This solid state relay has been designed with a driver circuit that controls the operation of two back-to-back silicon controlled rectifiers (SCRs), each responsible for one half of the AC cycle. If an AC signal is examined, the turn on, turn off and zero-volt switching can be seen. Figure 1 shows a typical 60 Hz, 120Vac signal with a corresponding relay input signal:
1 Relay Input Signal is Turned On. 5 Relay Input Signal is Turned Off.
Input Signal
2
SCR #1 Turns On when 5V threshold is reached.
6
SCR #1 and Relay Turn Off at Zero Volts.
5V Threshold
3 SCR #1 Turns Off, SCR #2 Turns On at Zero Volts.
4 SCR #2 Turns Off, SCR #1 Turns On at Zero Volts.
Figure 1 shows the sequence of zero-volt switching operation. At Stage 1, an input signal is applied to the relay. The relay will not turn on until the threshold voltage of 5V is reached. Once this point is reached (Stage 2), SCR #1 (designated as the SCR which controls positive AC voltage) turns on. However, SCR #1 only conducts for an instant, as the cycle quickly crosses zero. At this point (Stage 3), SCR #1 will turn off and SCR #2 (negative AC voltage) turns on. Likewise, at the next zero cross (Stage 4), SCR #2 will turn off and SCR #1 conducts again. Even though the input signal is terminated at Stage 5, the relay will continue to conduct (typical SCR behavior) until Stage 6, when SCR #1 crosses zero and ceases to conduct. Please note that turn on can likewise begin on the negative phase of the AC cycle with a -5V threshold, though only the positive phase is shown here.
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 3 of 5
SP746 rev 1.40 (10/25/2004)
SP746
1 Form A Solid State Relay
MECHANICAL DIMENSIONS in(mm) 16 PIN SINGLE IN-LINE PACKAGE
END VIEW
SIDE VIEW
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 4 of 5
SP746 rev 1.40 (10/25/2004)
SP746
1 Form A Solid State Relay
DISCLAIMER
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO reserves the right to make changes to product description, specifications at any time without further notice. SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent licenses nor indemnity are expressed or implied. Except as specified in SSO's Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other warranty, expressed or implied, including merchantability and fitness for particular use.
LIFE SUPPORT POLICY
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be reasonably expected to result in significant injury to the user, or (d) a critical component in any component of a life support device or system whose failure can be reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 5 of 5
SP746 rev 1.40 (10/25/2004)


▲Up To Search▲   

 
Price & Availability of SP746

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X