Part Number Hot Search : 
2SC111 37010 73D19 MSM9560 01400 IW1688 68HC0 PIC16F
Product Description
Full Text Search
 

To Download SN54LS173J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS173A 4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
The SN54 / 74LS173A is a high-speed 4-Bit Register featuring 3-state outputs for use in bus-organized systems. The clock is fully edge-triggered allowing either a load from the D inputs or a hold (retain register contents) depending on the state of the Input Enable Lines (IE1, IE2). A HIGH on either Output Enable line (OE1, OE2) brings the output to a high impedance state without affecting the actual register contents. A HIGH on the Master Reset (MR) input resets the Register regardless of the state of the Clock (CP), the Output Enable (OE1, OE2) or the Input Enable (IE1, IE2) lines. * Fully Edge-Triggered * 3-State Outputs * Gated Input and Output Enables * Input Clamp Diodes Limit High-Speed Termination Effects
16 1
4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
J SUFFIX CERAMIC CASE 620-09
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 16 MR 15 D0 14 D1 13 D2 12 D3 11 IE2 10 IE1 9
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. 16 1
N SUFFIX PLASTIC CASE 648-08
16
1 OE1
2 OE2
3 Q0
4 Q1
5 Q2
6 Q3
7 CP
8 GND
1
D SUFFIX SOIC CASE 751B-03
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
PIN NAMES
LOADING (Note a) HIGH LOW 0.25 U.L. 0.25 U.L. 0.25 U.L. 0.25 U.L. 0.25 U.L. 15 (7.5) U.L.
D0 - D3 IE1 - IE2 OE1 - OE2 CP MR Q0 - Q3
Data Inputs Input Enable (Active LOW) Output Enable (Active LOW) Inputs Clock Pulse (Active HIGH Going Edge) Input Master Reset Input (Active HIGH) Outputs (Note b)
0.5 U.L. 0.5 U.L. 0.5 U.L. 0.5 U.L. 0.5 U.L. 65 (25) U.L.
LOGIC SYMBOL
9 10 12 IE CP 1 2 OE MR D0 D1 D2 D3 14 13 12 11
NOTES: a. 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) b. Temperature Ranges.
7 1 2
Q0 Q1 Q2 Q3
15
3456
VCC = PIN 16 GND = PIN 8
FAST AND LS TTL DATA 5-316
SN54/74LS173A
LOGIC DIAGRAM
D0
14
D1
13
D2
12
D3
11
IE1 IE2
9
10
CP
7
CP D Q Q
D
D
D
MR
15
OE1 OE2
1
2
3
4
5
6
Q0
Q1
Q2
Q3
VCC = PIN 16 GND = PIN 8 = PIN NUMBERS
TRUTH TABLE
MR H L L L L L CP x L IE1 x x H x L L IE2 x x x H L L Dn x x x x L H Qn L Qn Qn Qn L H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial
When either OE1, or OE2 are HIGH, the output is in the off state (High Impedance); however this does not affect the contents or sequential operation of the register.
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 1.0 - 2.6 12 24 Unit V C mA mA
FAST AND LS TTL DATA 5-317
SN54/74LS173A
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL IOZH IOZL IIH IIL IOS ICC Output LOW Voltage 74 Output Off Current HIGH Output Off Current LOW Input HIGH Current 0.1 Input LOW Current Short Circuit Current (Note 1) Power Supply Current - 30 - 0.4 - 130 30 0.35 0.5 20 - 20 20 V A A A mA mA mA mA 2.4 3.1 0.25 0.4 V V 2.4 - 0.65 3.4 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 12 mA IOL = 24 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VO = 2.7 V VCC = MAX, VO = 0.4 V VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C)
Limits Symbol fMAX tPLH tPHL tPHL tPZH tPZL tPLZ tPHZ Parameter Maximum Input Clock Frequency Propagation Delay, Clock to Output Propagation Delay, MR to Output Output Enable Time Output Disable Time Min 30 Typ 50 17 22 26 15 18 11 11 25 30 35 23 27 17 17 Max Unit MHz ns ns ns ns CL = 5.0 pF, RL = 667 VCC = 5.0 V CL = 45 pF, RL = 667 Test Conditions
AC SETUP REQUIREMENTS (TA = 25C)
Limits Symbol tW ts ts th trec Parameter Clock or MR Pulse Width Data Enable Setup Time Data Setup Time Hold Time, Any Input Recovery Time Min 20 35 17 0 10 Typ Max Unit ns ns ns ns ns VCC = 5.0 V Test Conditions
FAST AND LS TTL DATA 5-318
SN54/74LS173A
AC WAVEFORMS
1 / fmax CP 1.3 V tW 1.3 V ts(L) MR tW th(L) 1.3 V Q 1.3 V Q tPLH 1.3 V tPHL 1.3 V trec 1.3 V CP tPHL
ts(H)
th(H) 1.3 V
D or E
Figure 1
Figure 2
VE
1.3 V
1.3 V
VE
1.3 V tPHZ
1.3 V
tPLZ VOUT
tPZL 1.3 V VOL VOUT
tPZH 1.3 V
VOH 1.3 V
0.5 V
0.5 V
Figure 3
Figure 4
AC LOAD CIRCUIT
VCC
RL
SWITCH POSITIONS
SYMBOL SW1 Open Closed Closed Closed SW2 Closed Open Closed Closed
SW1
tPZH tPZL
TO OUTPUT UNDER TEST
tPLZ tPHZ
5 k
CL*
SW2
* Includes Jig and Probe Capacitance.
Figure 5
FAST AND LS TTL DATA 5-319
-A-
Case 751B-03 D Suffix 16-Pin Plastic SO-16
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. 751B 01 IS OBSOLETE, NEW STANDARD 751B 03.
16
9
-B1 8
P
8 PL
0.25 (0.010)
M
B
M
R X 45 G -TD 16 PL
0.25 (0.010)
M
C
SEATING PLANE
K
T B
S
M
F
J
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX
9.80 3.80 1.35 0.35 0.40 10.00 4.00 1.75 0.49 1.25
INCHES MIN MAX
0.386 0.150 0.054 0.014 0.016 0.393 0.157 0.068 0.019 0.049
1.27 BSC 0.19 0.10 0 5.80 0.25 0.25 0.25 7 6.20 0.50
0.050 BSC 0.008 0.004 0 0.229 0.010 0.009 0.009 7 0.244 0.019
Case 648-08 N Suffix 16-Pin Plastic -A16 9
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: INCH. DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B" DOES NOT INCLUDE MOLD FLASH. 5. 6. ROUNDED CORNERS OPTIONAL. 648 01 THRU 07 OBSOLETE, NEW STANDARD 648 08.
B
1 8
F S
C -TK
SEATING PLANE
L
H G D 16 PL
0.25 (0.010)
M
J
M
T
A
M
DIM A B C D F G H J K L M S
MILLIMETERS MIN MAX
18.80 6.35 3.69 0.39 1.02 19.55 6.85 4.44 0.53 1.77
INCHES MIN MAX
0.740 0.250 0.145 0.015 0.040 0.770 0.270 0.175 0.021 0.070
2.54 BSC 1.27 BSC 0.21 2.80 7.50 0 0.51 0.38 3.30 7.74 10 1.01
0.100 BSC 0.050 BSC 0.008 0.110 0.295 0 0.020 0.015 0.130 0.305 10 0.040
-A16 9
Case 620-09 J Suffix 16-Pin Ceramic Dual In-Line
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
-B1 8
3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY.
C
L
5. 620 01 THRU 08 OBSOLETE, NEW STANDARD 620 09.
-TSEATING PLANE
K E F D 16 PL
0.25 (0.010)
M
N G
T A
S
M J 16 PL
0.25 (0.010)
M
T
B
S
DIM A B C D E F G J K L M N
MILLIMETERS MIN MAX
19.05 6.10 19.55 7.36 4.19 0.39 0.53
INCHES MIN MAX
0.750 0.240 0.770 0.290 0.165 0.015 0.021
1.27 BSC 1.40 1.77
0.050 BSC 0.055 0.070
2.54 BSC 0.23 0.27 5.08 7.62 BSC 0 0.39 15 0.88
0.100 BSC 0.009 0.011 0.200 0.300 BSC 0 0.015 15 0.035
FAST AND LS TTL DATA 5-320
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
FAST AND LS TTL DATA 5-321
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of SN54LS173J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X